Part Number Hot Search : 
SP8858I BYT43A SA060 152N085 C16LF 6039122 NB4L16M D9526A
Product Description
Full Text Search
 

To Download SI4840DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4840DY
Vishay Siliconix
N-Channel 40-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
40
rDS(on) (W)
0.009 @ VGS = 10 V 0.012 @ VGS = 4.5 V
ID (A)
14 12
D
SO-8
S S S G 1 2 3 4 Top View Ordering Information: SI4840DY SI4840DY-T1 (with Tape and Reel) 8 7 6 5 D D D D S N-Channel MOSFET G
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS
10 secs
40 "20 14
Steady State
Unit
V
10 8 50 A 1.4 1.56 1.0 - 55 to 150 W _C
ID IDM IS PD TJ, Tstg
11
2.8 3.1 2.0
THERMAL RESISTANCE RATINGS
Parameter
t v 10 sec Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71188 S-03950--Rev. B, 16-May-03 www.vishay.com Steady State Steady State RthJA RthJF
Symbol
Typical
33 65 17
Maximum
40 80 21
Unit
_C/W C/W
2-1
SI4840DY
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 32 V, VGS = 0 V VDS = 32 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 14 A VGS = 4.5 V, ID = 12 A VDS = 15 V, ID = 14 A IS = 2.8 A, VGS = 0 V 50 0.0075 0.0095 50 0.75 1.1 0.009 0.012 S V 1.0 "100 1 5 V nA mA A W
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = 2.8 A, di/dt = 100 A/ms VDD = 20 V, RL = 20 W ID ^ 1 A, VGEN = 10 V, RG = 6 W 0.2 VDS = 20 V, VGS = 5 V, ID = 14 A 18.5 6 7.5 0.8 15 10 50 20 30 1.2 30 20 100 40 60 ns ns W 28 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
50 VGS = 10 thru 4 V 40 I D - Drain Current (A) I D - Drain Current (A) 40 50
Transfer Characteristics
30 3V 20
30
20 TC = 125_C 10 25_C - 55_C
10 2 thru 0 V 0 0 1 2 3 4 5 6
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V) Document Number: 71188 S-03950--Rev. B, 16-May-03
www.vishay.com
2-2
SI4840DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.020 r DS(on) - On-Resistance ( W ) 3000
Capacitance
C - Capacitance (pF)
0.016
2500 Ciss 2000
0.012 VGS = 4.5 V 0.008 VGS = 10 V
1500
1000 Coss Crss
0.004
500
0.000 0 10 20 30 40 50
0 0 8 16 24 32 40
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 20 V ID = 14 A 8 2.0
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 14 A 1.6
6
r DS(on) - On-Resistance (W) (Normalized) 14 21 28 35
1.2
4
0.8
2
0.4
0 0 7 Qg - Total Gate Charge (nC)
0.0 - 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
50 TJ = 150_C I S - Source Current (A) 0.04
On-Resistance vs. Gate-to-Source Voltage
r DS(on) - On-Resistance ( W )
ID = 14 A 0.03
10
0.02
TJ = 25_C
0.01
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 71188 S-03950--Rev. B, 16-May-03
www.vishay.com
2-3
SI4840DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.6 0.4 0.2 V GS(th) Variance (V) - 0.0 - 0.2 - 0.4 - 0.6 10 - 0.8 - 1.0 - 50 0 0.01 ID = 250 mA 40 Power (W) 60 50
Single Pulse Power
30
20
- 25
0
25
50
75
100
125
150
0.1
1 Time (sec)
10
100
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05 0.02
t1 t2 1. Duty Cycle, D = t1 t2 PDM
2. Per Unit Base = RthJA = 65_C/W
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (sec) 1 10
www.vishay.com
2-4
Document Number: 71188 S-03950--Rev. B, 16-May-03


▲Up To Search▲   

 
Price & Availability of SI4840DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X