Part Number Hot Search : 
D30NE06 78M15CX C740004 AO6801L AT403S12 1206CD4 TDA7294 CNY171SD
Product Description
Full Text Search
 

To Download RF2421 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF2421
9
Typical Applications * Power Control in Communication Systems * CMOS Compatible Programmable Attenuator * Commercial and Consumer Systems * Portable Battery-Powered Equipment
10dB SWITCHED ATTENUATOR
Product Description
-A-
The RF2421 is a monolithic switched attenuator. The device is built using a Gallium Arsenide process technology and has a single step attenuation of 10dB. The input and output of the device has a low VSWR 50 match. The RF output can drive up to +16dBm. This unit is intended for use in systems that require RF power control by digital means. No negative supply voltages are required, and the current consumption is less than 5A when the attenuator is off.
0.008 0.004 0.018 0.014
0.196 0.189 0.050
0.157 0.150 0.244 0.229
Dimensions in mm
0.068 0.053
8 MAX 0 MIN
0.034 0.016
0.009 0.007
NOTES: 1. Shaded lead is Pin 1. 2. All dimensions are excluding mold flash. 3. Lead coplanarity 0.005 with respect to datum "A".
9
ATTENTUATORS AND SWITCHES
Optimum Technology Matching(R) Applied
Si BJT Si Bi-CMOS GaAs HBT SiGe HBT
!
Package Style: SOIC-8
GaAs MESFET Si CMOS
Features * Single 2.7V to 6V Supply * 10dB Single Step Attenuation * 1 dB Insertion Loss * 1-bit Digitally Controlled Attenuation * Digitally Controlled Power Down Mode
NC 1 RF IN 2 GND 3 RF OUT 4
8 NC 7 G10 6 VDD 5 NC
* 500MHz to 3000 MHz Operation
Ordering Information
RF2421 RF2421 PCBA 10dB Switched Attenuator Fully Assembled Evaluation Board
Functional Block Diagram
RF Micro Devices, Inc. 7625 Thorndike Road Greensboro, NC 27409, USA
Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com
Rev A6 001102
9-15
RF2421
Absolute Maximum Ratings Parameter
Supply Voltage Control Voltage Input RF Power Operating Ambient Temperature Storage Temperature
Rating
-0.5 to +6.0 -0.5 to +6.0 +20 -40 to +85 -40 to +150
Unit
VDC V dBm C C Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate at the time of this printing. However, RF Micro Devices reserves the right to make changes to its products without notice. RF Micro Devices does not assume responsibility for the use of the described product(s).
Parameter
Overall
Frequency Range Insertion Loss Insertion Loss Gain Flatness
Specification Min. Typ. Max.
500 to 3000 1.0 10 0.25 50 1.3:1 +17 2.5 VDD 0.4 <10 -60 -40 50 1.3:1 5 5 0.3 0.5
Unit
MHz dB dB dB dBm V V mA ns dBc dBc
Condition
T=25 C, VDD =5.0V, Freq=915MHz
9.5
1.5 10.5
VG10 =0VDC VG10 =VDD In any 50MHz band
Input
Input Impedance Input VSWR Input 1dB Compression
Attenuation Control
Attenuation "ON" Voltage Attenuation "OFF" Voltage Current Response Time Voltage supplied to input Voltage supplied to input Into control line, VG10 =5VDC
9
ATTENTUATORS AND SWITCHES
Output
IM3 Harmonic Output Output Impedance Output VSWR With 0dBm output in each of 2 tones, attenuation "OFF". With 0dBm output in each of 2 tones, attenuation "OFF".
Power Supply
Voltage 2.7 Current 6.0 0.5 5 V V mA A Specifications Operating Limits Attenuation "ON" Attenuation "OFF"
9-16
Rev A6 001102
RF2421
Pin 1 2 Function NC RF IN Description
Not internally connected. This pin can be grounded. RF Input. This pin is not DC blocked, and an external blocking capacitor is recommended. The value depends on the frequency used.
RF IN RF OUT
Interface Schematic
3 4 5 6 7
GND RF OUT NC VDD G10
Ground connection. Keep trace physically short and connect immediately to the ground plane for best performance. RF Output. This pin is not DC blocked, and an external blocking capac- See pin 2. itor is recommended. The value depends on the frequency used. Not internally connected. This pin can be grounded. Power supply pin. An external RF bypass capacitor is recommended. Control pin for the 10dB attenuator. This pin has an internal pull-down resistor, so when the pin is not connected the attenuator will be turned off. Not internally connected. This pin can be grounded.
G10
8
NC
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
9
P1 P1-1 1 2 P1-3 3 VDD GND ATTN
2421400 Rev A
RF IN J1
50 strip
C3 100 pF
1 2
8 7 6 5 C1 100 pF C2 100 nF P1-3 P1-1
RF OUT J2
50 strip
C4 100 pF
3 4
Rev A6 001102
9-17
ATTENTUATORS AND SWITCHES
RF2421
Evaluation Board Layout
Board Thickness 0.031"; Board Material FR-4
9
ATTENTUATORS AND SWITCHES
9-18
Rev A6 001102


▲Up To Search▲   

 
Price & Availability of RF2421

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X