Part Number Hot Search : 
2N6076 BC846BW 1N6134E3 CHP222PT PF0314 P6KE51 01112 TZ200B
Product Description
Full Text Search
 

To Download RB480K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RB480K
Diodes
Shottky barrier diode
RB480K
!Applications Low current rectification !External dimensions (Units : mm)
2.00.2
0.90.1 0.7 0.20.1 0.250.1
2.00.2 1.30.1 0.65 0.65 0.250.1
0.90.1 0.7
1pin MARK
0.1Min.
0.20.1 0.65 0.65 1.30.1
0.20.1 0.150.05
0.250.1 0.65 0.65 1.30.1
0.250.1 0.150.05
!Construction Silicon epitaxial planar
ROHM: UMD4 EIAJ: SC-82 JEDEC: SOT-343
There are two different markings.
!Circuit
!Absolute maximum ratings (Ta=25C)
Parameter Peak reverse voltage DC reverse voltage Mean rectifying current Peak forward surge current Junction temperature Storage temperature
60Hz for 1
Symbol VRM VR IO IFSM Tj Tstg
Limits 45 40 0.1 1 125 -40+125
Unit V V A A C C
0.1Min.
3T
3T
!Features 1) Small surface mounting (UMD4) 2) Low IR. (IR=0.3A Typ.) 3) This is a composite component and is ideal for reducing the number of components used. 4) High reliability.
1.250.1 0.6 0.65 0.30.1
1.250.1
1.250.1
2.10.1
00.1
2.10.1
00.1
RB480K
Diodes
!Electrical characteristics (Ta=25C)
Parameter Forward voltage Symbol VF1 VF2 IR1 Reverse current IR2 Ct1 Capacitance between terminals Ct2 Min. - - - - - - Typ. - - - - 6.0 - Max. 0.45 0.60 1 5 - 25 Unit V V A A pF pF IF=10mA IF=100mA VR=10V VR=40V VR=10V, f=1MHz VR=0V Conditions
!Electrical characteristic curves (Ta=25C)
1 1m
CAPACITANCE BETWEEN TERMINALS : CT (pF)
100 50
FORWARD CURRENT : IF (A)
REVERSE CURRENT : IR (A)
100m
25 C C
100
Ta=125C
20 10 5
75
25 C 5 C
Ta
=1
10m
10 75C 1 25C 100n
1m
100
-2
2 0 0 2 4 6 8 10 12 14 REVERSE VOLTAGE : VR (V)
10 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 FORWARD VOLTAGE : VF (V)
10n 0
5
10
15
20
25
30
35
40
REVERSE VOLTAGE : VR (V)
Fig.1 Foward temperature chraracteristics
Fig.2 Reverse temperature chraracteristics
Fig.3 Capacitance between terminals chraracteristics
Ta=25C
20
I surge (A)
I surge
10
PULSE WIDTH
0 100 1m 10m 100m 1 PULSE WIDTH (sec)
Fig.4 Surge current chraracteristics


▲Up To Search▲   

 
Price & Availability of RB480K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X