Part Number Hot Search : 
D361K MS1409 SMV1139 TMG5D80H PS1201 2N6672 TW8809 LH1546
Product Description
Full Text Search
 

To Download PMB2220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DECT Transmitter
PMB 2220
General Description The PMB 2220 is a high speed analog bipolar IC and is one of the Siemens chipset for the Digital European Cordless Telephone. Combined with PLL (i.e. PMB 2306) and a power amplifier, the PMB 2220 device performs a complete DECT transmitter. Additionally the phase locked loop can be switched to receive mode and be used as a local oscillator for the receiver mixer of PMB 2420.
Type PMB 2220-S Features
Package P-SSOP-24-1 (Shrink, SMD)
* Either single VCO operation (for receive and transmit) or dual VCO operation (one for receive and one for transmit) possible * 64/65-prescaler on chip * Frequency doubler for receive and transmit mode with balanced driver outputs * Supply voltage regulator (with external pnp-transistor) for the two VCO's * Power-down for the inactive VCO * Current reference output for PLL charge pump to get constant lock-in time * Wide power supple range 3.0 ... 5.5 V
F1 20
I REF 19
GND3 18
LOB1 17
LOE1 16
LOE2 15
LOB2 14
V CC3
13
I REG 12 Voltage Regulator
V REF
11
VCO 1 (Rx / Tx)
VCO 2 (Rx)
Processor 1/64/65
Bandgap reference, PD charge pump reference, VCO-power decoder
90
1 MCC
2 GND1
3
4
5 PA
6 PA
7
8 GND2
9
10
ITB05958
V CC1 PSRUN
V CC2
TXON TXLOFF
Block Diagram
Siemens Aktiengesellschaft
1


▲Up To Search▲   

 
Price & Availability of PMB2220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X