Part Number Hot Search : 
2024Q FCW101Z 5ETTT MR24SF34 2N7002T 10020 50N06 SMCJ120
Product Description
Full Text Search
 

To Download NTE5864 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE5864 thru NTE5889 Silicon Power Rectifier Diode, 25 Amp
Description: The NTE5864 through NTE5889 are silicon power rectifier diodes in a DO4 type package designed with very low leakage current as well as good surge handling capability. These devices are ideal for use in applications where economy, power capability, and reliability are demanding considerations. Ratings and Characteristics: Peak Reverse Voltage, PRV NTE5864, NTE5865* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V NTE5884, NTE5885* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V NTE5888, NTE5889* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1200V Maximum Forward Current (Single Phase, Half Wave, TC = +121C), IF(AV) . . . . . . . . . . . . . . . . 30A Maximum Forward Surge Current (Single Cycle Amps), IFSM . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300A Maximum Forward Voltage Drop (IO = 30A, TC = +25C), VF . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2V Maximum Reverse Current (FCA at +150C), IR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA Fusing Current (Less than 8ms), I2t . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350A2s Reverse Power for Bulk Avalanche . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.16 Joules Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +190C Maximum Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0C/W Note 1. Standard polarity is cathode to case, (*) indicated anode to case.
.437 (11.1) Max .250 (6.35) Max .060 (1.52) Dia Min .175 (4.45) Max 10-32 NF-2A
.424 (10.8) Dia Max
.405 (10.3) Max 1.250 (31.75) Max
.453 (11.5) Max


▲Up To Search▲   

 
Price & Availability of NTE5864

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X