Part Number Hot Search : 
CXD3003R VLP210F MBR5200D 00111 255DE 2003M IW4050BN THD277HI
Product Description
Full Text Search
 

To Download NE334S01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE334S01
C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
DESCRIPTION
The NE334S01 is a Herero Junction FET that utilizes the hetero junction to create high mobility electrons. Its excellent low noise and high associated gain make it suitable for TVRO and another commercial systems.
2.0 0.2
PACKAGE DIMENSIONS (Unit: mm)
FEATURES
* * Super Low Noise Figure & High Associated Gain NF = 0.25 dB TYP., Ga = 16.0 dB TYP. at f = 4 GHz Gate Width: Wg = 280 mm
1
2.
0
0.
2
ORDERING INFORMATION
PART NUMBER NE334S01-T1 NE334S01-T1B SUPPLYING FORM Tape & reel 1000 pcs./reel Tape & reel 4000 pcs./reel MARKING C
4
3 0.65 TYP.
1. 2. 3. 4.
Source Drain Source Gate
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Drain to Source Voltage Gate to Source Voltage Drain Current Total Power Dissipation Channel Temperature Storage Temperature VDS VGS ID Ptot Tch Tstg 4.0 -3.0 IDSS 300 125 -65 to +125 V V mA mW
C C
1.9 0.2 1.6 0.125 0.05 0.4 MAX. 4.0 0.2
RECOMMENDED OPERATING CONDITION (TA = 25 C)
CHARACTERISTIC Drain to Source Voltage Drain Current Input Power SYMBOL VDS ID Pin MIN. TYP. 2 15 MAX. 2.5 20 0 Unit V mA dBm
Document No. P11139EJ3V0DS00 (3rd edition) Date Published October 1996 P Printed in Japan
(c)
1.5 MAX.
2.0 0.2
0.5 TYP.
2
C
1996
NE334S01
ELECTRICAL CHARACTERISTICS (TA = 25 C)
PARAMETER Gate to Source Leak Current Saturated Drain Current Gate to Source Cutoff Voltage Transconductance Noise Figure Associated Gain SYMBOL IGSO IDSS VGS(off) gm NF Ga 15.0 20 MIN. TYP. 0.5 80 MAX. 10 150 UNIT TEST CONDITIONS VGS = -3 V VDS = 2 V, VGS = 0 V VDS = 2 V, ID = 100 mA VDS = 2 V, ID = 14 mA VDS = 2 V, ID = 15 mA, f = 4 GHz
mA
mA V mS
-0.2
70
-0.9
85 0.25 16.0
-2.5
0.35
dB dB
2
NE334S01
TYPICAL CHARACTERISTICS (TA = 25 C)
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE 500 100 VGS = 0 V DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
Ptot - Total Power Dissipation - mW
400
ID - Drain Current - mA
80 -0.2 V 60 -0.4 V
300
200
40
100
20
-0.6 V
0
50
100
150
200
250
0
1
2
3
4
5
TA - Ambient Temperature - C
VDS - Drain to Source Voltage - V
DRAIN CURRENT vs. GATE TO SOURCE VOLTAGE 100 24
MAXIMUM AVAILABLE GAIN, FORWARD INSERTION GAIN vs. FREQUENCY VDS = 2 V ID = 15 mA 20 MSG.
80
60
MSG. - Maximum Stable Gain - dB MAG. - Maximum Available Gain - dB |S21S|2 - Forward Insertion Gain - dB
VDS = 2 V
ID - Drain Current - mA
16
|S21S|2 MAG.
40
12
20
8
0 -2.0
-1.0 VGS - Gate to Source Voltage - V
0
4
1
2
4
6
8 10
14
20
30
f - Frequency - GHz
Gain Calculations MSG. =
1/2S211/2 1/2S121/2
K=
1 + 1/2,1/2 - 1/2S111/2 - 1/2S221/2
2 2
2
21/2S121/21/2S211/2
MAG. =
1/2S211/2 2 (K OK -1) 1/2S121/2
, = S11xS22 - S21xS12
3
NE334S01
S-PARAMETERS
VDS = 2 V, ID = 15 mA START 2 Ghz, STOP 18 Ghz, STEP 500 Mhz
Marker 1: 4 GHz 2: 8 GHz 3: 12 GHz 4: 16 GHz 5: 18 GHz S11 1.0 0.5 4 3 1 180 5 4 5 2.0 +135 +45 S12 +90
0 2
2 3
0
-0.5 1 -1.0
-2.0
-135
-45
Rmax. = 1
-90
Rmax. = 0.25
S21 +90 0.5 +135 1 2 180 5 4 0 3 0 +45
S22 1.0 2.0
5 4 3 2 1
-135
-45
-0.5 -1.0
-2.0
-90
Rmax. = 1.0
Rmax. = 1
4
NE334S01
S-PARAMETERS MAG. AND ANG. VDS = 2 V, ID = 15 mA FREQUENCY MHz 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 9000 9500 10000 10500 11000 11500 12000 12500 13000 13500 14000 14500 15000 15500 16000 16500 17000 17500 18000 MAG. .998 .927 .860 .829 .802 .716 .659 .601 .592 .550 .514 .488 .464 .463 .468 .472 .472 .476 .476 .488 .518 .552 .593 .635 .661 .688 .707 .719 .730 .752 .771 .803 .817 S11 ANG. (deg.) -41.7 -47.5 -61.3 -69.9 -79.2 -87.5 -93.9 -99.7 -108.5 -118.5 -130.2 -144.5 -158.9 -171.7 176.6 166.4 156.2 147.0 137.8 127.7 118.1 109.6 101.9 95.2 90.1 86.1 82.2 79.7 76.1 71.3 65.5 60.4 55.7 7.162 6.856 6.603 6.305 6.033 5.687 5.415 5.184 5.050 4.912 4.774 4.600 4.401 4.187 3.997 3.812 3.628 3.477 3.351 3.251 3.150 3.036 2.875 2.714 2.546 2.418 2.327 2.240 2.168 2.100 2.021 1.930 1.814 MAG. S21 ANG. (deg.) 140.1 133.6 122.0 114.4 106.8 98.5 91.6 84.7 77.6 70.5 63.0 55.4 47.9 41.0 34.1 27.7 21.5 15.6 9.6 3.5 -2.9 -9.7 -16.4 -22.7 -28.1 -32.6 -37.0 -41.8 -46.8 -52.7 -58.4 -65.1 -70.5 .042 .050 .057 .064 .071 .075 .081 .085 .091 .096 .102 .107 .109 .113 .114 .118 .119 .122 .124 .125 .128 .130 .131 .129 .126 .124 .127 .126 .129 .131 .130 .134 .128 MAG. S12 ANG. (deg.) 68.4 65.9 57.5 54.1 49.6 45.8 41.1 38.9 35.2 30.8 27.3 22.0 18.6 14.9 11.5 7.7 4.7 1.0 -2.5 -5.8 -9.2 -12.9 -16.7 -21.2 -22.5 -24.9 -27.4 -28.8 -31.6 -33.2 -38.5 -42.2 -44.3 .415 .479 .423 .429 .426 .406 .394 .374 .340 .311 .279 .232 .189 .155 .134 .121 .111 .103 .098 .093 .105 .131 .177 .223 .259 .284 .316 .332 .352 .380 .398 .422 .445 MAG. S22 ANG. (deg.) -27.5 -35.8 -43.0 -47.9 -51.7 -56.2 -59.7 -63.3 -68.1 -73.0 -79.1 -87.5 -97.7 -109.3 -126.9 -142.8 -156.2 -170.1 174.4 157.9 137.6 121.0 107.0 97.8 91.0 87.0 86.0 83.3 81.7 77.4 72.4 66.5 62.9
5
NE334S01
AMP. PARAMETERS
VDS = 2 V, ID = 15 mA FREQUENCY MHz 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 9000 9500 10000 10500 11000 11500 12000 12500 13000 13500 14000 14500 15000 15500 16000 16500 17000 17500 18000 GUmax dB 41.82 26.36 23.09 21.91 20.95 19.00 17.88 16.89 16.47 15.83 15.26 14.68 14.08 13.59 13.19 12.78 12.34 11.99 11.66 11.46 11.37 11.30 11.19 11.14 10.92 10.82 10.80 10.67 10.60 10.74 10.78 11.05 10.92 15.01 14.21 13.37 12.86 12.36 12.06 11.98 11.92 11.79 11.70 11.29 11.17 11.30 11.20 11.55 GAmax dB |S21| dB 17.10 16.72 16.39 15.99 15.61 15.10 14.67 14.29 14.07 13.83 13.58 13.25 12.87 12.44 12.03 11.62 11.19 10.82 10.50 10.24 9.97 9.65 9.17 8.67 8.12 7.67 7.33 7.01 6.72 6.45 6.11 5.71 5.17
2
|S12| dB
2
K .10 .23 .39 .42 .45 .60 .69 .78 .79 .84 .87 .91 .96 .98 1.00 1.02 1.06 1.08 1.10 1.12 1.10 1.08 1.07 1.06 1.08 1.08 1.05 1.04 1.01 .98 .96 .89 .91
Delay ns .036 .036 .064 .042 .042 .046 .038 .038 .039 .040 .041 .043 .041 .039 .038 .036 .034 .033 .033 .034 .035 .038 .037 .035 .030 .025 .025 .027 .028 .033 .032 .037 .030
Mason's U dB
G1 dB 23.90 8.50 5.83 5.04 4.47 3.12
G2 dB .82 1.13 .86 .88 .87 .78 .73 .65 .54 .44 .35 .24 .16 .11 .08 .06 .05 .05 .04 .04 .05 .08 .14 .22 .30 .37 .46 .51 .58 .68 .75 .85 .96
-27.61 -26.05 -24.82 -23.94 -22.95 -22.49 -21.87 -21.41 -20.78 -20.36 -19.85 -19.40 -19.24 -18.94 -18.84 -18.57 -18.48 -18.28 -18.14 -18.05 -17.83 -17.73 -17.63 -17.81 -17.97 -18.12 -17.94 -17.99 -17.76 -17.68 -17.72 -17.46 -17.88
27.689 25.567 27.520 25.660 25.850 24.669 23.510 23.291 23.059 22.736 21.540 20.889 19.984 19.642 20.331 20.980 21.543 21.748 20.156 19.965 21.257 20.523 21.974 22.748 25.818 27.860
2.47 1.94 1.87 1.56 1.33 1.18 1.05 1.05 1.08 1.09 1.09 1.12 1.12 1.18 1.36 1.58 1.88 2.25 2.50 2.79 3.00 3.15 3.30 3.62 3.92 4.49 4.78
6
NE334S01
Noise Parameters
1.0 2.0 0.5 opt 0.4 dB 0 0.6 dB 1.0 0.8 dB VDS = 2 V ID = 15 mA f = 4 GHz
-0.5 -2.0 -1.0
VDS = 2 V, ID = 15 mA
Freq (GHz)
2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0
NFmin (dB)
0.23 0.25 0.28 0.31 0.38 0.48 0.60 0.73 0.88
Ga (dB)
17.0 16.0 14.7 13.6 12.5 11.5 10.5 9.6 8.8
/opt.
MAG. 0.77 0.58 0.43 0.32 0.27 0.27 0.34 0.48 0.69 ANG. (deg.) 15 43 82 127 175 -139 -100 -70 -56
Rn/50
0.19 0.18 0.13 0.08 0.07 0.10 0.17 0.29 0.46
7
NE334S01
TYPICAL MOUNT PAD LAYOUT
2.4 mm TYP.
8
2.4 mm TYP.
NE334S01
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product. Please consult with our sales offices in case other soldering process is used, or in case soldering is done under different conditions.

For more details, refer to our document "SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL" (C10535E)
Soldering process Infrared ray reflow Soldering conditions Peak package's surface temperature: 230 C or below, Reflow time: 30 seconds or below (210 C or higher), Number of reflow process: 1, Exposure limit*: None Terminal temperature: 230 C or below, Flow time: 10 seconds or below, Exposure limit*: None Symbol IR30-00
Partial heating method
*:
Exposure limit before soldering after dry-pack package is opened. Storage conditions: 25 C and relative humidity at 65 % or less.
Note: Do not apply more than a single process at once, except for "Partial heating method". PRECAUTION: Avoid high static voltage and electric fields, because this device is Hetero Junction field effect transistor with shottky barrier gate.
9
NE334S01
[MEMO]
10
NE334S01
[MEMO]
11
NE334S01
Caution
The Great Care must be taken in dealing with the devices in this guide. The reason is that the material of the devices is GaAs (Gallium Arsenide), which is designated as harmful substance according to the law concerned. Keep the law concerned and so on, especially in case of removal.
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of NE334S01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X