![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STANDARD Resistive Touch Panel Specification FID-550 7-Wire Series Input Panel Panel Drive change over switch Noise Filter MCU Interface Control Section A/D converter s FEATURES * Superior long life, using a unique construction method offering improved life over typical technologies; by sensing data input only on the glass layer, typically a 10x improvement in product life is achived. * Excellent specification and high quality - Anti-Newton ring technology - High reliability materials * Pen/Finger, Pen Only, Finger Only, Light Touch types available * Transparency 80% - typical s PART NUMBERS Touch Panels: Part Number N010-0510-T302 N010-0510-T211 N010-0550-T913 Size 17" 15" 13.3" Type Pen/Finger Pen/Finger Pen/Finger Pen/Finger s PART NUMBERS Controller Boards: Part Number N16B-0558-B240 N16B-0558-B720 Type 7-Wire, RS232 7-Wire, USB N010-0550-T711 12.1" N010-0551-T242 N010-0550-T811 s PART NUMBERS Interface Controller Chips: 12.1" Pen/Finger (light touch type) 11.3 Pen/Finger Pen only Pen/Finger Part Number N010-0559-V022 NC41120-0015 Type 7-Wire, RS232 7-Wire, USB N010-0550-T601 10.4" N010-0550-T611 10.4" N010-0550-T621 10.4" Pen/Finger (light touch type) N010-0550-T511 N010-0550-T341 9.5" 8.4" Pen/Finger Pen/Finger FID-550 SERIES s DIMENSION EXAMPLE (10.4" SHOWN) (3.50) (11.50) 243.80 236.80 217.10 (transparent area) ( ) 215.10 213.10 (input area) ( ) 123.75 23.20 2.0 1.0 1.0 1 12.5 0.5 1.0 Top 47.00 93.70 3.50 187.40 180.40 164.40 (transparent area) 162.40 160.40 (input area) ( ) 47.0 x 3=141.00 ( (8.00) 1 Left 7 16.00 22.00 90.51.0 Unit: mm (3.50) Bottom s DETAILED SPECIFICATION s 1.0 APPLICATION This specification applies to the 10.4" (inch) standard Touch Panel (Pen/Finger type). P/N is N010-0550-T611. s 2.0 ADDITIONAL APPLICATIONS Control IC specifications and Control PCB, complete Touch Panel Specifications are also applicable. s 3.0 DISCRIPTION AND BLOCK DIAGRAM This panel in combination with a control IC chip is used to transfer the co-ordinates of the touched position to the host system (see block diagram above). s 4.0 DRAWING (Please see the diagram above.) Definitions of the major dimensions indicated on this diagram: Effective Input Area (A) Area guaranteed to meet all the characteristics detailed in this specification View / Transparent Area (B) The area inside the adhesive zone or electrode pattern. Anti-input Area (C) An insulating area allowed to protect the touch panel from giving false readings when an enclosure touches the panel. s 5.0 CHARACTERISTICS s 5.1 MECHANICAL Operating Force 0.05~0.49 N (5 ~ 50gF) Measured with a Silicon Measurement Rod R 8 (Round type 8mm) Silicon Rubber Hardness 60C Hardness of Surface Pencil hardness 3H minimum against specification JIS K-5400 s 5.2 OPTICAL Transparency Haze Silicon Rubber Rod 78% min measured in the effective input area to JIS K 7105 using a MURAKAMI SHIKISAI KENKYUSHO type IIR 100 meter. Typically 80%. 5% measured in the effective input area using a MURAKAMI SHIKISAI KENKYUSHO type IIR 100 meter with an Anti Glare treated surface. A B C Force 2 FID-550 SERIES s 5.3 ELECTRICAL Location Accuracy: Linearity: Current Consumption: Switch Bounce (Chattering): Insulation resistance: Dielectric Strength: 2.5mm Measured over 9 points (See note 1) 1.5% 20mA max at DC 5V when applying 5VDC between pins 3 & 5 10ms min when using the silicon rubber measurement rod. 10M minimum at 25KV DC applied between pins 3 & 7 or between 5 and 7 25KV DC for 1 minute Note 1: Co-ordinate Point Measurement condition of linearity is corrected within the control IC. In general the location accuracy is specified as follows: Actual co-ordinate point - theoretical co-ordinate point = location accuracy. In general a 9 point co-ordinate calibration system is used to adjust the micro controller accuracy. (20 point can be used in combination with an EEPROM design). Theoretical Error Actual Note 2: Pins 3, 5 and 7 are the glass and film connection points. Distance s 5.4 ENVIRONMENTAL -5C to 60C -30C to 70C 20% to 90% RH with a Maximum wet bulb temperature of 38C 10% ~ 90% RH with a Maximum wet bulb temperature of 38C Coating with the following chemicals and storing at room temperature for 2 hours gives no problems. 10% NaCl-water solution, ethyl-acetate, ethylalcohol, toluene, methyl-ethyl-ketone. Operating Temperature (*): Storage Temperature: Operating Humidity: Storage Humidity: Chemical Resistance: s 5.5 PEN LIFE 1,000,000 words minimum 10,000,000 times minimum Character Writing life: Touch Input life : Note 1: Words are written in the notes area and the size of the word is 7.5mm x 6.75mm. A word is any Alphabet / Number / Mark. The pen is as shown below and applies a force of 250g. A failure is judged to happen when the current consumption or insulation resistance or dielectric strength are not met as shown in 5.3. The location accuracy with 9 point calibration must be 4.4 mm max. Effective input area Notes 10 mm 9 mm 0. 8 O6.0 O2.0 3.5 110.01.0 3.0 O2 R 9.0 1.0 1.5 O 4.6 .0 3 FID-550 SERIES s 5.6 FINGER LIFE A finger is simulated by a silicon rubber plunger R8 (Round type 8mm size) hardness 60C at 200g at frequency 5Hz. A failure is judged to happen when the current consumption or insulation resistance or dielectric strength are not met as shown in 5.3. The location accuracy with 9 point calibration must be 4.4 mm max. Typical operating force is 150g max. s 5.7 INFORMATION ON THE PANEL The panel part number is visible from the film side The production information is visible from the glass side. Production year 99 00 etc. 1 2 3 4 5 6 7 8 9 X Y Z or 1 2 3 4 5 6 7 8 9 X Y Z 2 3 4 5 6 7 8 9 X Y Z or 23456789XYZ YZ January Production February Production December Production Z or 1 2 3 4 5 6 7 8 9 s s 6 PACKAGING 6.1 PACKING SPECIFICATION Vibration: 10~55 Hz at 1 Octave per minute 10G 20 cycles with one side 0.75mm Drop test: 60cm Drop 1 corner, 3 crease lines and 6 faces. 1 each 1 time After the test no glass: flaw or crack is seen, and no dent or scratch on the film. Also glass and film must not separate. s 6.1 PACKING DETAILS Each touch panel is placed into a plastic bag and is held in place by a slit cut into the side of the cardboard. A second insertion piece is placed into the carton to again add stability. The qty is written on the side of the box. For example the T611 has 26 pieces per box. Insert Touch panel with bag Slit in cardboard 4 FID-550 SERIES s 7.0 REJECT CRITERIA Description Film Dent Reject Criteria Area 0.1mm2 Area 0.05mm2 & area < 0.1mm2 Area < 0.05mm2 Area > 0.1mm2 Area 0.05mm2 & area < 0.1mm2 Area < 0.05mm2 Area 0.1mm Area 0.03mm & width <0.1mm and length < 10mm Area < 0.05mm : to be zero : to be max. 5 points : none specified : to be zero : to be max. 5 points : none specified : to be zero : to be max. 1 point : none specified Foreign material between glass and film Dot type Line type Scratch Area 0.1mm : to be zero Area 0.03mm & width <0.1mm with length < 80mm : to be max. 1 point Area < 0.03mm & width <0.1mm with length < 30mm : none specified Area 0.5mm2 Area 0.03mm2 & area < 0.5mm2 Area < 0.05mm2 : to be zero : to be max. 5 points : none specified Dot blur or hard coat missing Newton Ring Glass flaw These must not be seen from Panel film side under a fluorescent lamp (3 wavelength type lamp). Not to be verified form glass side. To be no flaw which is bigger than that shown in the following diagram. The number of flaws is not specified. 3mm 5mm 2mm 2mm s 8.0 GENERAL POINTS OF CAUTION Touch panels are made of glass, so care must be taken in handling them. Do not stress, pile, bend, lift by the cable or put any stress on the film, for example moving by film face vacuum. In order to clean wring dry a cloth which has been emersed in a natural detergent. DO NOT use any organic solvent, acid or alkali solution. Watch the edge of the panel when cleaning, again for safety reasons. 5 FID-550 SERIES s 9.0 CONNECTION AND MOUNTING The details below indicate the recommended mounting structure for panel and enclosure. The enclosure support to fix the touch panel must be over 1.0mm I width and must be outside the view (Transparent area). Also ensure that the enclosure does not cause miss input by touching the view area. The following diagram shows that the enclosure edge must be between the View area and the guaranteed active area. Ensure space is allocated for the diodes, and we recommend that the material to fix the panel and enclosure is elastic. Special design would be required to stop water ingress. The corners of the touch panel are conductive so do not touch any metal parts after mounting. Top View (Picture, with conductive side down) Location 1. 2. 3. 4. 5. 6. 7. Right/ Upper Right/ Upper Each side Left/ Lower Each side Left/ Lower All Film Detect Glass Glass Glass Glass Glass Glass 0.7 3.35 2.0 Stiffener Board 1.2 1.1 2.0 Conductive Face FPC-type cable Laminate Film Contact Section View Bottom View (Drawing, with conductive side up) (Mating connector type FCI or equivalent SFW15R-1ST: for FPC) Transparent Area Anit-input Area 0.8 mm min. Input Area Shock absorber to protect the panel (eg rubber) Input Panel 0.3 to 0.1 mm View Area LCD Shock absorber for protection Connector Circuit Board Upper Case Cut-out / avoidance of 550 surface mount diodes Wiring Area 0.30.05 6 FID-550 SERIES s 10.0 PANEL THICKNESS Stiffener Board 2.6 Max 1.4 Thickness of glass 1.1mm Conductive Face Fujitsu Components International Headquarter Offices Japan Fujitsu Component Limited Gotanda-Chuo Building 3-5, Higashigotanda 2-chome, Shinagawa-ku Tokyo 141, Japan Tel: (81-3) 5449-7010 Fax: (81-3) 5449-2626 Email: promothq@ft.ed.fujitsu.com Web: www.fcl.fujitsu.com North and South America Fujitsu Components America, Inc. 250 E. Caribbean Drive Sunnyvale, CA 94089 U.S.A. Tel: (1-408) 745-4900 Fax: (1-408) 745-4970 Email: marcom@fcai.fujitsu.com Web: www.fcai.fujitsu.com Europe Fujitsu Components Europe B.V. Diamantlaan 25 2132 WV Hoofddorp Netherlands Tel: (31-23) 5560910 Fax: (31-23) 5560950 Email: info@fceu.fujitsu.com Web: www.fceu.fujitsu.com Asia Pacific Fujitsu Components Asia Ltd. 102E Pasir Panjang Road #04-01 Citilink Warehouse Complex Singapore 118529 Tel: (65) 375-8560 Fax: (65) 273-3021 Email: fcal@fcal.fujitsu.com www.fcal.fujitsu.com (c) 2004 Fujitsu Components America, Inc. All company and product names are trademarks or registered trademarks of their respective owners. Rev. 11/02/2004. 7 |
Price & Availability of N010-0550-
![]() |