Part Number Hot Search : 
FLR190F 1A239 C7SZ1 A1400 XP1217 167BG 24C02SC TDA7565
Product Description
Full Text Search
 

To Download MX7705EPE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3051; Rev 0; 10/03
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
General Description
The MX7705 low-power, 2-channel, serial-output analog-to-digital converter (ADC) includes a sigma-delta modulator with a digital filter to achieve 16-bit resolution with no missing codes. This ADC is pin compatible and software compatible with the AD7705. The MX7705 features an on-chip input buffer and programmable-gain amplifier (PGA). The device offers an SPI-/QSPI-/ MICROWIRE-compatible serial interface. The MX7705 operates from a single 2.7V to 5.25V supply. The operating supply current is 320A (typ) with a 3V supply. Power-down mode reduces the supply current to 2A (typ). Self-calibration and system calibration allow the MX7705 to correct for gain and offset errors. Excellent DC performance (0.003% FSR INL) and low noise (650nV) make the MX7705 ideal for measuring low-frequency signals with a wide dynamic range. The device accepts fully differential bipolar/unipolar inputs. An internal input buffer allows for input signals with high source impedances. An on-chip digital filter, with a programmable cutoff and output data rate, processes the output of the sigma-delta modulator. The first notch frequency of the digital filter is chosen to provide 150dB rejection of common-mode 50Hz or 60Hz noise and 98dB rejection of normal-mode 50Hz or 60Hz noise. A PGA and digital filtering allow signals to be directly acquired with little or no signal-conditioning requirements. The MX7705 is available in 16-pin PDIP, SO, and TSSOP packages.
Features
o Pin Compatible and Software Compatible with the AD7705 o 16-Bit Sigma-Delta ADC o Two Fully Differential Input Channels o 0.003% Integral Nonlinearity with No Missing Codes o Interface with Schmitt Triggers on Inputs o Internal Analog Input Buffers o PGA from 1 to 128 o Single (2.7V to 3.6V) or (4.75V to 5.25V) Supply o Low Power 1mW (max), 3V Supply 2A (typ) Power-Down Current o SPI-/QSPI-/MICROWIRE-Compatible 3-Wire Serial Interface o 16-Pin PDIP, SO, and TSSOP Packages
MX7705
Ordering Information
PART MX7705EPE* MX7705EWE* MX7705EUE TEMP RANGE -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 16 PDIP 16 WIDE SO 16 TSSOP
Applications
Industrial Instruments Weigh Scales Strain-Gauge Measurements Loop-Powered Systems Flow and Gas Meters Medical Instrumentation Pressure Transducers Thermocouple Measurements RTD Measurements
*Future product--contact factory for availability.
Pin Configuration
TOP VIEW
SCLK 1 CLKIN 2 CLKOUT 3 CS 4 RESET 5 AIN2+ 6 AIN1+ 7 AIN1- 8 16 GND 15 VDD 14 DIN
MX7705
13 DOUT 12 DRDY 11 AIN210 REF9 REF+
PDIP/SO/TSSOP
SPI/QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp. ________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
ABSOLUTE MAXIMUM RATINGS
VDD to GND ..............................................................-0.3V to +6V All Other Pins to GND.................................-0.3V to (VDD + 0.3V) Maximum Current Input into Any Pin ..................................50mA Continuous Power Dissipation (TA = +70C) PDIP (derate 10.5mW/C above +70C) ......................842mW TSSOP (derate 9.4mW/C above +70C) ....................755mW Wide SO (derate 9.5mW/C above +70C)..................762mW Operating Temperature Range ..........................-40C to +85C Storage Temperature Range .............................-60C to +150C Junction Temperature ......................................................+150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VDD = 3V or 5V, GND = 0, VREF+ = 1.225V for VDD = 3V and VREF+ = 2.5V for VDD = 5V, VREF- = GND, external fCLKIN = 2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1F, CREF- to GND = 0.1F, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER DC ACCURACY Resolution (No Missing Codes) Output Noise Integral Nonlinearity Unipolar Offset Error Unipolar Offset Drift Bipolar Zero Error Bipolar Zero Drift (Note 2) Positive Full-Scale Error Full-Scale Drift Gain Error Gain Drift Bipolar Negative Full-Scale Error Bipolar Negative Full-Scale Drift (Note 2) ANALOG INPUTS (AIN1+, AIN1-, AIN2+, AIN2-) Unipolar input range AIN Differential Input Voltage Range (Note 7) Bipolar input range Unbuffered AIN Absolute Input Voltage Range (Note 8) Buffered AIN DC Leakage Current Unselected input channel 0 -VREF / GAIN GND 30mV GND + 50mV VREF / GAIN V VREF / GAIN VDD + 30mV V VDD 1.5V 1 nA INL Gain = 1, unbuffered After calibration (Note 2) After calibration Gain = 1 to 4 Gain = 8 to 128 After calibration (Notes 2, 4) After calibration (Notes 2, 6) After calibration Gain = 1 to 4 Gain = 8 to 128 (Note 1) 0.5 (Note 1) 0.5 0.1 (Notes 1, 3) 0.5 (Notes 1, 5) 0.5 0.003 1 0.6 16 Tables 1, 3 0.003 Bits V %FSR V V/C V V/C V V/C V ppm of FSR/C %FSR V/C SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V or 5V, GND = 0, VREF+ = 1.225V for VDD = 3V and VREF+ = 2.5V for VDD = 5V, VREF- = GND, external fCLKIN = 2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1F, CREF- to GND = 0.1F, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER SYMBOL Gain = 1 AIN Input Capacitance Gain = 2 Gain = 4 Gain = 8 to 128 AIN Input Sampling Rate fs Gain = 1 to 128 Gain = 1 VDD = 5V Input Common-Mode Rejection CMR VDD = 3V Gain = 2 Gain = 4 Gain = 8 to 128 Gain = 1 Gain = 2 Gain = 4 Gain = 8 to 128 Normal-Mode 50Hz Rejection Normal-Mode 60Hz Rejection Common-Mode 50Hz Rejection Common-Mode 60Hz Rejection EXTERNAL REFERENCE (REF+, REF-) REF Differential Input Voltage Range (Note 9) REF Absolute Input Voltage Range REF Input Capacitance REF Input Sampling Rate fs Gain = 1 to 128 VREF VDD = 4.75V to 5.25V VDD = 2.7V to 3.6V 1.0 1.00 GND 10 fCLKIN / 64 2 VDD = 4.75V to 5.25V VDD = 2.7V to 3.6V DIN, CS, RESET SCLK 250 500 1 5 0.8 0.4 3.5 1.75 VDD V V pF MHz For filter notches of 25Hz, 50Hz, 0.02 x fNOTCH For filter notches of 20Hz, 60Hz, 0.02 x fNOTCH For filter notches of 25Hz, 50Hz, 0.02 x fNOTCH For filter notches of 20Hz, 60Hz, 0.02 x fNOTCH 96 105 110 130 105 110 120 130 98 98 150 150 dB dB dB dB dB CONDITIONS MIN TYP 34 38 45 60 fCLKIN / 64 MHz pF MAX UNITS
MX7705
DIGITAL INPUTS (DIN, SCLK, CS, RESET) Input High Voltage Input Low Voltage Input Hysteresis Input Current Input Capacitance VIH VIL VHYST IIN V V mV A pF
_______________________________________________________________________________________
3
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V or 5V, GND = 0, VREF+ = 1.225V for VDD = 3V and VREF+ = 2.5V for VDD = 5V, VREF- = GND, external fCLKIN = 2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1F, CREF- to GND = 0.1F, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER CLKIN INPUT CLKIN Input High Voltage CLKIN Input Low Voltage CLKIN Input Current VCLKINH VCLKINL ICLKIN DOUT and DRDY, ISINK = 800A CLKOUT, ISINK = 10A DOUT and DRDY, ISINK = 100A CLKOUT, ISINK = 10A DOUT and DRDY, ISOURCE = 200A CLKOUT, ISOURCE = 10A DOUT and DRDY, ISOURCE = 100A CLKOUT, ISOURCE = 10A 4.0 4.0 V VDD 0.6V VDD 0.6V 10 9 -1.05 x VREF / GAIN -1.05 x VREF / GAIN 0.8 x VREF / GAIN 1.05 x VREF / GAIN 1.05 x VREF / GAIN 2.1 x VREF / GAIN A pF VDD = 4.75V to 5.25V VDD = 2.7V to 3.6V VDD = 4.75V to 5.25V VDD = 2.7V to 3.6V 3.5 2.5 0.8 0.4 10 V V A SYMBOL CONDITIONS MIN TYP MAX UNITS
DIGITAL OUTPUTS (DOUT, DRDY, CLKOUT) 0.4 0.4 V 0.4 0.4
VDD = 5V Output Voltage Low VOL VDD = 3V
VDD = 5V Output Voltage High VOH VDD = 3V
Tri-State Leakage Current Tri-State Output Capacitance SYSTEM CALIBRATION Full-Scale Calibration Range
IL COUT
DOUT only DOUT only
GAIN = selected PGA gain (1 to 128) (Note 10)
V
Offset Calibration Range
GAIN = selected PGA gain (1 to 128) (Note 10)
V
Input Span
GAIN = selected PGA gain (1 to 128) (Notes 10, 11)
V
4
_______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V or 5V, GND = 0, VREF+ = 1.225V for VDD = 3V and VREF+ = 2.5V for VDD = 5V, VREF- = GND, external fCLKIN = 2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1F, CREF- to GND = 0.1F, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER POWER REQUIREMENTS Power-Supply Voltage VDD Unbuffered fCLKIN =1MHz, gain =1 to 128 Buffered, fCLKIN =1MHz, gain =1 to 128 VDD = 5V VDD = 3V VDD = 5V VDD = 3V VDD = 5V, gain = 1 to 4 VDD = 5V, gain = 8 to 128 VDD = 3V, gain = 1 to 4 VDD = 3V, gain = 8 to 128 VDD = 5V, gain = 1 to 4 VDD = 5V, gain = 8 to 128 Buffered, fCLKIN = 2.4576MHz VDD = 3V, gain = 1 to 4 VDD = 3V, gain = 8 to 128 Power-down mode (Note 13) Power-Supply Rejection Ratio PSRR VDD = 4.75V to 5.25V VDD = 2.7V to 3.6V (Note 15) 400 40 VDD = 5V VDD = 3V (Note 14) (Note 14) 2500 60 2.70 5.25 0.45 0.32 0.7 0.6 0.6 0.85 0.4 0.6 0.9 1.3 0.7 1.1 16 8 A dB V SYMBOL CONDITIONS MIN TYP MAX UNITS
MX7705
Unbuffered, fCLKIN = 2.4576MHz Power-Supply Current (Note 12) IDD
mA
EXTERNAL CLOCK TIMING SPECIFICATIONS CLKIN Frequency Duty Cycle fCLKIN kHz %
_______________________________________________________________________________________
5
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
TIMING CHARACTERISTICS
(VDD = 3V or 5V, GND = 0, VREF+ = 1.225V for VDD = 3V and VREF+ = 2.5V for VDD = 5V, VREF- = GND, external fCLKIN = 2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1F, CREF- to GND = 0.1F, TA = TMIN to TMAX, unless otherwise noted.) (Note 16) (Figures 8, 9)
PARAMETER DRDY High Time Reset Pulse-Width Low DRDY Fall to CS Fall Setup Time CS Fall to SCLK Rise Setup Time SCLK Fall to DOUT Valid Delay SCLK Pulse-Width High SCLK Pulse-Width Low CS Rise to SCLK Rise Hold Time Bus Relinquish Time After SCLK Rising Edge SCLK Fall to DRDY Rise Delay DIN to SCLK Setup Time DIN to SCLK Hold Time t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 30 20 VDD = 4.75V to 5.25V VDD = 2.7V to 3.6V VDD = 4.75V to 5.25V VDD = 2.7V to 3.6V SYMBOL CONDITIONS MIN 500 / fCLKIN 100 0 120 0 0 100 100 0 60 100 100 80 100 TYP MAX UNITS s ns ns ns ns ns ns ns ns ns ns ns
6
_______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
TIMING CHARACTERISTICS (continued)
(VDD = 3V or 5V, GND = 0, VREF+ = 1.225V for VDD = 3V and VREF+ = 2.5V for VDD = 5V, VREF- = GND, external fCLKIN = 2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1F, CREF- to GND = 0.1F, TA = TMIN to TMAX, unless otherwise noted.) (Note 16) (Figures 8, 9) Note 1: These errors are in the order of the conversion noise shown in Tables 1 and 3. This applies after calibration at the given temperature. Note 2: Recalibration at any temperature removes these drift errors. Note 3: Positive full-scale error includes zero-scale errors (unipolar offset error or bipolar zero error) and applies to both unipolar and bipolar input ranges. Note 4: Full-scale drift includes zero-scale drift (unipolar offset drift or bipolar zero drift) and applies to both unipolar and bipolar input ranges. Note 5: Gain error does not include zero-scale errors. It is calculated as (full-scale error - unipolar offset error) for unipolar ranges, and (full-scale error - bipolar zero error) for bipolar ranges. Note 6: Gain-error drift does not include unipolar offset drift or bipolar zero drift. Effectively, it is the drift of the part if only zeroscale calibrations are performed. Note 7: The analog input voltage range on AIN+ is given with respect to the voltage on AIN- on the MX7705. Note 8: This common-mode voltage range is allowed, provided that the input voltage on analog inputs does not go more positive than (VDD + 30mV) or more negative than (GND - 30mV). Parts are functional with voltages down to (GND - 200mV), but with increased leakage at high temperature. Note 9: The REF differential voltage, VREF, is the voltage on REF+ referenced to REF- (VREF = VREF+ - VREF-). Note 10: Guaranteed by design. Note 11: These calibration and span limits apply, provided that the absolute voltage on the analog inputs does not exceed (VDD + 30mV) or go more negative than (GND - 30mV). The offset calibration limit applies to both the unipolar zero point and the bipolar zero point. Note 12: When using a crystal or ceramic resonator across the CLKIN and CLKOUT as the clock source for the device, the supply current and power dissipation varies depending on the crystal or resonator type. Supply current is measured with the digital inputs connected to 0 or VDD, CLKIN connected to an external clock source, and CLKDIS = 1. Note 13: If the external master clock continues to run in power-down mode, the power-down current typically increases to 67A at 3V. When using a crystal or ceramic resonator across the CLKIN and CLKOUT as the clock source for the device, the clock generator continues to run in power-down mode and the power dissipation depends on the crystal or resonator type (see the Power-Down Modes section). Note 14: Measured at DC and applied in the selected passband. PSRR at 50Hz exceeds 120dB with filter notches of 25Hz or 50Hz. PSRR at 60Hz exceeds 120dB with filter notches of 20Hz or 60Hz. PSRR depends on both gain and VDD.
GAIN 1 2 4 8 to 128 PSRR (dB) (VDD = 5V) 90 78 84 91 PSRR (dB) (VDD = 3V) 86 78 85 93
MX7705
Note 15: Provide fCLKIN whenever the MX7705 is not in power-down mode. If no clock is present, the device can draw higher than specified current and can possibly become uncalibrated. Note 16: All input signals are specified with tr = tf = 5ns (10% to 90% of VDD) and timed from a voltage level of 1.6V.
_______________________________________________________________________________________
7
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Table 1. Output RMS Noise vs. Gain and Output Data Rate (VDD = 5V)
FILTER FIRST NOTCH AND OUTPUT DATA RATE TYPICAL OUTPUT RMS NOISE (V) -3dB FREQUENCY 1 5.24Hz 6.55Hz 26.2Hz 52.4Hz 5.24Hz 6.55Hz 26.2Hz 52.4Hz 13.1Hz 15.72Hz 65.5Hz 131Hz 13.1Hz 15.72Hz 65.5Hz 131Hz 4.44 5.11 102.35 586.93 4.32 5.16 105.78 526.60 3.53 4.41 99.66 608.86 3.65 4.56 101.56 556.06 2 2.28 2.79 49.59 272.83 2.50 2.85 49.86 260.51 1.86 2.23 46.85 288.39 1.94 2.41 49.64 278.91 4 1.29 1.55 23.04 224.79 1.35 1.63 24.67 132.16 1.09 1.29 16.98 110.80 1.17 1.32 25.39 142.88 8 0.79 0.92 11.78 70.78 0.81 0.96 12.16 67.25 0.73 0.83 12.48 67.51 0.79 0.87 12.92 74.78 GAIN 16 0.70 0.81 6.32 33.94 0.73 0.83 6.42 34.09 0.72 0.79 6.38 36.75 0.70 0.80 6.65 35.41 32 0.70 0.80 3.63 17.57 0.70 0.81 3.80 18.20 0.71 0.77 3.78 17.98 0.69 0.79 3.69 18.99 64 0.64 0.73 2.25 9.14 0.64 0.74 2.22 8.95 0.67 0.72 2.32 9.43 0.66 0.71 2.36 9.80 128 0.63 0.74 2.24 9.22 0.64 0.74 2.23 9.08 0.66 0.73 2.35 9.40 0.65 0.74 2.36 9.44
BUFFERED (fCLKIN = 1MHz) 20Hz 25Hz 100Hz 200Hz UNBUFFERED (fCLKIN = 1MHz) 20Hz 25Hz 100Hz 200Hz 50Hz 60Hz 250Hz 500Hz 50Hz 60Hz 250Hz 500Hz
BUFFERED (fCLKIN = 2.4576MHz)
UNBUFFERED (fCLKIN = 2.4576MHz)
8
_______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Table 2. Peak-to-Peak Resolution vs. Gain and Output Data Rate (VDD = 5V)
FILTER FIRST NOTCH AND OUTPUT DATA RATE TYPICAL PEAK-TO-PEAK RESOLUTION (BITS) -3dB FREQUENCY 1 5.24Hz 6.55Hz 26.2Hz 52.4Hz 5.24Hz 6.55Hz 26.2Hz 52.4Hz 13.1Hz 15.72Hz 65.5Hz 131Hz 13.1Hz 15.72Hz 65.5Hz 131Hz 16 16 12 10 16 16 12 10 16 16 12 10 16 16 12 10 2 16 16 12 10 16 16 12 10 16 16 12 10 16 16 12 10 4 16 16 12 10 16 16 12 10 16 16 13 11 16 16 12 10 8 16 16 12 10 16 16 12 10 16 16 12 10 16 16 12 10 GAIN 16 16 16 12 10 16 16 12 10 16 16 12 10 16 16 12 10 32 15 15 12 10 15 15 12 10 15 15 12 10 15 15 12 10 64 14 14 12 10 14 14 12 10 14 14 12 10 14 14 12 10 128 13 13 11 9 13 13 11 9 13 13 11 9 13 13 11 9
BUFFERED (fCLKIN = 1MHz) 20Hz 25Hz 100Hz 200Hz 20Hz 25Hz 100Hz 200Hz 50Hz 60Hz 250Hz 500Hz 50Hz 60Hz 250Hz 500Hz
UNBUFFERED (fCLKIN = 1MHz)
BUFFERED (fCLKIN = 2.4576MHz)
UNBUFFERED (fCLKIN = 2.4576MHz)
_______________________________________________________________________________________
9
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Table 3. Output RMS Noise vs. Gain and Output Data Rate (VDD = 3V)
FILTER FIRST NOTCH AND OUTPUT DATA RATE TYPICAL OUTPUT RMS NOISE (V) -3dB FREQUENCY 1 5.24Hz 6.55Hz 26.2Hz 52.4Hz 5.24Hz 6.55Hz 26.2Hz 52.4Hz 13.1Hz 15.72Hz 65.5Hz 131Hz 13.1Hz 15.72Hz 65.5Hz 131Hz 3.52 4.24 50.36 268.02 3.58 4.16 50.48 256.43 2.84 3.27 47.90 281.03 3.04 3.35 49.63 279.13 2 1.84 2.23 25.12 175.98 1.92 2.27 23.89 135.78 1.68 1.84 24.43 104.19 1.74 1.80 23.82 134.82 4 2.19 1.19 12.06 65.77 1.13 1.27 12.10 65.62 2.00 1.12 12.56 69.58 1.03 1.13 13.03 69.47 8 0.73 0.84 6.04 34.89 0.72 0.83 5.90 33.18 0.71 0.78 6.48 34.59 0.72 0.81 6.23 35.42 GAIN 16 0.66 0.74 3.38 16.73 0.66 0.74 3.26 16.65 0.67 0.75 3.45 17.44 0.64 0.73 3.42 17.47 32 0.62 0.69 2.23 8.76 0.64 0.70 0.70 8.47 0.65 0.70 2.32 9.20 0.64 0.69 2.22 9.55 64 0.62 0.69 1.70 4.70 0.61 0.69 1.66 4.66 0.63 0.68 1.64 5.16 0.62 0.67 1.68 4.90 128 0.62 0.69 1.69 4.70 0.62 0.67 1.63 4.68 0.61 0.67 1.66 4.92 0.63 0.68 1.65 5.18
BUFFERED (fCLKIN = 1MHz) 20Hz 25Hz 100Hz 200Hz 20Hz 25Hz 100Hz 200Hz 50Hz 60Hz 250Hz 500Hz 50Hz 60Hz 250Hz 500Hz
UNBUFFERED (fCLKIN = 1MHz)
BUFFERED (fCLKIN = 2.4576MHz)
UNBUFFERED (fCLKIN = 2.4576MHz)
10
______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Table 4. Peak-to-Peak Resolution vs. Gain and Output Data Rate (VDD = 3V)
FILTER FIRST NOTCH AND OUTPUT DATA RATE TYPICAL PEAK-TO-PEAK RESOLUTION (BITS) -3dB FREQUENCY 1 5.24Hz 6.55Hz 26.2Hz 52.4Hz 5.24Hz 6.55Hz 26.2Hz 52.4Hz 13.1Hz 15.72Hz 65.5Hz 131Hz 13.1Hz 15.72Hz 65.5Hz 131Hz 16 16 12 10 16 16 12 10 16 16 12 10 16 16 12 10 2 16 16 12 10 16 16 12 10 16 16 12 11 16 16 12 10 4 16 16 12 10 16 16 12 10 16 16 12 10 16 16 12 10 8 16 16 12 10 16 16 12 10 16 16 12 10 16 16 12 10 GAIN 16 15 15 12 10 15 15 12 10 15 15 12 10 15 15 12 10 32 14 14 12 10 14 14 14 10 14 14 12 10 14 14 12 10 64 13 13 12 10 13 13 12 10 13 13 11 10 13 13 11 10 128 12 12 11 9 12 12 11 9 12 12 11 9 12 12 11 9
BUFFERED (fCLKIN = 1MHz) 20Hz 25Hz 100Hz 200Hz UNBUFFERED (fCLKIN = 1MHz) 20Hz 25Hz 100Hz 200Hz 50Hz 60Hz 250Hz 500Hz 50Hz 60Hz 250Hz 500Hz
BUFFERED (fCLKIN = 2.4576MHz)
UNBUFFERED (fCLKIN = 2.4576MHz)
Typical Operating Characteristics
(VDD = 3V or 5V, VREF+ = 1.225V for VDD = 3V, VREF+ = 2.5V for VDD = 5V, VREF- = GND, TA = +25C, unless otherwise noted.)
TYPICAL OUTPUT NOISE
MX7705 toc01
HISTOGRAM OF TYPICAL OUTPUT NOISE
MX7705 toc02
OFFSET ERROR vs. SUPPLY VOLTAGE (3V)
VDD = 3V 0.0010 OFFSET ERROR (%FSR) 0.0005 0
MX7705 toc03
32776 32774 32772 32770 32768 32766 32764 32762 32760 32758 CODE READ
VDD = 5V, VREF = 2.5V
GAIN = 128 ODR = 60Hz RMS NOISE = 1.3V
400
VDD = 5V, VREF = 2.5V GAIN = 128 ODR = 60Hz
RMS NOISE = 1.3V
0.0015
300 OCCURENCE
200
-0.0005 -0.0010
100
32760 32761 32762 32763 32764 32765 32766 32767 32768 32769 32770 32771 32772 32773
32756 0 400 800 1200 1600 2000 READING NUMBER
0
-0.0015 2.70 2.85 3.00 3.15 3.30 3.45 3.60 SUPPLY VOLTAGE (V)
CODE
______________________________________________________________________________________
11
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Typical Operating Characteristics (continued)
(VDD = 3V or 5V, VREF+ = 1.225V for VDD = 3V, VREF+ = 2.5V for VDD = 5V, VREF- = GND, TA = +25C, unless otherwise noted.)
OFFSET ERROR vs. SUPPLY VOLTAGE (5V)
MX7705 toc04
OFFSET ERROR vs. TEMPERATURE
MX7705 toc05
GAIN ERROR vs. SUPPLY VOLTAGE (3V)
VDD = 3V 0.0010 GAIN ERROR (%FSR) 0.0005 0
MX7705 toc06
0.003 VDD = 5V 0.002 OFFSET ERROR (%FSR) 0.001 0 -0.001 -0.002 -0.003 4.75 4.85 4.95 5.05 5.15
0.003 0.002 OFFSET ERROR (%FSR) 0.001 0 VDD = 3V -0.001 -0.002 -0.003 VDD = 5V
0.0015
-0.0005 -0.0010
-0.0015 -40 -15 10 35 60 85 2.70 2.85 3.00 3.15 3.30 3.45 3.60 TEMPERATURE (C) SUPPLY VOLTAGE (V)
5.25
SUPPLY VOLTAGE (V)
GAIN ERROR vs. SUPPLY VOLTAGE (5V)
VDD = 5V 0.002 GAIN ERROR (%FSR) 0.001 0 -0.001 -0.002 -0.003 4.75 4.85 4.95 5.05 5.15 5.25 SUPPLY VOLTAGE (V)
MX7705 toc07
GAIN ERROR vs. TEMPERATURE
0.004 0.003 GAIN ERROR (%FSR) 0.002 0.001 0 -0.001 -0.002 -0.003 -0.004 -0.005 -40 -15 10 35 60 85 TEMPERATURE (C) VDD = 5V VDD = 3V
MX7705 toc08
0.003
0.005
12
______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Typical Operating Characteristics (continued)
(VDD = 3V or 5V, VREF+ = 1.225V for VDD = 3V, VREF+ = 2.5V for VDD = 5V, VREF- = GND, TA = +25C, unless otherwise noted.)
MX7705
SUPPLY CURRENT vs. SUPPLY VOLTAGE (3V)
MX7705 toc09
SUPPLY CURRENT vs. SUPPLY VOLTAGE (5V)
A VDD = 5V B
MX7705 toc10
0.6 A SUPPLY CURRENT (mA) 0.5 B 0.4 C D 0.3 E VDD = 3V
0.65
SUPPLY CURRENT (mA)
0.55
0.45
C
D
0.35 E 0.25
0.2 2.70 2.85 3.00 3.15 3.30 3.45 3.60 SUPPLY VOLTAGE (V) A: BUFFERED MODE B: BUFFERED MODE C: BUFFERED MODE fCLKIN = 2.4576MHz, fCLKIN = 2.4576MHz, fCLKIN = 1MHz, GAIN = 8 TO 128 GAIN = 1 TO 4 GAIN = 1 TO 128 D: UNBUFFERED MODE E: UNBUFFERED MODE fCLKIN = 2.4576MHz, fCLKIN = 1MHz, GAIN = 1 TO 128 GAIN = 1 TO 128
4.75
4.85
4.95
5.05
5.15
5.25
SUPPLY VOLTAGE (V) A: BUFFERED MODE B: BUFFERED MODE C: BUFFERED MODE fCLKIN = 2.4576MHz, fCLKIN = 2.4576MHz, fCLKIN = 1MHz, GAIN = 8 TO 128 GAIN = 1 TO 4 GAIN = 1 TO 128 D: UNBUFFERED MODE E: UNBUFFERED MODE fCLKIN = 2.4576MHz, fCLKIN = 1MHz, GAIN = 1 TO 128 GAIN = 1 TO 128
SUPPLY CURRENT vs. TEMPERATURE (3V)
MX7705 toc11
SUPPLY CURRENT vs. TEMPERATURE (5V)
A VDD = 5V B C 0.45 D 0.35
MX7705 toc12
0.6 VDD = 3V A SUPPLY CURRENT (mA) 0.5 C 0.4 D 0.3 E 0.2 -40 -15 10 35 60 B
0.65
SUPPLY CURRENT (mA)
0.55
E 0.25 85 -40 -15 10 35 60 85 TEMPERATURE (C) A: BUFFERED MODE B: BUFFERED MODE C: BUFFERED MODE fCLKIN = 2.4576MHz, fCLKIN = 2.4576MHz, fCLKIN = 1MHz, GAIN = 8 TO 128 GAIN = 1 TO 4 GAIN = 1 TO 128 D: UNBUFFERED MODE E: UNBUFFERED MODE fCLKIN = 2.4576MHz, fCLKIN = 1MHz, GAIN = 1 TO 128 GAIN = 1 TO 128
TEMPERATURE (C) A: BUFFERED MODE B: BUFFERED MODE C: BUFFERED MODE fCLKIN = 2.4576MHz, fCLKIN = 2.4576MHz, fCLKIN = 1MHz, GAIN = 8 TO 128 GAIN = 1 TO 4 GAIN = 1 TO 128 D: UNBUFFERED MODE E: UNBUFFERED MODE fCLKIN = 2.4576MHz, fCLKIN = 1MHz, GAIN = 1 TO 128 GAIN = 1 TO 128
______________________________________________________________________________________
13
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Typical Operating Characteristics (continued)
(VDD = 3V or 5V, VREF+ = 1.225V for VDD = 3V, VREF+ = 2.5V for VDD = 5V, VREF- = GND, TA = +25C, unless otherwise noted.)
SUPPLY CURRENT vs. fCLKIN (3V)
MX7705 toc13
SUPPLY CURRENT vs. fCLKIN (5V)
VDD = 5V 0.55 A B
MX7705 toc14
0.6 VDD = 3V 0.5 A B
0.65
SUPPLY CURRENT (mA)
0.4
SUPPLY CURRENT (mA)
C D
0.45
C D
0.3
0.35
E 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 A: BUFFERED MODE CLK = 1, GAIN = 128 fCLKIN (MHz) B: BUFFERED MODE CLK = 1, GAIN = 1 C: BUFFERED MODE CLK = 0, GAIN = 1, 128 0.25
E 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 A: BUFFERED MODE CLK = 1, GAIN = 128 fCLKIN (MHz) B: BUFFERED MODE CLK = 1, GAIN = 1 C: BUFFERED MODE CLK = 0, GAIN = 1, 128
D: UNBUFFERED MODE E: UNBUFFERED MODE CLK = 1, CLK = 0, GAIN = 1, 128 GAIN = 1, 128
D: UNBUFFERED MODE E: UNBUFFERED MODE CLK = 1, CLK = 0, GAIN = 1, 128 GAIN = 1, 128
SUPPLY CURRENT vs. GAIN (3V)
MX7705 toc15
SUPPLY CURRENT vs. GAIN (5V)
VDD = 5V 0.55 A B SUPPLY CURRENT (mA)
MX7705 toc16
0.6 VDD = 3V 0.5 A B
0.65
SUPPLY CURRENT (mA)
0.4
C D
0.45
C
D E F
0.3
E F
0.35
0.2 1 2 4 8 16 32 64 128 GAIN A: BUFFERED MODE B: BUFFERED MODE C: BUFFERED MODE CLK = 1, CLKDIV = 1, CLK = 1, CLKDIV = 0, CLK = 0, CLKDIV = 0, fCLKIN = 2.4576MHz fCLKIN = 1MHz fCLKIN = 2.4576MHz D: UNBUFFERED MODE E: UNBUFFERED MODE F: UNBUFFERED MODE CLK = 1, CLKDIV = 1, CLK = 1, CLKDIV = 0, CLK = 0, CLKDIV = 0, fCLKIN = 1MHz fCLKIN = 2.4576MHz fCLKIN = 2.4576MHz
0.25 1 2 4 8 16 32 64 128 GAIN A: BUFFERED MODE B: BUFFERED MODE C: BUFFERED MODE CLK = 1, CLKDIV = 0, CLK = 1, CLKDIV = 1, CLK = 0, CLKDIV = 0, fCLKIN = 2.4576MHz fCLKIN = 1MHz fCLKIN = 2.4576MHz D: UNBUFFERED MODE E: UNBUFFERED MODE F: UNBUFFERED MODE CLK = 1, CLKDIV = 1, CLK = 1, CLKDIV = 0, CLK = 0, CLKDIV = 0, fCLKIN = 2.4576MHz fCLKIN = 2.4576MHz fCLKIN = 1MHz
14
______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Typical Operating Characteristics (continued)
(VDD = 3V or 5V, VREF+ = 1.225V for VDD = 3V, VREF+ = 2.5V for VDD = 5V, VREF- = GND, TA = +25C, unless otherwise noted.)
POWER-DOWN SUPPLY CURRENT vs. SUPPLY VOLTAGE (3V)
MX7705 toc17
MX7705
POWER-DOWN SUPPLY CURRENT vs. SUPPLY VOLTAGE (5V)
MX7705 toc18
POWER-DOWN SUPPLY CURRENT vs. TEMPERATURE
POWER-DOWN SUPPLY CURRENT (A)
MX7705 toc19
100 POWER-DOWN SUPPLY CURRENT (nA) VDD = 3V 80
200 POWER-DOWN SUPPLY CURRENT (nA) VDD = 5V 180
300 250 VDD = 5V 200 150 100 50 0 VDD = 3V
60
160
40
140
20
120
0 2.70 2.85 3.00 3.15 3.30 3.45 3.60 SUPPLY VOLTAGE (V)
100 4.75 4.85 4.95 5.05 5.15 5.25 SUPPLY VOLTAGE (V)
-40
-15
10
35
60
85
TEMPERATURE (C)
EXTERNAL OSCILLATOR STARTUP TIME
MX7705 toc20
VDD 5V/div 4.9152MHz CRYSTAL CLKOUT 5V/div CLKOUT 5V/div 2.4576MHz CRYSTAL 2ms/div
______________________________________________________________________________________
15
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Pin Description
PIN 1 2 NAME SCLK CLKIN FUNCTION Serial Clock Input. Apply an external serial clock to transfer data to and from the device at data rates of up to 5MHz. Clock Input. Connect a crystal/resonator between CLKIN and CLKOUT, or drive CLKIN externally with a CMOS-compatible clock source with CLKOUT left unconnected. Clock Output. Connect a crystal/resonator between CLKIN and CLKOUT. When enabled, CLKOUT provides a CMOS-compatible, inverted clock output. Set CLKDIS = 0 in the clock register to enable CLKOUT. Set CLKDIS = 1 in the clock register to disable CLKOUT to conserve power. Active-Low Chip-Select Input. CS selects the active device in systems with more than one device on the serial bus. Drive CS low to clock data in on DIN and to clock data out on DOUT. When CS is high, DOUT is high impedance. Connect CS to GND for 3-wire operation. Active-Low Reset Input. Drive RESET low to reset the MX7705 to power-on reset status. Channel 2 Positive Differential Analog Input Channel 1 Positive Differential Analog Input Channel 1 Negative Differential Analog Input Positive Differential Reference Input Negative Differential Reference Input Channel 2 Negative Differential Analog Input Active-Low Data-Ready Output. DRDY goes low when a new conversion result is available in the data register. When a read-operation of a full output word completes, DRDY returns high. Serial Data Output. DOUT outputs serial data from the data register. DOUT changes on the falling edge of SCLK and is valid on the rising edge of SCLK. When CS is high, DOUT is high impedance. Serial Data Input. Data on DIN is clocked in on the rising edge of SCLK when CS is low. Power Input Ground
3
CLKOUT
4 5 6 7 8 9 10 11 12 13 14 15 16
CS RESET AIN2+ AIN1+ AIN1REF+ REFAIN2DRDY DOUT DIN VDD GND
16
______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Functional Diagram
MX7705
DIVIDER
CLOCK GENERATOR
CLKIN CLKOUT
MX7705
BUFFER AIN1+ AIN1AIN2+ AIN2BUFFER SERIAL INTERFACE, REGISTERS, AND CONTROL CS SCLK DIN DOUT DRDY RESET SWITCHING NETWORK S1 S2 PGA 2ND-ORDER SIGMA-DELTA MODULATOR DIGITAL FILTER VDD GND
S1 AND S2 ARE OPEN IN BUFFERED MODE AND CLOSED IN UNBUFFERED MODE REF+ REF-
Detailed Description
The MX7705 low-power, 2-channel, serial-output ADC uses a sigma-delta modulator with a digital filter to achieve 16-bit resolution with no missing codes. The device includes a PGA, an on-chip input buffer, and a bidirectional communications port. The MX7705 operates with a single 2.7V to 5.25V supply. Fully differential inputs, an internal input buffer, and an on-chip PGA (gain = 1 to 128) allow low-level signals to be directly measured, minimizing the requirements for external signal conditioning. Self-calibration corrects for gain and offset errors. A programmable digital filter allows for the selection of the output data rate and firstnotch frequency from 20Hz to 500Hz. The bidirectional serial SPI-/QSPI-/MICROWIRE-compatible interface consists of four digital control lines (SCLK, CS, DOUT, and DIN) and provides an easy interface to microcontrollers (Cs). Connect CS to GND to configure the MX7705 for 3-wire operation.
Analog Inputs
The MX7705 accepts four analog inputs (AIN1+, AIN1-, AIN2+, and AIN2-) in buffered or unbuffered mode. Use Table 8 to select the positive and negative input pair for a fully differential channel. The input buffer isolates the inputs from the capacitive load presented by the PGA/modulator, allowing for high source-impedance analog transducers. The value of the BUF bit in the setup register (see the Setup Register section) determines whether the input buffer is enabled or disabled. Internal protection diodes, which clamp the analog input to VDD and/or GND, allow the input to swing from (GND - 0.3V) to (VDD + 0.3V), without damaging the device. If the analog input exceeds 300mV beyond the supplies, limit the input current to 10mA.
Input Buffers
When the analog input buffer is disabled, the analog input drives a typical 7pF (gain = 1) capacitor, CTOTAL, in series with the 7k typical on-resistance of the track and hold (T/H) switch (Figure 1). CTOTAL is comprised of the sampling capacitor, CSAMP, and the stray capacitance, CSTRAY. During the conversion, CSAMP charges to (AIN+ - AIN-). The gain determines the value of CSAMP (Table 5).
______________________________________________________________________________________
17
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
To minimize gain errors in unbuffered mode, select a source impedance less than the maximum values shown in Figures 2 and 3. These are the maximum external resistance/capacitance combinations allowed before gain errors greater than 1 LSB are introduced in unbuffered mode. Enable the internal input buffer for a high source impedance. This isolates the inputs from the sampling capacitor and reduces the sampling-related gain error. When using the internal buffer, limit the absolute input voltage range to (VGND + 50mV) to (VDD - 1.5V). Set gain and common-mode voltage range properly to minimize linearity errors.
AIN(+) AIN(-)
RSW (7k TYP)
HIGH IMPEDANCE CTOTAL(7pF TYP FOR GAIN = 1) CTOTAL = CSAMP + CSTRAY
VBIAS
Figure 1. Unbuffered Analog Input Structure
Input Voltage Range
In unbuffered mode, the absolute analog input voltage range is from (GND - 30mV) to (VDD + 30mV) (see the Electrical Characteristics). In buffered mode, the analog input voltage range is reduced to (GND + 50mV) to (VDD - 1.5V). In both buffered and unbuffered modes, the differential analog input range (V AIN+ - V AIN- ) decreases at higher gains (see the Programmable-Gain Amplifier and the Unipolar and Bipolar Modes sections).
100 GAIN = 1 GAIN = 2
EXTERNAL RESISTANCE (k)
10
GAIN = 4
GAIN = 8 TO 128 1
Reference
The MX7705 provides differential inputs, REF+ and REF-, for an external reference voltage. Connect the external reference directly across REF+ and REF- to obtain the differential reference voltage, VREF. The common-mode voltage range for VREF+ and VREF- is between GND and VDD. For specified operation, the nominal voltage, VREF (VREF+ - VREF-), is 1.225V for VDD = 4.75V to 5.25V and 2.5V for VDD = 2.7V to 3.6V. The MX7705 samples REF+ and REF- at fCLKIN / 64 (CLKDIV = 0) or fCLKIN / 128 (CLKDIV = 1) with an internal 10pF (typ for gain = 1) sampling capacitor in series with a 7k (typ) switch on-resistance.
0.1 1 10 100 1000 10,000 EXTERNAL CAPACITANCE (pF)
Figure 2. Maximum External Resistance vs. Maximum External Capacitance for Unbuffered Mode (1MHz)
100 GAIN = 1 GAIN = 2 10 GAIN = 4 1
A PGA provides selectable levels of gain: 1, 2, 4, 8, 16, 32, 64, and 128. Bits G0, G1, and G2 in the setup register control the gain (Table 9). As the gain increases, the value of the input sampling capacitor, CSAMP, also increases (Table 5). The dynamic load presented to the analog inputs increases with clock frequency and gain in unbuffered mode (see the Input Buffers section and Figure 1).
EXTERNAL RESISTANCE (k)
Programmable-Gain Amplifier
GAIN = 8 TO 128
0.1 1 10 100 1000 10,000 EXTERNAL CAPACITANCE (pF)
Figure 3. Maximum External Resistance vs. Maximum External Capacitance for Unbuffered Mode (2.4576MHz)
18
______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Table 5. Input Sampling Capacitor vs. Gain
GAIN 1 2 4 8-128 INPUT SAMPLING CAPACITOR (CSAMP) (pF) 3.75 7.5 15 30
BINARY OUTPUT CODE 1111 1111 1111 1111 1111 1111 1111 1110 1111 1111 1111 1101 1111 1111 1111 1100 1 LSB = VREF VREF / GAIN 65,535 VREF / GAIN 0 +1 +32,765 +32,767 VREF / GAIN -32,766 -1 DIFFERENTIAL INPUT VOLTAGE (LSB) VREF / GAIN (GAIN) (65,536) VREF / GAIN FULL-SCALE TRANSITION
Increasing the gain increases the resolution of the ADC (LSB size decreases), but reduces the differential input voltage range. Calculate 1 LSB in unipolar mode using the following equation: 1 LSB = VREF GAIN (65,536)
0000 0000 0000 0011 0000 0000 0000 0010 0000 0000 0000 0001 0000 0000 0000 0000 0 1 2 3 65,533 DIFFERENTIAL INPUT VOLTAGE (LSB)
where VREF = VREF+ - VREF-. For a gain of one and VREF = 2.5V, the full-scale voltage in unipolar mode is 2.5V and 1 LSB 38.1V. For a gain of four, the full-scale voltage in unipolar mode is 0.625V (VREF / GAIN) and 1 LSB 9.5V. The differential input voltage range in this example reduces from 2.5V to 0.625V, and the resolution increases, since the LSB size decreased from 38.1V to 9.5V. Calculate 1 LSB in bipolar mode using the following equation: VREF 1 LSB = x2 GAIN (65,536) where VREF = VREF+ - VREF-.
Figure 4. MX7705 Unipolar Transfer Function
VREF / GAIN 1111 1111 1111 1111 1111 1111 1111 1110 1111 1111 1111 1101 1 LSB = BINARY OUTPUT CODE 1000 0000 0000 0001 1000 0000 0000 0000 0111 1111 1111 1111 VREF (GAIN) (65,536) x2
Unipolar and Bipolar Modes
The B/U bit in the setup register (Table 9) configures the MX7705 for unipolar or bipolar transfer functions. Figures 4 and 5 illustrate the unipolar and bipolar transfer functions, respectively. In unipolar mode, the digital output code is straight binary. When AIN+ = AIN-, the outputs are at zero scale, which is the lower endpoint of the transfer function. The full-scale endpoint is given by AIN+ - AIN- = VREF / GAIN, where VREF = VREF+ - VREF-. In bipolar mode, the digital output code is in offset binary. Positive full scale is given by AIN+ - AIN- = +VREF / GAIN and negative full scale is given by AIN+ AIN- = -VREF / GAIN. When AIN+ = AIN-, the outputs are at zero scale, which is the midpoint of the bipolar transfer function.
0000 0000 0000 0010 0000 0000 0000 0001 0000 0000 0000 0000 -32,768
Figure 5. MX7705 Bipolar Transfer Function
When the MX7705 is in buffered mode, the absolute and common-mode analog input voltage ranges reduce to between (GND + 50mV) and (VDD - 1.5V). The differential input voltage range is not affected in buffered mode.
______________________________________________________________________________________
19
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Modulator
The MX7705 performs analog-to-digital conversions using a single-bit, 2nd-order, switched-capacitor, sigma-delta modulator. The sigma-delta modulation converts the input signal into a digital pulse train whose average duty cycle represents the digitized signal information. A single comparator within the modulator quantizes the input signal at a much higher sample rate than the bandwidth of the input. The MX7705 modulator provides 2nd-order frequency shaping of the quantization noise resulting from the single-bit quantizer. The modulator is fully differential for maximum signal-to-noise ratio and minimum susceptibility to power-supply and common-mode noise. A single-bit data stream is then presented to the digital filter for processing to remove the frequency-shaped quantization noise. The modulator sampling frequency is f CLKIN / 128, regardless of gain, where fCLKIN (CLKDIV = 0) is the frequency of the signal at CLKIN. The output data rate for the digital filter corresponds with the positioning of the first notch of the filter's frequency response. Therefore, for the plot in Figure 6, where the first notch of the filter is 60Hz, the output data rate is 60Hz. The notches of the SINC3 filter are repeated at multiples of the first notch frequency. The SINC3 filter provides an attenuation of better than 100dB at these notches. Determine the cutoff frequency of the digital filter by loading the appropriate values into the CLK, FS0, and FS1 bits in the clock register (Table 13). Programming a different cutoff frequency with FS0 and FS1 changes the frequency of the notches, but it does not alter the profile of the frequency response. For step changes at the input, allow a settling time before valid data is read. The settling time depends on the output data rate chosen for the filter. The worstcase settling time of a SINC3 filter for a full-scale step input is four times the output data period. By synchronizing the step input using FSYNC, the settling time reduces to three times the output data period. If FSYNC is high during the step input, the filter settles in three times the output data period after FSYNC falls low.
Digital Filtering
The MX7705 contains an on-chip, digital lowpass filter that processes the 1-bit data stream from the modulator using a SINC3 (sinx/x)3 response. The SINC3 filter has a settling time of three output data periods. Filter Characteristics Figure 6 shows the filter frequency response. The SINC3 characteristic -3dB cutoff frequency is 0.262 times the first-notch frequency. This results in a cutoff frequency of 15.72Hz for a first filter-notch frequency of 60Hz (output data rate of 60Hz). The response shown in Figure 5 is repeated at either side of the digital filter's sample frequency, fM (fM = 19.2kHz for 60Hz output data rate), and at either side of the related harmonics (2fM, 3fM, etc.).
0 -20 -40 GAIN (dB) -60 -80 -100 -120 -140 -160 0 20 40 60 80 100 120 140 160 180 200 FREQUENCY (Hz) fCLKIN = 2.4576MHz CLK = 1 FS1 = 0 FS0 = 1 fN = 60Hz
Analog Filtering
The digital filter does not provide any rejection close to the harmonics of the modulator sample frequency. Due to the high oversampling ratio of the MX7705, these bands occupy only a small fraction of the spectrum and most broadband noise is filtered. The analog filtering requirements in front of the MX7705 are reduced compared to a conventional converter with no on-chip filtering. In addition, the devices provide excellent common-mode rejection of 90db to reduce the common-mode noise susceptibility. Additional filtering prior to the MX7705 eliminates unwanted frequencies the digital filter does not reject. Use additional filtering to ensure that differential noise signals outside the frequency band of interest do not saturate the analog modulator. If passive components are in the path of the analog inputs when the device is in unbuffered mode, ensure the source impedance is low enough (Figure 2) not to introduce gain errors in the system. This significantly limits the amount of passive anti-aliasing filtering that can be applied in front of the MX7705 in unbuffered mode. In buffered mode, large source impedance causes a small DC-offset error, which can be removed by calibration.
Figure 6. Frequency Response of the SINC3 Filter (Notch at 60Hz)
20
______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
External Oscillator
The oscillator requires time to stabilize when enabled. Startup time for the oscillator depends on supply voltage, temperature, load capacitances, and center frequency. Depending on the load capacitance, a 1M feedback resistor across the crystal can reduce the startup time (Figure 7). The MX7705 was tested with an ECS-24-32-1 (2.4576MHz crystal) and an ECS-49-20-1 (4.9152MHz crystal) (see the Typical Operating Characteristics). In power-down mode, the supply current with the external oscillator enabled is typically 67A with a 3V supply and 227A with a 5V supply.
CS t2 SCLK t10 t9 DIN MSB LSB t6
MX7705
Serial-Digital Interface
The MX7705 interface is fully compatible with SPI-, QSPI-, and MICROWIRE-standard serial interfaces. The serial interface provides access to seven on-chip registers. The registers are 8, 16, and 24 bits in size. Drive CS low to transfer data in and out of the MX7705. Clock in data at DIN on the rising edge of SCLK. Data at DOUT changes on the falling edge of SCLK and is valid on the rising edge of SCLK. DIN and DOUT are transferred MSB first. Drive CS high to force DOUT high impedance and cause the MX7705 to ignore any signals on SCLK and DIN. Connect CS low for 3-wire operation. Figures 8 and 9 show the timings for write and read operations, respectively.
Figure 8. Write Timing Diagram
DRDY
t1 CS t2 SCLK t3 DOUT MSB t5 t4
t8
t6
t7 LSB
On-Chip Registers
The MX7705 contains seven internal registers (Figure 10), which are accessed by the serial interface. These registers control the various functions of the device and allow the results to be read. Table 7 lists the address, power-on default value, and size of each register. The first of these registers is the communications register. The 8-bit communications register controls the acquisition channel selection, whether the next data transfer is a read or write operation, and which register is to be accessed. The second register is the 8-bit setup register, which con-
Figure 9. Read Timing Diagram
CRYSTAL OR CERAMIC RESONATOR CLKIN CL
MX7705
CLKOUT CL OPTIONAL 1M
trols calibration modes, gain setting, unipolar/bipolar inputs, and buffered/unbuffered modes. The third register is the 8-bit clock register, which sets the digital filter characteristics and the clock control bits. The fourth register is the 16-bit data register, which holds the output result. The 24-bit offset and gain registers store the calibration coefficients for the MX7705. The 8-bit test register is used for factory testing only. The default state of the MX7705 is to wait for a write to the communications register. Any write or read operation on the MX7705 is a two-step process. First, a command byte is written to the communications register. This command selects the input channel, the desired register for the next read or write operation, and whether the next operation is a read or a write. The second step is to read from or write to the selected register. At the end of the data-transfer cycle, the device returns to the default state. See the Performing a Conversion section for examples. If the serial communication is lost, write 32 ones to the serial interface to return the MX7705 to the default state. The registers are not reset after this operation.
21
Figure 7. Using a Crystal or Ceramic Oscillator ______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
PD: (Default = 0) Power-Down Control Bit. Set PD = 1 to initiate power-down mode. Set PD = 0 to take the device out of power-down mode. If CLKDIS = 0, CLKOUT remains active during power-down mode to provide a clock source for other devices in the system. CH0, CH1: (Default = 0, 0) Channel-Select Bit. Write to the CH0 and CH1 bits to select the conversion channel or to access the calibration data shown in Table 8. The calibration coefficients of a particular channel are stored in one of the three offset and gain-register pairs in Table 8. Set CH1 = 1 and CH0 = 0 to evaluate the noise performance of the part without external noise sources. In this noise evaluation mode, connect AIN1- to an external voltage within the allowable common-mode range. Setup Register The byte-wide setup register is bidirectional, so it can be written and read. The byte written to the setup register sets the calibration modes, PGA gain, unipolar/bipolar mode, buffer enable, and conversion start (Table 9). MD1, MD0: (Default = 0, 0) Mode-Select Bits. See Table 10 for normal operating mode, self-calibration, zero-scale calibration, or full-scale calibration-mode selection. G2, G1, G0: (Default = 0, 0, 0) Gain-Selection Bits. See Table 11 for PGA gain settings. B/U: (Default = 0) Bipolar/Unipolar Mode Selection. Set B/U = 0 to select bipolar mode. Set B/U = 1 to select unipolar mode. BUF: (Default = 0) Buffer-Enable Bit. For unbuffered mode, disable the internal buffer of the MX7705 to reduce power consumption by writing a 0 to the BUF bit. Write a 1 to this bit to enable the buffer. Use the internal buffer when acquiring high source-impedance input signals. FSYNC: (Default = 1) Filter-Synchronization/ Conversion-Start Bit. Set FSYNC = 0 to begin calibration or conversion. The MX7705 performs free-running conversions while FSYNC = 0. Set FSYNC = 1 to stop converting data and to hold the nodes of the digital filter, the filter-control logic, the calibration-control logic, and the analog modulator in a reset state. The DRDY output does not reset high if it is low (indicating that valid data has not yet been read from the data register) when FSYNC goes high. To clear the DRDY output, read the data register. Clock Register The byte-wide clock register is bidirectional, so it can be written and read. The byte written to the setup register sets the clock, filter first-notch frequency, and the output data rate (Table 12). MXID: (Default = 1) Maxim-Identifier Bit. This is a readonly bit. Values written to this bit are ignored.
MX7705
DIN
RS2 RS1 RS0 COMMUNICATIONS REGISTER
SETUP REGISTER (8 BITS)
CLOCK REGISTER (8 BITS)
REGISTER SELECT DECODER
DATA REGISTER (16 BITS) DOUT TEST REGISTER (8 BITS)*
OFFSET REGISTER (24 BITS)
GAIN REGISTER (24 BITS) *THE TEST REGISTER IS USED FOR FACTORY TESTING ONLY.
Figure 10. Register Summary
Communications Register The byte-wide communications register is bidirectional so it can be written and read. The byte written to the communications register indicates the next read or write operation on the selected register, the power-down mode, and the analog input channel (Table 6). The DRDY bit indicates the conversion status. 0/DRDY: (Default = 0) Communication-Start/Data-Ready Bit. Write a 0 to the 0/DRDY bit to start a write operation to the communications register. If 0/DRDY = 1, then the device waits until a 0 is written to 0/DRDY before continuing to load the remaining bits. For a read operation, the 0/DRDY bit shows the status of the conversion. The DRDY bit returns a 0 if the conversion is complete and the data is ready. DRDY returns a 1 if the new data has been read and the next conversion is not yet complete. It has the same value as the DRDY output pin. RS2, RS1, RS0: (Default = 0, 0, 0) Register-Select Bits. RS0, RS1, and RS2 select the next register to be accessed as shown in Table 7. R/W: (Default = 0) Read-/Write-Select Bit. Use this bit to select if the next register access is a read or a write operation. Set R/W = 0 to select a write operation or set R/W = 1 for a read operation on the selected register.
22
______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Table 6. Communications Register
FIRST BIT (MSB) FUNCTION Name Defaults COMMUNICATION START/DATA READY 0/DRDY 0 REGISTER SELECT RS2 0 RS1 0 RS0 0 READ/WRITE SELECT R/W 0 POWER-DOWN MODE PD 0 (LSB) CHANNEL SELECT CH1 0 CH0 0
Table 7. Register Selection
RS2 0 0 0 0 1 1 1 1 RS1 0 0 1 1 0 0 1 1 RS0 0 1 0 1 0 1 0 1 REGISTER Communications Register Setup Register Clock Register Data Register Test Register* No Operation Offset Register Gain Register POWER-ON RESET STATUS 0x00 0x01 0x05 N/A N/A -- 0x1F 40 00 0x57 61 AB REGISTER SIZE (BITS) 8 8 8 16 8 -- 24 24
*The test register is used for factory testing only.
Table 8. Channel Selection
CH1 0 0 1 1 CH0 0 1 0 1 AIN+ AIN1+ AIN2+ AIN1AIN1AINAIN1AIN2AIN1AIN2OFFSET/GAIN REGISTER PAIR 0 1 0 2
Table 9. Setup Register
FIRST BIT (MSB) FUNCTION Name Defaults MODE CONTROL MD1 0 MD0 0 PGA GAIN CONTROL G2 0 G1 0 G0 0 BIPOLAR/UNIPOLAR MODE B/U 0 BUFFER ENABLE BUF 0 (LSB) FSYNC FSYNC 1
ZERO: (Default = 0) Zero Bit. This is a read-only bit. Values written to this bit are ignored. CLKDIS: (Default = 0) Clock-Disable Bit. Set CLKDIS = 1 to disable the clock when using a crystal or resonator across CLKIN and CLKOUT. Set CLKDIS = 1 to disable CLKOUT when using a CMOS clock source at CLKIN. CLKOUT is held low during clock disable to save power. Set CLKDIS = 0 to allow other devices to use the output signal on CLKOUT as a clock source and/or to enable the external oscillator.
CLKDIV: (Default = 0) Clock-Divider Control Bit. The MX7705 has an internal clock divider. Set this bit to 1 to divide the input clock by two. When this bit is set to 0, the MX7705 operates at the external oscillator frequency. CLK: (Default = 1) Clock Bit. Set CLK = 1 for fCLKIN = 2.4576MHz with CLKDIV = 0, or 4.9152MHz with CLKDIV = 1.
______________________________________________________________________________________
23
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Table 10. Operating-Mode Selection
MD1 0 MD0 0 OPERATING MODE Normal Mode. Use this mode to perform normal conversions on the selected analog input channel. Self-Calibration Mode. This mode performs self-calibration on the selected channel determined from CH0 and CH1 selection bits in the communications register (Table 6). Upon completion of self-calibration, the device returns to normal mode with MD0, MD1 returning to 0, 0. The DRDY output bit goes high when self-calibration is requested and returns low when the calibration is complete and a new data word is in the data register. Selfcalibration performs an internal zero-scale and full-scale calibration. The analog inputs of the device are shorted together internally during zero-scale calibration and connected to an internally generated (VREF / selected gain) voltage during full-scale calibration. The offset and gain registers for the selected channel are automatically updated with the calibration data. Zero-Scale System-Calibration Mode. This mode performs zero-scale calibration on the selected channel determined from CH0 and CH1 selection bits in the communications register (Table 6). The DRDY output bit goes high when calibration is requested and returns low when the calibration is complete and a new data word is in the data register. Performing zero-scale calibration compensates for any DC offset voltage present in the ADC and system. Ensure that the analog input voltage is stable within 1/2 LSB for the duration of the calibration sequence. The offset register for the selected channel is updated with the zero-scale system-calibration data. Upon completion of calibration, the device returns to normal mode with MD0, MD1 returning to 0, 0. Full-Scale System-Calibration Mode. This mode performs full-scale system calibration on the selected channel determined by the CH0 and CH1 selection bits in the communications register. This calibration assigns a fullscale output code to the voltage present on the selected channel. Ensure that the analog input voltage is stable within 1/2 LSB for the duration of the calibration sequence. The DRDY output bit goes high during calibration and returns low when the calibration is complete and a new data word is in the data register. The gain register for the selected channel is updated with the full-scale system-calibration data. Upon completion of calibration, the device returns to normal mode with MD0, MD1 returning to 0, 0.
0
1
1
0
1
1
Table 11. PGA Gain Selection
G2 0 0 0 0 1 1 1 1 G1 0 0 1 1 0 0 1 1 G0 0 1 0 1 0 1 0 1 PGA GAIN 1 2 4 8 16 32 64 128
Set CLK = 0 for optimal performance if the external clock frequency is 1MHz with CLKDIV = 0 or 2MHz with CLKDIV = 1. FS1, FS0: (Default = 0, 1) Filter-Selection Bits. These bits determine the output data rate and the digital-filter cutoff frequency. See Table 13 for FS1 and FS0 settings. Recalibrate when the filter characteristics are changed.
Data Register The data register is a 16-bit register that can be read and written. Figure 9 shows how to read conversion results using the data register. A write to the data register is not required, but if the data register is written, the device does not return to its normal state of waiting for a write to the communications register until all 16 bits have been written. The 16-bit data word written to the data register is ignored. The data from the data register is read through DOUT. DOUT changes on the falling edge of SCLK and is valid on the rising edge of SCLK. The data register format is 16-bit straight binary for unipolar mode with zero scale equal to 0x0000, and offset binary for bipolar mode with zero scale equal to 0x1000.
24
______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Test Register This register is reserved for factory testing of the device. For proper operation of the MX7705, do not change this register from its default power-on reset values. Offset and Gain-Calibration Registers The MX7705 contains one offset register and one gain register for each input channel. Each register is 24 bits wide and can be written and read. The offset registers store the calibration coefficients resulting from a zeroscale calibration, and the gain registers store the calibration coefficients resulting from a full-scale calibration. The data stored in these registers are 24-bit straight binary values representing the offset or gain errors associated with the selected channel. A 24-bit read or write operation can be performed on the calibration registers for any selected channel. During a write operation, 24 bits of data must be written to the register, or no data is transferred. Write to the calibration registers in normal mode only. After writing to the calibration registers, the devices implement the new offset and gain-register calibration coefficients at the beginning of a new acquisition. To ensure the results are valid, discard the first conversion result after writing to the calibration registers. To ensure that a conversion is not made using invalid calibration data, drive FSYNC high prior to writing to the calibration registers, and then release FSYNC low to initiate conversion.
MX7705
Power-On Reset
At power-up, the serial-interface, logic, digital-filter, and modulator circuits are reset. The registers are set to their default values. The device returns to wait for a write to the communications register. For accurate measurements, perform calibration routines after power-up. Allow time for the external reference and oscillator to start up before starting calibration. See the Typical Operating Characteristics for typical externaloscillator startup times.
Table 12. Clock Register
FIRST BIT (MSB) FUNCTION Name Defaults RESERVED MXID 1 ZERO 0 ZERO 0 CLKOUT DISABLE CLKDIS 0 CLOCK DIVIDER CLKDIV 0 CLOCK SELECT CLK 1 FS1 0 FILTER SELECT FS0 1 (LSB)
Table 13. Output Data Rate and Notch Frequency vs. Filter Select and CLKIN Frequency
CLKIN FREQUENCY fCLKIN (MHz)* 1 1 1 1 2.4576 2.4576 2.4576 2.4576 CLK 0 0 0 0 1 1 1 1 FS1 0 0 1 1 0 0 1 1 FS0 0 1 0 1 0 1 0 1 OUTPUT DATA RATE (FIRST NOTCH) (Hz) 20 25 100 200 50 60 250 500 -3dB FILTER CUTOFF** (Hz) 5.24 6.55 26.20 52.40 13.10 15.70 65.50 131.00
*These values are given for CLKDIV = 0. External clock frequency, fCLKIN, can be two times the values in this column if CLKDIV = 1. **The filter -3dB filter cutoff frequency = 0.262 x filter first-notch frequency.
______________________________________________________________________________________
25
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Reset
Drive RESET low to reset the MX7705 to power-on reset status. DRDY goes high and all communication to the MX7705 is ignored while RESET is low. Upon releasing RESET, the device must be reconfigured to begin a conversion. The device returns to waiting for a write to the communication register after a reset has been performed. Perform a calibration sequence following a reset for accurate conversions. The MX7705 clock generator continues to run when RESET is pulled low. This allows any device running from CLKOUT to be uninterrupted when the device is in reset.
Table 14. Filter Select and Decimation Rate
CLK 0 0 0 0 1 1 1 1 FS1 0 0 1 1 0 0 1 1 FS0 0 1 0 1 0 1 0 1 DECIMATION RATE 391 313 78 39 384 320 77 38
Selecting Custom Output Data Rates and First-Notch Frequency
The recommended frequency range of the external clock is 400kHz to 5MHz. The output data rate and first notch frequency are dependent on the decimation rate of the digital filter. Table 14 shows the available decimation rates of the digital filter. The output data rate and filter first notch is calculated using the following formula: output data rate = (if CLKDIV = 1) fCLKIN output data rate = 128 x Decimation Rate (if CLKDIV = 0) Note: First-notch filter frequency = output data rate. fCLKIN x 0.5 128 x Decimation Rate
Writing to the clock and setup registers after configuring and initializing the host processor serial port sets up the MX7705. Use self- or system calibrations to minimize offset and gain errors (see the Calibration section for more details). Set FSYNC = 0 to begin calibration or conversion. The MX7705 performs free-running acquisitions when FSYNC is low (see the Using FSYNC section). The C can poll the DRDY bit of the communications register and read the data register when the DRDY bit returns a 0. For hardware polling, the DRDY output goes low when the new data is valid in the data register. The data register can be read multiple times while the next conversion takes place. The flow diagram in Figure 11 shows an example sequence required to perform a conversion on channel 1 (AIN1+ / AIN1-) after a power-on reset.
Performing a Conversion
At power-on reset, the MX7705 expects a write to the communications register. Writing to the communications register selects the acquisition channel, read/write operation for the next register, power-down/normal mode, and address of the following register to be accessed. The MX7705 has six user-accessible registers, which control the function of the device and allow the result to be read. Write to the communications register before accessing any other registers.
26
______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
POWER-ON RESET
INITIALIZE C/P SERIAL PORT
WRITE TO THE COMMUNICATIONS REGISTER. SELECT CHANNEL 1 AND SET NEXT OPERATION AS A WRITE TO THE CLOCK REGISTER. (0x20)
WRITE TO THE CLOCK REGISTER. ENABLE EXTERNAL OSCILLATOR. SELECT OUTPUT UPDATE RATE OF 60Hz. (0xA5)
WRITE TO THE COMMUNICATIONS REGISTER. SELECT CHANNEL 1 AND SET NEXT OPERATION AS A WRITE TO THE SETUP REGISTER. (0x10)
WRITE TO THE SETUP REGISTER. SET SELF-CALIBRATION MODE, GAIN TO 0, UNIPOLAR MODE, UNBUFFERED MODE. BEGIN SELF-CALIBRATION/CONVERSION BY CLEARING FSYNC. (0x44)
HARDWARE POLLING
SOFTWARE POLLING
WRITE TO COMMUNICATIONS REGISTER. SET NEXT OPERATION AS A READ FROM THE COMMUNICATIONS REGISTER. (0x08) 1 (DATA NOT READY) POLL DRDY OUTPUT READ THE COMMUNICATIONS REGISTER (8 BITS)
POLL DRDY BIT 0 (DATA READY) WRITE TO THE COMMUNICATIONS REGISTER. SET NEXT OPERATION AS A READ FROM THE DATA REGISTER. (0x38) 0 (DATA READY)
1 (DATA NOT READY)
READ THE DATA REGISTER (16 BITS)
Figure 11. Sample Flow Diagram for Data Conversion ______________________________________________________________________________________ 27
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Using FSYNC When FSYNC = 1, the digital filter and analog modulator are in a reset state, inhibiting normal operation. Set FSYNC = 0 to begin calibration or conversion. When configured for normal operation (MD0 and MD1 set to 0), DRDY goes low 3 x 1/output data rate after FSYNC goes low to indicate that the new conversion result is ready to be read from the data register. DRDY returns high when a read operation on the data register is complete. As long as FSYNC remains low, the MX7705 performs free-running conversions with the data registers updating at the output data rate. If the valid data is not read before the next conversion result is ready, DRDY returns high for 500 x 1/fCLKIN before going low again to indicate a new conversion. Set FSYNC = 1 to stop converting data. If FSYNC goes high while DRDY is low (indicating that valid data has not yet been read from the data register), DRDY does not reset high. DRDY remains low until the new data is read from the data register or until FSYNC goes low to begin a new conversion. Table 15 provides the duration-to-mode bits and duration-to-DRDY for each calibration sequence. Duration-tomode bits provide the time required for the calibration sequence to complete (MD1 and MD0 return to 0). Duration-to-DRDY provides the time until the first conversion result is valid in the data register (DRDY goes low). The pipeline delay necessary to ensure that the first conversion result is valid is tP (tP = 2000 x 1/fCLKIN). When selecting self-calibration (MD1 = 0, MD0 = 1), DRDY goes low 9 x 1/output data rate + tP after FSYNC goes low (or after a write operation to the setup register with MD1 = 0 and MD0 = 1 is performed while FSYNC is already low) to indicate new data in the data register. The pipeline delay required to ensure that the first conversion result is valid is tP (tP = 2000 x 1/fCLKIN).
MX7705
When zero-scale or full-scale calibration is selected, DRDY goes low 4 x 1/output data rate + tP after FSYNC goes low (or while the zero-scale or full-scale calibration command is issued when FSYNC is already low) to indicate new data in the data register (see the Calibration section).
Calibration
To compensate for errors introduced by temperature variations or system DC offsets, perform an on-chip calibration. Select calibration options by writing to the MD1 and MD0 bits in the setup register (Table 9). Calibration removes gain and offset errors from the device and/or the system. Recalibrate with changes in ambient temperature, supply voltage, bipolar/unipolar mode, PGA gain, and output data rate. The MX7705 offers two calibration modes, self-calibration and system calibration. The channels of the MX7705 are independently calibrated (Table 8). The calibration coefficients resulting from a calibration sequence on a selected channel are stored in the corresponding offset and gain-register pair. Self- and system calibration automatically calculate the offset and gain coefficients, which are written to the offset and gain registers. These offset and gain coefficients provide offset and gain-error correction for the specified channel. Self-Calibration Self-calibration compensates for offset and gain errors internal to the ADC. Prior to calibration, set the PGA gain, unipolar/bipolar mode, and input channel setting. During self-calibration, AIN+ and AIN- of the selected channel are internally shorted together. The ADC calibrates this condition as the zero-scale output level. For bipolar mode, this zero-scale point is the midscale of the bipolar transfer function.
Table 15. Calibration Sequences
CALIBRATION TYPE (MD1, MD0) Self-calibration (0,1) CALIBRATION SEQUENCE Internal zero-scale calibration at selected gain + internal full-scale calibration at selected gain Zero-scale calibration on AIN at selected gain Full-scale calibration on AIN at selected gain DURATION-TO-MODE BITS* 6 x 1/output data rate DURATION TO DRDY**
9 x 1/output data rate + tP
Zero-scale system calibration (1,0) Full-scale system calibration (1,1)
3 x 1/output data rate 3 x 1/output data rate
4 x 1/output data rate + tP 4 x 1/output data rate + tP
*Duration-to-mode bits represents the completion of the calibration sequence. **Duration to DRDY represents the time at which a new conversion result is available in the data register. 28 ______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Next, an internally generated voltage (VREF / GAIN) is applied across AIN+ and AIN-. This condition results in the full-scale calibration. Start self-calibration by setting MD1 = 0, MD0 = 1, and FSYNC = 0 in the setup register. Self-calibration completes in 6 x 1/output data rate. The MD1 and MD0 bits both return to zero at the end of calibration. The device returns to normal acquisition mode and performs a conversion, which completes in 3 x 1/output data rate after the self-calibration sequence. The DRDY output goes high at the start of calibration and falls low when the calibration is complete and the next conversion result is valid in the data register. The total time for self-calibration and one conversion (time until DRDY goes low) is 9 x 1/output data rate. If DRDY is low before or goes low during the calibration command write to the setup register, DRDY takes up to one additional modulator cycle (128/fCLKIN) to return high to indicate a calibration or conversion in progress. System Calibration System calibration compensates for offset and gain errors for the entire analog signal path including the ADC, signal conditioning, and signal source. System calibration is a two-step process and requires individual zero-scale and full-scale calibrations on the selected channel at a specified PGA gain. Recalibration is recommended with changes in ambient temperature, supply voltage, bipolar/unipolar mode, PGA gain, and output data rate. Before starting calibration, set the PGA gain and the desired channel. Set the zero-scale reference point across AIN+ and AIN-. Start the zero-scale calibration by setting MD1 = 1, MD0 = 0, and FSYNC = 0 in the setup register. When zeroscale calibration is complete (3 x 1/output data rate), MD1 and MD0 both return to zero. DRDY goes high at the start of the zero-scale system calibration and returns low when there is a valid word in the data register (4 x 1/output data rate). The time until DRDY goes low is comprised of one zero-scale calibration sequence (3 x 1/output data rate) and one conversion on the AIN voltage (1 x 1/output data rate). If DRDY is low before or goes low during the calibration command write to the setup register, DRDY takes up to one additional modulator cycle (128/fCLKIN) to return high to indicate a calibration or conversion in progress. After performing a zero-scale calibration, connect the analog inputs to the full-scale voltage level (V REF / GAIN). Perform a full-scale calibration by setting MD1 = 1 and MD0 = 1. After 3 x 1/output data rate, MD1 and MD0 both return to zero at the completion of full-scale calibration. DRDY goes high at the beginning of calibration and returns low after calibration is complete and new data is in the data register (4 x 1/output data rate). The time until DRDY goes low is comprised of one full-scale calibration sequence (3 x 1/output data rate) and one conversion on the AIN voltage (1 x 1/output data rate). If DRDY is low before or goes low during the calibration-command write to the setup register, DRDY takes up to one additional modulator cycle (128/fCLKIN) to return high to indicate a calibration or conversion in progress. In bipolar mode, the midpoint (zero scale) and positive full scale of the transfer function are used to calculate the calibration coefficients of the gain and offset registers. In unipolar mode, system calibration is performed using the two endpoints of the transfer function (Figures 4 and 5).
MX7705
Power-Down Modes
The MX7705 includes a power-down mode to save power. Select power-down mode by setting PD = 1 in the communications register. The PD bit does not affect the serial interface or the status of the DRDY line. While in power-down mode, the MX7705 retains the contents of all of its registers. Placing the part in power-down mode reduces current consumption to 2A (typ) when in external clock mode and with CLKIN connected to VDD or GND. If DRDY is high before the part enters power-down mode, then DRDY remains high until the part returns to normal operation mode and new data is available in the data register. If DRDY is low before the part enters power-down mode, indicating new data in the data register, the data register can be read during power-down mode. DRDY goes high at the end of this read operation. If the new data remains unread, DRDY stays low until the MX7705 is taken out of power-down mode and resumes data conversion. Resume normal operation by setting PD = 0. The device begins a new conversion with a result appearing in 3 x 1/output data rate + tP, where tP = 2000 x 1/fCLKIN, after PD is set to 0. If the clock is stopped during power-down mode, allow sufficient time for the clock to start up before resuming conversion. If CLKDIS = 0, CLKOUT remains active during powerdown mode to provide a clock source for other devices in the system.
______________________________________________________________________________________
29
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Applications Information
Applications Examples
Strain-Gauge Measurement Connect the differential inputs of the MX7705 to the bridge network of the strain gauge. In Figure 12, the analog positive supply voltage powers the bridge network and the MX7705, along with the reference voltage in a ratiometric configuration. The on-chip PGA allows the MX7705 to handle an analog input voltage range as low as 20mV to full scale. Temperature Measurement Use the MX7705 for temperature measurements from a thermocouple (Figure 13). Operate the MX7705 in buffered mode to allow large decoupling capacitors at the analog inputs. The decoupling capacitors eliminate any noise pickup from the thermocouple leads. AIN1- is biased up at the reference voltage to accommodate the reduced common-mode input range in buffered mode. Optical Isolation For applications that require an optically isolated interface, see Figure 14. With 6N136-type optocouplers, maximum clock speed is 4MHz. Maximum clock speed is limited by the degree of mismatch between the individual optocouplers. Faster optocouplers allow faster signaling at a higher cost. Layout, Grounding, Bypassing Use PC boards with separate analog and digital ground planes. Connect the two ground planes together at the MX7705 GND. Isolate the digital supply from the analog with a low-value resistor (10) or ferrite bead when the analog and digital supplies come from the same source. Ensure that digital return currents do not pass through the analog ground and that return-current paths are low impedance. A 5mA current flowing through a PC board ground trace impedance of only 0.05 creates an error voltage of about 250V. Layout the PC board to ensure digital and analog signal lines are kept separate. Do not run digital lines (especially the SCLK and DOUT) parallel to any analog lines. If they must cross another, do so at right angles. Bypass VDD to the analog ground plane with a 0.1F capacitor in parallel with a 1F to 10F low-ESR capacitor. Keep capacitor leads short for best supply-noise rejection. Bypass REF+ and REF- with a 0.1F capacitor to GND. Place all bypass capacitors as close to the device as possible to achieve the best decoupling.
VDD 10F
0.1F
REF+ RREF 0.1F
VDD
CLKIN
REF0.1F ACTIVE GAUGE
CLKOUT
MX7705
R AIN1+ AIN1-
CS SCLK DIN DOUT DRDY RESET
DUMMY GAUGE
R GND
Figure 12. Strain-Gauge Measurement
VDD = 3V/5V* 10F 10F
VDD AIN1+ AIN1-
CLKIN
THERMOCOUPLE JUNCTION
CLKOUT
MX7705
1.225V/2.5V REFERENCE* 0.1F REF0.1F GND REF+
CS
SCLK DIN DOUT DRDY RESET
*USE A 1.225V REFERENCE FOR VDD = 3V OR A 2.5V REFERENCE FOR VDD = 5V.
Figure 13. Temperature Measurement 30 ______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) is the deviation of the values on an actual transfer function from a straight line. This straight line is either a best-straight-line fit or a line drawn between the endpoints of the transfer function, once offset and gain errors have been nullified. INL for the MX7705 is measured using the endpoint method. This is the more conservative method.
+VDD VDD 2k VCC 6N136 470k MOSI DIN
MX7705
ISO 3V/5V
MX7705
Unipolar Offset Error
For an ideal converter, the first transition occurs at 0.5 LSB above zero. Offset error is the amount of deviation between the measured first transition point and the ideal point.
2k VCC 6N136 470k SCK VCC 2k 470k SCLK
Bipolar Zero Error
In bipolar mode, the ideal midscale transition occurs at AIN+ - AIN- = 0. Bipolar zero error is the measured deviation from this ideal value.
Gain Error
With a full-scale analog input voltage applied to the ADC (resulting in all ones in the digital code), gain error is defined as the amount of deviation between the ideal transfer function and the measured transfer function (with the offset error or bipolar zero error removed). Gain error is usually expressed in LSB or a percent of full-scale range (%FSR).
MISO 6N136
DOUT
CS
CS
Positive Full-Scale Error
For the ideal transfer curve, the code edge transition that causes a full-scale transition to occur is 1.5 LSB below full scale. The positive full-scale error is the difference between this code transition of the ideal transfer function and the actual measured value at this code transition. Unlike gain error, unipolar offset error and bipolar zero error are included in the positive full-scale error measurement.
Figure 14. Optically Isolated Interface
Bipolar Negative Full-Scale Error
For the ideal transfer curve, the code edge transition that causes a negative full-scale transition to occur is 0.5 LSB above negative full scale. The negative full-scale error is the difference between this code transition of the ideal transfer function and the actual measured value at this code transition.
both input terminals. The common-mode signal can be either an AC or a DC signal or a combination of the two. CMR is often expressed in decibels. Common-mode rejection ratio (CMRR) is the ratio of the differential signal gain to the common-mode signal gain.
Power-Supply Rejection Ratio
Power-supply rejection ratio (PSRR) is the ratio of the input signal change (V) to the change in the converter output (V). It is typically measured in decibels.
Input Common-Mode Rejection
Input common-mode rejection (CMR) is the ability of a device to reject a signal that is common to or applied to
Chip Information
TRANSISTOR COUNT: 42,000 PROCESS: BiCMOS
______________________________________________________________________________________
31
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
PDIPN.EPS
32
______________________________________________________________________________________
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
SOICW.EPS
MX7705
INCHES
N
MILLIMETERS MIN 2.35 0.10 0.35 0.23 MAX 2.65 0.30 0.49 0.32
E
H
DIM A A1 B C e E H L
MAX MIN 0.104 0.093 0.012 0.004 0.019 0.014 0.013 0.009 0.050 0.299 0.291 0.394 0.419 0.050 0.016
1.27 7.40 7.60 10.00 10.65 0.40 1.27
VARIATIONS:
1
INCHES
MILLIMETERS MIN 10.10 11.35 12.60 15.20 17.70 MAX 10.50 11.75 13.00 15.60 18.10 N MS013 16 AA 18 AB 20 AC 24 AD 28 AE
TOP VIEW
D
DIM D D D D D
MIN 0.398 0.447 0.496 0.598 0.697
MAX 0.413 0.463 0.512 0.614 0.713
A e B
C 0 -8 L
A1
FRONT VIEW
SIDE VIEW
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, .300" SOIC
APPROVAL DOCUMENT CONTROL NO. REV.
21-0042
B
1 1
______________________________________________________________________________________
33
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC MX7705
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
TSSOP4.40mm.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
34 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2003 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MX7705EPE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X