Part Number Hot Search : 
C221M AL4V183 34S331K IRG4BC30 0202358 WT4433AM 0603C10 TBL01G
Product Description
Full Text Search
 

To Download MUR860 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR840, MUR860, RURP840, RURP860
Data Sheet January 2000 File Number 2091.4
8A, 400V - 600V Ultrafast Diodes
The MUR840, MUR860, RURP840 and RURP860 are low forward voltage drop ultrafast recovery rectifiers (trr < 60ns). They use a glass-passivated ion-implanted, epitaxial construction. These devices are intended for use as output rectifiers and flywheel diodes in a variety of high-frequency pulse-width modulated switching regulators. Their low stored charge and attendant fast reverse-recovery behavior minimize electrical noise generation and in many circuits markedly reduce the turn-on dissipation of the associated power switching transistors. Formerly developmental type TA09616.
Features
* Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <60ns * Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC * Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V * Avalanche Energy Rated * Planar Construction
Applications
* Switching Power Supplies * Power Switching Circuits * General Purpose
Ordering Information
PART NUMBER MUR840 RURP840 MUR860 RURP860 PACKAGE TO-220AC TO-220AC TO-220AC TO-220AC BRAND MUR840 RURP840 MUR860 RURP860
Packaging
JEDEC TO-220AC
ANODE CATHODE CATHODE (FLANGE)
NOTE: When ordering, use the entire part number.
Symbol
K
A
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified MUR840 RURP840 400 400 400 8 16 100 75 20 -65 to 175 300 260 MUR860 RURP860 600 600 600 8 16 100 75 20 -65 to 175 300 260 UNITS V V V A A A W mJ oC
oC oC
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IF(AV) (TC = 155oC) Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM (Square Wave, 20kHz) Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM (Halfwave, 1 Phase, 60Hz) Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Avalanche Energy (See Figures 10 and 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ Maximum Lead Temperature for Soldering Leads at 0.063 in. (1.6mm) from case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, see Tech Brief 334. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TPKG
1
1-888-INTERSIL or 321-724-7143 | Copyright
(c) Intersil Corporation 2000
MUR840, MUR860, RURP840, RURP860
Electrical Specifications
TC = 25oC, Unless Otherwise Specified MUR840, RURP840 SYMBOL VF TEST CONDITION IF = 8A IF = 8A, TC = 150oC IR VR = 400V VR = 600V VR = 400V, TC = 150oC VR = 600V, TC = 150oC trr IF = 1A, dIF/dt = 200A/s IF = 8A, dIF/dt = 200A/s ta tb QRR CJ RJC DEFINITIONS VF = Instantaneous forward voltage (pw = 300s, D = 2%). IR = Instantaneous reverse current. trr = Reverse recovery time (See Figure 9), summation of ta + tb. ta = Time to reach peak reverse current (See Figure 9). tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 9). QRR = Reverse recovery charge. CJ = Junction Capacitance. RJC = Thermal resistance junction to case. pw = pulse width. D = duty cycle. IF = 8A, dIF/dt = 200A/s IF = 8A, dIF/dt = 200A/s IF = 8A, dIF/dt = 200A/s VR = 10V, IF = 0A MIN TYP 32 21 195 25 MAX 1.3 1.0 100 500 60 70 2 MIN MUR860, RURP860 TYP 32 21 195 25 MAX 1.5 1.2 100 500 60 70 2 UNITS V V A A A A ns ns ns ns nC pF
oC/W
Typical Performance Curves
40 500 IR , REVERSE CURRENT (A) 100 175oC 100oC
IF, FORWARD CURRENT (A)
10
10
100oC 175oC 1 0.5 0 25oC 0.5 1 1.5 2 2.5
1
0.1
25oC
0.01
0
100
200
300
400
500
600
VF, FORWARD VOLTAGE (V)
VR , REVERSE VOLTAGE (V)
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
2
MUR840, MUR860, RURP840, RURP860 Typical Performance Curves
60 TC = 25oC, dIF/dt = 200A/s 50 t, RECOVERY TIMES (ns) t, RECOVERY TIMES (ns) 40 80
(Continued)
100 TC = 100oC, dIF/dt = 200A/s
trr
60
trr
30 20 10 0 0.5
ta tb
40
ta tb
20
1 IF, FORWARD CURRENT (A)
4
8
0 0.5
1 IF, FORWARD CURRENT (A)
4
8
FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. trr, ta AND tb CURVES vs FORWARD CURRENT
IF(AV) , AVERAGE FORWARD CURRENT (A)
125 TC = 175oC, dIF/dt = 200A/s t, RECOVERY TIMES (ns) 100
8 DC 6 SQ. WAVE 4
trr
75
50
ta tb
2
25
0 0.5
0 140
145
150
155
160
165
170
175
1 IF, FORWARD CURRENT (A)
4
8 TC , CASE TEMPERATURE (oC)
FIGURE 5. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 6. CURRENT DERATING CURVE
100 CJ , JUNCTION CAPACITANCE (pF)
80
60
40
20
0
0
50
100
150
200
VR , REVERSE VOLTAGE (V)
FIGURE 7. JUNCTION CAPACITANCE vs REVERSE VOLTAGE
3
MUR840, MUR860, RURP840, RURP860 Test Circuits and Waveforms
VGE AMPLITUDE AND RG CONTROL dIF/dt t1 AND t2 CONTROL IF
L
DUT RG VGE t1 t2
CURRENT SENSE + VDD 0
IF
dIF dt ta
trr tb
IGBT
-
0.25 IRM IRM
FIGURE 8. trr TEST CIRCUIT
I = 1A L = 40mH R < 0.1 EAVL = 1/2LI2 [VR(AVL) /(VR(AVL) - VDD)] Q1 = IGBT (BVCES > DUT VR(AVL)) L CURRENT SENSE Q1 VDD DUT R + VDD IV
FIGURE 9. trr WAVEFORMS AND DEFINITIONS
VAVL
IL
IL
t0 t1 t2 t
FIGURE 10. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 11. AVALANCHE CURRENT AND VOLTAGE WAVEFORMS
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com 4


▲Up To Search▲   

 
Price & Availability of MUR860

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X