Part Number Hot Search : 
CERA44U LD1026 TDA3803A A7812 AD5252 1N5471A RB551 30007
Product Description
Full Text Search
 

To Download MOC205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MOC205/D
Small Outline Optoisolators
Transistor Output
These devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon phototransistor detector, in a surface mountable, small outline, plastic package. They are ideally suited for high density applications, and eliminate the need for through-the-board mounting. * Convenient Plastic SOIC-8 Surface Mountable Package Style * Closely Matched Current Transfer Ratios * Minimum V(BR)CEO of 70 Volts Guaranteed * Standard SOIC-8 Footprint, with 0.050 Lead Spacing * Shipped in Tape and Reel, which Conforms to EIA Standard RS481A * Compatible with Dual Wave, Vapor Phase and IR Reflow Soldering * High Input-Output Isolation of 3000 Vac (rms) Guaranteed * UL Recognized Ordering Information: * To obtain MOC205, 206, 207, 208 in Tape and Reel, add R2 suffix to device numbers: R2 = 2500 units on 13 reel * To obtain MOC205, 206, 207, 208 in quantities of 50 (shipped in sleeves) -- No Suffix Marking Information: * MOC205 = 205 * MOC206 = 206 * MOC207 = 207 * MOC208 = 208 Applications: * Feedback Control Circuits * Interfacing and coupling systems of different potentials and impedances * General Purpose Switching Circuits * Monitor and Detection Circuits MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating INPUT LED Forward Current -- Continuous Forward Current -- Peak (PW = 100 s, 120 pps) Reverse Voltage LED Power Dissipation @ TA = 25C Derate above 25C OUTPUT TRANSISTOR Collector-Emitter Voltage Collector-Base Voltage Emitter-Collector Voltage Collector Current -- Continuous Detector Power Dissipation @ TA = 25C Derate above 25C VCEO VCBO VECO IC PD 70 70 7.0 150 150 1.76 V V V mA mW mW/C IF IF(pk) VR PD 60 1.0 6.0 90 0.8 mA A V mW mW/C 4 2 3 Symbol Value Unit 1
MOC205 MOC206* MOC207* MOC208*
[CTR = 40 - 80%] [CTR = 63 - 125%] [CTR = 100 - 200%] [CTR = 40 - 125%] *Motorola Preferred Devices
File #E54915
SMALL OUTLINE OPTOISOLATORS TRANSISTOR OUTPUT
CASE 846-01, STYLE 1 PLASTIC
SCHEMATIC
8 7 6 5
1. 2. 3. 4. 5. 6. 7. 8.
LED ANODE LED CATHODE NO CONNECTION NO CONNECTION EMITTER COLLECTOR BASE NO CONNECTION
NOTE: Thickness through insulation between input and output 0.5 mm.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 1
(c)MotorolaInc. 1995 Motorola, Optoelectronics Device Data
1
MOC205 MOC206 MOC207 MOC208
MAXIMUM RATINGS -- continued (TA = 25C unless otherwise noted)
Rating TOTAL DEVICE Input-Output Isolation Voltage(1,2) (60 Hz, 1.0 sec. duration) Total Device Power Dissipation @ TA = 25C Derate above 25C Ambient Operating Temperature Range(3) Storage Temperature Range(3) Lead Soldering Temperature (1/16 from case, 10 sec. duration) VISO PD TA Tstg -- 3000 250 2.94 -55 to +100 -55 to +150 260 Vac(rms) mW mW/C C C C Symbol Value Unit
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)(4)
Characteristic INPUT LED Forward Voltage (IF = 10 mA) Reverse Leakage Current (VR = 6.0 V) Capacitance OUTPUT TRANSISTOR Collector-Emitter Dark Current (VCE = 10 V, TA = 25C) (VCE = 10 V, TA = 100C) ICEO1 ICEO2 V(BR)CEO V(BR)ECO CCE MOC205 MOC206 MOC207 MOC208 IC (CTR)(5) -- -- 70 7.0 -- 4.0 (40) 6.3 (63) 10 (100) 4.0 (40) -- -- -- -- -- 3000 1011 -- 1.0 1.0 120 7.8 7.0 6.0 (60) 9.4 (94) 15 (150) 8.0 (80) 0.15 3.0 2.8 1.6 2.2 -- -- 0.2 50 -- -- -- -- 8.0 (80) 12.5 (125) 20 (200) 12.5 (125) 0.4 -- -- -- -- -- -- -- nA A V V pF mA (%) VF IR C -- -- -- 1.15 0.1 18 1.5 100 -- V Symbol Min Typ(4) Max Unit
mA
pF
Collector-Emitter Breakdown Voltage (IC = 100 A) Emitter-Collector Breakdown Voltage (IE = 100 A) Collector-Emitter Capacitance (f = 1.0 MHz, VCE = 0) COUPLED Output Collector Current (IF = 10 mA, VCE = 10 V)
Collector-Emitter Saturation Voltage (IC = 2.0 mA, IF = 10 mA) Turn-On Time (IC = 2.0 mA, VCC = 10 V, RL = 100 ) Turn-Off Time (IC = 2.0 mA, VCC = 10 V, RL = 100 ) Rise Time (IC = 2.0 mA, VCC = 10 V, RL = 100 ) Fall Time (IC = 2.0 mA, VCC = 10 V, RL = 100 ) Input-Output Isolation Voltage (f = 60 Hz, t = 1.0 sec.)(1,2) Isolation Resistance (VI-O = 500 V)(2) Isolation Capacitance (VI-O = 0, f = 1.0 MHz)(2) 1. 2. 3. 4. 5.
VCE(sat) ton toff tr tf VISO RISO CISO
V s s s s Vac(rms) pF
Input-Output Isolation Voltage, VISO, is an internal device dielectric breakdown rating. For this test, pins 1 and 2 are common, and pins 5, 6 and 7 are common. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions. Always design to the specified minimum/maximum electrical limits (where applicable). Current Transfer Ratio (CTR) = IC/IF x 100%.
2
Motorola Optoelectronics Device Data
MOC205 MOC206 MOC207 MOC208
TYPICAL CHARACTERISTICS
IC, OUTPUT COLLECTOR CURRENT (NORMALIZED) 2 VF , FORWARD VOLTAGE (VOLTS) 1.8 PULSE ONLY PULSE OR DC 10 NORMALIZED TO: IF = 10 mA 1
1.6
1.4 TA = - 55C 1.2 25C 1 100C 1 10 100 IF, LED FORWARD CURRENT (mA) 1000
0.1
0.01
0.5
1 2 5 10 20 IF, LED INPUT CURRENT (mA)
50
Figure 1. LED Forward Voltage versus Forward Current
I C , OUTPUT COLLECTOR CURRENT (NORMALIZED)
Figure 2. Output Current versus Input Current
IC, OUTPUT COLLECTOR CURRENT (mA)
16 14 12 10 8 6 4 2 0 0 1 3 4 5 6 8 7 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 2 9 10 MOC206 MOC205 IF = 10 mA MOC207
10
NORMALIZED TO: TA = 25C
1
0.1 -60
-40
-20
0 20 40 60 80 TA, AMBIENT TEMPERATURE (C)
100
120
Figure 3. Output Current versus Collector-Emitter Voltage
ICEO, COLLECTOR-EMITTER DARK CURRENT (NORMALIZED)
Figure 4. Output Current versus Ambient Temperature
20 103 102 10 V 101 100 NORMALIZED TO: VCE = 10 V TA = 25C VCE = 70 V 30 V C, CAPACITANCE (pF) 18 16 14 12 10 8 6 4 0 100 2 0.01 0.1 1 V, VOLTAGE (VOLTS) 10 100 CCE CLED f = 1 MHz
10-1 20 40 60 80 TA, AMBIENT TEMPERATURE (C)
Figure 5. Dark Current versus Ambient Temperature
Figure 6. Capacitance versus Voltage
Motorola Optoelectronics Device Data
3
MOC205 MOC206 MOC207 MOC208
PACKAGE DIMENSIONS
-A-
8
5
K
1 4
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.182 0.202 0.144 0.164 0.123 0.143 0.011 0.021 0.050 BSC 0.003 0.008 0.006 0.010 0.224 0.244 STYLE 1: PIN 1. 2. 3. 4. 5. 6. 7. 8. MILLIMETERS MIN MAX 4.63 5.13 3.66 4.16 3.13 3.63 0.28 0.53 1.27 BSC 0.08 0.20 0.16 0.25 5.69 6.19
G
D 8 PL 0.13 (0.005)
M
TA
M
-T-
SEATING PLANE
C
DIM A B C D G H J K
0.038 (0.0015) H J
ANODE CATHODE NC NC EMITTER COLLECTOR BASE NC
CASE 846-01 ISSUE B
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us: USA / EUROPE: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE (602) 244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, Toshikatsu Otsuki, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-3521-8315 HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
4
*MOC205/D*
Motorola Optoelectronics Device Data MOC205/D


▲Up To Search▲   

 
Price & Availability of MOC205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X