Part Number Hot Search : 
DMN60 DMN60 TI165F11 0DC24 NTE1558 DMN60 74HC00 102M10V
Product Description
Full Text Search
 

To Download MOC205-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT MOC205-M
DESCRIPTION
These devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon phototransistor detector, in a surface mountable, small outline, plastic package. They are ideally suited for high density applications, and eliminate the need for through - the - board mounting.
MOC206-M
MOC207-M
MOC208-M
FEATURES
* U.L. Recognized (File #E90700, Volume 2) * VDE Recognized (File #136616) (add option "V" for VDE approval, i.e, MOC205V-M) * Closely Matched Current Transfer Ratios * Convenient Plastic SOIC-8 Surface Mountable Package Style * Minimum BVCEO of 70 Volts Guaranteed * Standard SOIC-8 Footprint, with 0.050" Lead Spacing * Compatible with Dual Wave, Vapor Phase and IR Reflow Soldering * High Input-Output Isolation of 2500 VAC(rms) Guaranteed
ANODE 1
8 N/C
CATHODE 2
7 BASE
APPLICATIONS
* Feedback Control Circuits * Interfacing and coupling systems of different potentials and impedances * General Purpose Switching Circuits * Monitor and Detection Circuits
N/C 3
6 COLLECTOR
N/C 4
5 EMITTER
(c) 2003 Fairchild Semiconductor Corporation
Page 1 of 10
4/10/03
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT MOC205-M MOC206-M MOC207-M MOC208-M
ABSOLUTE MAXIMUM RATINGS (TA = 25C Unless otherwise specified)
Rating EMITTER Forward Current - Continuous Forward Current - Peak (PW = 100 s, 120 pps) Reverse Voltage LED Power Dissipation @ TA = 25C Derate above 25C DETECTOR Collector-Emitter Voltage Emitter-Collector Voltage Collector-Base Voltage Collector Current-Continuous Detector Power Dissipation @ TA = 25C Derate above 25C TOTAL DEVICE Input-Output Isolation Voltage (1,2,3) (f = 60 Hz, t = 1 min.) Total Device Power Dissipation @ TA = 25C Derate above 25C Ambient Operating Temperature Range Storage Temperature Range VISO PD TA Tstg 2500 250 2.94 -40 to +100 -40 to +150 Vac(rms) mW mW/C C C VECO VCBO IC PD 7.0 70 150 150 1.76 V V mA mW mW/C IF IF (pk) VR PD VCEO 60 1.0 6.0 90 0.8 70 mA A V mW mW/C V Symbol Value Unit
(c) 2003 Fairchild Semiconductor Corporation
Page 2 of 10
4/10/03
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT MOC205-M MOC206-M MOC207-M MOC208-M
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise specified)
Parameter EMITTER Input Forward Voltage Reverse Leakage Current Input Capacitance DETECTOR Collector-Emitter Dark Current Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Capacitance COUPLED Collector-Output Current(4) MOC205-M MOC206-M MOC207-M MOC208-M 40 63 100 40 2500 1011 -- -- -- -- -- -- -- -- -- -- -- -- -- 0.2 7.5 5.7 3.2 4.7 80 125 200 125 -- -- 0.4 -- -- -- -- -- (VCE = 10 V, TA = 25C) (VCE = 10 V, TA = 100C) (IC = 100 A) (IE = 100 A) (f = 1.0 MHz, VCE = 0) ICEO1 ICEO2 BVCEO BVECO CCE -- -- 70 7.0 -- 1.0 1.0 100 10 7.0 50 -- -- -- -- nA A V V pF (IF = 10 mA) (VR = 6.0 V) VF IR CIN -- -- -- 1.15 0.001 18 1.5 100 -- V A pF Test Conditions Symbol Min Typ** Max Unit
(IF = 10 mA, VCE = 10 V)
CTR
%
Isolation Surge Voltage(1,2,3) Isolation Resistance(2) Collector-Emitter Saturation Voltage Isolation Capacitance(2) Turn-On Time Turn-Off Time Rise Time Fall Time
(f = 60 Hz AC Peak, t = 1 min.) (V = 500 V) (IC = 2 mA, IF = 10 mA) (V = 0 V, f = 1 MHz) (IC = 2.0 mA, VCC = 10 V, RL = 100 ) (Fig. 6) (IC = 2.0 mA, VCC = 10 V, RL = 100 ) (Fig. 6) (IC = 2.0 mA, VCC = 10 V, RL = 100 ) (Fig. 6) (IC = 2.0 mA, VCC = 10 V, RL = 100 ) (Fig. 6)
VISO RISO VCE (sat) CISO ton toff tr tf
Vac(rms) V pF s s s s
** Typical values at TA = 25C 1. Isolation Surge Voltage, VISO, is an internal device dielectric breakdown rating. 2. For this test, Pins 1 and 2 are common and Pins 5, 6 and 7 are common. 3. VISO rating of 2500 VAC(rms) for t = 1 min. is equivalent to a rating of 3,000 VAC(rms) for t = 1 sec. 4. Current Transfer Ratio (CTR) = IC/IF x 100%.
(c) 2003 Fairchild Semiconductor Corporation
Page 3 of 10
4/10/03
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT MOC205-M
1.8
MOC206-M
MOC207-M
10
MOC208-M
Fig. 1 LED Forward Voltage vs. Forward Current
I C - OUTPUT COLLECTOR CURRENT (NORMALIZED)
Fig. 2 Output Curent vs. Input Current
1.7
VF - FORWARD VOLTAGE (V)
1.6
1.5
1
VCE = 5V NORMALIZED TO IF = 10mA
1.4 TA = -55C 1.3 TA = 25C
1.2
0.1
1.1
TA = 100C
1.0 1 10 100
IF - LED FORWARD CURRENT (mA)
0.01 0.1 1 10 100
Fig. 3 Output Current vs. Ambient Temperature
10
IF - LED INPUT CURRENT (mA)
Fig. 4 Output Current vs. Collector - Emitter Voltage
I C - OUTPUT COLLECTOR CURRENT (NORMALIZED)
1.6
I C - OUTPUT COLLECTOR CURRENT (NORMALIZED)
1.4
1.2
1.0
1
0.8
0.6
0.4
0.2 I F = 10mA NORMALIZED TO VCE = 5V 0.0 0 1 2 3 4 5 6 7 8 9 10
NORMALIZED TO TA = 25C 0.1 -80 -60 -40 -20 0 20 40 60 80 100 120
TA - AMBIENT TEMPERATURE (C)
VCE - COLLECTOR -EMITTER VOLTAGE (V)
Fig. 5 Dark Current vs. Ambient Temperature
10000 1.0 0.9 VCE=10V
Fig. 6 CTR vs. RBE (Unsaturated)
I CEO - COLLECTOR -EMITTER DARK CURRENT (nA)
IF = 20mA
0.8 0.7 0.6 0.5
1000
IF = 10mA
100
NORMALIZED CTR
IF = 5mA
0.4 0.3 0.2
10
1
0.1 0.0 10
VCE = 5V, TA = 25C Normalized to: CTR at RBE = Open
100 100 0
0.1 0 20 40 60 80 100
RBE - BASE RESISTANCE (k)
TA - AMBIENT TEMPERATURE (C)
(c) 2003 Fairchild Semiconductor Corporation
Page 4 of 10
4/10/03
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT MOC205-M
1.0 0.9
3.5
MOC206-M
MOC207-M
4.0 VCC = 10V IC = 2mA RL = 100 NORMALIZED TO : ton AT RBE = OPEN
MOC208-M
Fig. 7 CTR vs. RBE (Saturated)
Fig. 8 Normalized ton vs. RBE
0.8 IF = 20mA
3.0
NORMALIZED CTR
0.7 0.6 0.5 IF = 5mA 0.4 0.3 0.2 0.1 0.0 10 VCE = 0.3V, TA = 25C Normalized to: CTR at RBE = Open 100 1000
0.5
IF = 10mA
NORMALIZED ton
2.5 2.0 1.5 1.0
0.0 0.01
0.1
1
10
100
RBE - BASE RESISTANCE (k)
RBE - BASE RESISTANCE (M)
Fig. 9 Normalized toff vs. RBE
1.6 1.4 1.2 VCC = 10V IC = 2mA RL = 100 NORMALIZED TO : toff AT RBE = OPEN f
NORMALIZED toff f
1.0 0.8 0.6 0.4 0.2 0.0 0.01
0.1
1
10
100
RBE - BASE RESISTANCE (M)
(c) 2003 Fairchild Semiconductor Corporation
Page 5 of 10
4/10/03
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT MOC205-M MOC206-M MOC207-M MOC208-M
TEST CIRCUIT
VCC = 10V
WAVE FORMS
INPUT PULSE
IF INPUT RBE
IC
RL
10% 90% tr ton Adjust IF to produce IC = 2 mA tf toff OUTPUT PULSE
OUTPUT
Figure 6. Switching Time Test Circuit and Waveforms
(c) 2003 Fairchild Semiconductor Corporation
Page 6 of 10
4/10/03
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT MOC205-M MOC206-M MOC207-M MOC208-M
Package Dimensions (Surface Mount)
PIN 1 ID.
8-Pin Small Outline
0.024 (0.61)
0.164 (4.16) 0.144 (3.66)
SEATING PLANE
0.060 (1.52)
0.202 (5.13) 0.182 (4.63)
0.275 (6.99) 0.155 (3.94)
0.010 (0.25) 0.006 (0.16)
0.143 (3.63) 0.123 (3.13)
0.021 (0.53) 0.011 (0.28)
0.008 (0.20) 0.003 (0.08) 0.050 (1.27) TYP
0.244 (6.19) 0.224 (5.69)
0.050 (1.27)
Lead Coplanarity : 0.004 (0.10) MAX
(c) 2003 Fairchild Semiconductor Corporation
Page 7 of 10
4/10/03
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT MOC205-M MOC206-M MOC207-M MOC208-M
ORDERING INFORMATION
Option V R1 R1V R2 R2V Order Entry Identifier V R1 R1V R2 R2V Description VDE 0884 Tape and reel (500 units per reel) VDE 0884, Tape and reel (500 units per reel) Tape and reel (2500 units per reel) VDE 0884, Tape and reel (2500 units per reel)
MARKING INFORMATION
1
205 V X YY S
2
6
3
4
5
Definitions
1 2 3 4 5 6 Fairchild logo Device number VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) One digit year code, e.g., `3' Two digit work week ranging from `01' to `53' Assembly package code
(c) 2003 Fairchild Semiconductor Corporation
Page 8 of 10
4/10/03
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT MOC205-M
Carrier Tape Specifications
MOC206-M
MOC207-M
MOC208-M
8.0 0.10 3.50 0.20 0.30 MAX 4.0 0.10 2.0 0.05 O1.5 MIN 1.75 0.10
5.5 0.05 8.3 0.10 12.0 0.3 5.20 0.20
0.1 MAX
6.40 0.20
O1.5 0.1/-0
User Direction of Feed
Reflow Profile
300 Temperature (C) 250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 245C peak
230C, 10-30 s
Time above 183C, 120-180 sec Ramp up = 2-10C/sec * Peak reflow temperature: 245C (package surface temperature) * Time of temperature higher than 183C for 120-180 seconds * One time soldering reflow is recommended 3.5 4 4.5
3
Time (Minute)
(c) 2003 Fairchild Semiconductor Corporation
Page 9 of 10
4/10/03
SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT MOC205-M MOC206-M MOC207-M MOC208-M
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
(c) 2003 Fairchild Semiconductor Corporation
Page 10 of 10
4/10/03


▲Up To Search▲   

 
Price & Availability of MOC205-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X