Part Number Hot Search : 
K3050 AOC2414 1048048 MTEZ320A BU508DFI 424L4L AN3254 90W10
Product Description
Full Text Search
 

To Download MGF0909A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI SEMICONDUCTOR GaAs FET
MGF0909A
L, S BAND POWER GaAs FET
DESCRIPTION
The MGF0909A, GaAs FET with an N-channel schottky gate, is designed for use in UHF band amplifiers.
OUTLINE DRAWING
Unit:millimeters
FEATURES
* High output power P1dB=38dBm(TYP.) * High power gain GLP=11dB(TYP.) * High power added efficiency add=45%(TYP.) @f=2.3GHz,P1dB=20dBm @f=2.3GHz,Pin=20dBm
2
1
@f=2.3GHz
2
0.60.2 o2.2
3
APPLICATION
For UHF Band power amplifiers
5.0
QUALITY GRADE
* GG
RECOMMENDED BIAS CONDITIONS
* VDS=10V * ID=1.3A * Rg=100 * Refer to Bias Procedure
9.00.2 14.0
1 GATE 2 SOURCE 3 DRAIN
GF-7
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
Symbol VGSO VGDO ID IGR IGF PT Tch Tstg
*1:TC=25C
Parameter Gate to source voltage Gate to drain voltage Drain current Reverse gate current Forward gate current Total power dissipation Channel temperature Storage temperature
Ratings -15 -15 5.0 15 31.5 27.3 175 -65 to +175
*1
Unit V V A mA mA W C C
ELECTRICAL CHARACTERISTICS (Ta=25C)
Symbol IDSS VGs(off) gm P1dB GLP add Rth(ch-c) Parameter Saturated drain current Gate to source cut-off voltage Transconductance Output power Linear power gain *2 Power added efficiency at P1dB Thermal resistance *1 VDS=3V,VGS=0V VDS=3V,ID=10mA VDS=3V,ID=1.3A VDS=10V,ID=1.3A,f=2.3GHz Vf method Test conditions Min - -2 - 37 10 - - Limits Typ - - 1.5 38 11 45 - Max 5 -5 - - - - 5.5 Unit A V S dBm dB % C/W
*1:Channel to case *2:Pin=22dBm
Nov. 97
MITSUBISHI SEMICONDUCTOR GaAs FET
MGF0909A
L, S BAND POWER GaAs FET
TYPICAL CHARACTERISTICS
ID vs. VGS
6 VDS=3V Ta=25C 6 VGS=-0.5V/Step Ta=25C VGS=0V 4 4
ID vs. VDS
2
2
0 -3
-2
-1
0
0
0
1
2
3
4
5
6
GATE TO SOURCE VOLTAGE VGS(V)
DRAIN TO SOURCE VOLTAGE VDS(V)
PO & add vs. Pin (f=2.3GHz)
40 VDS=10V ID=1.3A GP=11 10 9 dB 13 12 11 PO 10 39
GLP,P1dB, ID and add vs. VDS (f=2.3GHz)
ID=1.3A GLP
P1dB 30 37 50 40 30 20 10 0 35 40 20 6 8 10
add 20
add
0
20
30
INPUT POWER Pin(dBm)
VDS(V)
Nov. 97
MITSUBISHI SEMICONDUCTOR GaAs FET
MGF0909A
L, S BAND POWER GaAs FET
S11 ,S22 vs. f.
+j50 +j25 +j100
S21 ,S12 vs. f.
+90 3.0GHz
+j10
3.0GHz 3.0GHz S22 25 50 100 250
+j250
S21
3.0GHz
0
180 5
4
3
2
0.5GHz 1 0
S12 0 0.5GHz
I S21 I
S11
-j10
-j250 0.1
-j25 -j50
-j100
Ta=25C VDS=10V ID=1.3A
0.2 -90
S PARAMETERS (Ta=25C,VDS=10V,ID=1.3A)
Freq. (GHz) 0.50 0.60 0.70 0.80 0.90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 Magn. 0.968 0.966 0.966 0.965 0.964 0.963 0.961 0.960 0.959 0.959 0.959 0.958 0.958 0.957 0.958 0.958 0.957 0.956 0.954 0.954 0.953 0.953 0.953 0.948 0.956 0.944 S11 Angle(deg.) -155.5 -159.7 -163.4 -166.8 -168.4 -171.3 -173.8 -175.4 -176.8 -178.7 -179.7 178.4 177.2 176.0 174.7 174.3 173.3 172.3 171.2 169.9 169.0 167.6 166.1 164.6 163.3 162.0 Magn. 3.763 3.340 2.768 2.460 2.219 2.021 1.831 1.613 1.591 1.500 1.425 1.359 1.301 1.255 1.201 1.040 0.993 0.977 0.949 0.921 0.909 0.901 0.876 0.873 0.843 0.832 S21 Angle(deg.) 97.8 93.6 90.8 87.5 87.1 84.1 82.2 80.2 78.0 75.7 73.7 71.6 69.9 67.7 66.2 65.3 63.3 61.7 59.1 57.0 55.4 54.3 52.2 49.9 48.4 45.5 Magn. 0.013 0.013 0.014 0.014 0.015 0.015 0.016 0.016 0.017 0.017 0.018 0.018 0.019 0.019 0.020 0.021 0.021 0.022 0.022 0.023 0.023 0.024 0.024 0.025 0.025 0.025 S12 Angle(deg.) 13.2 14.6 16.5 18.2 20.6 22.5 24.1 25.8 27.8 29.5 31.2 33.8 35.4 37.6 39.5 41.5 43.1 44.8 46.5 48.7 50.8 52.6 54.3 55.2 57.3 58.0 Magn. 0.823 0.823 0.822 0.822 0.820 0.819 0.818 0.814 0.804 0.807 0.805 0.801 0.795 0.789 0.785 0.784 0.783 0.783 0.782 0.780 0.779 0.778 0.778 0.776 0.775 0.773 S22 Angle(deg.) -177.6 -179.6 178.5 178.2 177.6 176.8 175.6 176.6 176.1 175.7 175.3 175.1 174.7 174.0 173.4 174.4 174.2 173.4 172.7 172.2 171.6 170.3 168.9 167.7 166.9 165.1 K 0.652 0.713 0.755 0.782 0.825 0.855 0.875 0.955 0.985 0.996 1.105 1.135 1.145 1.185 1.205 1.194 1.203 1.235 1.295 1.325 1.345 1.362 1.403 1.452 1.523 1.554 MSG/MAG (dB) 25.4 25.2 24.7 23.4 23.1 23.0 22.4 19.0 19.2 19.0 18.9 18.5 18.0 16.9 16.5 16.2 15.5 14.9 14.7 14.5 13.8 12.8 12.3 11.9 10.8 10.5
Nov. 97


▲Up To Search▲   

 
Price & Availability of MGF0909A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X