Part Number Hot Search : 
CY621 100MZF 1SS40 CD4553 ISP1048E NTE150 MJE1300 U20C60
Product Description
Full Text Search
 

To Download MC74VHC1GT14DFT2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Schmitt-Trigger Inverter/ CMOS Logic Level Shifter
with LSTTL-Compatible Inputs
MC74VHC1GT14
The MC74VHC1GT14 is a single gate CMOS Schmitt-trigger inverter fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The device input is compatible with TTL-type input thresholds and the output has a full 5 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic-level translator from 3.0 V CMOS logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high-voltage power supply. The MC74VHC1GT14 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1GT14 to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when V CC = 0 V. These input and output structures help prevent device destruction caused by supply voltage - input/output voltage mismatch, battery backup, hot insertion, etc. The MC74VHC1GT14 can be used to enhance noise immunity or to square up slowly changing waveforms. * High Speed: t PD = 4.5 ns (Typ) at V CC = 5 V * Low Power Dissipation: I CC = 2 mA (Max) at T A = 25C * TTL-Compatible Inputs: V IL = 0.8 V; V IH = 2.0 V * CMOS-Compatible Outputs: V OH > 0.8 V CC ; V OL < 0.1 V CC @ Load * Power Down Protection Provided on Inputs and Outputs * Balanced Propagation Delays * Pin and Function Compatible with Other Standard Logic Families * Chip Complexity: FETs = 100; Equivalent Gates = 25
MARKING DIAGRAMS
5 4 1 2 3
VCd
SC-70/SC-88A/SOT-353 DF SUFFIX CASE 419A
Pin 1 d = Date Code
5 4
Figure 1. Pinout (Top View)
1 2 3
VCd
Figure 2. Logic Symbol
Pin 1 d = Date Code
SOT-23/TSOP-5/SC-59 DT SUFFIX CASE 483
PIN ASSIGNMENT 1 2 3 4 5 NC IN A GND OUT Y V CC
FUNCTION TABLE
Inputs A L H Output Y H L
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
VHT14-1/4
LESHAN RADIO COMPANY, LTD.
MC74VHC1GT14
MAXIMUM RATINGS
Value Unit - 0.5 to + 7.0 V - 0.5 to +7.0 V V CC=0 - 0.5 to +7.0 V High or Low State -0.5 to V cc + 0.5 I IK Input Diode Current -20 mA I OK Output Diode Current V OUT < GND; V OUT > V CC +20 mA I OUT DC Output Current, per Pin + 25 mA I CC DC Supply Current, V CC and GND +50 mA PD Power dissipation in still air SC-88A, TSOP-5 200 mW JA Thermal resistance SC-88A, TSOP-5 333 C/W TL Lead Temperature, 1 mm from Case for 10 s 260 C TJ Junction Temperature Under Bias + 150 C T stg Storage temperature -65 to +150 C V ESD ESD Withstand Voltage Human Body Model (Note 2) >2000 V Machine Model (Note 3) > 200 Charged Device Model (Note 4) N/A I LATCH-UP Latch-Up Performance Above V CC and Below GND at 125C (Note 5) 500 mA 1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Functional operation should be restricted to the Recommended Operating Conditions. 2. Tested to EIA/JESD22-A114-A 3. Tested to EIA/JESD22-A115-A 4. Tested to JESD22-C101-A 5. Tested to EIA/JESD78 DC Supply Voltage DC Input Voltage DC Output Voltage RECOMMENDED OPERATING CONDITIONS Symbol Parameter V CC DC Supply Voltage V IN DC Input Voltage V OUT DC Output Voltage TA t r ,t f Operating Temperature Range Input Rise and Fall Time Symbol V CC V IN V OUT Parameter
V CC = 0 High Low State V CC = 3.3 0.3 V V CC = 5.0 0.5 V
NORMALIZED FAILURE RATE
Min 3.0 0.0 0.0 0.0 - 55 0 0
Max 5.5 5.5 5.5 V CC + 125 100 20
Unit V V V C ns/V
DEVICE JUNCTION TEMPERATURE VERSUS TIME TO 0.1% BOND FAILURES
Junction Temperature C 80 90 100 110 120 130 140 Time, Hours 1,032,200 419,300 178,700 79,600 37,000 17,800 8,900 Time, Years 117.8 47.9 20.4 9.4 4.2 2.0 1.0
1
1
10
100
1000
TIME, YEARS
Figure 3. Failure Rate vs. Time Junction Temperature
VHT14-2/4
LESHAN RADIO COMPANY, LTD.
MC74VHC1GT14
DC ELECTRICAL CHARACTERISTICS Symbol V T+ Parameter Positive Threshold Voltage Negative Threshold Voltage VH Hysteresis Voltage Test Conditions V CC (V) 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 V IN < V T - Min I OH = -50 A I OH = -4 mA I OH = -8 mA V OL Maximum Low-Level Output Voltage V IN > V T + MinL I OL = 50 A I OL = 4 mA I IN I CC I CCT I OPD Maximum Input Leakage Current Maximum Quiescent Supply Current Quiescent Supply Current Output Leakage Current AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r = t f = 3.0 ns T A = 25C Symbol Parameter t PLH , Maximum t PHL Propagation Delay, Input A to Y Test Conditions V CC = 3.3 0.3 V C L = 15 pF C L = 50 pF V CC = 5.0 0.5 V C L = 15 pF C L = 50 pF C IN Maximum Input Capacitance Power Dissipation Capacitance (Note 6) Min Typ 7.0 8.4 4.5 5.8 5 Max 12.8 16.3 8.6 10.6 10 5.5 2.0 3.0 4.5 3.0 4.5 2.0 3.0 4.5 3.0 T A = 25C T A < 85C -55CV T-
0.30 0.64 0.40 0.73 0.50 0.81 1.9 2.0 2.9 4.4 2.58 3.94 0.0 0.0 0.0 3.0 4.5
0.30 1.20 0.30 0.40 1.40 0.40 0.50 1.60 0.50 1.9 1.9 2.9 4.4 2.48 3.80 2.9 4.4 2.34 3.66 0.1 0.1 0.1 0.44 0.44 1.0 20 1.50 5.0
V OH
Minimum High-Level Output Voltage
0.1 0.1 0.1 0.36 0.36 0.1 2.0 1.35 0.5
0.1 0.1 0.1 0.52 0.52 1.0 40 1.65 10
V
4.5 I OL = 8 mA V IN = 5.5 V or GND 0 to5.5 V IN = V CC or GND Input: V IN = 3.4 V V OUT = 5.5 V 5.5 5.5 0.0
A A mA A
T A < 85C -55CC PD
Typical @ 25C, V CC = 5.0 V 10
pF
6. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: I CC(OPR) = C PD * V CC * f in + I CC . C PD is used to determine the no- load dynamic power consumption; P D = C PD * V CC 2 * f in + I CC * V CC .
VHT14-3/4
LESHAN RADIO COMPANY, LTD.
MC74VHC1GT14
3.0V
V OH V OL
Figure 4. Switching Waveforms
*Includes all probe and jig capacitance
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION Device Nomenclature
Device Temp Order Number Circuit Device Range Technology Indicator Function Identifier MC74VHC1GT14DFT1 MC74VHC1GT14DFT2 MC74VHC1GT14DTT1 MC MC MC 74 74 74 VHC1G VHC1G VHC1G T14 T14 T14 Package Suffix DF DF DT Tape & Reel Suffix T1 T2 T1 Package Type (Name/SOT#/ Common Name) Tape and Reel Size
SC-70/SC-88A/ SOT-353 SC-70/SC-88A/ SOT-353 SOT-23/TSOPS/ SC-59
178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit
VHT14-4/4


▲Up To Search▲   

 
Price & Availability of MC74VHC1GT14DFT2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X