Part Number Hot Search : 
SP5654KG 74LVC86A 1602H IFD21651 MC3362 1212E SS8012G F8205A
Product Description
Full Text Search
 

To Download MC74VHC1G66DFT2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
ANALOG Switch
MC74VHC1GT66
The MC74VHC1GT66 is an advanced high speed CMOS bilateral analog switch fabricated with silicon gate CMOS technology. It achieves high speed propagation delays and low ON resistances while maintaining low power dissipation. This bilateral switch controls analog and digital voltages that may vary across the full power-supply range (from VCC to GND). The MC74VHC1GT66 is compatible in function to a single gate of the very High Speed CMOS MC74VHCT4066. The device has been designed so that the ON resistances (RON) are much lower and more linear over input voltage. The ON/OFF Control input is compatible with TTL-type input thresholds allowing the device to be used as a logic-level translator from 3.0 V CMOS logic to 5.0 V CMOS logic or from 1.8 V CMOS logic to 3.0 V CMOS logic while operating at the high-voltage power supply. The input protection circuitry on this device allows overvoltage tolerance on the input, which provides protection when voltages of up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1GT66 to be used to interface 5 V circuits to 3 V circuits. * High Speed: t PD = 20 ns (Typ) at V CC = 5 V * Low Power Dissipation: I CC = 2 A (Max) at T A = 25C * Diode Protection Provided on Inputs and Outputs * Improved Linearity and Lower ON Resistance over Input Voltage * On/Off Control Input Has OVT
MARKING DIAGRAMS
5 4 1 2 3
VEd
SC-70/SC-88A/SOT-353 DF SUFFIX CASE 419A
Pin 1 d = Date Code
5 4
Figure 1. Pinout (Top View)
1 2 3
VEd
Figure 2. Logic Symbol
Pin 1 d = Date Code
SOT-23/TSOP-5/SC-59 DT SUFFIX CASE 483
PIN ASSIGNMENT 1 2 3 4 5 IN/OUT X A OUT/IN Y A GND ON/OFF CONTROL V CC
FUNCTION TABLE
On / Off Control Input State Analog Switch L Off H On
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet.
VHT66-1/6
LESHAN RADIO COMPANY, LTD.
MC74VHC1GT66
MAXIMUM RATINGS
Value Unit - 0.5 to + 7.0 V - 0.5 to +7.0 V -0.5 to +7.0 V -20 mA +25 mA SC-88A (Note 2.) 200 mW TSOP5 (Note 2.) 450 TL Lead Temperature, 1 mm from Case for 10 s 260 C T stg Storage temperature -65 to +150 C V ESD ESD Withstand Voltage Human Body Model (Note 3) >2000 V Machine Model (Note 4) > 200 Charged Device Model (Note 5) N/A I LATCH-UP Latch-Up Performance Above V CC and Below GND at 125C (Note 6) 500 mA 1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions eyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Functional operation should be restricted to the Recommended Operating Conditions. 2. Derating - SC-88A Package: -3 mW/C from 65C to 125C - TSOP5 Package: -6 mW/C from 65C to 125C 3. Tested to EIA/JESD22-A114-A 4. Tested to EIA/JESD22-A115-A 5. Tested to JESD22-C101-A 6. Tested to EIA/JESD78 Symbol V CC V IN V IS I IK I CC PD Parameter DC Supply Voltage DC Input Voltage Analog Output Voltage Input Diode Current DC Supply Current, V CC and GND Power dissipation in still air
RECOMMENDED OPERATING CONDITIONS Symbol Parameter V CC DC Supply Voltage V IN V IS TA t r ,t f DC Input Voltage Analog Input Voltage Operating Temperature Range Input Rise and Fall Time
Min 2.0 GND GND - 55 0 0
Max 5.5 5.5 V CC + 125 100 20
Unit V V V C ns/V
V CC = 3.3 0.3 V V CC = 5.0 0.5 V
The JA of the package is equal to 1/Derating. Higher junction temperatures may affect the expected lifetime of the device per the table and figure below.
Junction Temperature C 80 90 100 110 120 130 140
Time, Hours 1,032,200 419,300 178,700 79,600 37,000 17,800 8,900
Time, Years 117.8 47.9 20.4 9.4 4.2 2.0 1.0
NORMALIZED FAILURE RATE
DEVICE JUNCTION TEMPERATURE VERSUS TIME TO 0.1% BOND FAILURES
1
1
10
100
1000
TIME, YEARS
Figure 3. Failure Rate vs. Time Junction Temperature
VHT66-2/6
LESHAN RADIO COMPANY, LTD.
MC74VHC1GT66
DC ELECTRICAL CHARACTERISTICS V CC Symbol Parameter V IH Minimum High-Level Input Voltage On/Off Control Input V IL Maximum Low-Level Input Voltage R ON=Per Spec 3.0 4.5 5.5 V IN =x Vcc or GND 0 to 5.5 0.53 0.8 0.8
0.1
T A = 25C Min 1.2 2.0 2.0 Max
T A < 85C TA<125C Min 1.2 2.0 2.0 0.53 0.8 0.8
1.0
Test Conditions R ON=Per Spec
(V) 3.0 4.5 5.5
Max
Min 1.2 2.0 2.0
Max
Unit V
V 0.53 0.8 0.8
1.0
I IN
Maximum Input Leakage Current On/Off Control Input
A
I CC I CCT
R ON
Maximum Quiescent Supply Current Quiescent Supply Current
Maximum "ON" Resistance Maximum Off-Channel Leakage Current
V IN = V CC or GND On/Off Control at 3.4 V
V IN = V IH V IS = V CC or GND |I IS |<10 mA (Figure 4.) V IN = V IL V IS = V CC or GND Switch Off (Figure 5.)
5.5 5.5
3.0 4.5 5.5 5.5
2.0 1.35
60 45 40 0.1
20 1.50
70 50 45 0.5
40 1.65
100 60 55 1.0
A mA
I OFF
mA
AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r / t f = 3.0 ns Symbol Parameter Test Conditions
Y A = Open (Figure 14.)
V CC (V)
2.0 3.0 4.5 5.5 2.0 3.0 4.5 5.5 2.0 3.0 4.5 5.5 0.0 5.0
T A = 25C Min Typ Max
1 0 0 0 32 28 24 20 32 28 24 20 3 4 4 5 2 1 1 40 35 30 25 40 35 30 25 10 10 10
T A < 85C -55C6 3 1 1 45 40 35 30 45 40 35 30 10 10 10 7 4 2 1 50 45 40 35 50 45 40 35 10 10 10 ns
t PLH , Maximum Propogation t PHL Delay, Input X to Y t PLZ , t PHZ Maximum Propogation Delay, ON/OFF Control to Analog Output
R L = 1000 (Figure 15.)
ns
t PZL , Maximum Propogation Delay, t PZH ON/OFF Control to Analog Output C IN Maximum Input Capacitance
R L = 1000 (Figure 15.)
ns
ON/OFF Control Input Contol Input = GND Analog I/O Feedthrough
pF
C PD
Power Dissipation Capacitance (Note 6)
Typical @ 25C, V CC = 5.0 V 18
pF
7. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: I CC(OPR) = C PD * V CC * f in + I CC . C PD is used to determine the no- load dynamic power consumption; P D = C PD * V CC 2 * f in + I CC * V CC .
VHT66-3/6
LESHAN RADIO COMPANY, LTD.
MC74VHC1GT66
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
Symbol
BW
Parameter
Test Conditions
V
Limit
CC
25C
150 175 180 -80 -80 -80 45 60 130
Unit
MHz
Maximum On-Channel Bandwidth f in = 1 MHz Sine Wave or Minimum Frequency Response Adjust f in voltage to obtain 0 dBm at V OS (Figure 10.) Increase f in = frequency until dB meter reads -3 dB R L = 50 , C L = 10 pF Off-Channel Feedthrough f in = Sine Wave ISO off Isolation Adjust f in voltage to obtain 0 dBm at V IS (Figure 11.) f in = 10 kHz, R L = 600 , C L = 50 pF NOISE feed Feedthrough Noise Control to V in<1 MHz Square Wave (t r = t f = 2ns) Switch Adjust R L at setup so that I s = 0 A (Figure 12.) R L = 600 , C L = 50 pF THD Total Harmonic Distortion (Figure 13.) f in = 1 kHz, R L = 10 k , C L = 50 pF THD = THD Measured - THD Source V IS = 3.0 V PP sine wave V IS = 5.0 V PP sine wave
3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5
dB
mVPP
% 3.3 5.5 0.30 0.15
Figure 4. On Resistance Test Set-Up
Figure 5. Maximum Off-Channel Leakage Current Test Set-Up
Figure 6. Maximum On-Channel Leakage Current Test Set-Up
Figure 7. Propagation Delay Test Set-Up
VHT66-4/6
LESHAN RADIO COMPANY, LTD.
MC74VHC1GT66
Switch to Position 1 when testing t PLZ and t PZL Switch to Position 2 when testing t PHZ and t PZH
Figure 8. Propagation Delay Output Enable/Disable Test Set-Up
Figure 9. Power Dissipation Capacitance Test Set-Up
Figure 10. Maximum On-Channel Bandwidth Test Set-Up
Figure 11. Off-Channel Feedthrough Isolation Test Set-Up
Figure 12. Feedthrough Noise, ON/OFF Control to Analog Out, Test Set-Up
Figure 13. Total Harmonic Distortion Test Set-Up
VHT66-5/6
LESHAN RADIO COMPANY, LTD.
MC74VHC1GT66
Figure 14. Propagation Delay, Analog In to Analog Out Waveforms
Figure 15. Propagation Delay, ON/OFF Control
DEVICE ORDERING INFORMATION Device Nomenclature
Device Temp Order Number Circuit Device Range Technology Indicator Function Identifier MC74VHC1GT66DFT1 MC74VHC1GT66DFT2 MC74VHC1GT66DFT4 MC74VHC1GT66DTT1 MC74VHC1GT66DTT3 MC MC MC MC MC 74 74 74 74 74 VHC1G VHC1G VHC1G VHC1G VHC1G T66 T66 T66 T66 T66 Package Suffix DF DF DF DT DT Tape & Reel Suffix T1 T2 T4 T1 T3 Package Type (Name/SOT#/ Common Name) Tape and Reel Size
SC-70/SC-88A/ SOT-353 SC-70/SC-88A/ SOT-353 SC-70/SC-88A/ SOT-353 SOT-23/TSOPS/ SC-59 SOT-23/TSOPS/ SC-59
178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit 330 mm (13 in) 10,000 Unit 178 mm (7 in) 3000 Unit 330 mm (13 in) 10,000 Unit
VHT66-6/6


▲Up To Search▲   

 
Price & Availability of MC74VHC1G66DFT2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X