Part Number Hot Search : 
EPM7032 F2060CE ISL78420 1GPBF P5042A1 EZ240A18 TMPD4150 SL74HC
Product Description
Full Text Search
 

To Download MC74VHC1G66 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74VHC1G66
Advance Information Analog Switch
The MC74VHC1G66 is an advanced high speed CMOS bilateral analog switch fabricated with silicon gate CMOS technology. It achieves high speed propagation delays and low ON resistances while maintaining CMOS low power dissipation. This bilateral switch controls analog and digital voltages that may vary across the full power-supply range (from VCC to GND). The MC74VHC1G66 is compatible in function to a single gate of the High Speed CMOS MC74VHC4066 and the metal-gate CMOS MC14066. The device has been designed so that the ON resistances (RON) are much lower and more linear over input voltage than RON of the metal-gate CMOS or High Speed CMOS analog switches. The ON/OFF control inputs are compatible with standard CMOS outputs; with pull-up resistors, it is compatible with LSTTL outputs. * High Speed: tPD = TBD (Typ) at VCC = 5 V * Low Power Dissipation: ICC = 2 mA (Max) at TA = 25C * Diode Protection Provided on Inputs and Outputs * Improved Linearity and Lower ON Resistance over Input Voltage than the MC14066 or the HC4066 * Pin and Function Compatible with Other Standard Logic Families * Latchup Performance Exceeds 300 mA * ESD Performance: HBM > 2000 V; MM > 200 V, CDM > 1500 V * Chip Complexity: 11 FETs or 3 Equivalent Gates
1 2 IN/OUT XA 1 5 VCC 3 4 OUT/IN YA 2 5
http://onsemi.com
SC-88A / SOT-353 DF SUFFIX CASE 419A
MARKING DIAGRAM
V9d
Pin 1 d = Date Code
PIN ASSIGNMENT
IN/OUT XA OUT/IN YA GND ON/OFF CONTROL VCC
GND
3
4
ON/OFF CONTROL
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 7 of this data sheet.
5-Lead SOT-353 Pinout (Top View)
LOGIC SYMBOL
ON/OFF CONTROL IN/OUT XA U X1 1 1 U OUT/IN YA
FUNCTION TABLE
On/Off Control Input L H State of Analog Switch Off On
This document contains information on a new product. Specifications and information herein are subject to change without notice.
(c) Semiconductor Components Industries, LLC, 1999
1
November, 1999 - Rev. 1
Publication Order Number: MC74VHC1G66/D
MC74VHC1G66
ABSOLUTE MAXIMUM RATINGS
Characteristics DC Supply Voltage Digital Input Voltage Analog Output Voltage Digital Input Diode Current DC Supply Current, VCC and GND Power dissipation in still air, SC-88A Lead temperature, 1 mm from case for 10 s Storage temperature Derating -- SC-88A Package: -3 mW/_C from 65_ to 125_C Symbol VCC VIN VIS IIK ICC PD TL Tstg Value -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC + 0.5 -20 +25 200 260 -65 to +150 Unit V V V mA mA mW C C
RECOMMENDED OPERATING CONDITIONS
Characteristics DC Supply Voltage Digital Input Voltage Analog Input Voltage Static or Dynamic Voltage Across Switch Operating Temperature Range Input Rise and Fall Time ON/OFF Control Input Symbol VCC VIN VIS VIO* TA tr , tf -55 Min 4.5 GND GND Max 5.5 VCC VCC 1.2 +85 Unit V V V V C ns/V
VCC = 3.3V 0.3V 0 100 VCC = 5.0V 0.5V 0 20 * For voltage drops across the switch greater than 1.2V (switch on), excessive VCC current may be drawn; i.e. the current out of the switch may contain both VCC and switch input components. The reliability of the device will be unaffected unless the Maximum Ratings are exceeded.
http://onsemi.com
2
MC74VHC1G66
DC ELECTRICAL CHARACTERISTICS
VCC Symbol VIH Parameter Minimum High-Level Input Voltage ON/OFF Control Input Maximum Low-Level Input Voltage ON/OFF Control Input Maximum Input Leakage Current ON/OFF Control Input Maximum Quiescent Supply Current Maximum "ON" Resistance Test Conditions RON = Per Spec (V) 2.0 3.0 4.5 5.5 2.0 3.0 4.5 5.5 0 to 5.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 5.5 30 20 15 25 12 8 Min 1.5 2.1 3.15 3.85 0.5 0.9 1.35 1.65 0.1 TA = 25C Typ Max TA 85C Min 1.5 2.1 3.15 3.85 0.5 0.9 1.35 1.65 1.0 Max TA 125C Min 1.5 2.1 3.15 3.85 0.5 0.9 1.35 1.65 1.0 Max Unit V
VIL
RON = Per Spec
V
IIN
VIN = VCC or GND
A
ICC RON
VIN = VCC or GND VIO = 0V VIN = VIH VIS = VCC or GND |IIS| 10mA (Figure 1) Endpoints VIN = VIH VIS = VCC or GND |IIS| 10mA (Figure 1)
2.0 50 30 20 50 20 15 0.1
20 70 40 35 65 26 23 0.5
40 100 50 45 90 40 32 1.0
A
W W
A
IOFF
Maximum Off-Channel Leakage Current Maximum On-Channel Leakage Current
VIN = VIL VIS = VCC or GND Switch Off (Figure 2) VIN = VIH VIS = VCC or GND Switch On (Figure 3)
ION
5.5
0.1
0.5
1.0
A
II I I I I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIIIIIIII IIIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIIIIIII I I I I II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII I I I I II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII II I I IIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
AC ELECTRICAL CHARACTERISTICS (Cload = 50 pF, Input tr/tf = 3.0ns)
Symbol Parameter Test Conditions VCC (V) 2.0 3.0 4.5 5.5 2.0 3.0 4.5 5.5 2.0 3.0 4.5 5.5 0.0 5.0 Min TA = 25C Typ 1 0 0 0 TA 85C TA 125C Max 5 2 1 1 Min Max 6 3 1 1 Min Max 7 4 2 1 Unit ns tPLH, tPHL Maximum Propogation Delay, Input X to Y Maximum Propogation Delay, ON/OFF Control to Analog Output Maximum Propogation Delay, ON/OFF Control to Analog Output Maximum Input Capacitance C it YA = Open Figure 4 tPLZ, tPHZ RL = 1000 W Figure 5 15 8 6 4 15 8 6 4 3 4 4 35 15 10 7 35 15 10 7 10 10 10 46 20 13 9 46 20 13 9 10 10 10 57 25 17 11 57 25 17 11 10 10 10 ns tPZL, tPZH RL = 1000 W Figure 5 ns CIN ON/OFF Control Input Contol Input = GND Analog I/O Feedthrough pF Typical @ 25C, VCC = 5.0V CPD Power Dissipation Capacitance (Note NO TAG) pF 18 1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
http://onsemi.com
3
MC74VHC1G66
IIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIII II II II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II II II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I II I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIII I II I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I III I I I II I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
Symbol Parameter Test Conditions VCC 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 Limit 25C 150 175 200 -50 -50 -50 -40 -40 -40 Unit BW Maximum On-Channel Bandwidth or Minimum Frequency Response Figure 7 fin = 1 MHz Sine Wave Adjust fin voltage to obtain 0 dBm at VOS Increase fin = frequency until dB meter reads -3dB RL = 50W, CL = 10 pF fin = Sine Wave Adjust fin voltage to obtain 0 dBm at VIS fin = 10 kHz, RL = 600W, CL = 50 pF fin = 1.0 kHz, RL = 50W, CL = 10 pF MHz ISOoff Off-Channel Feedthrough Isolation Figure 8 dB NOISEfeed Feedthrough Noise Control to Switch Figure 9 Vin 1 MHz Square Wave (tr = tf = 2ns) Adjust RL at setup so that Is = 0 A RL = 600W, CL = 50 pF RL = 50W, CL = 10 pF 45 60 130 25 30 60 mVPP THD Total Harmonic Distortion Figure 10 fin = 1 kHz, RL = 10kW, CL = 50 pF THD = THDMeasured - THDSource VIS = 3.0 VPP sine wave VIS = 4.0 VPP sine wave VIS = 5.0 VPP sine wave % 3.3 4.5 5.5 0.20 0.10 0.06 1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
http://onsemi.com
4
MC74VHC1G66
PLOTTER POWER SUPPLY - + VCC 1 2 VCC 3 4 A 3 4 5 VCC 1 2 5 VIL VCC DC PARAMETER ANALYZER
COMPUTER
Figure 1. On Resistance Test Set-Up
Figure 2. Maximum Off-Channel Leakage Current Test Set-Up
VCC A N/C 1 2 3 4 5
VCC 1 VIH TEST POINT 2 3 4 5
VCC
VCC
Figure 3. Maximum On-Channel Leakage Current Test Set-Up
Figure 4. Propagation Delay Test Set-Up
Switch to Position 1 when testing tPLZ and tPZL Switch to Position 2 when testing tPHZ and tPZH TEST POINT VCC 1 1 2 VCC 1 2 *Includes all probe and jig capacitance. RL 2 CL* 3 4 N/C 2 3 4 5 VCC N/C 1 5 VCC A
Figure 5. Propagation Delay Output Enable/Disable Test Set-Up
Figure 6. Power Dissipation Capacitance Test Set-Up
http://onsemi.com
5
MC74VHC1G66
VOS 0.1 mF fin 1 2 dB Meter CL* 3 4 dB Meter RL CL* 5 VCC fin 0.1 mF 1 2 3 4 5 VIS VOS VCC
*Includes all probe and jig capacitance.
*Includes all probe and jig capacitance.
Figure 7. Maximum On-Channel Bandwidth Test Set-Up
Figure 8. Off-Channel Feedthrough Isolation Test Set-Up
(VCC)/2
To Distortion Meter (VCC)/2 VIS 0.1 mF RL VOS CL* fin 1 2 3 4 5 VCC
RL RL VOS CL* IS 1 2 3 4 5
VCC
v 1 MHz IN t r + t + 2 ns f
V VCC GND
*Includes all probe and jig capacitance.
*Includes all probe and jig capacitance.
Figure 9. Feedthrough Noise, ON/OFF Control to Analog Out, Test Set-Up
Figure 10. Total Harmonic Distortion Test Set-Up
tr Control XA VCC 50% tPLH YA 50% VCC tPHL VOH 50% VCC VOL 50% VCC Analog Out 50% VCC tPZH 90% 10% tPZL
tf VCC
50% VCC tPLZ
High Impedance 10% 90% VOL VOH
High tPHZ Impedance
Figure 11. Propagation Delay, Analog In to Analog Out Waveforms
Figure 12. Propagation Delay, ON/OFF Control
http://onsemi.com
6
MC74VHC1G66
DEVICE ORDERING INFORMATION
Device Nomenclature Circuit Indicator MC Temp Range Identifier 74 Device Function 66 Package Suffix DF Tape & Reel Suffix T1 Package Type SC-88A / SOT-353 Tape and Reel Size 7-Inch/3000 Unit
Device Order Number MC74VHC1G66DFT1
Technology VHC1G
PACKAGE DIMENSIONS
SC-88A / SOT-353 DF SUFFIX 5-LEAD PACKAGE CASE 419A-01 ISSUE B
A G V
DIM A B C D G H J K N S V NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MM. INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 0.012 0.016 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20 0.30 0.40
5
4
S
1 2 3
-B-
D 5 PL
0.2 (0.008)
M
B
M
N J C
0.5 mm (min)
H
K 0.4 mm (min)
1.9 mm
http://onsemi.com
7
EEE EEE EEE EEE EEE
EEE EEE EEE EEE EEE EEE EEE
0.65 mm 0.65 mm
MC74VHC1G66
10 PITCHES CUMULATIVE TOLERANCE ON TAPE 0.2 mm (0.008") E A0 B1 K0 SEE NOTE 2 SEE NOTE 2
K t TOP COVER TAPE D P2
P0
F
W
+
B0 P
+
+
D1 FOR COMPONENTS 2.0 mm x 1.2 mm AND LARGER
FOR MACHINE REFERENCE ONLY INCLUDING DRAFT AND RADII CONCENTRIC AROUND B0
EMBOSSMENT USER DIRECTION OF FEED
CENTER LINES OF CAVITY
*TOP COVER TAPE THICKNESS (t1) 0.10 mm (0.004") MAX. R MIN. TAPE AND COMPONENTS SHALL PASS AROUND RADIUS "R" WITHOUT DAMAGE BENDING RADIUS
EMBOSSED CARRIER
EMBOSSMENT
10
MAXIMUM COMPONENT ROTATION TYPICAL COMPONENT CAVITY CENTER LINE
100 mm (3.937")
1 mm MAX
TAPE 1 mm (0.039") MAX 250 mm (9.843")
TYPICAL COMPONENT CENTER LINE
CAMBER (TOP VIEW) ALLOWABLE CAMBER TO BE 1 mm/100 mm NONACCUMULATIVE OVER 250 mm
Figure 13. Carrier Tape Specifications EMBOSSED CARRIER DIMENSIONS (See Notes 1 and 2)
Tape Size 8 mm B1 Max 4.35 mm (0.171") D 1.5 +0.1/ -0.0 mm (0.059 +0.004/ -0.0") D1 1.0 mm Min (0.039") E 1.75 0.1 mm (0.069 0.004") F 3.5 0.5 mm (1.38 0.002") K 2.4 mm (0.094") P 4.0 0.10 mm (0.157 0.004") P0 4.0 0.1 mm (0.156 0.004") P2 2.0 0.1 mm (0.079 0.002") R 25 mm (0.98") T 0.3 0.05 mm (0.01 +0.0038/ -0.0002") W 8.0 0.3 mm (0.315 0.012")
1. Metric Dimensions Govern-English are in parentheses for reference only. 2. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to 0.50 mm max. The component cannot rotate more than 10 within the determined cavity
http://onsemi.com
8
MC74VHC1G66
t MAX
1.5 mm MIN (0.06") A 20.2 mm MIN (0.795")
13.0 mm 0.2 mm (0.512" 0.008")
50 mm MIN (1.969")
FULL RADIUS
G
Figure 14. Reel Dimensions
REEL DIMENSIONS
Tape Size 8 mm A Max 330 mm (13") G 8.400 mm, +1.5 mm, -0.0 (0.33", +0.059", -0.00) t Max 14.4 mm (0.56")
DIRECTION OF FEED
BARCODE LABEL POCKET HOLE
Figure 15. Reel Winding Direction
http://onsemi.com
9
MC74VHC1G66
CAVITY TAPE
TOP TAPE
TAPE TRAILER (Connected to Reel Hub) NO COMPONENTS 160 mm MIN
COMPONENTS
TAPE LEADER NO COMPONENTS 400 mm MIN
DIRECTION OF FEED
Figure 16. Tape Ends for Finished Goods
"T1" PIN ONE TOWARDS SPROCKET HOLE
SC-88A/SOT-353 (5 Pin) DEVICE
User Direction of Feed
Figure 17. Reel Configuration
http://onsemi.com
10
MC74VHC1G66
Notes
http://onsemi.com
11
MC74VHC1G66
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
USA/EUROPE Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line*: 303-675-2167 800-344-3810 Toll Free USA/Canada
*To receive a Fax of our publications
ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5487-8345 Email: r14153@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
N. America Technical Support: 800-282-9855 Toll Free USA/Canada
http://onsemi.com
12
MC74VHC1G66/D


▲Up To Search▲   

 
Price & Availability of MC74VHC1G66

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X