Part Number Hot Search : 
MAX41 TSH70CD ATTIN BU4920G ZNBG4000 R1E10 LX08M 1N2806
Product Description
Full Text Search
 

To Download MC74VHC1G09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74VHC1G09
Product Preview
2-Input AND Gate with Open Drain Output
The MC74VHC1G09 is an advanced high speed CMOS 2-input AND gate with open drain output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including an open drain output which provides the capability to set output switching level. This allows the MC74VHC1G09 to be used to interface 5V circuits to circuits of any voltage between VCC and 7V using an external resistor and power supply. The MC74VHC1G09 input structure provides protection when voltages up to 7V are applied, regardless of the supply voltage. * High Speed: tPD = 4.3ns (Typ) at VCC = 5V * Low Internal Power Dissipation: ICC = 2A (Max) at TA = 25C * Power Down Protection Provided on Inputs * Pin and Function Compatible with Other Standard Logic Families * Latchup Performance Exceeds 300mA * ESD Performance: HBM > 2000V; MM > 200V, CDM > 1500V
http://onsemi.com
SC-88A / SOT-353 DF SUFFIX CASE 419A
MARKING DIAGRAM
VXd
Pin 1 d = Date Code
PIN ASSIGNMENT
1 IN B IN A GND OUT Y VCC
IN B
1 OVT
5
VCC
2 3 4
IN A
2
5
GND
3
4
OUT Y
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
Figure 1. 5-Lead SOT-353 Pinout (Top View) LOGIC SYMBOL
IN A IN B & OUT Y A L L H H
FUNCTION TABLE
Inputs B L H L H Output Y L L L Z
This document contains information on a product under development. ON Semiconductor reserves the right to change or discontinue this product without notice.
(c) Semiconductor Components Industries, LLC, 1999
1
October, 1999 - Rev. 0.0
Publication Order Number: MC74VHC1G09/D
MC74VHC1G09
MAXIMUM RATINGS*
Characteristics DC Supply Voltage DC Input Voltage DC Output Voltage Input Diode Current Output Diode Current DC Output Current, per Pin DC Supply Current, VCC and GND Power dissipation in still air, SC-88A Lead temperature, 1 mm from case for 10 s Symbol VCC VIN VOUT IIK IOK IOUT ICC PD TL Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to 7.0 -20 20 +25 50 200 260 Unit V V V mA mA mA mA mW C
Storage temperature Tstg -65 to +150 C * Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Functional operation should be restricted to the Recommended Operating Conditions. Derating -- SC-88A Package: -3 mW/_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Characteristics DC Supply Voltage DC Input Voltage DC Output Voltage Operating Temperature Range Input Rise and Fall Time VCC = 3.3V 0.3V VCC = 5.0V 0.5V Symbol VCC VIN VOUT TA tr , tf Min 2.0 0.0 0.0 -55 0 0 Max 5.5 5.5 7.0 +85 100 20 Unit V V V C ns/V
http://onsemi.com
2
MC74VHC1G09
DC ELECTRICAL CHARACTERISTICS
VCC Symbol VIH Parameter Minimum High-Level Input Voltage Test Conditions (V) 2.0 3.0 4.5 5.5 2.0 3.0 4.5 5.5 VIN = VIH or VIL IOH = -50A VIN = VIH or VIL IOH = -4mA IOH = -8mA VOL Maximum Low-Level Output Voltage VIN = VIH or VIL VIN = VIH or VIL IOL = 50A VIN = VIH or VIL IOL = 4mA IOL = 8mA IIN ICC IOPD Maximum Input Leakage Current Maximum Quiescent Supply Current Maximum Off-state Leakage Current VIN = 5.5V or GND VIN = VCC or GND VOUT = 5.5V 2.0 3.0 4.5 3.0 4.5 2.0 3.0 4.5 3.0 4.5 0 to 5.5 5.5 0 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.1 2.0 0.25 2.0 3.0 4.5 Min 1.5 2.1 3.15 3.85 0.5 0.9 1.35 1.65 1.9 2.9 4.4 2.48 3.80 0.1 0.1 0.1 0.44 0.44 1.0 20 2.5 TA = 25C Typ Max TA 85C Min 1.5 2.1 3.15 3.85 0.5 0.9 1.35 1.65 1.9 2.9 4.4 2.34 3.66 0.1 0.1 0.1 0.52 0.52 1.0 40 5.0 A A A V Max TA 125C Min 1.5 2.1 3.15 3.85 0.5 0.9 1.35 1.65 Max Unit V
VIL
Maximum Low-Level Input Voltage
V
VOH
Minimum High-Level Output Voltage VIN = VIH or VIL
V
V
V
II I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I II I I I I I I II I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I I II I I I I I II I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I II II I I I I I II III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
AC ELECTRICAL CHARACTERISTICS (Cload = 50 pF, Input tr = tf = 3.0ns)
Symbol Parameter Test Conditions Min TA = 25C Typ 6.2 8.7 4.3 5.8 8.7 5.8 6.0 TA 85C TA 125C Max Min Max Min Max Unit ns tPZL Maximum Output Enable Time, Input A or B to Y VCC = 3.0 0.3V RL = 1KW VCC = 5.0 0.5V RL = 1KW CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF 8.8 12.3 5.9 7.9 10.5 14.0 7.0 9.0 12.5 16.5 9.0 11.0 tPLZ Maximum Output Disable Time Di bl Ti Maximum Input Capacitance VCC = 3.0 0.3V, RL = 1KW, CL = 50 pF VCC = 5.0 0.5V, RL = 1KW, CL = 50 pF 12.3 7.9 10 14.0 9.0 10 16.5 11.0 10 ns CIN pF Typical @ 25C, VCC = 5.0V 18 CPD Power Dissipation Capacitance (Note 1.) pF 1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC. VCC A B OVT VCC - 7V RL
Figure 2. Output Voltage Mismatch Application
http://onsemi.com
3
MC74VHC1G09
TEST POINT 50% VCC GND tPLH Output Y tPHL VOH 50% VCC VOL *Includes all probe and jig capacitance OUTPUT DEVICE UNDER TEST CL*
Input A or B
50%
Figure 3. Switching Waveforms DEVICE ORDERING INFORMATION
Device Nomenclature Circuit Indicator MC Temp Range Identifier 74 Device Function 09 Package Suffix DF
Figure 4. Test Circuit
Device Order Number MC74VHC1G09DFT1
Technology VHC1G
Tape & Reel Suffix T1
Package Type SC-88A / SOT-353
Tape and Reel Size 7-Inch/3000 Unit
PACKAGE DIMENSIONS
SC-88A / SOT-353 DF SUFFIX 5-LEAD PACKAGE CASE 419A-01 ISSUE B
A G V
DIM A B C D G H J K N S V NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MM. INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 0.012 0.016 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20 0.30 0.40
5
4
S
1 2 3
-B-
D 5 PL
0.2 (0.008)
M
B
M
N J C
0.5 mm (min)
H
K 0.4 mm (min)
1.9 mm
http://onsemi.com
4
EE EE EE EE EE EE
EE EE EE EE EE EE EE EE
0.65 mm 0.65 mm
MC74VHC1G09
10 PITCHES CUMULATIVE TOLERANCE ON TAPE 0.2 mm (0.008") E A0 B1 K0 SEE NOTE 2 SEE NOTE 2
K t TOP COVER TAPE D P2
P0
F
W
+
B0 P
+
+
D1 FOR COMPONENTS 2.0 mm x 1.2 mm AND LARGER
FOR MACHINE REFERENCE ONLY INCLUDING DRAFT AND RADII CONCENTRIC AROUND B0
EMBOSSMENT USER DIRECTION OF FEED
CENTER LINES OF CAVITY
*TOP COVER TAPE THICKNESS (t1) 0.10 mm (0.004") MAX. R MIN. TAPE AND COMPONENTS SHALL PASS AROUND RADIUS "R" WITHOUT DAMAGE BENDING RADIUS
EMBOSSED CARRIER
EMBOSSMENT
10
MAXIMUM COMPONENT ROTATION TYPICAL COMPONENT CAVITY CENTER LINE
100 mm (3.937")
1 mm MAX
TAPE 1 mm (0.039") MAX 250 mm (9.843")
TYPICAL COMPONENT CENTER LINE
CAMBER (TOP VIEW) ALLOWABLE CAMBER TO BE 1 mm/100 mm NONACCUMULATIVE OVER 250 mm
Figure 5. Carrier Tape Specifications EMBOSSED CARRIER DIMENSIONS (See Notes 1 and 2)
Tape Size 8 mm B1 Max 4.35 mm (0.171") D 1.5 +0.1/ -0.0 mm (0.059 +0.004/ -0.0") D1 1.0 mm Min (0.039") E 1.75 0.1 mm (0.069 0.004") F 3.5 0.5 mm (1.38 0.002") K 2.4 mm (0.094") P 4.0 0.10 mm (0.157 0.004") P0 4.0 0.1 mm (0.156 0.004") P2 2.0 0.1 mm (0.079 0.002") R 25 mm (0.98") T 0.3 0.05 mm (0.01 +0.0038/ -0.0002") W 8.0 0.3 mm (0.315 0.012")
1. Metric Dimensions Govern-English are in parentheses for reference only. 2. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to 0.50 mm max. The component cannot rotate more than 10 within the determined cavity
http://onsemi.com
5
MC74VHC1G09
t MAX
1.5 mm MIN (0.06") A 20.2 mm MIN (0.795")
13.0 mm 0.2 mm (0.512" 0.008")
50 mm MIN (1.969")
FULL RADIUS
G
Figure 6. Reel Dimensions
REEL DIMENSIONS
Tape Size 8 mm A Max 330 mm (13") G 8.400 mm, +1.5 mm, -0.0 (0.33", +0.059", -0.00) t Max 14.4 mm (0.56")
DIRECTION OF FEED
BARCODE LABEL POCKET HOLE
Figure 7. Reel Winding Direction
http://onsemi.com
6
MC74VHC1G09
CAVITY TAPE
TOP TAPE
TAPE TRAILER (Connected to Reel Hub) NO COMPONENTS 160 mm MIN
COMPONENTS
TAPE LEADER NO COMPONENTS 400 mm MIN
DIRECTION OF FEED
Figure 8. Tape Ends for Finished Goods
"T1" PIN ONE TOWARDS SPROCKET HOLE
SC-88A/SOT-353 (5 Pin) DEVICE
User Direction of Feed
Figure 9. Reel Configuration
http://onsemi.com
7
MC74VHC1G09
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
USA/EUROPE Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line*: 303-675-2167 800-344-3810 Toll Free USA/Canada
*To receive a Fax of our publications
ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5487-8345 Email: r14153@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
N. America Technical Support: 800-282-9855 Toll Free USA/Canada
http://onsemi.com
8
MC74VHC1G09/D


▲Up To Search▲   

 
Price & Availability of MC74VHC1G09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X