Part Number Hot Search : 
BC857A CXA16 D2020U 36MT80 55C6V IRFE9210 1898RFP BYG20
Product Description
Full Text Search
 

To Download MBRB20200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MBRB20200CT/D
SWITCHMODETM Power
Dual Schottky Rectifier
. . . using Schottky Barrier technology with a platinum barrier metal. This state-of-the-art device is designed for use in high frequency switching power supplies and converters with up to 48 volt outputs. They block up to 200 volts and offer improved Schottky performance at frequencies from 250 kHz to 5.0 MHz. * 200 Volt Blocking Voltage * Low Forward Voltage Drop * Guardring for Stress Protection and High dv/dt Capability (10,000 V/s) * Dual Diode Construction -- Terminals 1 and 3 Must be Connected for Parallel Operation at Full Rating Mechanical Characteristics * Case: Epoxy, Molded * Weight: 1.7 grams (approximately) 1 * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable 3 * Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Shipped 50 units per plastic tube * Available in 24 mm Tape and Reel, 800 units per 13 reel by adding a "T4" suffix to the part number * Marking: B20200 MAXIMUM RATINGS (PER LEG)
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR) TC = 125C Peak Repetitive Forward Current, Per Leg (Rated VR, Square Wave, 20 kHz) TC = 90C Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Peak Repetitive Reverse Surge Current (2.0 s, 1.0 kHz) Operating Junction Temperature Storage Temperature Voltage Rate of Change (Rated VR) Per Leg Per Package Symbol VRRM VRWM VR IF(AV) IFRM IFSM IRRM TJ Tstg dv/dt
MBRB20200CT
Motorola Preferred Device
SCHOTTKY BARRIER RECTIFIER 20 AMPERES 200 VOLTS
4 1 3 CASE 418B-02
4
Value 200
Unit Volts
10 20 20 150 1.0 - 65 to +150 - 65 to +175 10,000
Amps Amps Amps Amp C C V/s C/W
THERMAL CHARACTERISTICS (PER LEG)
Thermal Resistance -- Junction to Case RJC (IF = 10 Amps, TC = 25C) (IF = 10 Amps, TC = 125C) (IF = 20 Amps, TC = 25C) (IF = 20 Amps, TC = 125C) VF 2.0
ELECTRICAL CHARACTERISTICS (PER LEG)
Maximum Instantaneous Forward Voltage (1) 0.9 0.8 1.0 0.9 1.0 50 Volts
Maximum Instantaneous Reverse Current (1) (Rated dc Voltage, TC = 25C) (Rated dc Voltage, TC = 125C)
IR
mA
DYNAMIC CHARACTERISTICS (PER LEG)
Capacitance (VR = - 5.0 V, TC = 25C, Frequency = 1.0 MHz) (1) Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%. MEGAHERTZ and SWITCHMODE are trademarks of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
CT
500
pF
(c)RectifierInc. 1996 Data Motorola, Device
1
MBRB20200CT
100 IF, INSTANEOUS FORWARD CURRENT (AMP) 70 50 TJ = 150C 20 TJ = 125C 10 7 5 TJ = 100C 10,000 TJ = 150C TJ = 125C 100 TJ = 100C 10
1,000 IR , REVERSE CURRENT ( A)
1
TJ = 25C 2 1 0.2 0.4 0.6 0.8 vF, INSTANTANEOUS VOLTAGE (VOLTS) 1
0.1 TJ = 25C
0.01 0 20 40 60 80 100 120 140 160 180 200 VR, REVERSE CURRENT (VOLTS)
Figure 1. Typical Forward Voltage (Per Leg)
PF(AV), AVERAGE POWER DISSIPATION (WATTS) TJ = 125C 10 dc IPK = 20 IAV IF(AV), AVERAGE FORWARD CURRENT (AMPS) 40 36 32 28 24 20 16 12 8 4 0 0 5 10 15 20 25 30 35 IF(AV), AVERAGE FORWARD CURRENT (AMPS) 25
Figure 2. Typical Reverse Current (Per Leg)
SQUARE WAVE
RATED VOLTAGE RJC = 2C/W
20
15 SQUARE WAVE 10 dc
5
0
90
100
110 120 130 140 TC, CASE TEMPERATURE (C)
150
160
Figure 3. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (AMPS) 20 500
Figure 4. Current Derating, Case
RJA = 16C/W RATED VOLTAGE C, CAPACITANCE (pF)
16 dc
400
TJ = 25C
12
300
8
SQUARE WAVE
200
4
100
0 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (C) 150 175
0
1
2
5
10
20
50
70
100
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Current Derating, Ambient
Figure 6. Typical Capacitance (Per Leg)
2
Rectifier Device Data
MBRB20200CT
RECOMMENDED FOOTPRINT FOR D2PAK
0.33 8.38
0.42 10.66
0.08 2.032 0.04 1.016 0.12 3.05 0.63 17.02
0.24 6.096
inches mm
D2PAK
Rectifier Device Data
3
MBRB20200CT
PACKAGE DIMENSIONS
C E B
4
V
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.340 0.380 0.380 0.405 0.160 0.190 0.020 0.035 0.045 0.055 0.100 BSC 0.080 0.110 0.018 0.025 0.090 0.110 0.575 0.625 0.045 0.055 MILLIMETERS MIN MAX 8.64 9.65 9.65 10.29 4.06 4.83 0.51 0.89 1.14 1.40 2.54 BSC 2.03 2.79 0.46 0.64 2.29 2.79 14.60 15.88 1.14 1.40
A
1 2 3
S
-T-
SEATING PLANE
K G D 3 PL 0.13 (0.005) H
M
J
DIM A B C D E G H J K S V
T
CASE 418B-02 ISSUE B
STYLE 3: PIN 1. 2. 3. 4.
ANODE CATHODE ANODE CATHODE
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
4
CODELINE TO BE PLACED HERE
Rectifier Device Data MBRB20200CT/D


▲Up To Search▲   

 
Price & Availability of MBRB20200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X