Part Number Hot Search : 
AN7216 E000769 TXV1N SN66040 LT1160IS FR252G MC330790 CR5D1106
Product Description
Full Text Search
 

To Download LQ9D340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mass-production
LQ9D340
Features
n n 21 cm [8.4"] VGA format
Color TFT-LCD Module for Measuring instruments/Banking terminals
Wide viewing angle: L/R 120U/D 90
Specifications
Parameter
Display size Dot format (H x V) Dot pitch (H x V) Active area (H x V) Color Input signal Viewing direction Backlight type 21 [8.4] 640 x RGB x 480 0.089 x 0.27 170.9 x 129.6 262 144 6-bit Digital RGB 6:00 1CCFT(E)
Unit
cm [ "] dot mm mm -
Parameter
Brightness 115 Contrast ratio 100 : 1 Power consumption panel 2.7 & backlight Outline dimensions (W x H x D) 216.0 x 152.4 x 7.3 Weight 260 Operating temperature 0 to + 50 Storage temperature -25 to + 60
Unit
cd/m2 W mm g C C
Outline Dimensions
unit : mm
3 112.7 4
221 215
MIN7
3 3.5
ACTIVE AREA BEZEL OPENING
SEE DETAIL B
69.9
152.4 146.4
43.2
ACTIVE AREA CENTER
134.6 129.6
109.3
(50)
175.9 170.88
CN2 PIN ARRAY 3 : GND(WHITE) 1 : HOT(PINK) 4.2 CN2 3
7.3
SEE DETAIL A 216
7.3 4.85 2.5
0.5
3.5
7
2.5 4.85
28.5 5.5
1
12


▲Up To Search▲   

 
Price & Availability of LQ9D340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X