Part Number Hot Search : 
500MA LBT45305 U2531 MIC5165 00AT90M DTC12 RT8113 AX150
Product Description
Full Text Search
 

To Download LNA2601L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Infrared Light Emitting Diodes
LNA2601L
GaAs Infrared Light Emitting Diode
Unit : mm
3.50.3 2.4 1.1 0.8 max. 1.1 0.8
For optical control systems Features
High-power output, high-efficiency Emitted light spectrum suited for silicon photodetectors Ultra-miniature, thin side-view type package Infrared light emission close to monochromatic light : P = 950 nm
3.00.3
o1.1 R0.5
1.950.25 1.40.2 0.9 0.5
12 min. Not Soldered 2.15 max.
2-0.50.15
0.30.15
2
2.54
1
Absolute Maximum Ratings (Ta = 25C)
Parameter Power dissipation Forward current (DC) Pulse forward current Reverse voltage (DC) Operating ambient temperature Storage temperature
*
Symbol PD IF IFP* VR Topr Tstg
Ratings 75 50 1 3 -25 to +85 - 40 to +100
Unit mW mA A V C C
1: Anode 2: Cathode
f = 100 Hz, Duty cycle = 0.1 %
Electro-Optical Characteristics (Ta = 25C)
Parameter Radiant power Peak emission wavelength Spectral half band width Forward voltage (DC) Reverse current (DC) Capacitance between pins Half-power angle Symbol PO P VF IR Ct Conditions IF = 50mA IF = 50mA IF = 50mA IF = 50mA VR = 3V VR = 0V, f = 1MHz
The angle in which radiant intencity is 50%
min 1.5
typ 950 50
max
Unit mW nm nm
1.5 10 35 20
V A pF deg.
1
Infrared Light Emitting Diodes
LNA2601L
IF -- Ta
60 10 2
IFP -- Duty cycle
tw = 10s Ta = 25C 80 70
IF -- VF
Ta = 25C
IF (mA)
IFP (A)
50
IF (mA) Forward current
1 10 10 2
10
60 50 40 30 20 10
Allowable forward current
40
Pulse forward current
30
1
20
10 -1
10
0 - 25
0
20
40
60
80
100
10 -2 10 -1
0
0
0.4
0.8
1.2
1.6
Ambient temperature Ta (C )
Duty cycle (%)
Forward voltage VF (V)
PO -- IFP
10 2 (1) tw = 10s f = 100Hz (2) DC Ta = 25C 1.6
VF -- Ta
10 3
PO -- Ta
IF = 20mA
PO
VF (V)
10
(1)
1.2 10mA 1mA
Relative radiant power
1
(2)
0.8
Relative radiant power
120
Forward voltage
PO
10 2 10 - 25
IF = 50mA
10 -1
0.4
10 -2
1
10
10 2
10 3
0 - 40
0
40
80
0
20
40
60
80
100
Pulse forward current IFP (mA)
Ambient temperature Ta (C )
Ambient temperature Ta (C )
P -- Ta
1000 IF = 20mA 100
Spectral characteristics
IF = 50mA Ta = 25C
Directivity characteristics
0 100 90 10 20
Relative radiant intensity (%)
980
80
80 70
Relative radiant intensity (%)
P (nm)
30
Peak emission wavelength
960
60
60 50 40
40 50 60 70 80 90
940
40 30 20 20
920
900 - 40
0
40
80
120
0 860
900
940
980
1020 1060 1100
Ambient temperature Ta (C )
Wavelength (nm)
2


▲Up To Search▲   

 
Price & Availability of LNA2601L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X