Part Number Hot Search : 
KA22293Q L9270 20221 F9Z34N 100AX 10000 800000 3KP220CA
Product Description
Full Text Search
 

To Download LA1844M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7185
Monolithic linear IC
LA1845N, 1845NM
Single-Chip Home Stereo IC
Overview
The LA1845N/1845NM is designed for use in mini systems and is a single-chip tuner IC that provides electronic tuning functions using SD/IF-count technigue. It incorporates a pilot canceler and an adjustment-free MUX VCO circuit, thus allows additional parts to be reduced.
Package Dimensions
unit: mm 3067A-DIP24S
[LA1845N]
21.0
24
13
7.62 6.4
* AM:
RF amplifier, mixer, oscillator, IF amplifier, detector, AGC, SD, oscillator buffer, IF buffer, stereo IF output, AGC time constant switch * FM IF: IF amplifier, quadrature detector, S-meter, SD (signal detection), S-curve detection, IF buffer output * MPX: PLL stereo decoder, stereo display, forced monaural, VCO stop, audio muting, adjacent channel interference rejection function, pilot canceler
1
0.9
12
(0.71)
1.78
0.48
0.95
0.51min
unit: mm 3112A-MFP24S
[LA1845NM]
24 13
Features
* Integrated MPX VCO (ceramic resonators are no longer required.) * Built-in adjacent channel interference rejection function (114 kHz, 190 kHz) * Supports both SD and IF-count techniques * Both FM SD sensitivity and bandwidth can be set * Pilot canceler built in.
5.4
3.3 3.9max
(3.25)
SANYO: DIP24S
12.5
0.15
0.35
1.0
0.1 1.5
(0.75)
SANYO: MFP24S
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
91002RM (OT) No. 5888-1/10
0.63
1
12
1.7max
7.6
0.25
Functions
LA1845N, 1845NM
Specifications
Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Symbol VCC max Pd max Allowable power dissipation Pd max Pd max Operating temperature Storage temperature Topr Tstg Ta 45C Ta = 80C (DIP) Ta = 80C (MFP) Conditions Ratings 9 400 400 260 -20 to +80 -40 to +125 Unit V mW mW mw C C
Operating Conditions at Ta = 25C
Parameter Recommended supply voltage Operating supply voltage range Symbol VCC VCCop Ta = 80C Conditions Ratings 8 4.3 to 8.5 Unit V V
Operating Characteristics at Ta = 25C, VCC = 8 V, in the specified test circuit.
Parameter Symbol Conditions Ratings min typ max Unit
[FM Mono Characteristics] fc = 10.7 MHz, Vi = 100 dB, fm = 1 kHz, Mod = 75 kHz Current drain Demodulator output Total harmonic distortion Signal-to-noise ratio AM rejection ratio 3 dB sensitivity SD sensitivity IF counter buffer output Mute attenuation VIFBuff-FM Mute-Att ICCO-FM VOFM THDFM S/NFM AMR With no input signal 100 dB, 100% modulation, fm = 1 kHz 100 dB, 100% modulation, fm = 1 kHz 100 dB, 100% modulation, fm = 1 kHz 100 dB, AM 30% modulation, fm = 1 kHz 100 dB, 100% modulation, fm = 1 kHz, -3 dB input 0% modulation 100 dB, the pin 13 output 100 dB, 100% modulation, fm = 1 kHz 38 80 75 73 47 20 230 30 360 0.35 80 65 32 47 120 85 40 56 160 40 460 1.5 mA mVrms % dB dB dB dB mVrms dB
[FM Stereo Characteristics] fc = 10.7 MHz, Vi = 100 dB, fm = 1 kHz, L + R = 90%, Pilot = 10% Separation Stereo on level Total harmonic distortion Adjacent channel rejection ratio 1 Adjacent channel rejection ratio 2 Carrier leak SepL STON Left channel modulated. The pin 16 output/the pin 17 output The pilot modulation such that V7 falls under 0.7 V 30 1.5 42 3.5 0.45 36 41 38 44 5.5 1.5 dB % % dB dB dB
THD-main Left + right modulation. The pin 16 output. Brej-3rd Brej-5th fs = 113 kHz, Vs = 90%, pilot = 10% The left - right modulation, demodulated output fs = 189 kHz, Vs = 90%, pilot = 10% The left - right modulation, demodulated output L + R = 90%, pilot = 10% reference, pilot = 10% output
[AM Characteristics] fc = 1000 kHz, Vi = 80 dB, fm = 1 kHz, Mod = 30% Current drain Detector output 1 Detector output 2 Signal-to-noise ratio 1 Signal-to-noise ratio 2 Total harmonic distortion 1 Total harmonic distortion 2 SD sensitivity Local oscillator buffer output IF counter buffer output VOSC-AM VIFBuff-AM ICCO-AM VOAM1 VOAM2 S/NAM1 S/NAM2 THDAM1 THDAM2 With no input signal 23 dB, 30% modulation, fm = 1 kHz 80 dB, 30% modulation, fm = 1 kHz 23 dB, 30% modulation, fm = 1 kHz 80 dB, 30% modulation, fm = 1 kHz 80 dB, 30% modulation, fm = 1 kHz 107 dB, 30% modulation, fm = 1 kHz 0% modulation With no input signal 23 dB 11 100 140 13 40 90 17 46 27 80 160 23 52 0.4 0.5 20 140 285 1.1 1.3 29 200 400 39 160 230 mA mVrms mVrms dB dB % % dB mVrms mVrms
No. 5888-2/10
LA1845N, 1845NM Block Diagram
(8.0 to 9.0 V)
AC Test Circuit
AM-IN (1MHz) 0.047F 50 0.047F OSC BUFF 1000pF 5.6k 39pF 20pF HW50425 39MH 3.3F 1000pF 4.7F 10F 22F 0.01F 6.8k 24 23 22 21 20 19 18 20k 17 16 15 14 13 20k 0.1F 65k 0.0047F 0.015F 0.015F A A 0dB LPF ROUT LPF LOUT
LA1845N/1845NM
FM-IN (10.7MHz) 75
1 300 0.047F
2
3
4
5 TU-LED V-SD
6 ST-LED V-ST
Top view 7 8 9 10 11 1F 3k 10k 50k 1000pF AM IF 1000pF NORMAL AM/FM IF-BUFF 20pF SEEK 0.47F AM FM MONO VCC 8.0V 12 1F
HW6215 33F 0.047F
50k
600BEAS-10471 detector coil
No. 5888-3/10
LA1845N, 1845NM Pin Functions
Pin No. Pin function Pin voltage Notes Equivalent circuit
1
1
FM IF input
Vreg
Input impedance ri = 330
3
A10635
2
2
AM mixer output
VCC
Connect the mixer coil between this pin and VCC
A10636
3
3
REG
2.3
Vreg = 2.3 V
A10635
4
AM IF input
Vreg
Input impedance ri = 2 k
4
A10637
5
GND
0V
6 7
6 7
TU-LED ST-LED / AF-IF output
VCC VCC
Active low Open collector
A10638
8
FM detector
VCC
The 600BEAS-10471 (Toko Mfg. Co., Ltd.) is recommended for detector coil.
9
VCC
10
AM / FM IF counter output, output control switch, mute switch
V10 0.5 V: Reception state 0V 1.4 V V10 2.2 V: Muting on V10 3.5 V: IF counter output and muting on
A10643
10
11
Phase comparator low-pass filter (AM/FM switching)
The device operates in AM mode when a current of over 200 A flows from pin.12. VCC - 1.0 Limit values for the resistor: 2.7 k (When VCC = 7 V) 3.9 k (8 V)
11
A10641
Continued on next page.
No. 5888-4/10
LA1845N, 1845NM Continued from preceding page.
Pin No. Pin function Pin voltage Notes The device is forced to monaural when a current of over 50 A flows from this pin. 12 Pilot detector lowpass filter (Forced mono) (VCO stop) VCC - 1.0 The VCO is stopped when a current of over 200 A flows from this pin. The limit values for the resistor are the same as those for pin 11. Equivalent circuit
12
A10642
13 14
L outputs R outputs
3.2 V 3.2 V
Output impedance ro = 3.3 k
13
( 14 )
A10647
15
15
Pilot canceler output
Vreg
3
A10645
RNF
16
Decoder input
Vreg
Inverting input pin RNF = 20 k
16
17
17
PLL input
Vreg
Input impedance ri = 20 k
18
Output impedance ro = 2.3 k 18 FM demodulator output Vreg + 0.7 (FM) Vreg + 0.7 (AM) The channel separation can be adjusted with an external capacitor connected between this pin and ground.
A10649
100V
19
AM detector output
0 V (FM) 1.5 V (AM)
Output impedance ro = 10 k
19
The resistance of the built-in resistor R is 13.9 k 20 S meter, AM AGC 0.2 V (FM) 0.9 V (AM) The SD responce during seek operation is determined with the external capacitor connected to this pin.
20 R
A10651
Continued on next page.
No. 5888-5/10
LA1845N, 1845NM Continued from preceding page.
Pin No. Pin function Pin voltage Notes Equivalent circuit
21
AM RF input
Vreg
Must be used at the same potential as pin 22
21
A10653
22
AFC
Vreg
The FM SD bandwidth can be adjusted with the external resistor connected between this pin and pin 3 (Vreg)
22
23
23
OSC
Vcc
Connect the oscillator coil between this pin and pin 9 (Vcc) Note: Impedance of the secondary oscillator coil must be 5 k or higher.
A10655
24
Oscillator buffer output, FM SD sensitivity adjustment
The FM SD sensitivity can be adjusted with an external resistor connected to this pin. Vcc - 1.4 Output impedance ro = 200 Note: Resistance of the external resistor connected to the pin 24 must be 3.3 k or higher.
R 24
A10656
No. 5888-6/10
LA1845N, 1845NM
10 0
AM Input/Output Characteristics
4.0 3.5 3.0
FM Input/Output Characteristics 1
Total harmonic distortion, THD -- % S-meter voltage, Vsm -- V
Output voltage, VO -- dBV
--10
S
--20 --30 --40 --50 --60 --70 0 20 40 60 2.5
Vsm
2.0 1.5 1.0
Output voltage, VO -- dBV
AM
THD N
80 100
0.5 0 120
Input, INPUT -- dB
ILA00967
Input, INPUT -- dB
FM Input/Output Characteristics 2
S-meter voltage, Vsm -- V Total harmonic distortion, THD -- % Total harmonic distortion, THD -- %
FM Detuning Characteristics
Input, INPUT -- dB
Frequency, fc -- MHz
Multiplex Frequency Characteristics 1
Total harmonic distortion, THD -- % Channel separation, Sep -- dB
Multiplex Frequency Characteristics 2
Modulation frequency, fm -- Hz
Modulation frequency, fm -- Hz
AM Supply Voltage Characteristics 1
Signal-to-noise ratio, SN -- dB Channel separation, Sep -- dB
AM Supply Voltage Characteristics 2
Output voltage, VO -- dBV
Supply voltage, VCC -- V
Supply voltage, VCC -- V
No. 5888-7/10
AFC voltage, Vafc -- V
LA1845N, 1845NM
0 --10
FM Supply Voltage Characteristics 1
S
9 8 7 6
50
FM Supply Voltage Characteristics 2
SD
Total harmonic distortion, THD -- % S-meter voltage, Vsm -- V
Output voltage, VO -- dBV
--20 --30 --40 --50 --60 --70 --80 --90 3 4 5 6 7 8 9 10 11
Sensitivity, Sens -- dB
40
Vsm100
5 4 3 2
30
LS
Vsm70
AM THD Vsm0
20
N
1 0 12
10 3 4 5 6 7 8 9 10 11 12
Supply voltage, VCC -- V
60
ILA00975 6 12
Supply voltage, VCC -- V
ILA00976
Multiplex Supply Voltage Characteristics 1
Multiplex Supply Voltage Characteristics 2
50
5
Total harmonic distortion, THD -- %
Channel separation, Sep -- dB
10
40
SepR Vlon
4
ST sensitivity, VL -- %
SepL
THDmain
8
30
3
6
THDst
20
Vloff
2
4
THDsub
2
10
1
0 2 4 6 8 10
0 12 ILA00977 3.0
0 2 4 6 8 10 12 ILA00978
Supply voltage, VCC -- V
0
Supply voltage, VCC -- V
40
AM Temperature Characteristics 1
Vsm80
S
AM Temperature Characteristics 2
Output voltage, VO -- dBV
2.5
Total harmonic distortion, THD -- % S-meter voltage, Vsm -- V
--20
Sensitivity, Sens -- dB
30
Vsm40
--40
2.0
SN23
1.5
SD
20
Vsm0
1.0 --60
10
N THD
--80 --40 --20
0.5
Ambient temperature, Temp -- C
S
0
20
40
60
80
0 100
0 --40
--20
ILA00979 6 50
Ambient temperature, Temp -- C
0
20
40
60
80
100
ILA00980
0
FM Temperature Characteristics 1
Vsm1 00
FM Temperature Characteristics 2
SD
Output voltage, VO -- dBV
--20
5
4 --40
Vsm70
3 --60
Sensitivity, Sens -- dB
40
30
LS
AM
--80
2
20
N THD Vsm0
40 60 80
1
--100 --40
--20
Ambient temperature, Temp -- C
0
20
0 100
10 --40
--20
ILA00981
Ambient temperature, Temp -- C
0
20
40
60
80
100
ILA00982
No. 5888-8/10
LA1845N, 1845NM
5
FM Temperature Characteristics 3
THD 95C THD 75C
60
Multiplex Temperature Characteristics 1
Total harmonic distortion, THD -- %
3
THD --25C THD 0C THD 25C THD 50C AFC --25C
AFC voltage, Vafc -- mV
4
Channel separation, Sep -- dB
50
Sep
L
SepR
40
2
AFC 0C AFC 50C AFC 95C
1
30
AFC 75C AFC 25C
0 10.6 10.7 --1.5 10.8 ILA00983
20 --40
--20
Input frequency, fc -- MHz
2.0
Ambient temperature, Temp -- C
0
20
40
60
80
100
ILA00984
Multiplex Temperature Characteristics 2
Signal-to-noise ratio, SN -- dB Muting attenuation, Matt -- dB
90
Multiplex Temperature Characteristics 3
Total harmonic distortion, THD -- %
1.5
80
S / Nmono S / Nst
1.0
70
t M At
0.5
THDmono
THDmain
THDst
60
0 --40
THDsub
--20
Ambient temperature, Temp -- C
CR+
0
20
40
60
80
100
50 --40
--20
ILA00985 4.0 3.5 3.0
Ambient temperature, Temp -- C
0
20
40
60
80
100
ILA00986
8
Multiplex Temperature Characteristics 4
Free-running frequency drift, f -- % Capture range, CR -- %
6 4
Vlon
2 0 --2 --4 2.5
fF Vloff
2.0 1.5 1.0
CR---6 --8 --40 0.5 0 100
--20
Ambient temperature, Temp -- C
0
20
40
60
80
ILA00987
ST sensitivity, VL -- %
No. 5888-9/10
LA1845N, 1845NM
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of September, 2002. Specifications and information herein are subject to change without notice. PS. No. 5888-10/10


▲Up To Search▲   

 
Price & Availability of LA1844M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X