Part Number Hot Search : 
AD1981BJ PAL20R4 ST62T60C AD1981BJ W9825G6 BDX18N TAA81N5 2SC318
Product Description
Full Text Search
 

To Download KSC2328 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSC2328A
KSC2328A
Audio Power Amplifier Applications
* Complement to KSA928A * Collector Power Dissipation : PC=1W * 3 Watt Output Application
1
TO-92L
1. Emitter 2. Collector 3. Base
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Ratings 30 30 5 2 1 150 -55 ~ 150 Units V V V A W C C
Electrical Characteristics Ta=25C unless otherwise noted
Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE VBE (on) VCE (sat) fT Cob Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Base-Emitter On Voltage Collector-Emitter Saturation Voltage Current Gain Bandwidth Product Collector Output Capacitance Test Condition IC=100A, IE=0 IC=10mA, IB=0 IE=1mA, IC=0 VCB=30V, IE=0 VEB=5V, IC=0 VCE=2V, IC=500mA VCE=2V, IC=500mA IC=1.5A, IB=0.03A VCE=2V, IC=500mA VCB=10V,IE=0, f=1MHz 120 30 100 Min. 30 30 5 100 100 320 1.0 2.0 V V MHz pF Typ. Max. Units V V V nA nA
hFE Classification
Classification hFE O 100 ~ 200 Y 160 ~ 320
(c)2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
KSC2328A
Typical Characteristics
1400
IB = 7mA
VCE = 2V
IC[mA], COLLECTOR CURRENT
1200
IB = 6mA IB = 5mA IB = 4mA IB = 3mA IB = 2mA IB = 1mA
10 0 2 4 6 8 10 12 14 16 18 1 10 100 1000
1000
hFE, DC CURRENT GAIN
1000
800
600
100
400
200
0
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[mA], COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. DC current Gain
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
1400
VCE = 2V
IC = 50 IB Ta = 25 C
1
o
1200
IC[mA], COLLECTOR CURRENT
1000
800
600
0.1
400
200
0.01 1 10 100 1000
0 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IC[mA], COLLECTOR CURRENT
VBE[V], BASE-EMITTER VOLTAGE
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
10
1.4
IC (MAX) PULSE
1.2
IC[A], COLLECTOR CURRENT
IC (MAX)
1
1s T DC =2 5 O
o
PC[W], POWER DISSIPATION
100
s 1m
1.0
C
C
PE RA
0.8
TI N
G
0.6
0.1
0.4
V CEO (MAX)
0.01 0.1
0.2
1
10
0.0 0 25 50
o
75
100
125
150
175
VCE [V], COLLECTOR-EMITTER VOLTAGE
Ta[ C], AMIBIENT TEMPERATURE
Figure 5. Safe Operating Area
Figure 6. Power Derating
(c)2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
KSC2328A
Package Dimensions
TO-92L
4.90 0.20
8.00 0.20
1.70 0.20
1.00 0.10
0.70MAX. 0.80 0.10 1.00MAX.
13.50 0.40
0.50 0.10 1.27TYP [1.27 0.20] 2.54 TYP 0.45 0.10
1.45 0.20
3.90 0.20
3.90 0.20
0.45 0.10
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. A2, September 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of KSC2328

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X