Part Number Hot Search : 
MCZ33 LM535 MAX7453 2SC2898 DM74LS 2SB646A MAX170 SG2626T
Product Description
Full Text Search
 

To Download KSB564A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSB564A
KSB564A
Audio Frequency Power Amplifier
* * * * Complement to KSD471A Collector Current : IC = -1A Collector Power Dissipation : PC = 800mW Suffix "-C" means Center Collector (1. Emitter 2. Collector 3. Base) TO-92
1
1. Emitter 2. Base 3. Collector
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Ratings -30 -25 -5 -1.0 800 150 -55 ~ 150 Units V V V A mW C C
Electrical Characteristics Ta=25C unless otherwise noted
Symbol BVCBO BVCEO BVEBO ICBO hFE VCE (sat) VBE (sat) fT Cob Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance Test Condition IC= -100A, IE=0 IC= -10mA, IB=0 IE= -100A, IC=0 VCB= -30V, IE=0 VCE= -1V, IC= -100mA IC= -1A, IB= -0.1A IC= -1A, IB= -0.1A VCE= -6V, IC= -10mA VCB= -6V, IE=0, f=1MHz 110 18 70 Min. -30 -25 -5 -0.1 400 -0.5 -1.2 V V MHz pF Typ. Max. Units V V V A
hFE Classification
Classification hFE O 70 ~ 140 Y 120 ~ 240 G 200 ~ 400
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
KSB564A
Typical Characteristics
-1.0 -0.9
1000
VCE=-1.0V
IC[A], COLLECTOR CURRENT
-0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 0 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 1 -10
IB = -8mA IB = -7mA IB = -6mA IB = -5mA IB = -4mA IB = -3mA IB = -2mA IB = -1mA
hFE, DC CURRENT GAIN
100
10
-100
-1000
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[mA], COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. DC current Gain
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
-10
100
IC = 10 IB
f = 1MHz IE=0
-1
VBE(sat)
Cob[pF], CAPACITANCE
10
-0.1
VCE(sat)
-0.01 -1 -10 -100 -1000
1 -1 -10 -100
IC[mA], COLLECTOR CURRENT
VCB [V], COLLECTOR-BASE VOLTAGE
Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
fT[MHz], CURRENT GAIN-BANDWIDTH PRODUCT
-10
VCE = -6V
1.TC=25 C 2.Single pulse
o
100
IC[A], COLLECTOR CURRENT
-1
0m 20 s
DC
-0.1
10
-0.01 1 10 100 -1 -10 -100
IC[mA], COLLECTOR CURRENT
VCE[V], COLLECTOR-EMITTER VOLTAGE
Figure 5. Current Gain Bandwidth Product
Figure 6. Safe Operating Area
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
KSB564A
Package Demensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
(c)2001 Fairchild Semiconductor Corporation Rev. A1, June 2001
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. STAR*POWERTM FAST(R) OPTOPLANARTM
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SLIENT SWITCHER(R) SMART STARTTM
StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TruTranslationTM TinyLogicTM UHCTM UltraFET(R) VCXTM
STAR*POWER is used under license
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be which, (a) are intended for surgical implant into the body, reasonably expected to cause the failure of the life support or (b) support or sustain life, or (c) whose failure to perform device or system, or to affect its safety or effectiveness. when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2001 Fairchild Semiconductor Corporation
Rev. H3


▲Up To Search▲   

 
Price & Availability of KSB564A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X