![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
W TE PO WE R SEM IC O ND UC TO R S KBU1000 - KBU1010 10A BRIDGE RECTIFIER Features ! ! ! ! ! ! Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards A B C D K L -~~+ E KBU Dim Min Max A 22.70 23.70 B 3.80 4.10 C 4.20 4.70 D 1.70 2.20 E 10.30 11.30 G 4.50 6.80 H 4.60 5.60 J 25.40 -- K -- 19.30 L 16.80 17.80 M 6.60 7.10 N 4.70 5.20 P 1.20 1.30 All Dimensions in mm J G H M Mechanical Data ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 8.0 grams (approx.) Mounting Position: Any Marking: Type Number N P Maximum Ratings and Electrical Characteristics Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBU 1000 50 35 @TA=25C unless otherwise specified Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2t RJC Tj, TSTG KBU 1001 100 70 KBU 1002 200 140 KBU 1004 400 280 10 300 1.0 10 1.0 373 8.0 -65 to +150 KBU 1006 600 420 KBU 1008 800 560 KBU 1010 1000 700 Unit V V A A V A mA A2s K/W C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) Peak Reverse Current At Rated DC Blocking Voltage Rating for Fusing (t < 8.3ms) (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range @IF = 5.0A @TC = 25C @TC = 100C Note: 1. Non-repetitive for t > 1ms and < 8.3ms. 2. Thermal resistance junction to case per element mounted on PC board with 13.0x13.0x0.03mm thick land areas. KBU1000 - KBU1010 1 of 3 (c) 2002 Won-Top Electronics 12 IF, INSTANTANEOUS FWD CURRENT (A) 100 10 I(AV), AVERAGE FWD CURRENT (A) 8 Heat sink Mounting 10 6 Mounted on 4 X 4 inch Copper PC Board 12.7mm lead length 4 1.0 2 Tj = 25C Pulse width = 300 s 0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve 0.1 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element 400 IFSM, PEAK FORWARD SURGE CURRENT (A) Tj = 150C 8.3 ms Single Half-Sine Wave Tj = 25C f = 1 MHz 300 CJ, CAPACITANCE (pF) 200 100 100 0 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current IR, INSTANTANEOUS REVERSE CURRENT (A) 10 10 1 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance per element Tj = 100C 1.0 0.1 Tj = 25C 0.01 0 20 40 60 80 100 120 140 PERCENT OF PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics KBU1000 - KBU1010 2 of 3 (c) 2002 Won-Top Electronics ORDERING INFORMATION Product No. KBU1000 KBU1001 KBU1002 KBU1004 KBU1006 KBU1008 KBU1010 Package Type SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge Shipping Quantity 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval. Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com We power your everyday. (c) 2002 Won-Top Electronics KBU1000 - KBU1010 3 of 3 |
Price & Availability of KBU1001
![]() |