Part Number Hot Search : 
15KP110 PR2001G1 2SB1116 LMR61W L9205A S6310MG LVCU0 L9205A
Product Description
Full Text Search
 

To Download IRG4CF50WB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -94307
IRG4CF50WB
IRG4CF50WB IGBT Die in Wafer Form
C
G E
900 V Size 5 Warp Speed 6" Wafer
Electrical Characteristics ( Wafer Form )
Parameter VCE (on) V(BR)CES VGE(th) ICES IGES Description Guaranteed (Min/Max) Collector-to-Emitter Saturation Voltage 3.11V Max. Collector-to-Emitter Breakdown Voltage 900V Min. Gate Threshold Voltage 3.0V Min., 6.0V Max. Zero Gate Voltage Collector Current 250 A Max. Gate-to-Emitter Leakage Current 1.1 A Max. Test Conditions IC = 10A, TJ = 25C, VGE = 15V TJ = 25C, ICES = 250A, VGE = 0V VGE = VCE , TJ =25C, IC =250A T J = 25C, VCE = 900V TJ = 25C, VGE = +/- 20V
Mechanical Data
Cr-Ni-Ag ( 1kA-2kA-.2.5kA ) 99% Al, 1% Si (4 microns) 0.257" x 0.260" 150mm, with std. < 100 > flat .015" + / -.003" 01-5270 100 Microns 0.25mm Diameter Minimum Consistent throughout same wafer lot Store in original container, in dessicated nitrogen, with no contamination Recommended Die Attach Conditions For optimum electrical results, die attach temperature should not exceed 300C Reference Standard IR packaged part (for design) : IRG4PF50W (When available) Norminal Backmetal Composition, Thickness: Norminal Front Metal Composition, Thickness: Dimensions: Wafer Diameter: Wafer thickness: Relevant Die Mechanical Dwg. Number Minimum Street Width Reject Ink Dot Size Ink Dot Location Recommended Storage Environment:
Die Outline
8/29/01


▲Up To Search▲   

 
Price & Availability of IRG4CF50WB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X