Part Number Hot Search : 
2SC4081 2SD820 DD312 ON1903 PVD1354 1N4005A 00104 C2060
Product Description
Full Text Search
 

To Download IRG4CC81UB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 91773
IRG4CC81UB
IRG4CC81UB IGBT Die in Wafer Form
C
G E
600 V Size 8.1 Ultra-Fast Speed 6" Wafer
Electrical Characteristics ( Wafer Form )
Parameter VCE (on) V(BR)CES VGE(th) ICES IGES Description Collector-to-Emitter Saturation Voltage Colletor-to-Emitter Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Collector Current Gate-to-Emitter Leakage Current Guaranteed (Min/Max) 4.5V Max. 600V Min. 3.0V Min., 6.0V Max. 300 A Max. 11 A Max. Test Conditions IC = 10A, TJ = 25C, VGE = 15V TJ = 25C, ICES = 250A, VGE = 0V VGE = VCE , TJ =25C, IC =250A TJ = 25C, VCE = 600V TJ = 25C, VGE = +/- 20V
Mechanical Data
Norminal Backmetal Composition, Thickness: Norminal Front Metal Composition, Thickness: Dimensions: Wafer Diameter: Wafer thickness: Relevant Die Mechanical Dwg. Number Minimum Street Width Reject Ink Dot Size Ink Dot Location Recommended Storage Environment: Recommended Die Attach Conditions Reference Standard IR packaged part ( for design ) : GA200TS60U Cr-Ni / V-Ag ( 1kA-2kA-.2.5kA ) 99% Al, 1% Si (4 microns) 0.523" x 0.523" 150mm, with std. < 100 > flat .015" + / -.003" 01-5249 100 Microns 0.25mm Diameter Minimum Consistent throughout same wafer lot Store in original container, in dessicated nitrogen, with no contamination For optimum electrical results, die attach temperature should not exceed 300C
Die Outline
NOTES: 1. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES) 2. CONTROLLING DIMENSION: (INCH). 3. LETTER DESIGNATION: S = SOURCE SK = SOURCE KELVIN G = GATE IS = CURRENT SENSE 4. DIMENSIONAL TOLERANCES: BONDING PADS: < 0.635 TOLERANCE = +/- 0.013 WIDTH < (.0250) TOLERANCE = +/- (.0005) & < 0.635 TOLERANCE = +/- 0.025 LENGTH < (.0250) TOLERANCE = +/- (.0010) OVERALL DIE: < 1.270 TOLERANCE = +/- 0.102 WIDTH < (.050) TOLERANCE = +/- (.004) & < 0.635 TOLERANCE = +/- 0.203 LENGTH < (.050) TOLERANCE = +/- (.008) 5. UNLESS OTHERWISE NOTED ALL DIE ARE GEN III
10/6/98


▲Up To Search▲   

 
Price & Availability of IRG4CC81UB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X