Part Number Hot Search : 
FES2B M85049 RT9503A EGA64 2SA16 1N5405GM TA0836A A0LMAI
Product Description
Full Text Search
 

To Download IRG4CC70UB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 91765
IRG4CC70UB
IRG4CC70UB IGBT Die in Wafer Form
C
G E
600 V Size 7 Ultra-Fast Speed 6" Wafer
Electrical Characteristics ( Wafer Form )
Parameter VCE (on) V(BR)CES VGE(th) ICES IGES Description Collector-to-Emitter Saturation Voltage Colletor-to-Emitter Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Collector Current Gate-to-Emitter Leakage Current Guaranteed (Min/Max) 4.5V Max. 600V Min. 3.0V Min., 6.0V Max. 300 A Max. 11 A Max. Test Conditions IC = 10A, TJ = 25C, VGE = 15V TJ = 25C, ICES = 250A, VGE = 0V VGE = VCE , TJ =25C, IC =250A TJ = 25C, VCE = 600V TJ = 25C, VGE = +/- 20V
Mechanical Data
Norminal Backmetal Composition, Thickness: Norminal Front Metal Composition, Thickness: Dimensions: Wafer Diameter: Wafer thickness: Relevant Die Mechanical Dwg. Number Minimum Street Width Reject Ink Dot Size Ink Dot Location Recommended Storage Environment: Recommended Die Attach Conditions Reference Standard IR packaged part ( for design ) : IRG4PSC70U Cr-Ni / V-Ag ( 1kA-2kA-.2.5kA ) 99% Al, 1% Si (4 microns) 0.340" x 0.340" 150mm, with std. < 100 > flat .015" + / -.003" 01-5234 100 Microns 0.25mm Diameter Minimum Consistent throughout same wafer lot Store in original container, in dessicated nitrogen, with no contamination For optimum electrical results, die attach temperature should not exceed 300C
Die Outline
9/24/98


▲Up To Search▲   

 
Price & Availability of IRG4CC70UB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X