Part Number Hot Search : 
PC1394C LA7793V 25LC64 FNTRPBF MC146818 PCA8521 DTA12 MUR1010F
Product Description
Full Text Search
 

To Download IRG4CC60UB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94406
IRG4CC60UB
IRG4CC60UB IGBT Die in Wafer Form
C
G E
600 V Size 6 Fast Speed 6" Wafer
Electrical Characteristics ( Wafer Form )
Parameter VCE (on) V(BR)CES VGE(th) ICES IGES Description Collector-to-Emitter Saturation Voltage Colletor-to-Emitter Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Collector Current Gate-to-Emitter Leakage Current Guaranteed (Min/Max) 0.8V Min., 1.9V Max. 600V Min. 3.0V Min., 6.0V Max. 200 A Max. 1.1 A Max. Test Conditions IC = 10A, TJ = 25C, VGE = 15V TJ = 25C, ICES = 250A, V GE = 0V VGE = VCE , TJ =25C, IC =250A TJ = 25C, VCE = 600V TJ = 25C, VGE = +/- 20V
Mechanical Data
Nominal Backmetal Composition, Thickness: Nominal Front Metal Composition, Thickness: Dimensions: Wafer Diameter: Wafer thickness: Relevant Die Mechanical Dwg. Number Minimum Street Width Reject Ink Dot Size Ink Dot Location Recommended Storage Environment: Recommended Die Attach Conditions Reference Standard IR packaged part ( for design ) : IRG4PC60U Cr-Ni / V-Ag ( 1kA-2kA-.2.5kA ) 99% Al, 1% Si (4 microns) 0.257" x 0.360" 150mm, with std. < 100 > flat .015" + / -.003" 01-5535 100 Microns 0.25mm Diameter Minimum Consistent throughout same wafer lot Store in original container, in dessicated nitrogen, with no contamination For optimum electrical results, die attach temperature should not exceed 300C
Die Outline
www.irf.com
04/26/02


▲Up To Search▲   

 
Price & Availability of IRG4CC60UB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X