Part Number Hot Search : 
74HC1 MAX168 SM25GZ51 EVH12390 ST21NFC SP481EC IRG4PC Z5250
Product Description
Full Text Search
 

To Download IRFP044N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.1410A
IRFP044N
HEXFET(R) Power MOSFET
l l l l l
Advanced Process Technology Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Fully Avalanche Rated
D
VDSS = 55V RDS(on) = 0.020
G
ID = 53A
S
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.
TO-247AC
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw
Max.
53 37 180 120 0.77 20 230 28 12 5.0 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.24 ---
Max.
1.3 --- 40
Units
C/W
8/25/97
IRFP044N
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS I GSS Qg Q gs Q gd t d(on) tr t d(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. 55 --- --- 2.0 16 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.017 --- --- --- --- --- --- --- --- --- --- 12 80 43 52 5.0 13 1500 450 160
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, I D = 1mA 0.020 VGS = 10V, ID = 29A 4.0 V VDS = VGS , ID = 250A --- S VDS = 25V, I D = 28A 25 VDS = 55V, VGS = 0V A 250 VDS = 44V, VGS = 0V, TJ = 150C 100 V GS = 20V nA -100 VGS = -20V 61 ID = 28A 13 nC VDS = 44V 24 V GS = 10V, See Fig. 6 and 13 --- VDD = 28V --- I D = 28A ns --- RG = 12 --- RD = 0.98, See Fig. 10 D Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact S --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
VSD t rr Q rr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol 53 --- --- showing the A G integral reverse --- --- 180 p-n junction diode. S --- --- 1.3 V TJ = 25C, IS = 29A, VGS = 0V --- 72 110 ns TJ = 25C, IF = 28A --- 210 310 C di/dt = -100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Pulse width 300s; duty cycle 2%.
Uses IRFZ46N data and test conditions
VDD = 25V, starting TJ = 25C, L = 410H
RG = 25, IAS = 28A. (See Figure 12)
ISD 28A, di/dt 240A/s, VDD V(BR)DSS,
TJ 175C
IRFP044N
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTT OM 4.5V TOP
1000
I , D ra in -to -S o u rc e C u rre n t (A ) D
I , D ra in -to -S o u rce C u rre n t (A ) D
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTT OM 4.5V TOP
100
100
10
10
4 .5V
4.5 V
1 0.1 1
2 0 s PU LSE W ID TH TC = 2 5C
10
A
1 0.1 1
20 s P UL SE W IDTH TC = 17 5C
10 100
A
100
V D S , D rain-to-S ource V oltage (V )
V D S , Drain-to-Source V oltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.5
R D S (o n ) , D ra in -to -S o u rc e O n R e si sta n ce (N o rm a li ze d )
I D = 46 A
I D , D rain -to- S ou rce C ur ren t (A )
2.0
100
TJ = 2 5 C TJ = 1 7 5 C
1.5
1.0
10
0.5
1 4 5 6 7
V DS = 2 5 V 2 0 s P U L SE W ID TH
8 9 10
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = 10 V
100 120 140 160 180
A
V G S , Ga te-to-S o urce V oltage (V )
T J , Junction T emperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
IRFP044N
2800 20
2400
C , C a p a c ita n c e (p F )
2000
C is s
1600
C os s
1200
V G S , G a te -to -S o u rce V o lta g e (V )
V GS C is s C rs s C o ss
= 0 V, f = 1M H z = C gs + C gd , Cds SH O RTE D = C gd = C ds + C g d
I D = 28 A V D S = 44 V V D S = 28 V
16
12
8
800
C rs s
400
4
0 1 10 100
A
0 0 10 20 30
FO R TEST C IRC U IT SEE FIG UR E 13
40 50 60
A
V D S , Drain-to-Source V oltage (V)
Q G , T otal G ate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
I S D , R everse D rain C urrent (A )
O P ER A TION IN TH IS A R EA L IM ITE D B Y R D S (o n)
I D , D rain Current (A )
100
100
10 s
T J = 1 75 C T J = 25 C
10
10 0 s
10
1m s
1 0.4 0.8 1.2 1.6
VG S = 0 V
2.0
A
1 1
T C = 25 C T J = 17 5 C S in g le Pu lse
10
10 m s
A
100
2.4
V S D , S ource-to-D rain Voltage (V )
V D S , D rain-to-Source V oltage (V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
IRFP044N
VDS
60
RD
VGS
50
D.U.T.
+
RG
-VDD
I D , Drain Current (A)
40
10V
Pulse Width 1 s Duty Factor 0.1 %
30
Fig 10a. Switching Time Test Circuit
20
VDS 90%
10
0 25 50 75 100 125 150 175
T C , Case Temperature
( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
10
Fig 10b. Switching Time Waveforms
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t1 / t 2 2. Peak T J = P DM x Z thJC + T C PDM t1 t2
0.01 0.00001
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
IRFP044N
L
E A S , S in g le P u ls e A va la n c h e E n e rg y (m J)
VDS D.U.T. RG + V - DD
10 V
500
TO P
400
BO TTOM
ID 1 1A 20A 28 A
IAS tp
0.01
300
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp VDD VDS
200
100
0
V D D = 2 5V
25 50 75 100 125 150
A
175
Starting TJ , Junction T emperature (C)
IAS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
IG
ID
Charge
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
IRFP044N
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
IRFP044N
Package Outline
TO-247AC Outline Dimensions are shown in millimeters (inches)
1 5 .90 (.6 2 6) 1 5 .30 (.6 0 2) -B3 .6 5 (.1 4 3 ) 3 .5 5 (.1 4 0 ) 0 .25 (.0 1 0) M -A5 .5 0 (.2 1 7 ) 2 0 .3 0 (.80 0 ) 1 9 .7 0 (.77 5 ) 1 2 3 -C 1 4.8 0 (.5 8 3 ) 1 4.2 0 (.5 5 9 ) 4 .3 0 (.1 7 0 ) 3 .7 0 (.1 4 5 )
LEAD AS SIGN MENT S 1 2 3 4 G ATE DRAIN SO URCE DRAIN
-DDBM 5 .3 0 (.2 0 9 ) 4 .7 0 (.1 8 5 ) 2 .5 0 (.0 8 9) 1 .5 0 (.0 5 9) 4
2X
5. 50 (.2 17 ) 4. 50 (.1 77 )
NOT ES : 1 DIME NSIO NING & TO LERAN CING PE R AN SI Y 14.5M, 1982. 2 CO NTRO LLING DIMENS IO N : IN CH . 3 CO NF ORM S T O JEDE C O UTLINE T O-247-A C.
2 .4 0 (.09 4 ) 2 .0 0 (.07 9 ) 2X 5 .45 (.2 1 5) 2X
1 .4 0 (.0 56 ) 3 X 1 .0 0 (.0 39 ) 0 .25 (.0 10 ) M 3 .4 0 (.1 3 3 ) 3 .0 0 (.1 1 8 ) C AS
0 .8 0 (. 03 1 ) 3 X 0 .4 0 (. 01 6 ) 2.6 0 (.10 2 ) 2.2 0 (.08 7 )
Part Marking Information
TO-247AC E X AM PLE : T HI S IS A N IRF 1010 E XAM P L E IT H HA S S E MB LY F PE 30 W : T IS IS AN IR LO T W IT H AS9B 1M Y CO DE SE M BL
LOT C ODE 3A 1Q
A
A
IN TE R NA T ION A L IN TE R N A TIO N A L R EC T IF IER R E C T IF IE R LOG O L O GO A S S EM A SSE M BL Y B LY L O T T O D E DE LO C CO
P AR TRT UNU M BE R P A N M B ER IR FP E3 0 IR F 1010
9246
3A 1 Q 9 31M 02 9B D A TE C O D E (Y YW W ) (YYW W ) Y Y = YE A R YY = YE AR =K WW WW EE W E EK W
D A TE C OD E
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 8/97


▲Up To Search▲   

 
Price & Availability of IRFP044N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X