Part Number Hot Search : 
STF20A60 90M1T VSA51012 80C552 10112ZL AZ2842 ZX84C8V 1N5208
Product Description
Full Text Search
 

To Download IDT74SSTVF16859 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74SSTVF16859 13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
COMMERCIAL TEMPERATURE RANGE
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 PRELIMINARY
FEATURES:
* * * * * * * * *
1:2 register buffer Meets or exceeds JEDEC standard SSTVF16859 2.3V to 2.7V Operation for PC1600, PC2100, and PC2700 2.5V to 2.7V Operation for PC3200 SSTL_2 Class I style data inputs/outputs Differential CLK input RESET control compatible with LVCMOS levels Latch-up performance exceeds 100mA ESD >2000V per MIL-STD-883, Method 3015; >200V using machine model (C = 200pF, R = 0) * Available in 56 pin MLF and 64 pin TSSOP packages
The SSTVF16859 is a 13-bit to 26-bit registered buffer designed for 2.3V-2.7V VDD for PC1600 - PC2700 and 2.5V-2.7V VDD for PC3200, and supports low standby operation. All data inputs and outputs are SSTL_2 level compatible with JEDEC standard for SSTL_2. RESET is an LVCMOS input since it must operate predictably during the power-up phase. RESET, which can be operated independent of CLK and CLK, must be held in the low state during power-up in order to ensure predictable outputs (low state) before a stable clock has been applied. RESET, when in the low state, will disable all input receivers, reset all registers, and force all outputs to a low state, before a stable clock has been applied. With inputs held low and a stable clock applied, outputs will remain low during the Low-to-High transition of RESET.
DESCRIPTION:
APPLICATIONS:
* Along with CSPT857C, Zero Delay PLL Clock buffer, provides complete solution for DDR1 DIMMs
FUNCTIONAL BLOCK DIAGRAM
51
RESET
CLK CLK
48 49
VREF D1
45 35 1D C1 R 32 Q1B
16
Q1A
TO 12 OTHER CHANNELS
COMMERCIAL TEMPERATURE RANGE
1
c 2003 Integrated Device Technology, Inc.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
AUGUST 2003
DSC-6194/10
IDT74SSTVF16859 13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
COMMERCIAL TEMPERATURE RANGE
PIN CONFIGURATIONS
Q13A
VDDQ VDDQ GND Q13A VDDQ Q10A Q11A Q12A 56 Q8A VDD Q9A D13 D12 43 D11
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
VDDQ GND D13 D12 VDD VDDQ GND D11 D10 D9 GND D8 D7 RESET GND CLK CLK VDDQ VDD VREF D6 GND D5 D4 D3 GND VDDQ VDD D2 D1 GND VDDQ
Q12A Q11A Q10A Q9A
Q7A Q6A Q5A Q4A Q3A Q2A Q1A Q13B VDDQ Q12B Q11B Q10B Q9B
1
42 D10 D9 D8 D7 RESET GND
GND
VDDQ GND Q8A Q7A Q6A Q5A Q4A Q3A Q2A GND Q1A Q13B VDDQ Q12B
CLK CLK VDDQ VDD VREF D6 D5 29 D4
Q8B 14
Q7B 15
D3 28
Q11B Q10B Q9B Q8B
VDDQ
VDDQ
MLF TOP VIEW
VDDQ
Q6B
Q5B
Q4B
Q3B
Q2B
Q1B
VDD
D1
D2
Q7B Q6B GND VDDQ Q5B
ABSOLUTE MAXIMUM RATINGS (1)
Symbol VDD or VDDQ VI(2) VO(3) IIK IOK IO VDD TSTG Description Supply Voltage Range Input Voltage Range Output Voltage Range Input Clamp Current, VI < 0 Output Clamp Current, VO < 0 or VO > VDDQ Continuous Output Current, VO = 0 to VDDQ Continuous Current through each VDD, VDDQ or GND Storage Temperature Range -65 to +150 C
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. The input and output negative voltage ratings may be exceeded if the ratings of the I/P and O/P clamp current are observed. 3. The output current will flow if the following conditions are observed: a) Output in HIGH state b) VO = VDDQ
Q4B
Max. -0.5 to 3.6 -0.5 to VDD +0.5 -0.5 to VDDQ +0.5 -50 50 50 100
Unit V V V mA mA mA mA RESET H H H L
Q3B Q2B Q1B
TSSOP TOP VIEW
FUNCTION TABLE (1)
Input CLK L or H X CLK L or H X D L H X X Q Outputs L H Qo(2) L
NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care = LOW to HIGH = HIGH to LOW 2. Qo = Output level before the indicated steady-state conditions were established.
2
IDT74SSTVF16859 13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
COMMERCIAL TEMPERATURE RANGE
PIN DESCRIPTION
Pin Names Q1 - Q13 GND VDDQ VDD RESET VREF CLK CLK D1 - D13 Center PAD Description Data Output Ground Output-stage drain power voltage Logic power voltage Asynchronous reset input - resets registers and disables data and clock differential input recievers Input reference voltage Positive master clock input Negative master clock input Data Input - clocked in on the crossing of the rising edge of CLK and the falling edge of CLK Ground (MLF package only)
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FOR PC1600 PC2700
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = 0C to +70C, VDD = 2.5V 0.2V, VDDQ = 2.5V 0.2V
Symbol VIK VOH VOL II IDD All Inputs Static Standby Static Operating Dynamic Operating (Clock Only) IDDD Dynamic Operating (Per Each Data Input)(1) Data Inputs CI CLK and CLK RESET Parameter Control Inputs Test Conditions VDD = 2.3V, II= -18mA VDD = 2.3V to 2.7V, IOH = -100A VDD = 2.3V, IOH = -8mA VDD = 2.3V to 2.7V, IOL = 100A VDD = 2.3V, IOL = 8mA VDD = 2.7V,VI = VDD or GND IO = 0, VDD = 2.7V, RESET = GND IO = 0, VDD = 2.7V, RESET = VDD, VI = VIH (AC) or VIL (AC) IO = 0, VDD = 2.7V, RESET = VDD, VI = VIH (AC) or VIL (AC), CLK and CLK Switching 50% Duty Cycle. IO = 0, VDD = 2.7V, RESET = VDD, VI = VIH (AC) or VIL (AC), CLK and CLK Switching 50% Duty Cycle. One Data Input Switching at Half Clock Frequency, 50% Duty Cycle. VDD = 2.5V, VI = VREF 310mV VICR = 1.25V, VI (PP) = 360mV VI = VDD or GND 2 2 2 -- -- -- 3 3 3 pF -- 43 -- Min. -- VDD - 0.2 1.95 -- -- -- -- -- -- Typ. -- -- -- -- -- -- -- -- 6 Max. -1.2 -- -- 0.2 0.35 5 0.01 20 -- A/Clock MHz A/Clock MHz/Data Input A mA V Unit V V
NOTE: 1. Power dissipation levels will allow operation at DDR333 speeds without excessive die temperature.
3
IDT74SSTVF16859 13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
COMMERCIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FOR PC3200
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = 0C to +70C, VDD = 2.6V 0.1V, VDDQ = 2.6V 0.1V
Symbol VIK VOH VOL II IDD All Inputs Static Standby Static Operating Dynamic Operating (Clock Only) IDDD Dynamic Operating (Per Each Data Input)(1) Data Inputs CI CLK and CLK RESET Parameter Control Inputs Test Conditions VDD = 2.5V, II= -18mA VDD = 2.5V to 2.7V, IOH = -100A VDD = 2.5V, IOH = -8mA VDD = 2.5V to 2.7V, IOL = 100A VDD = 2.5V, IOL = 8mA VDD = 2.7V,VI = VDD or GND IO = 0, VDD = 2.7V, RESET = GND IO = 0, VDD = 2.7V, RESET = VDD, VI = VIH (AC) or VIL (AC) IO = 0, VDD = 2.7V, RESET = VDD, VI = VIH (AC) or VIL (AC), CLK and CLK Switching 50% Duty Cycle. IO = 0, VDD = 2.7V, RESET = VDD, VI = VIH (AC) or VIL (AC), CLK and CLK Switching 50% Duty Cycle. One Data Input Switching at Half Clock Frequency, 50% Duty Cycle. VDD = 2.6V, VI = VREF 310mV VICR = 1.3V, VI (PP) = 360mV VI = VDD or GND 2 2 2 -- -- -- 3 3 3 pF -- 43 -- Min. -- VDD - 0.2 1.95 -- -- -- -- -- -- Typ. -- -- -- -- -- -- -- -- 6 Max. -1.2 -- -- 0.2 0.35 5 0.01 20 -- A/Clock MHz A/Clock MHz/Data Input A mA V Unit V V
NOTE: 1. Power dissipation levels will allow operation at DDR400 speeds without excessive die temperature.
OPERATING CHARACTERISTICS, TA = 25C (1)
Symbol VDD VDDQ VREF VTT VI VIH VIL VIH VIL VIH VIL VICR VI (PP) IOH IOL TA
NOTE: 1. The RESET input of the device must be held at VDD or GND to ensure proper device operation.
Parameter Supply Voltage Output Supply Voltage Reference Voltage (VREF= VDDQ/2) Termination Voltage Input Voltage AC High-Level Input Voltage AC Low-Level Input Voltage DC High-Level Input Voltage DC Low-Level Input Voltage High-Level Input Voltage Low-Level Input Voltage Common-Mode Input Range Peak-to-Peak Input Voltage High-Level Output Current Low-Level Output Current Operating Free-Air Temperature Data Inputs Data Inputs Data Inputs Data Inputs RESET RESET CLK, CLK CLK, CLK PC1600-PC2700 PC3200 PC1600-PC2700 PC3200
Min. VDDQ 2.3 2.5 1.15 1.25 VREF- 40mV 0 VREF+ 310mV -- VREF+ 150mV -- 1.7 -- 0.97 360 -- -- 0
Typ.(1) -- 2.5 2.6 1.25 1.3 VREF -- -- -- -- -- -- -- -- -- -- -- --
Max. 2.7 2.7 2.7 1.35 1.35 VREF+ 40mV VDD -- VREF- 310mV -- VREF- 150mV -- 0.7 1.53 -- - 16 16 +70
Unit V V V V V V V V V V V V mV mA C
4
IDT74SSTVF16859 13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
COMMERCIAL TEMPERATURE RANGE
TIMING REQUIREMENTS OVER RECOMMENDED OPERATING FREE-AIR TEMPERATURE RANGE
PC1600 - PC2700 Symbol
CLOCK
PC3200 Min. -- 2.5 -- -- 0.65 0.75 0.65 0.8 Max. 220 -- 22 22 -- -- -- -- Unit MHz ns ns ns ns ns ns ns
Parameter Clock Frequency Pulse Duration, CLK, CLK HIGH or LOW Differential Inputs Active Time(1) Differential Inputs Inactive Time
(2)
Min. -- 2.5 -- -- Data Before CLK, CLK Data Before CLK, CLK 0.65 0.75 0.75 0.9
Max. 200 -- 22 22 -- -- -- --
tw tACT tINACT tSU tH
Setup Time, Fast Slew Rate(3, 5) Setup Time, Slow Slew Rate(4, 5) Hold Time, Fast Slew Rate(3,5) Hold Time, Slow Slew Rate
(2,5)
NOTES: 1. Data inputs must be low a minimum time of tACT max., after RESET is taken HIGH. 2. Data and clock inputs must be held at valid levels (not floating) a minimum time of tINACT max., after RESET is taken LOW. 3. For data signal input slew rate is 1V/ns. 4. For data signal input slew rate is 0.5V/ns and <1V/ns. 5. CLK, CLK signal input slew rates are 1V/ns.
SWITCHING CHARACTERISTICS OVER RECOMMENDED FREE-AIR OPERATING RANGE (UNLESS OTHERWISE NOTED)
PC1600 - PC2700 Symbol fMAX tPDM tPDMSS tPHL Parameter CLK and CLK to Q CLK and CLK to Q (simultaneous switching) RESET to Q Min. 200 1.1 -- -- Max. -- 2.6 2.9 5 Min. 220 1.1 -- -- PC3200 Max. -- 2.4 2.68 5 Unit MHz ns ns ns
5
IDT74SSTVF16859 13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
COMMERCIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS FOR PC1600 - PC2700, VDD = 2.5V 0.2V FOR PC3200, VDD = 2.6V 0.1V
VTT
RL = 50 From output under test Test Point CL = 30 pF (see note 1)
Load Circuit
LVCMOS RESET Input tINACT IDD (see note 2)
VDD VDD/2 VDD/2 tACT 10% 90% 0V
Timing Input tPLH Output
VICR
VICR tPHL
VI(PP)
VTT
VTT
VOH VOL
Voltage and Current Waveforms Inputs Active and Inactive Times
Voltage Waveforms - Propagation Delay Times
LVCMOS RESET Input tW VIH Input VREF VREF Output VIL
VIH VDD/2 VIL tPHL VOH VTT VOL
Voltage Waveforms - Pulse Duration
Voltage Waveforms - Propagation Delay Times
Timing Input tSU Input VREF
VICR
VI(PP)
tH VIH VREF VIL
Voltage Waveforms - Setup and Hold Times
NOTES: 1. CL includes probe and jig capacitance. 2. IDD tested with clock and data inputs held at VDD or GND, and IO = 0mA. 3. All input pulses are supplied by generators having the following characteristics: PRR 10MHz, ZO = 50, input slew rate = 1 V/ns 20% (unless otherwise specified). 4. The outputs are measured one at a time with one transition per measurement. 5. VTT = VREF = VDDQ/2 6. VIH = VREF + 310mV (AC voltage levels) for differential inputs. VIH = VDD for LVCMOS input. 7. VIL = VREF - 310mV (AC voltage levels) for differential inputs. VIL = GND for LVCMOS input. 8. tPDM is tPD with one output switching. tPDMSS is tPD with all outputs switching.
6
IDT74SSTVF16859 13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
COMMERCIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT74SSTVF XX Family XXX Device Type XX Package XX Process
Blank
0C to +70C (Commercial)
PA NL 859
Thin Shrink Small Outline Package Thermally Enhanced Plastic Very Fine Pitch Quad Flat No Lead Package 13-Bit to 26-Bit Registered Buffer with SSTL I/O
16
Double-Density
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74SSTVF16859

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X