Part Number Hot Search : 
B080000 D1704 LTC340 PTB20191 TQQ1231 SQFP80 M39432NC SLA70
Product Description
Full Text Search
 

To Download HPLR3103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HPLR3103, HPLU3103
Data Sheet December 2001
52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Features
* Logic Level Gate Drive * 52A, 30V * Low On-Resistance, rDS(ON) = 0.019 * UIS Rating Curve * Related Literature - TB334, "Guidelines for Soldering Surface Mount Components to PC Boards"
Calculated continuous current based on maximum allowable junction temperature. Package limited to 20A continuous, see Figure 9.
Ordering Information
PART NUMBER HPLU3103 HPLR3103 PACKAGE TO-251AA TO-252AA BRAND HP3103 HP3103
Symbol
D
G
NOTE: When ordering, use the entire part number. Add the suffix T to obtain the TO-252AA variant in tape and reel, e.g., HPLR3103T.
S
Packaging
JEDEC TO-251AA JEDEC TO-252AA
DRAIN (FLANGE)
SOURCE DRAIN GATE
GATE SOURCE
DRAIN (FLANGE)
(c)2001 Fairchild Semiconductor Corporation
HPLR3103, HPLU3103 Rev. B
HPLR3103, HPLU3103
Absolute Maximum Ratings
TC = 25oC, Unless Othewise Specified HPLR3103, HPLU3103 30 30 16V 52 390 240 89 0.71 -55 to 150 300 260 UNITS V V V A A mj W W/oC oC
oC oC
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM Single Pulse Avalanche Energy (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 125oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS TEST CONDITIONS ID = 250A, VGS = 0V VGS = VDS, ID = 250A VDS = 30V, VGS = 0V VDS = 24V, VGS = 0V, TC = 125oC MIN 30 1 VDD = 24V ID 34A, VGS = 4.5V (Figure 6) VDS = 25V, VGS = 0V, f = 1MHz (Figure 5) Measured From the Source Lead, 6mm (0.25in) From Package to Center of Die Measured From the DrainLead, 6mm (0.25in) From Package to Center of Die
G LS S
TYP 0.037 9 210 20 54 1600 640 320 7.5
MAX 25 250 100 0.019 0.024 50 14 28 -
UNITS V V A A nA V ns ns ns ns nC nC nC pF pF pF nH
Drain to Source Breakdown Voltage Gate to Source Threshold Voltage Zero Gate Voltage Drain Current
Gate to Source Leakage Current Breakdown Voltage Temperature Coefficient Drain to Source On Resistance (Note 3) Turn-On Delay Time Rise Time Turn-Off Delay Time (Note 3) Fall Time Total Gate Charge Gate to Source Charge Gate to Drain "Miller" Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Source Inductance
IGSS
VGS = 16V
V(BR)DSS Reference to 25oC, ID = 1mA /TJ rDS(ON) ID = 28A, VGS = 10V ID = 23A, VGS = 4.5V td(ON) tr td(OFF) tf Qg Qgs Qgd CISS COSS CRSS LS Modified MOSFET Symbol Showing the Internal Devices Inductances
D LD
VDD = 15V, ID 34A, RL = 0.441, VGS = 4.5V, RGS =3.4, Ig(REF) = 3mA
-
Internal Drain Inductance
LD
-
4.5
-
nH
(c)2001 Fairchild Semiconductor Corporation
HPLR3103, HPLU3103 Rev. B
HPLR3103, HPLU3103
Electrical Specifications
PARAMETER Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient TC = 25oC, Unless Otherwise Specified SYMBOL RJC RJA (PCB Mount Steady State) TEST CONDITIONS MIN TYP MAX 1.4 110 50 UNITS
oC/W oC/W oC/W
Source to Drain Diode Specifications
PARAMETER Continuous Source to Drain Current SYMBOL ISD ISDM TEST CONDITIONS MOSFET Symbol Showing The Integral Reverse P-N Junction Diode
D
MIN -
TYP -
MAX 52 (Note 1) 220
UNITS A
Pulsed Source to Drain Current (Note 2)
G
-
A
S
Source to Drain Diode Voltage (Note 3) Reverse Recovery Time (Note 3) Reverse Recovered Charge (Note 3) NOTES:
VSD trr QRR
ISD = 28A ISD = 34A, dISD/dt = 100A/s ISD = 34A, dISD/dt = 100A/s
-
81 210
1.3 120 310
V ns nC
2. Repetitive rating; pulse width limited by maximum junction temperature (See Figure 11). 3. Pulse width 300s; duty cycle 2%. 4. VDD = 15V, starting TJ = 25oC, L = 300H, RG = 25, peak IAS = 34A, (Figure 10).
Typical Performance Curves
1000 ID, DRAIN TO SOURCE CURRENT (A) VGS IN DECENDING ORDER 15V 12V 10V 8.0V 100 6.0V 4.0V 3.0V 2.5V 10 20s PULSE WIDTH TC = 25oC 1000 ID, DRAIN TO SOURCE CURRENT (A) VGS IN DECENDING ORDER 15V 12V 10V 8.0V 100 6.0V 4.0V 3.0V 2.5V
10
1 0.1
1.0
10
100
1 0.1
20s PULSE WIDTH TC = 150oC 1 10 100 VDS, DRAIN TO SOURCE VOLTAGE (V)
VDS, DRAIN TO SOURCE VOLTAGE (V)
FIGURE 1. OUTPUT CHARACTERISTICS
FIGURE 2. OUTPUT CHARACTERISTICS
(c)2001 Fairchild Semiconductor Corporation
HPLR3103, HPLU3103 Rev. B
HPLR3103, HPLU3103 Typical Performance Curves
1000 ID, DRAIN TO SOURCE CURRENT(A) VDS = 15V 20s PULSE WIDTH NORMALIZED DRAIN TO SOURCE 2.0 ON RESISTANCE
(Continued)
2.5
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX ID = 46A, VGS = 10V
100
TJ = 25oC
1.5
10
TJ = 150oC
1.0
0.5
1 2 3 4 5 6 7 8 9 VGS, GATE TO SOURCE VOLTAGE (V)
0 -80
-40
0 40 80 120 TJ, JUNCTION TEMPERATURE (oC)
160
200
FIGURE 3. TRANSFER CHARACTERISTICS
FIGURE 4. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
3200 2800 C, CAPACITANCE (pF) 2400 2000 1600 1200 800 400 0 1 10 VDS, DRAIN TO SOURCE VOLTAGE (V) 100 COSS CISS VGS, GATE TO SOURCE VOLTAGE (V) VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGS
20 ID = 34A 16 VDS = 15V 12 VDS = 24V
8
4
CRSS
0 0 10 20 30 40 QG , TOTAL GATE CHARGE (nC)
FIGURE 5. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 6. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
1000 ISD, REVERSE DRAIN CURRENT(A)
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX ID = 46A, VGS = 10V
1000
ID, DRAIN CURRENT (A)
10s
100 100s OPERATION IN THIS AREA MAY BE LIMITED BY rDS(ON)
100 TJ = 175oC TJ = 25oC
10
1ms 10ms
10 0.4 0.8 1.2 1.6 2.0 2.4 2.8 VSD, SOURCE TO DRAIN VOLTAGE (V)
1 1
VDSS MAX = 30V 10 VDS, DRAIN TO SOURCE VOLTAGE (V) 100
FIGURE 7. SOURCE TO DRAIN DIODE FORWARD VOLTAGE
FIGURE 8. FORWARD BIAS SAFE OPERATING AREA
(c)2001 Fairchild Semiconductor Corporation
HPLR3103, HPLU3103 Rev. B
HPLR3103, HPLU3103 Typical Performance Curves
60
(Continued)
1000 IAS, AVALANCHE CURRENT (A) If R = 0 tAV = (L)(IAS)/(1.3*RATED IASVDSS - VDD) If R 0 tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1] EAS POINT STARTING TJ = 25oC 10
ID, DRAIN CURRENT (A)
45
100
30
15
STARTING TJ = 150oC
0 25
50
75
100
125
150
1
TC, CASE TEMPERATURE (oC)
0.001
0.01
1 0.1 tAV, TIME IN AVALANCHE (ms)
10
100
FIGURE 9. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 10. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
2 1 THERMAL IMPEDANCE ZJC, NORMALIZED DUTY CYCLE - DESCENDING ORDER 0.5 0.2 0.1 0.05 0.02 0.01 PDM t1 SINGLE PULSE t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC 10-3 10-2 10-1 t, RECTANGULAR PULSE DURATION (s) 100 101
0.1
0.01 10-5 10-4
FIGURE 11. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
0V
IAS 0.01
0 tAV
FIGURE 12. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 13. UNCLAMPED ENERGY WAVEFORMS
(c)2001 Fairchild Semiconductor Corporation
HPLR3103, HPLU3103 Rev. B
HPLR3103, HPLU3103 Test Circuits and Waveforms
VDS RL Qgd Qgs VGS
+
(Continued)
VDD Qg(TOT) VGS
VDD DUT IG(REF) IG(REF) 0 0
VDS
FIGURE 14. GATE CHARGE TEST CIRCUIT
FIGURE 15. GATE CHARGE WAVEFORMS
VDS
tON td(ON) RL VDS
+
tOFF td(OFF) tr tf 90%
90%
VGS
DUT RGS
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
(c)2001 Fairchild Semiconductor Corporation
HPLR3103, HPLU3103 Rev. B
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
DISCLAIMER
FAST (R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H4


▲Up To Search▲   

 
Price & Availability of HPLR3103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X