Part Number Hot Search : 
DG506ACJ G1402P1T EUP7180 68000 FMS3818 1N4760B FM4933 2J30A
Product Description
Full Text Search
 

To Download HJ6668 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data Issued Date : 1999.03.01 Revised Date : 2000.11.01 Page No. : 1/3
HJ6668
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HJ6668 is designed for general-purpose amplifier and switching applications.
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Tc=25C) .................................................................................... 65 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage ..................................................................................... -80 V BVCEO Collector to Emitter Voltage.................................................................................. -80 V BVEBO Emitter to Base Voltage .......................................................................................... -5 V IC Collector Current ........................................................................................................... -10 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO IEBO ICEO ICEV *VCE(sat)1 *VCE(sat)2 *VBE(on)1 *VBE(on)2 *hFE1 *hFE2 Min. -80 -80 1 100 Typ. Max. -100 -1 -300 -2 -3 -2.8 -4.5 20 Unit V V mA mA uA V V V V K Test Conditions IC=-10mA IC=-200mA VEB=-5V VCE=-80V VCE=-80V, VBE(off)=-1.5V IC=-5A, IB=-10mA IC=-10A, IB=-100mA IC=-5A, VCE=-3V IC=-10A, VCE=-3V IC=-5A, VCE=-3V IC=-10A, VCE=-3V
*Pulse Test : Pulse Width 380us, Duty Cycle2%
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
10000 10000
Spec. No. : Preliminary Data Issued Date : 1999.03.01 Revised Date : 2000.11.01 Page No. : 2/3
Saturation Voltage & Collector Current
Saturation Voltage (mV)
1000
hFE @ VCE=3V
VBE(sat) @ IC=100IB
hFE
100
1000 VCE(sat) @ IC=100IB
10
1 1 10 100 1000 10000
100 10 100 1000 10000
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
10000 10
Switching Time & Collector Current
VCC=30V, IC=250IB1=-250IB2
Switching Times (us)
On Voltage (mV)
Tstg 1 Tf Ton
1000
VBE(on) @ VCE=3V
100 10 100 1000 10000
0.1 1 10
Collector Current (mA)
Collector Current (A)
Capacitance & Reverse-Biased Voltage
1000
Capacitance (pF)
100
Cob
10 0.1 1 10 100
Reverse-Biased Voltage (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-252 Dimension
A C
Spec. No. : Preliminary Data Issued Date : 1999.03.01 Revised Date : 2000.11.01 Page No. : 3/3
Marking :
HSMC Logo Part Number Date Code Product Series Rank
B
D
L
F
G
Ink Mark
Style : Pin 1.Base 2.Collector 3.Emitter
3 H E K 2 I 1 J
3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code : J *:Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283
Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80
DIM G H I J K L
Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630
Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60
Notes : 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HJ6668

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X