Part Number Hot Search : 
M29F4 4733A MAT03 AO4700 LB1213M TA8440 MJD45H11 A4910
Product Description
Full Text Search
 

To Download HFA3983 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFA3983
TM
Data Sheet
March 2000
File Number
4635.4
2.4GHz Power Amplifier and Detector
The HFA3983 is a 2.4GHz monolithic SiGe Power Amplifier designed to operate in the ISM Band. It features two low voltage single supply stages. Cascaded, they deliver a 18dBm (Typ.) of an output power for the typical DSSS signal (ACPR, 1st Side Lobe < -30dBc, 2nd Side Lobe < -50dBc). In addition, the device includes a 2.4GHz detector which is accurate over a 15dB of dynamic range with ()1dB. Therefore, an accurate ALC function can be implemented. The HFA3983 is housed in a 28 lead exposed paddle EPTSSOP package well suited for PCMCIA board applications.
Features
* Single Supply . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 3.6V * Output Power . . . . . . . . . . . 18dBm (Typ) at ACPR, DSSS, 1st Side Lobe < -30dBc, 2nd Side Lobe < -50dBc * Power Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . .30dB (Typ.) * Detector Linear Input Power Range . . . . . . . . . . . . . .15dB * Detector Accuracy . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0dB
Applications
* EEE802.11 1 and 2Mbps Standard * Systems Targeting IEEE802.11, 11Mbps Standard * Wireless Local Area Networks * PCMCIA Wireless Transceivers * ISM Systems Including Automatic Level Control (ALC)
Simplified Block Diagram
DS_VCC
* TDMA Packet Protocol Radios
Ordering Information
PART NUMBER
RF_IN RF_OUT
TEMP. RANGE (oC) -40 to 85 -40 to 85
PACKAGE
PKG. NO.
HFA3983IV HFA3983IV96
28 Ld EPTSSOP M28.173A Tape and Reel
PEAK DETECTOR
Pinout
BIAS
LOG
HFA3983 (EPTSSOP) TOP VIEW
INDEX AREA
DS_REXT
PE
DET_VOUT
OS_REXT
GND VCC PE GND VCC OS_REXT DS_REXT DS_VCC GND GND RF_OUT GND GND GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14 PACKAGE PINOUT SUBJECT TO CHANGE
28 27 26 25 24 23 22 21 20 19 18 17 16 15
VCC GND DET_VOUT GND GND GND RF_IN GND GND GND GND GND GND GND
4-1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Corporation. | Copyright (c) Intersil Corporation 2000 PRISM is a registered trademark of Intersil Corporation. PRISM logo is a trademark of Intersil Corporation. Further information is attainable upon NDA Agreement. NDA available on CD ROM or by contacting centapp@intersil.com.
HFA3983 Pin Descriptions
PIN NUMBER 1 2 3 4 5 6 7 8 9, 10 11 12, 13, 14, 15, 16, 17, 18, 19, 20, 21 22 23, 24, 25 26 27 28 NAME GND VCC PE GND VCC OS_REXT DS_REXT DS_VCC GND RF_OUT GND RF_IN GND DET_VOUT GND VCC DC and RF Ground. Power supply. Digital input control pin to enable the operation of the Power Amplifier. Enable logic level is High. DC and RF Ground. Power supply. Output stage bias resistor, biasing scheme independent of absolute temperature. Driver stage bias resistor, biasing scheme independent of absolute temperature. Driver stage power supply. DC and RF Ground. RF Output of the Power Amplifier. DC and RF Ground. RF Input of the Power Amplifier. DC and RF Ground. Detector output. DC and RF Ground. Power supply. DESCRIPTION
As part of the Prism II WLAN chip set, the HFA3983 works seamlessly with the chip set components to give you a highly integrated, cost effective 11Mb/s WLAN solution in the 2.4 to 2.5GHz ISM band. The HFA3983 is fabricated in the fastest SiGe BiCMOS process available, allowing superior RF performance, normally found only in GaAs ICs. Cost effective functions, normally requiring external components, are integrated into one IC. The HFA3983 integrates the following functions in one compact 28 pin EPTSSOP: Two Stage, 30dB Gain RFPA, Logarithmic power detect function (15dB Dynamic Range), CMOS level compatible Power Up/Down function, Single Supply, 2.7V to 3.6V Operation. The HFA3983 contains a highly linear RFPA designed to deliver 18dBm and meet an ACPR specification of -30dBc in the 2.4 to 2.5GHz ISM band. The performance of this two stage RFPA can be optimized by adjusting the bias current in each stage with a dedicated resistor. No external positive or negative power supplies are required to set the bias currents. The on chip bias network provides the optimum bias current temperature compensation when low TC external resistors are used. To get the best performance from the HFA3983, the output stage matching network can be tailored using external components. The HFA3983 power detect function provides a DC output voltage that is proportional to the logarithm of the output power. For an output power of 18dBm, the detector is accurate to within a dB. The slope of the detector output
voltage is 100mV/dB over a 15dB dynamic range. A simple application of the detector is to provide in-line monitoring of the output power using a DC voltmeter. No longer is a power meter or spectrum analyzer required. A more value added application would use the HFA3861 Baseband Processor to dynamically monitor the HFA3983 output power and to control transmit power by adjusting the AGC of the HFA3783 IF Quadrature Modem to provide the best possible error free data transfer rate for any given environment. Closed loop power control is very important feature which compensates for variability in the transmit chain (radio to radio, channel to channel, over temperature...). The HFA3983 power up/down feature integrates the power down capability onto the IC and requires no external components, thus freeing up board space and reducing external component count and cost. When the CMOS compatible PE (power enable) pin is driven low, the total supply current drops to under 200A in, typically, 230nS. When the PE pin is driven high, the full HFA3983 output power is available in a few hundred nanoseconds. In summary, the HFA3983 RFPA provides a highly cost effective solution for the PA function by integrating many features that would require significant development time, drive up the total bill of materials cost and consume precious board space. It interfaces seamlessly with the other Prism II ICs to provide a highly integrated, cost effective 11Mb/s WLAN solution in the 2.4 to 2.5GHz ISM band.
4-2
HFA3983
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V Voltage on Any Other Pin. . . . . . . . . . . . . . . . . . . -0.3 to VCC +0.3V VCC to VCC Decouple . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3V Any GND to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3V
Thermal Information
Thermal Resistance (Typical, Note 1) JC (oC/W) EPTSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . 15 Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC Moisture Sensitive Level (See Tech Brief 363) . . . . . . . . 72 Hrs (L4)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to 85oC Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 3.6V
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JC is measured with the component mounted on an evaluation PC board in free air with the exposed paddle soldered to an infinite heatsink.
General DC Electrical Specifications
PARAMETER Supply Voltage Total Power Amplifier Supply Current at 3.3V, 18dBm Output RF Detector Supply Current Power Down Supply Current Power Up/ Down Speed CMOS Low Level Input Voltage CMOS High Level Input Voltage (VDD = 3.3V) CMOS Threshold Voltage CMOS High or Low Level Input Current TEMP. (oC) Full 25 25 Full Full Full Full Full Full MIN 2.7 0.7*VDD -10 TYP 180 200 230 0.5*VDD MAX 3.6 5 0.3*VDD 3.6 +10 UNITS V mA mA A ns V V V A
Power Amplifier AC Electrical Specifications
VCC = 3.3V, f = 2.45GHz, Unless Otherwise Specified. Typical Application Circuit (external input and output matching networks) has been used. TEST CONDITIONS TEMP. (oC) Full Full Full 25 MIN 2400 28 TYP 30 MAX 2500 32 7 2.00:1 3.00:1 UNITS MHz dB dB -
PARAMETER RF Frequency Range Power/Voltage Gain Noise Figure Input 50 VSWR Output 50 VSWR
Output matching network optimized for P1dB compression ACPR, DSSS, 1st Side Lobe <-30dBc, 2nd Side Lobe <-50dBc Output Spurs Less than -60dBc (Note 2)
25
Output Power
Full
17
18
dBm
Output Stability VSWR Output Load Mismatch NOTE:
Full Full
-
-
10:1 10:1
-
2. Devices sustain no damage when subjected to a mismatch of maximum 10:1.
4-3
HFA3983
Peak Detector AC Electrical Specifications
PARAMETER RF Output Detector Response Time RF Output Detector Voltage Range RF Output Detector Linearity RF Output Detector Accuracy RF Output Detector Slope TEST CONDITIONS External Capacitor, C = 5pF Load > 1M Over Linear Range 600mVDC Output Over Linear Range TEMP. (oC) Full Full Full Full Full MIN 0 -0.5 -1 TYP 0.1 10 MAX 1 1.5 +0.5 +1 UNITS s V dB/V dB dB/V
HFA3983EVAL Board Schematic
TYPICAL APPLICATION EXAMPLE
L1 BLM31P5005 C2 0.1F D1 DL4001
3.3V P1 P2
VCC C1 4.7F
VCC
C4 1000pF C5 1000pF
VCC R6 100k PE C6 1000pF C7 1000pF 3.74k R 4 R5 C8 1000pF
R3 10 1 2 3 4 5 6 7 8 9 10 11 12 28 27
R2 10
DETOUT 26 25 24 23 RFIN (50) 22 21 20 19 18 17 16 15 C10 2.7pF C13 1pF RFOUT (50) C12 7pF L6 4.7nH R1 1k C3 270pF
3.74k L2 2.2nH
L3 BLM10A1215
13 14
L5 6.8nH V CC C9 0.1F L4 BLM10A1215 C11 1000pF
4-4
HFA3983 Typical Performance Curves
0 0
INPUT RETURN LOSS (dB)
INPUT RETURN LOSS (dB)
-12 -15
-12 -15 85oC -40oC
3.6V
2.7V -30 2.0 2.4 2.5 3.0 -30 2.0
25oC 2.4 2.5 3.0
FREQUENCY (GHz)
FREQUENCY (GHz)
FIGURE 1. INPUT RETURN LOSS OVER VOLTAGE
FIGURE 2. INPUT RETURN LOSS OVER TEMPERATURE
0
0
OUTPUT RETURN LOSS (dB)
INPUT RETURN LOSS (dB)
-5
-40oC
-6 2.7V -8 3.6V
-8
25oC 85oC
-10 2.0
2.4
2.5
3.0
-10 2.0
2.4
2.5
3.0
FREQUENCY (GHz)
FREQUENCY (GHz)
FIGURE 3. OUTPUT RETURN LOSS OVER VOLTAGE
FIGURE 4. OUTPUT RETURN LOSS OVER TEMPERATURE
34 3.6V 30 LINEAR GAIN (dB) 28 2.7V LINEAR GAIN (dB)
34 -40oC 30 28 26 85oC 25oC
14 2.0 2.4 2.5 3.0 FREQUENCY (GHz)
14 2.0
2.4
2.5
3.0
FREQUENCY (GHz)
FIGURE 5. LINEAR GAIN OVER VOLTAGE
FIGURE 6. LINEAR GAIN OVER TEMPERATURE
4-5
HFA3983 Typical Performance Curves
OUTPUT POWER (dBm) COMPRESSION (dBm) 0 1 2 2.7V 3.6V
(Continued)
OUTPUT POWER (dBm) COMPRESSION (dBm)
0 1 2 25oC -40oC
85oC
3.6V
2.7V 2dB/DIV.
85oC -40oC 25oC 2dB/DIV. -5 20
-25 INPUT POWER (dBm)
-11
-5
-25 INPUT POWER (dBm)
-11
FIGURE 7. GAIN COMPRESSION OVER VOLTAGE
FIGURE 8. GAIN COMPRESSION OVER TEMPERATURE
10dB/DIV.
10dB/DIV.
2.7V 3V 3.3V 3.6V
-40oC
25oC
85oC
CENTER FREQUENCY 2450MHz SPAN 50MHz INPUT POWER -2dBm SPAN 50MHz
CENTER FREQUENCY 2450MHz INPUT POWER -2dBm
FIGURE 9. DSSS OUTPUT SIGNAL OVER VOLTAGE
FIGURE 10. DSSS OUTPUT SIGNAL OVER TEMPERATURE
0.9 0.8 DETECTOR OUTPUT (V) DETECTOR OUTPUT (V) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 13 14 15 16 17 18 OUTPUT POWER (dBm) 19 20 2.7V 3.6V
1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 13 14 15 16 17 18 OUTPUT POWER (dBm) 19 85oC -40oC 25oC
FIGURE 11. DETECTOR OUTPUT OVER VOLTAGE
FIGURE 12. DETECTOR OUTPUT OVER TEMPERATURE
4-6
HFA3983 Thin Shrink Small Outline Exposed Pad Plastic Packages (EPTSSOP)
N INDEX AREA E E1 -B1 2 3 TOP VIEW 0.05(0.002) -AD -CSEATING PLANE A L 0.25 0.010 GAUGE PLANE 0.25(0.010) M BM
M28.173A
28 LEAD THIN SHRINK SMALL OUTLINE PLASTIC PACKAGE NOTES 9 3 4 6 7 P 11 P1 11 NOTES: Rev. 1 6/99 1. These package dimensions are within allowable dimensions of JEDEC MO-153-AET, Issue E. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E1" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.15mm (0.006 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "b" does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm (0.003 inch) total in excess of "b" dimension at maximum material condition. Minimum space between protrusion and adjacent lead is 0.07mm (0.0027 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. (Angles in degrees) 11. Dimensions "P" and "P1" are thermal and/or electrical enhanced variations. Values shown are maximum size of exposed pad within lead count and body size. SYMBOL A A1 A2 b c D E1 e E L N INCHES MIN MAX 0.047 0.002 0.006 0.031 0.051 0.0075 0.0118 0.0035 0.0079 0.378 0.386 0.169 0.177 0.026 BSC 0.246 0.256 0.0177 0.0295 28 0o 8o 0.138 0.118 MILLIMETERS MIN MAX 1.20 0.05 0.15 0.80 1.05 0.19 0.30 0.09 0.20 9.60 9.80 4.30 4.50 0.65 BSC 6.25 6.50 0.45 0.75 28 0o 8o 3.50 3.0
A2 c A1 0.10(0.004)
e
b 0.10(0.004) M C AM BS
1
2
3
P1
N P BOTTOM VIEW
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
4-7


▲Up To Search▲   

 
Price & Availability of HFA3983

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X