Part Number Hot Search : 
F8N60 FSL137H 74ACT245 600BW BFC23 BZV55 C14029 AO4400
Product Description
Full Text Search
 

To Download HER302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
HER301 - HER308
3A 3A HIGH EFFICIENCY DIODES
Maximum Average Maximum Forward Rectified Current Maximum Peak Surge Current @ Half-Wave Peak Reverse @ 8.3ms Resistive Load 60Hz Voltage Superimposed PRV V PK IO @TL A AV C I FM (Surge) A PK Maximum Reverse Current @ PRV @ TA=25C IR Adc Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
TYPE
Package Maximum Reverse Dimensions Recovery Time
Trr ns
HER301 HER302 HER303 HER304 HER305 HER306 HER307 HER308
50 100 200 300 400 600 800 1000
3.0
200
10
3.0
150
1.00 1.00 1.00 1.30 1.30 1.85 1.85 1.85
50
DO-201AD
70
Trr I F=0.5A, I R=1.0A, I RR=0.25A Trr Test Conditions: I F=0.5A, I R=1.0A, I RR=0.25A
1.0(25.4) MIN
.375(9.5) .335(8.5)
1.0(25.4) MIN
.052(1.3) .048(1.2)
DIA .220(5.6) DIA .197(5.0)
DO - 201AD
46A-1/2
LESHAN RADIO COMPANY, LTD.
HER301 - HER308 3A 3A RATING & CHARACTERISTIC CURVES OF HIGH EFFICIENCY DIODES
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE D.U.T. (-) PULSE G E N E R AT O R (NOTE 2) (+) 0 -0.25A
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
+0.5A
Trr
6 5 4 3 2 1 0 0 50 100 150 175 Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25Vdc (APPROX) (-)
1
OSCILLOSCOPE NON. (NOTE 1) INDUCTIVE
NOTES:1.Rise Time=7ns max. Input Impedance=1megohm.22pF. 2.Rise Time=10ns max. Source Impedance=50 ohms.
-1.0A
SET TIME BASE FOR 10 ns/cm
1cm
AMBIENT TEMPER ATURE, (C)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT (A)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100 TJ =25C
INSTANTANEOUS FORWARD CURRENT, (A)
0V
100 TJ =150C
10
50/ 100 /20 0V
30
0/
40
0V 60
1.0
1.0
TJ =25C
.1
.1
.01 20 40 60 80 100 120 140
.01 .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG. 5 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
300
PEAK FORWARD SURGE CURRENT,(A) JUNCTION CAPACITANCE,(pF)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
200
8.3ms Single Half Sine-Wave (JEDEC Method)
100
HER
60 40 20 10 6 4 2 TJ =25C
HE R30
301(G
80
Pulse Width=300s 1% Duty Cycle
0/
10
TJ =100C
10
)-HE
00
V
R305
(G)
200
6(G
)-H
ER3
08(
G)
100
HER301-HER305
HER306-HER308 0 1 10 100 1000
1 .1 .2 .4 1.0 2 4 10 20 40 100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,(V)
46A-2/2


▲Up To Search▲   

 
Price & Availability of HER302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X