Part Number Hot Search : 
53210 BAS316WS 2N6754 NCP5217A AH293WA WB208 RF2045 2SK2601
Product Description
Full Text Search
 

To Download HBC547 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6418-C Issued Date : 1992.11.25 Revised Date : 2000.09.20 Page No. : 1/4
HBC547
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HBC547 is designed for use in driver stage of audio amplifier.
Features
* High Breakdown Voltage: 45V * High DC Current Gain: 110-800 at IC=2mA
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ............................................................................... 625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ........................................................................................ 50 V VCEO Collector to Emitter Voltage ..................................................................................... 45 V VEBO Emitter to Base Voltage ............................................................................................. 6 V IC Collector Current ....................................................................................................... 100mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO VBE(on)1 VBE(on)2 *VBE(sat)1 *VBE(sat)2 *VCE(sat)1 *VCE(sat)2 *hFE fT Cob Min. 50 45 6 0.58 110 Typ. 0.7 0.9 300 Max. 15 0.7 0.77 0.25 0.6 800 4.5 Unit V V V nA V V V V V V MHZ Pf Test Conditions IC=100uA, IE=0 IC=1mA, IB=0 IE=10uA, IC=0 VCB=30V, IE=0 IC=2mA, VCE=5V IC=10mA, VCE=5V IC=10mA, IB=0.5mA IC=100mA, IB=5mA IC=10mA, IB=0.5mA IC=100mA, IB=5mA VCE=5V, IC=2mA VCE=5V, IC=10mA, f=100MHz VCE=10V, IE=0, f=1MHZ
*Pulse Test : Pulse Width 380us, Duty Cycle2%
Classification of hFE
Rank Range A 110-220 B 200-450 C 420-800
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
C ur entG ai & C olect C ur ent r n l or r
1000 10000
Spec. No. : HE6418-C Issued Date : 1992.11.25 Revised Date : 2000.09.20 Page No. : 2/4
Saturation Voltage & Collector Current
Saturation Voltage (mV)
hFE @ VC E=5V
1000 VBE(sat) @ IC=20IB
hFE
100
100
VCE(sat) @ IC=20IB
10 0. 1 1 10 100 1000
10 0.1 1 10 100 1000
C ol orC ur ent( A) l ect r m
Collector Current (mA)
On Voltage & Collector Current
10000 10
Capacitance & Reverse-Biased Voltage
On Voltage (mV)
1000
Capacitance (pF)
Cob
VBE(on) @ VCE=5V
100 0 1 10 100 1000
1 0.1 1 10 100
Collector Current (mA)
Reverse-Biased Voltage (V)
Cutoff Frequency & Collector Current
1000 10000 PT=1ms
Safe Operating Area
PT=100ms
Collector Current-IC (mA)
Cutoff Frequency (MHz)
1000 PT=1s
VCE=5V 100
100
10
10 1 10 100
1 1 10 100
Collector Current (mA)
Forward Voltage-VCE (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6418-C Issued Date : 1992.11.25 Revised Date : 2000.09.20 Page No. : 3/4
PD-Ta
700 600
Power Dissipation-PD(mW)
500 400 300 200 100 0 0 20 40 60 80 100
o
120
140
160
Ambient Temperature-Ta( C)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
12 3
Spec. No. : HE6418-C Issued Date : 1992.11.25 Revised Date : 2000.09.20 Page No. : 4/4
2
Marking :
HSMC Logo Part Number Date Code Rank Product Series
3
Laser Mark
HSMC Logo Product Series
C
D
Part Number
H I E F
G
Ink Mark Style : Pin 1.Collector 2.Base 3.Emitter
1
3-Lead TO-92 Plastic Package HSMC Package Code : A
*:Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes : 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HBC547

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X