Part Number Hot Search : 
GFC210 SPC5603 BJ100C A1943 BF1212WR YBNT250 768KH 150200
Product Description
Full Text Search
 

To Download HBC546 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6417 Issued Date : 1992.11.25 Revised Date : 2002.02.18 Page No. : 1/3
HBC546
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HBC546 is primarily intended for use in driver stage of audio amplifiers.
Features
* High Breakdown Voltage: 65V * High DC Current Gain: 110-800 at IC=2mA VCE=5V
TO-92
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ................................................................................ 625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ......................................................................................... 80 V VCEO Collector to Emitter Voltage ...................................................................................... 65 V VEBO Emitter to Base Voltage .............................................................................................. 6 V IC Collector Current ....................................................................................................... 100 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO VBE(on)1 VBE(on)2 *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 *hFE fT Cob Min. 80 65 6 580 110 Typ. 700 900 300 Max. 15 770 700 250 600 800 4.5 Unit V V V nA mV mV mV mV mV mV MHz PF Test Conditions IC=100uA, IE=0 IC=1mA, IB=0 IE=10uA, IC=0 VCB=30V, IE=0 IC=10mA, VCE=5V IC=2mA, VCE=5V IC=10mA, IB=0.5mA IC=100mA, IB=5mA IC=10mA, IB=0.5mA IC=100mA, IB=5mA VCE=5V, IC=2mA VCE=5V, IC=10mA, f=100MHz VCB=10V, IE=0, f=1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Classification of hFE
Rank Range
HBC546
A 110-220
B 200-450
C 420-800
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 1000
Spec. No. : HE6417 Issued Date : 1992.11.25 Revised Date : 2002.02.18 Page No. : 2/3
Saturation Voltage & Collector Current
125 C
o
Saturation Voltage (mV)
75 C
o
75 C 100
o
o
hFE
125 C
25 C
o
25 C VCE(sat) @ IC=20IB
o
hFE @ VCE=5V 100 0.1 1 10 100 10 1 10
100
Collector Current-IC (mA)
Collector Current-IC (mA)
ON Voltage & Collector Current
1000 25 C
o
Capacitance & Reverse-Biased Voltage
10
125 C
o
75 C
o
Capacitance (pF)
ON Voltage (mV)
Cob
VBE(ON) @ VCE=5V 100 1 10 100 1 0.1 1 10 100
Collector Current-IC (mA)
Reverse-Biased Voltage (V)
Safe Operating Area
10000 PT=1ms
PD-Ta
700 600
Collector Current-IC (mA)
1000
Power Dissipation-PD (mW)
PT=100ms PT=1s
500 400 300 200 100 0
100
10
1 1 10 100
0
50
100
o
150
200
Forward Voltage-VCE (V)
Ambient Temperature-Ta ( C)
HBC546
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Date Code
Spec. No. : HE6417 Issued Date : 1992.11.25 Revised Date : 2002.02.18 Page No. : 3/3
2
Marking:
H BC 546 Rank Control Code
3
C
Style: Pin 1.Collector 2.Base 3.Emitter
D
H I E F
G
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HBC546
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HBC546

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X