Part Number Hot Search : 
C4722 0603C10 2T256 D3FK60 AM29F016 GP190 M1528 W9020
Product Description
Full Text Search
 

To Download H2N4401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6215 Issued Date : 1992.09.22 Revised Date : 2002.02.22 Page No. : 1/4
H2N4401
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The H2N4401 is designed for general purpose switching and amplifier applications.
Features
* Complementary to H2N4403 * High Power Dissipation : 625 mW at 25C * High DC Current Gain : 100-300 at 150mA * High Breakdown Voltage : 40 V Min.
TO-92
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature........................................................................................................ -55 ~ +150 C Junction Temperature................................................................................................ +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C).............................................................................................625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage .................................................................................................... 60 V VCEO Collector to Emitter Voltage ................................................................................................. 40 V VEBO Emitter to Base Voltage ......................................................................................................... 5 V IC Collector Current ................................................................................................................... 600 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICEX *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 *hFE1 *hFE2 *hFE3 *hFE4 *hFE5 fT Cob Min. 60 40 5 750 20 40 80 100 40 250 Typ. Max. 100 400 750 950 1.2 300 6.5 Unit V V V nA mV mV mV V Test Conditions IC=100uA, IE=0 IC=1mA, IB=0 IE=10uA, IC=0 VCE=35V, VBE=0.4V IC=150mA, IB=15mA IC=500mA, IB=50mA IC=150mA, IB=15mA IC=500mA, IB=50mA VCE=1V, IC=0.1mA VCE=1V, IC=1mA VCE=1V, IC=10mA VCE=1V, IC=150mA VCE=2V, IC=500mA VCE=10V, IC=20mA, f=100MHz VCB=5V, IE=0, f=1MHz
MHz pF
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Classification of hFE4
Rank Range
H2N4401
A 100-210
B 190-300
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000
Spec. No. : HE6215 Issued Date : 1992.09.22 Revised Date : 2002.02.22 Page No. : 2/4
Current Gain & Collector Current
1000 hFE @ VCE=2V
125 C
o
125 C
o
hFE
hFE
100
25 C 75 C
o
o
100
25 C 75 C
o
o
hFE @ VCE=1V
10 1 10 100 1000
10 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
1000 VCE(sat) @ IC=10IB
1000
Saturation Voltage & Collector Current
25 C
o
Saturation Voltage (mV)
Saturation Voltage (mV)
75 C
o
100
75 C 25 C 125 C
o o
o
125 C
o
VBE(s at) @ IC=10IB
10 0.1 1 10 100 1000
100 0.1 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
Capacitance & Reverse-Biased Voltage
100
Cutoff Frequency & Collector Current
1000
Cutoff Frequency (MHz).. .
Capacitance (pF)
VCE=10V 100
10
Cob
1 0.1 1 10 100
10 1 10 100 1000
Reverse Biased Voltage (V)
Collector Current (mA)
H2N4401
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6215 Issued Date : 1992.09.22 Revised Date : 2002.02.22 Page No. : 3/4
Safe Operating Area
10000 PT=1ms
PD-Ta
700 600
1000
Power Dissipation-PD (mW)
PT=100ms
Colletor Current-IC (mA)
500 400 300 200 100
PT=1s 100
10
1 1 10 100
0 0 50 100
o
150
200
Forward Biased oltage-VCE( V )
Ambient Temperature-Ta ( C)
H2N4401
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Date Code
Spec. No. : HE6215 Issued Date : 1992.09.22 Revised Date : 2002.02.22 Page No. : 4/4
2
Marking:
H 2N 4401 Rank Control Code
3
C
Style: Pin 1.Emitter 2.Base 3.Collector
D
H I E F
G
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
H2N4401
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H2N4401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X