Part Number Hot Search : 
FM4749W 0S50ES B25655 ODEL1 2228M GD82541 AP1509 TEA1081T
Product Description
Full Text Search
 

To Download FR257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
FR251 - FR257P
2.5A 2.5A FAST RECOVERY DIODES
Maximum Peak Reverse Voltage PRV V PK Maximum Average Maximum Rectified Current Forward Peak @ Half-Wave Surge Current @ Resistive Load 60Hz 8.3ms Superimposed I O@ T L A AV C I FM (Surge) A PK Maximum Reverse Current @ PRV @ TA=25C I
R
TYPE
Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
Maximum Reverse Recovery Time Trr ns
Package Dimensions
Adc
FR251 FR252 FR253 FR254 FR255 FR256 FR257 FR257P
50 100 200 400 600 800 1000 1000
2.5
75
150
5.0
2.5
1.3
150 150 150 150 250 500 500 250
R-3
Trr I F = 0.5A, I R = 1.0A, I RR = 0.25A Trr Test Conditions: I F = 0.5A, I R = 1.0A, I RR = 0.25A
1.0(25.4) MIN
.160(4.1) .138(3.5)
1.0(25.4) MIN
.042(1.1) DIA .041(1.0)
.160(4.1) DIA .138(3.5)
R-3
19A-1/2
LESHAN RADIO COMPANY, LTD.
FR251 - FR257P 2.5A RATING & CHARACTERISTIC CURVES OF 2.5A FAST DIODES
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A (+) 25Vdc (APPROX) (-) D.U.T. (-) PULSE G E N E R AT O R (NOTE 2) (+) 0 -0.25A
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
2.5
AVERAGE FORWARD CURRENT,(A)
Trr
2.0 .1.5 1.0 .5 0 0 25 50 75 100 125 150 175 Single Phase Half Wave 60Hz Resistive or Inductive Load
1
NON. INDUCTIVE
OSCILLOSCOPE (NOTE 1)
NOTES:1.Rise Time=7ns max. Input Impedance=1megohm.22pF. 2.Rise Time=10ns max. Source Impedance=50 ohms.
-1.0A
SET TIME BASE FOR 50/100ns/cm
1cm
AMBIENT TEMPER ATURE, (C)
FIG. 4 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 10
INSTANTANEOUS FOWARD CURRENT (A)
105
PEAK FORWARD SURGE CURRENT,(A)
90 75 60 45 30 15 0
8.3ms Single Half Sine-Wave (JEDEC Method)
TJ =25C 3.0
1.0
0.3
0.1
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz .03 Pulse Width=300s 1% Duty Cycle .4 .6 .8 1.0 1.2 1.4 1.6 1.8
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200 100 60
JUNCTION CAPACITANCE,(pF)
.01
INSTANTANEOUS FORWARD VOLTAGE, (%)
40 20 10 6 4 2 1 .1 .2 .4 1.0 2
TJ =25C
4
10
20
40
100
REVERSE VOLTAGE,(V)
19A-2/2


▲Up To Search▲   

 
Price & Availability of FR257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X