Part Number Hot Search : 
UCN5822 SB1060F Q5006 Q5006 BGA2850 BGA2850 UFR3003C DLP11
Product Description
Full Text Search
 

To Download EPCS1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Serial Configuration Devices
(EPCS1 & EPCS4)
March 2003, ver. 1.1 Data Sheet
Features

1- and 4-Mbit flash memory devices that serially configure CycloneTM FPGAs Easy-to-use four-pin interface Low cost, low pin count and non-volatile memory Low current during configuration and near-zero standby mode current 3.3-V operation Available in 8-pin small outline integrated circuit (SOIC) package Enables the Nios processor to access unused flash memory through active serial (AS) memory interface Re-programmable memory with more than 100,000 erase/program cycles Programming support with ByteBlasterTM II download cable Additional programming support with the Altera Programming Unit (APU) and programming hardware from BP Microsystems, System General, and other vendors Software design support with the Altera Quartus II development system for Windows-based PCs as well as Sun SPARC station and HP 9000 Series 700/800 Delivered with the memory array erased (all the bits set to 1)
Figure 1 shows the Altera serial configuration device 8-pin SOIC package and its pin-out diagram. Figure 1. Altera Serial Configuration Device Package Pin-Out Diagram
EPCS1 or EPCS4 Device nCS DATA VCC GND 1 2 3 4 8 7 6 5 VCC VCC DCLK ASDI
1
Whenever the term "serial configuration device(s)" is used in this document, it refers to Altera EPCS1 and EPCS4 devices.
Altera Corporation
DS-CYCONFIG-1.1
1
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Functional Description
With SRAM-based devices such as Cyclone FPGAs, configuration data must be reloaded each time the system initializes, or when a new configuration is needed. Serial configuration devices are flash memory devices with a serial interface that can store configuration data for a Cyclone device and reload the data to the device upon power-up or reconfiguration. Table 1 lists the serial configuration devices. Table 1. Serial Configuration Devices (3.3-V Operation) Device
EPCS1 EPCS4
Memory Size (Bits)
1,048,576 4,194,304
Table 2 lists the serial configuration device used with each Cyclone FPGA and the configuration file size. Table 2. Serial Configuration Device for Cyclone Devices Cyclone Device Configuration File Size (Mbits) (1)
0.628 0.925 1.167 2.324 3.559
Serial Configuration Device EPCS1
v v v
EPCS4
v v v v v
EP1C3 EP1C4 EP1C6 EP1C12 EP1C20 Note to Table 2:
(1)
These are preliminary, uncompressed file sizes.
With the new data-decompression feature in the Cyclone FPGA family, designers can use smaller serial configuration devices to configure larger Cyclone FPGAs. Serial configuration devices cannot be cascaded.
f
See AN 250: Configuring Cyclone FPGAs for more information regarding the Cyclone FPGA decompression feature in AS mode. The serial configuration devices are designed to configure Cyclone FPGAs and cannot configure other existing device families. Figure 2 shows the serial configuration device block diagram.
2
Altera Corporation
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Figure 2. Serial Configuration Device Block Diagram
Serial Configuration Device
nCS DCLK Control Logic
DATA I/O Shift Register ASDI
Address Counter
Data Buffer
Status Register
Decode Logic
Memory Array
Accessing Memory in Serial Configuration Devices
A designer can access the unused memory locations of the serial configuration device through the Nios processor and SOPC Builder to store/retrieve data or configuration files. SOPC Builder is an Altera tool for creating bus-based (especially microprocessor-based) systems in Altera devices. SOPC Builder assembles library components like processors and memories into custom microprocessor systems. SOPC Builder includes an interface core specifically for the serial configuration device. Using this core, a designer can create a system with a Nios embedded processor that allows software access to any memory location within the serial configuration device. For more information on accessing memory within the serial configuration device, contact Altera Applications.
f
Altera Corporation
3
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Pin Description
As shown in Figure 1, the serial configuration device is an 8-pin device. The control pins on the serial configuration device are: serial data output (DATA), active serial data input (ASDI), serial clock (DCLK), and chip select (nCS). Table 3 shows the serial configuration device's pin descriptions.
Table 3. Serial Configuration Device Pin Description Pin Name
DATA
Pin Number
2
Pin Type
Output
Description
DATA output signal transfers the data serially out of the serial configuration device into the Cyclone FPGA during read/configuration operation. During a read/configuration operation, the serial configuration device is enabled by pulling nCS low. The DATA signal transitions on the falling edge of DCLK. Active serial data input signal is used to transfer data serially into the serial configuration device. It receives the data that should be programmed into the serial configuration device. Values register on the rising edge of DCLK. Active low chip select input signal toggles at the beginning and end of a valid instruction. When this signal is high, the device is deselected and the DATA signal is tri-stated. When the signal is low, it enables the device and puts the device in an active mode. After power up, the serial configuration device requires a falling edge on the nCS signal before beginning any operation. DCLK is provided by the Cyclone FPGA. This signal provides the timing of the serial interface. The data presented at ASDI are latched in to the serial configuration device, at the rising edge of DCLK. Data on the DATA pin changes after the falling edge of DCLK and is latched into the Cyclone FPGA on the rising edge. Power pins connect to 3.3 V. Ground pin.
ASDI
5
Input
nCS
1
Input
DCLK
6
Input
VCC GND
3, 7, 8 4
Power Ground
Programming & Configuration File Support
The Quartus II design software provides programming support for serial configuration devices. After selecting the serial configuration device, the Quartus II software automatically generates the Programmer Object File (.pof) to program the device. The software allows users to select the appropriate serial configuration device density that most efficiently stores the configuration data for a selected Cyclone FPGA. Serial configuration devices are programmed using the APU with the appropriate programming adapter (PLMSEPC-8) via the Quartus II software or the ByteBlaster II download cable via the Quartus II software. In addition, many third-party programmers, such as BP Microsystems and System General, offer programming hardware that supports serial configuration devices.
4
Altera Corporation
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
During in-system programming of a serial configuration device via the ByteBlaster II download cable, the cable pulls nCONFIG low to reset the Cyclone device and overrides the 10-k pull-down resistors on the Cyclone device's nCE pin (see Figure 5). The download cable then uses the four interface pins (DATA, nCS, ASDI, and DCLK) to program the serial configuration device memory. Once the programming is complete, the download cable releases the serial configuration device's four interface pins and the Cyclone device's nCE pin, and pulses nCONFIG to start configuration. Figure 3 shows the timing waveform for write operation to the serial configuration device. Figure 3. Write Operation Timing
tCSH nCS tNCSH DCLK tDSU ASDI Bit n tDH Bit n - 1 Bit 0 tNCSSU tCH tCL
DATA
High Impedance
Altera Corporation
5
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Table 4 defines the serial configuration device timing parameters for write operation. Table 4. Write Operation Parameters Symbol
fWCLK
Parameter
Write clock frequency (from Cyclone FPGA or ByteBlaster II cable) DCLK high time DCLK low time Chip select (nCS) setup time Chip select (nCS) hold time Data (ASDI) in setup time before rising edge on DCLK Data (ASDI) hold time after rising edge on DCLK Chip select high time
Min
Max
20
Unit
MHz
tCH tCL tNCSSU tNCSH tDSU tDH tCSH
25 25 10 10 5 5 100
ns ns ns ns ns ns ns
Figure 4 shows the timing waveform for the serial configuration device's read operation. Figure 4. Read Operation Timing
nCS tCH DCLK tnCLK2D DATA Bit N Bit N - 1 tCL Bit 0 tODIS
ASDI
Add_Bit 0
6
Altera Corporation
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Table 5 defines the serial configuration device timing parameters for read operation. Table 5. Read Operation Parameters Symbol
fRCLK tCH tCL tODIS tnCLK2D
Parameter
Read clock frequency (from Cyclone FPGA) DCLK high time DCLK low time Output disable time after read Clock falling edge to data
Min
Max
20
Unit
MHz ns ns
25 25 15 15
ns ns
f
For more information on programming and configuration support, see the following documents:

Altera Programming Hardware Data Sheet Programming Hardware Manufacturers ByteBlaster II Parallel Port Download Cable Data Sheet
Cyclone FPGA Configuration
Cyclone FPGAs can be configured with a serial configuration device through AS configuration mode. There are four signals on the serial configuration device that interface directly with the Cyclone device's control signals. The serial configuration device signals DATA, DCLK, ASDI, and nCS interface with DATA0, DCLK, ASDO, and nCSO control signals on a Cyclone FPGA, respectively. Figure 5 shows a serial configuration device programmed via a download cable configuring a Cyclone FPGA in AS mode. Figure 6 shows a serial configuration device programmed using the APU or a third-party programmer configuring a Cyclone FPGA in AS configuration mode.
Altera Corporation
7
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Figure 5. Cyclone Configuration in AS Mode (Serial Configuration Device Programmed Using Download Cable)
VCC (1) 10 k VCC (1) VCC (1) 10 k Cyclone FPGA CONF_DONE nSTATUS Serial Configuration Device (2) 10 k DATA DCLK nCS ASDI DATA0 DCLK nCSO ASDO nCONFIG 00 nCEO
10 k
nCE
MSEL[1..0]
(3)
Pin 1
VCC (1)
8
Altera Corporation
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Figure 6. Cyclone Configuration in AS Mode (Serial Configuration Device Programmed by APU or Third-Party Programmer)
VCC (1) 10 k VCC (1) VCC (1) 10 k Cyclone FPGA CONF_DONE nSTATUS Serial Configuration Device (2) nCONFIG 00 nCEO
10 k
nCE
MSEL[1..0]
(3)
DATA DCLK nCS ASDI
DATA0 DCLK nCSO ASDO
Notes to Figures 5 and 6:
(1) (2) (3) VCC = 3.3 V. Serial configuration devices cannot be cascaded. Set MSEL0 to 0 and MSEL1 to 0 for AS configuration mode.
The Cyclone FPGA acts as the configuration master in the configuration flow and provides the DCLK to the serial configuration device. The Cyclone device enables the serial configuration device by pulling the nCS signal low via the nCSO signal (See Figures 5 and 6). Consequently, the Cyclone FPGA sends the instructions and addresses to the serial configuration device via the ASDO signal. The serial configuration device responds to the instructions by sending the configuration data to the Cyclone FPGA's DATA0 pin on the falling edge of DCLK. The data is latched into the Cyclone device's DCLK signal's rising edge. The Cyclone FPGA controls the nSTATUS and CONF_DONE pins during configuration in AS mode. If the CONF_DONE signal does not go high at the end of configuration or if the signal goes high too early, the Cyclone FPGA will pulse its nSTATUS pin low to start reconfiguration. Upon successful configuration, the Cyclone FPGA releases the CONF_DONE pin, allowing the external 10-k resistor to pull this signal high. Initialization begins after the CONF_DONE goes high and completes within 136 clock cycles. After initialization, the Cyclone FPGA enters user mode.
f
For more information on configuring Cyclone FPGAs in AS mode or other configuration modes, see AN 250: Configuring Cyclone FPGAs.
Altera Corporation
9
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Serial configuration devices cannot be cascaded. Therefore, when a design requires multiple Cyclone FPGAs, the Cyclone FPGAs are configured by a single serial configuration device. Check Table 1 to ensure the programming file size of the cascaded Cyclone FPGAs does not exceed the capacity of a serial configuration device. Designers can choose any serial configuration device according to the system requirements. Figure 7 shows the AS configuration scheme with multiple Cyclone FPGAs in the chain. In AS configuration mode, all the devices in the chain must be Cyclone devices. Figure 7. Multiple Devices in AS Mode
VCC (1) 10 k VCC (1) 10 k VCC (1) 10 k
Cyclone FPGA (Master) (2) CONF_DONE nSTATUS Serial Configuration Device (3) nCONFIG
Cyclone FPGA (Slave) (2) CONF_DONE nSTATUS nCONFIG
nCE
nCEO MSEL[1..0] 00
nCE
nCEO MSEL[1..0] 01
(4)
DATA0 DCLK
(5 )
DATA DCLK nCS ASDI
DATA0 DCLK nCSO ASDO
Notes to Figure 7:
(1) (2) (3) (4) (5) VCC = 3.3 V. In AS mode, the first Cyclone device in the chain is the master device. The other Cyclone devices in the chain are slave devices and must be in passive serial (PS) configuration mode. Serial configuration devices cannot be cascaded. Set MSEL0 to 0 and MSEL1 to 0 to select AS mode in the Cyclone device. Set MSEL0 to 0 and MSEL1 to 1 to select PS mode in the Cyclone device.
Figure 8 shows the timing waveform for Cyclone FPGA AS configuration scheme using a serial configuration device.
10
Altera Corporation
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Figure 8. AS Configuration Timing
tPOR nCONFIG
nSTATUS
CONF_DONE
nCSO tCL DCLK tH ASDO Read Address tSU DATA0 bit N bit N - 1 bit 1 bit 0 136 Cycles INIT_DONE tCH
User I/O
User Mode
Table 6 shows the timing parameters for AS configuration mode. Table 6. Timing Parameters for AS Configuration Symbol
fCLK tCH tCL tH tSU tPOR DCLK high time DCLK low time Data hold time after rising edge on DCLK Data set up time before rising edge on DCLK POR delay
Parameter
DCLK frequency (from Cyclone FPGA)
Min
25 25 0 5
Typ
15
Max
20
Unit
MHz ns ns ns ns
100
ms
Power & Operation
This section describes the power modes, power-on reset (POR) delay, error detection, and initial programming state of serial configuration devices.
Altera Corporation
11
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Power Mode
Serial configuration devices support active power and standby power modes. When nCS is low, the device is enabled and is in active power mode. The Cyclone FPGA is configured while in active power mode. When nCS is high, the device is disabled but could remain in active power mode until all internal cycles have completed (such as program or erase operations). The serial configuration device then goes into stand-by power mode. The ICC1 parameter specifies the VCC supply current when the device is in active power mode and the ICC0 parameter specifies the current when the device is in stand-by power mode (see Table 10).
Power-On Reset
During initial power-up, a POR delay occurs to help stabilize the system voltage levels. In AS configuration, the Cyclone FPGA controls the configuration and has a longer POR delay than the serial configuration device. Therefore, the POR delay is governed by the Cyclone FPGA (typically 100 ms).
Error Detection
In AS configuration with the serial configuration device, the Cyclone FPGA monitors the configuration status through the nSTATUS and CONF_DONE pins. If an error condition occurs (nSTATUS driven low) or if the CONF_DONE pin does not go high, the Cyclone FPGA will initiate reconfiguration by pulsing the nSTATUS and nCSO signals, which controls the chip select pin on the serial configuration device (nCS). After an error, configuration automatically restarts if the Auto-Restart Upon Frame Error option is turned on in the Quartus II software.
12
Altera Corporation
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Operating Conditions
Tables 6 through 10 provide information on absolute maximum ratings, recommended operating conditions, DC operating conditions, and capacitance for serial configuration devices. Note (1) Condition
With respect to ground With respect to ground
Table 7. Absolute Maximum Ratings Symbol
VCC VI IMAX IOUT PD TSTG TAMB TJ
Parameter
Supply voltage DC input voltage DC VCC or GND current DC output current per pin Power dissipation Storage temperature Ambient temperature Junction temperature No bias
Min
-0.6 -0.6 -25 -65 -65
Max
4.0 4.0 15 25 54 150 135 135
Unit
V V mA mA mW C C C
Under bias Under bias
Table 8. Recommended Operating Conditions Symbol
VCC VI VO TA tR tF
Parameter
Supply voltage Input voltage Output voltage Operating temperature Input rise time Input fall time (2)
Conditions
Respect to GND For commercial use For industrial use
Min
3.0 -0.3 0 0 -40
Max
3.6 0.3 + VCC VCC 70 85 5 5
Unit
V V V C C ns ns
Table 9. DC Operating Conditions Symbol
VIH VIL VOH VOL II IOZ
Parameter
High-level input voltage Low-level input voltage High-level output voltage Low-level output voltage Input leakage current Tri-state output off-state current
Conditions
Min
0.7 x VCC -0.5
Max
VCC + 0.4 0.3 x VCC 0.4
Unit
V V V V A A
IOH = -100 A (3) IOL = 1.6 mA (3) VI = VCC or GND VO = VCC or GND
VCC - 0.2 -10 -10 10 10
Altera Corporation
13
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Table 10. ICC Supply Current Symbol
ICC0 ICC1
Parameter
VCC supply current (standby) VCC supply current (during active power mode)
Conditions
Min
5
Max
50 14
Unit
A mA
Table 11. Capacitance Symbol
CIN COUT
(1) (2) (3) (4)
Note (4) Conditions
VIN = 0 V VOUT = 0 V
Parameter
Input pin capacitance Output pin capacitance
Min
Max
6 8
Unit
pF pF
Notes to Tables 7 - 11:
See the Operating Requirements for Altera Devices Data Sheet. Maximum VCC rise time is 100 ms. The IOH parameter refers to high-level TTL or CMOS output current; the I OL parameter refers to low-level TTL or CMOS output current. Capacitance is sample-tested only at TA = 25 C and at a 20-MHz frequency.
Package f
All serial configuration devices are available in 8-pin plastic SOIC package. Figure 9 shows the mechanical drawing and specifications for this package. For more information on Altera device packaging, see the Altera Device Package Information Data Sheet.
14
Altera Corporation
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
Figure 9. 8-Pin SOIC Serial Configuration Device Package
N
Notes (1), (2)
HE
Pin 1
D
h x 45
o
Seating Plane
A
A1 e
B
Notes to Figure 9:
(1) (2) All dimensions and tolerances conform to ANSI Y14.5M - 1982. JEDEC reference MS-013 option AE.
8 L
Symbol A A1 B C D E e H h L N Min. _ _ _ _ _ _ _ _ _ _
C
Dimentions (mm) Nom. 1.35 0.10 0.33 0.19 4.80 3.80 1.27 BSC 5.80 0.25 0.40 8 o 0C Max. 1.75 0.25 0.51 0.25 5.00 4.00 6.20 0.50 0.90 8C
o
8
Ordering Code
Table 12 shows the ordering codes for serial configuration devices.
Table 12. Serial Configuration Device Ordering Codes Device
EPCS1 EPCS4
Ordering Code
EPCS1SI8 EPCS4SI8
Altera Corporation
15
Serial Configuration Devices (EPCS1 & EPCS4) Data Sheet
101 Innovation Drive San Jose, CA 95134 (408) 544-7000 http://www.altera.com Applications Hotline: (800) 800-EPLD Literature Services: lit_req@altera.com 16
Copyright (c) 2003 Altera Corporation. All rights reserved. Altera, The Programmable Solutions Company, the stylized Altera logo, specific device designations, and all other words and logos that are identified as trademarks and/or service marks are, unless noted otherwise, the trademarks and service marks of Altera Corporation in the U.S. and other countries. All other product or service names are the property of their respective holders. Altera products are protected under numerous U.S. and foreign patents and pending applications, maskwork rights, and copyrights. Altera warrants performance of its semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service described herein except as expressly agreed to in writing by Altera Corporation. Altera customers are advised to obtain the latest version of device specifications before relying on any published information and before placing orders for products or services.
Altera Corporation


▲Up To Search▲   

 
Price & Availability of EPCS1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X