Part Number Hot Search : 
TC5043P ST150A91 GC89F SXX10DS2 LT083 SR5507 T60013 40AB8B
Product Description
Full Text Search
 

To Download EC31QS06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
Type
:
EC31QS06
OUTLINE DRAWING
FEATURES * Miniature Size,Surface Mount Device * Low Forward Voltage Drop * Low Power Loss,High Efficiency * High Surge Capability * 30 Volts through 100Volts Types Available * Packaged in 12mm Tape and Reel * Not Rolling During Assembly
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range
Approx Net Weight:0.06g
Symbol
VRRM IO IF(RMS) IFSM Tjw Tstg
EC31QS06
60 1.0 Ta=36 C *1 50Hz Half Sine Tl=64 C Wave Resistive Load 3.0 Tl:Lead Temperature 4.71 50Hz Half Sine Wave,1cycle 50 Non-repetitive -40 to +150 -40 to +150
Unit V A A A
C C
Electrical * Thermal Characteristics
Characteristics Symbol Conditions Min. Typ. Max. 3 0.61 108 23 Unit mA V C /W Peak Reverse Current IRM Tj= 25C, VRM= VRRM Peak Forward Voltage VFM Tj= 25C, IFM= 3.0A Thermal Junction to Ambient Rth(j-a) *1 Resistance Junction to Lead Rth(j-l) *1 Alumina Substrate Mounted Soldering Lands=2x2mm,Both Sides
EC31QS06 OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of EC31QS06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X