Part Number Hot Search : 
2SK405 BU2506 SSM2040 EZ1583CM SG2BC AA119 7C4255 UNR92A7G
Product Description
Full Text Search
 

To Download DF001-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC Current transducer DF-C10
For the electronic mesurement of low DC currents, with galvanic isolation between the primary (High power) and the secondary circuits (Electronic circuit)
IPN = 10..500mA
Preliminary
Electrical data
Primary nominal current IPN (mA.t) 10 20 50 100 300 500 IO C VOUT Vc IC RL Vd Primary current range IP (mA.t) 16 38 80 160 480 800 Analogue Output signal VOUT (V) 0-10 0-10 0-10 0-10 0-10 0-10 30 10 12...15 20 2 5000 Type
DF 0.01 C10 DF 0.02 C10 DF 0.05 C10 DF 0.1 C10 DF 0.3 C10 DF 0.5 C10 A.t V VDC mA k VAC
Features
* DC Measurement * Low current transducer * Panel mounting * Bipolar voltage supply * Extended measuring range
Overload capacity Analog Output signal @ IPN Supply voltage Current consumption (max) Load resistance Isolation test voltage1)
Advantages
* Large aperture * Good performances in harsh EMC environment * High isolation between primary and secondary circuits * Easy to mount * Bipolar * No insertion losses
Accuracy-Dynamic performance data
X L VOE VOT tr Accuracy2) of reading @12V, TA=25C Linearity2) of IPN Electrical Offset Voltage @ TA=25C @IP=0 Thermal drift of VOE @ 0..+70 Response time @ 90% of I PN 4 0.8 50 100 <140 % % mV mV mS
General data
TA TS m Ambient operating temperature Ambient storage temperature Mass Standard 0..+70 -25..+85 140 TBD C C g
Applications
* DC leakage current measurement * Differential current measurement in DC applications * Low DC current measurement
Options on request
Notes:
1) 2)
Between primary and secondary Excludes the electrical offset
* DIN mounting 020521/0
LEM Components
www.lem.com
Dimensions
DF-C10
(unit : mm, 1mm = 0.0394 inch)
18
10
60
30
25
55
20
Secondary terminals
Terminal 1 : Supply voltage +12...+15VDC 37 25 49 Terminal 2 : Supply voltage -12...-15VDC Terminal 3 : Voltage output Vs Terminal 4 : 0V 4.2 70
Mechanical characteristics
* General tolerance * Primary aperture * Secondary connection * Panel mounting (Distance between holes 1 mm 25 mm Finger safe terminals 2 holes 4.2mm 38 mm x 55mm)
Output Voltage / Primary Current
VOUT (V) 20VDC 16VDC 10VDC
-IPmax
I PN IPN I Pmax I P(A)
Remarks
-10VDC -16VDC -20VDC
* The temperature of the primary bar can not exceed 90C.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of DF001-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X