Part Number Hot Search : 
LBS06301 PRODUC K1528DBS CRY82 2SC2938 PT2380 51880 PSWT9012
Product Description
Full Text Search
 

To Download D1FL20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Super Fast Recovery Rectifiers
Single
D1FL20U
200V 1.1A
FEATURES
*oe Small
OUTLINE DIMENSIONS
Case : 1F Unit : mm
SMT *oe Low noise *oe trr35ns APPLICATION *oe Switching power supply *oe DC/DC converter *oe Free Wheel *oe Home Appliances, Office Equipment *oe Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tl=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage VRM 200 V Average Rectified Forward Current 50Hz sine wave, R-load, Ta=25*Z On alumina substrate IO 1.1 A 50Hz sine wave, R-load, Ta=25*Z On glass-epoxy substrate 0.84 Peak Surge Forward Current IFSM 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25*Z A 20 *oeElectrical Characteristics (If not specified Tl=25*Z) Item Symbol Conditions Forward Voltage VF IF =1.1A, Pulse measurement Reverse Current IR V =V , Pulse measurement R RM Reverse Recovery Time trr IF =0.5A, R I =1A AEjl junction to lead Thermal Resistance AEja junction to ambient, On alumina substrate junction to ambient, On glass-epoxy substrate Ratings Unit Max.0.98 V Max.10 EA Max.35 ns Max.23 Max.108 *Z/W Max.157
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D1FL20U
Forward Voltage
10
Forward Current IF [A]
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] 1 Tc=25C [TYP]
Pulse measurement per diode
0.1
0
0.4
0.8
1.2
1.6
2
2.4
2.8
Forward Voltage VF [V]
D1FL20U
1.6
Forward Power Dissipation
D=0.8 DC
1.4
Forward Power Dissipation PF [W]
1.2 1 0.1 0.8 0.6 0.4 0.2 0 0.05 0.2
SIN 0.3
0.5
0
0.5
1
1.5
2
Average Rectified Forward Current IO [A]
Tj = Tjmax 0
IO tp D=tp /T T
D1FL20U
2
Derating Curve
Average Rectified Forward Current IO [A]
DC 1.5 0.5 SIN 1 0.3 0.2 0.1 0.5 0.05
D=0.8
Alumina substrate Soldering land 2mm Conductor layer 20m Substrate thickness 0.64mm
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = VRM IO 0 0 VR tp D=tp /T T
D1FL20U
1.6
Derating Curve
Average Rectified Forward Current IO [A]
1.4 1.2 1 0.8 0.6 0.4 0.05 0.2 0 DC D=0.8
Glass-epoxy substrate Soldering land 2mm Conductor layer 35m
0.5 SIN 0.3 0.2 0.1
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = VRM IO 0 0 VR tp D=tp /T T
D1FL20U
35
Peak Surge Forward Capability
IFSM
10ms 10ms
30
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
25
20
15
10
5
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
D1FL20U
Junction Capacitance
100
f=1MHz Tl=25C TYP per diode
Junction Capacitance Cj [pF]
10
1
10
100
Reverse Voltage VR [V]


▲Up To Search▲   

 
Price & Availability of D1FL20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X