Part Number Hot Search : 
L381D GRM188 GRM188 C1213 S5R12 RF33741 SDZ6V8AQ S5R12
Product Description
Full Text Search
 

To Download CY7C1342 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 an d 4K x 8 Dual-Port Static RAM with Semapho res
CY7C135 CY7C1342
4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
Features
* True Dual-Ported memory cells which allow simultaneous reads of the same memory location * 4K x 8 organization * 0.65-micron CMOS for optimum speed/power * High-speed access: 15 ns * Low operating power: ICC = 160 mA (max.) * Fully asynchronous operation * Automatic power-down * Semaphores included on the 7C1342 to permit software handshaking between ports * Available in 52-pin PLCC * Pin-compatible and functionally equivalent to IDT7134/IDT71342 that provide a means to allocate portions of the dual-port RAM or any shared resource. Two ports are provided permitting independent, asynchronous access for reads and writes to any location in memory. Application areas include interprocessor/multiprocessor designs, communications status buffering, and dual-port video/graphics memory. Each port has independent control pins: chip enable (CE), read or write enable (R/W), and output enable (OE). The CY7C135 is suited for those systems that do not require on-chip arbitration or are intolerant of wait states. Therefore, the user must be aware that simultaneous access to a location is possible. Semaphores are offered on the CY7C1342 to assist in arbitrating between ports. The semaphore logic is comprised of eight shared latches. Only one side can control the latch (semaphore) at any time. Control of a semaphore indicates that a shared resource is in use. An automatic power-down feature is controlled independently on each port by a chip enable (CE) pin or SEM pin (CY7C1342 only). The CY7C135 and CY7C1342 are available in 52-pin PLCC.
Functional Description
The CY7C135 and CY7C1342 are high-speed CMOS 4K x 8 dual-port static RAMs. The CY7C1342 includes semaphores
Logic Block Diagram
R/WL CEL OEL R/WR CER OER
I/O7L I/O0L
I/O CONTROL
I/O CONTROL
I/O7R I/O0R
A11L A0L ADDRESS DECODER MEMORY ARRAY ADDRESS DECODER
A11R A0R
CEL OEL R/WL
SEMAPHORE ARBITRATION (7C1342 only)
CER OER R/WR (7C1342 only)
(7C1342 only) SEML
SEMR
1342-1
Cypress Semiconductor Corporation
*
3901 North First Street
*
San Jose
*
CA 95134
*
408-943-2600 November 1996
CY7C135 CY7C1342
Selection Guide
7C135-15 7C1342-15 Maximum Access Time (ns) Maximum Operating Current (mA) Maximum Standby Current for ISB1(mA) Commercial Commercial 15 220 60 7C135-20 7C1342-20 20 190 50 7C135-25 7C1342-25 25 180 40 7C135-35 7C1342-35 35 160 30 7C135-55 7C1342-55 55 160 30
Pin Configurations
PLCC Top View
CER R/W R N/C A11R A10R OER A0R A1R A2R A3R A4R A5R A6R A7R A8R A9R NC I/O7R A 11L N/C R/W L CEL VCC A0L OEL A 10L A1L A2L A3L A4L A5L A6L A7L A8L A9L I/O0L I/O1L I/O2L I/O3L 8 9 10 11 12 13 14 15 16 17 18 19 20
7 6 5 4 3 2 1 52 51 50 49 48 47 46 45 44 43 42 41 7C135 40 39 38 37 36 35 34 21 22 23 24 25 26 27 28 29 30 31 32 33 NC GND I/O0R I/O1R I/O2R I/O3R I/O4R I/O5R I/O6R I/O4L I/O5L I/O6L I/O7L
1342-3
PLCC Top View
CER R/W R SEMR A11R A10R OER A0R A1R A2R A3R A4R A5R A6R A7R A8R A9R NC I/O7R A0L OEL A 10L A 11L A1L A2L A3L A4L A5L A6L A7L A8L A9L I/O0L I/O1L I/O2L I/O3L 8 9 10 11 12 13 14 15 16 17 18 19 20 I/O4L I/O5L I/O6L I/O7L SEM L R/W L CEL VCC
7 6 5 4 3 2 1 52 51 50 49 48 47 46 45 44 43 42 41 7C1342 40 39 38 37 36 35 34 21 22 23 24 25 26 27 28 29 30 31 32 33 NC GND I/O0R I/O1R I/O2R I/O3R I/O4R I/O5R I/O6R
1342-4
2
CY7C135 CY7C1342
Pin Definitions
Left Port A0L-11L CEL OEL R/WL Right Port A0R-11R CER OER R/WR Address Lines Chip Enable Output Enable Read/Write Enable Description
SEML SEMR Semaphore Enable. When asserted LOW, allows access to eight semaphores. The (CY7C1342 only) (CY7C1342 only) three least significant bits of the address lines will determine which semaphore to write or read. The I/O0 pin is used when writing to a semaphore. Semaphores are requested by writing a 0 into the respective location.
Maximum Ratings
Storage Temperature ..................................-65C to+150C Ambient Temperature with Power Applied ..............................................-55C to+125C Supply Voltage to Ground Potential (Pin 48 to Pin 24) ............................................ -0.5V to+7.0V DC Voltage Applied to Outputs in High Z State ................................................ -0.5V to+7.0V DC Input Voltage[1]......................................... -3.0V to +7.0V
Static Discharge Voltage .......................................... > 2001V (per MIL-STD-883, Method 3015) Latch-Up Current.................................................... > 200 mA
Operating Range
Range Commercial Industrial Ambient Temperature 0C to +70C -40C to +85C VCC 5V 10% 5V 10%
Electrical Characteristics Over the Operating Range[3]
7C135-15 7C135-20 7C135-25 7C1342-15 7C1342-20 7C1342-25 Parameter VOH VOL VIH VIL IIX IOZ ICC ISB1 ISB2 ISB3 Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Load Current Output Leakage Current Operating Current Standby Current (Both Ports TTL Levels) Standby Current (One Port TTL Level) GND VI VCC Outputs Disabled, GND VO VCC VCC = Max., IOUT = 0 mA CEL and CER VIH, f = fMAX[4] CEL and CER VIH, f = fMAX[4] Com'l Ind. Com'l Ind. Com'l Ind. Com'l Ind. Com'l Ind. 125 115 15 15 130 120 60 50 -10 -10 Test Conditions VCC = Min., IOH = -4.0 mA VCC = Min., IOL = 4.0 mA 2.2 0.8 +10 +10 220 -10 -10 Min. Max. Min. Max. Min. 2.4 0.4 2.2 0.8 +10 +10 190 -10 -10 2.4 0.4 2.2 0.8 +10 +10 180 190 40 50 110 120 15 30 100 115 mA mA mA mA 2.4 0.4 Max. Unit V V V V A A mA
Standby Current Both Ports CE and CER (Both Ports CMOS Levels) VCC - 0.2V, VIN VCC - 0.2V or VIN 0.2V, f = 0[4] Standby Current (One Port CMOS Level) One Port CEL or CER VCC - 0.2V, VIN VCC - 0.2V or VIN 0.2V, Active Port Outputs, f = fMAX[4]
ISB4
Notes: 1. Pulse width < 20 ns. 2. TA is the "instant on" case temperature. 3. See the last page of this specification for Group A subgroup testing information. 4. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby ISB3.
3
CY7C135 CY7C1342
Electrical Characteristics Over the Operating Range[3](continued)
7C135-35 7C1342-35 Parameter VOH VOL VIH VIL IIX IOZ ICC ISB1 ISB2 ISB3 Input LOW Voltage Input Load Current Output Leakage Current Operating Current Standby Current (Both Ports TTL Levels) Standby Current (One Port TTL Level) GND VI VCC Outputs Disabled, GND VO VCC VCC = Max., IOUT = 0 mA VCC = Max., IOUT = 0 mA CEL and CER VIH, f = fMAX[4] CEL and CER VIH, f = fMAX[4] Com'l Ind. Com'l Ind. Com'l Ind. Com'l Ind. Com'l Ind. -10 -10 Description Output HIGH Voltage Output LOW Voltage Test Conditions VCC = Min., IOH = -4.0 mA VCC = Min., IOL = 4.0 mA 2.2 0.8 +10 +10 160 180 30 40 100 110 15 30 90 100 -10 -10 Min. 2.4 0.4 2.2 0.8 +10 +10 160 180 30 40 100 110 15 30 90 100 mA mA mA mA Max. 7C135-55 7C1342-55 Min. 2.4 0.4 Max. Unit V V V V A A mA
Standby Current Both Ports CE and CER VCC - 0.2V, (Both Ports CMOS Levels) VIN VCC - 0.2V or VIN 0.2V, f = 0[4] Standby Current (One Port CMOS Level) One Port CEL or CER VCC - 0.2V, VIN VCC - 0.2V or VIN 0.2V, Active Port Outputs, f = fMAX[4]
ISB4
Capacitance[5]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = 5.0V Max. 10 10 Unit pF pF
AC Test Loads and Waveforms
5V R1= 893 OUTPUT C= 30pF R1= 347 OUTPUT C= 30pF VTH = 1.4V (a) Normal Load (Load 1)
1342-5
RTH = 250
RTH = 250 OUTPUT C = 5 pF VX (c) Three-State Delay (Load 3)
1342-7
(b) Thevenin Equivalent (Load 1)
1342-6
ALL INPUT PULSES 3.0V GND 10% 90% 90% 10% 3 ns
1342-8
3 ns
Note: 5. Tested initially and after any design or process changes that may affect these parameters.
4
CY7C135 CY7C1342
Switching Characteristics Over the Operating Range[6, 7]
7C135-15 7C1342-15 Parameter READ CYCLE tRC tAA tOHA tACE tDOE tLZOE[8,9,10] tHZOE[8,9,10] tLZCE[8,9,10] tHZCE[8,9,10] tPU[10] tPD[10] tWC tSCE tAW tHA tSA tPWE tSD tHD tHZWE[9,10] tLZWE[9,10] tWDD[11] tDDD[11] Read Cycle Time Address to Data Valid Output Hold From Address Change CE LOW to Data Valid OE LOW to Data Valid OE Low to Low Z OE HIGH to High Z CE LOW to Low Z CE HIGH to High Z CE LOW to Power Up CE HIGH to Power Down Write Cycle Time CE LOW to Write End Address Set-Up to Write End Address Hold from Write End Address Set-Up to Write Start Write Pulse Width Data Set-Up to Write End Data Hold from Write End R/W LOW to High Z R/W HIGH to Low Z Write Pulse to Data Delay Write Data Valid to Read Data Valid SEM Flag Update Pulse (OE or SEM) SEM Flag Write to Read Time SEM Flag Contention Window 10 5 5 3 30 25 15 12 12 2 0 12 10 0 10 3 40 30 0 15 20 15 15 2 0 15 13 0 13 3 50 30 3 10 0 20 25 20 20 2 0 20 15 0 15 3 60 35 3 10 3 13 0 25 35 30 30 2 0 25 15 0 20 3 70 40 3 15 10 3 13 3 15 0 35 55 50 50 2 0 50 25 0 25 15 15 3 20 13 3 15 3 20 0 55 20 20 3 25 15 3 20 3 25 25 25 3 35 20 3 25 35 35 3 55 25 55 55 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Description Min. Max. 7C135-20 7C1342-20 Min. Max. 7C135-25 7C1342-25 Min. Max. 7C135-35 7C1342-35 Min. Max. 7C135-55 7C1342-55 Min. Max. Unit
WRITE CYCLE
SEMAPHORE TIMING[12] tSOP tSWRD tSPS 10 5 5 10 5 5 15 5 5 15 5 5 ns ns ns
Notes: 6. See the last page of this specification for Group A subgroup testing information. 7. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified IOL/IOH and 30-pF load capacitance. 8. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE. 9. Test conditions used are Load 3. 10. This parameter is guaranteed but not tested. 11. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Port-to-Port Delay waveform. 12. Semaphore timing applies only to CY7C1342.
5
CY7C135 CY7C1342
Switching Waveforms
Read Cycle No. 1[13,14] Either Port Address Access
tRC ADDRESS tOHA DATA OUT PREVIOUS DATA VALID tAA DATA VALID
1342-9
Read Cycle No.
2[13,15] Either Port CE/OE Access
SEM
[12]
or CE OE tLZOE tLZCE
tACE tDOE tHZOE
tHZCE
DATA OUT tPU ICC ISB
DATA VALID tPD
1342-10
Read Timing with Port-to-Port[16]
twc ADDRESSR R/WR MATCH
t PWE
t
SD
t
HD
DATA INR
VALID
ADDRESSL
MATCH tDDD
DATA OUTL tWDD
VALID
1342-11
Notes: 13. R/W is HIGH for read cycle. 14. Device is continuously selected, CE = VIL and OE = VIL. 15. Address valid prior to or coincident with CE transition LOW. 16. CEL = CER =LOW; R/WL = HIGH
6
CY7C135 CY7C1342
Switching Waveforms (continued)
Write Cycle No. 1: OE Three-States Data I/Os (Either Port) [17,18,19]
tWC ADDRESS SEM OR CE
[12]
tSCE tAW tHA tPWE
R/W tSA DATA IN tSD DATA VALID tHD
OE
t
tHZOE DATA OUT HIGH IMPEDANCE
LZOE
1342-12
Write Cycle No. 2:R/W Three-States Data I/Os (Either
Port)[18, 20]
tWC
ADDRESS tSCE SEM OR CE R/W
[12]
tHA
tSA
tAW
tPWE
tSD DATA IN tHZWE DATA OUT DATA VALID tLZWE HIGH IMPEDANCE
tHD
1342-13
Notes: 17. The internal write time of the memory is defined by the overlap of CE or SEM LOW and R/W LOW. Both signals must be LOW to initiate a write and either signal can terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write. 18. R/W must be HIGH during all address transactions. 19. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tPWE or (tHZWE + tSD) to allow the I/O drivers to turn off and data to be placed on the bus for the required tSD. If OE is HIGH during a R/W controlled write cycle (as in this example), this requirement does not apply and the write pulse can be as short as the specified tPWE. 20. Data I/O pins enter high-impedance when OE is held LOW during write.
7
CY7C135 CY7C1342
Switching Waveforms (continued)
Semaphore Read After Write Timing, Either Side (CY7C1342 only)[21]
tAA A0-A 2 VALID ADDRESS tAW SEM tSCE tHA tSOP tSD I/O0 DATA INVALID tSA R/W tSWRD OE WRITE CYCLE tSOP READ CYCLE
1342-14
tOHA
VALID ADDRESS tACE
DATA OUT VALID
tPWE
tHD
tDOE
Timing Diagram of Semaphore Contention (CY7C1342 only)[22,23,24]
A0L 2L -A MATCH
R/WL SEML tSPS A0R 2R -A MATCH
R/W R SEM R
1342-15
Notes: 21. CE = HIGH for the duration of the above timing (both write and read cycle). 22. I/O0R = I/O0L = LOW (request semaphore); CER = CEL = HIGH. 23. Semaphores are reset (available to both ports) at cycle start. 24. If tSPS is violated, it is guaranteed that only one side will gain access to the semaphore.
8
CY7C135 CY7C1342
Architecture
The CY7C135 consists of an array of 4K words of 8 bits each of dual-port RAM cells, I/O and address lines, and control signals (CE, OE, R/W). Two semaphore control pins exist for the CY7C1342 (SEML/R). appear at the same semaphore address on the right port. That semaphore can now only be modified by the side showing a zero (the left port in this case). If the left port now relinquishes control by writing a one to the semaphore, the semaphore will be set to one for both sides. However, if the right port had requested the semaphore (written a zero) while the left port had control, the right port would immediately own the semaphore. Table 2 shows sample semaphore operations. When reading a semaphore, all eight data lines output the semaphore value. The read value is latched in an output register to prevent the semaphore from changing state during a write from the other port. If both ports request a semaphore control by writing a 0 to a semaphore within tSPS of each other, it is guaranteed that only one side will gain access to the semaphore. Initialization of the semaphore is not automatic and must be reset during initialization program at power-up. All semaphores on both sides should have a one written into them at initialization from both sides to assure that they will be free when needed. Table 1. Non-Contending Read/Write Inputs Outputs
CE R/W OE SEM
Functional Description
Write Operation Data must be set up for a duration of tSD before the rising edge of R/W in order to guarantee a valid write. Since there is no on-chip arbitration, the user must be sure that a specific location will not be accessed simultaneously by both ports or erroneous data could result. A write operation is controlled by either the OE pin (see Write Cycle No. 1 timing diagram) or the R/W pin (see Write Cycle No. 2 timing diagram). Data can be written tHZOE after the OE is deasserted or tHZWE after the falling edge of R/W. Required inputs for write operations are summarized in Table 1. If a location is being written to by one port and the opposite port attempts to read the same location, a port-to-port flowthrough delay is met before the data is valid on the output. Data will be valid on the port wishing to read the location tDDD after the data is presented on the writing port. Read Operation When reading the device, the user must assert both the OE and CE pins. Data will be available tACE after CE or tDOE after OE are asserted. If the user of the CY7C1342 wishes to access a semaphore, the SEM pin must be asserted instead of the CE pin. Required inputs for read operations are summarized in Table 1. Semaphore Operation The CY7C1342 provides eight semaphore latches which are separate from the dual port memory locations. Semaphores are used to reserve resources which are shared between the two ports. The state of the semaphore indicates that a resource is in use. For example, if the left port wants to request a given resource, it sets a latch by writing a zero to a semaphore location. The left port then verifies its success in setting the latch by reading it. After writing to the semaphore, SEM or OE must be deasserted for tSOP before attempting to read the semaphore. The semaphore value will be available tSWRD + tDOE after the rising edge of the semaphore write. If the left port was successful (reads a zero), it assumes control over the shared resource, otherwise (reads a one) it assumes the right port has control and continues to poll the semaphore. When the right side has relinquished control of the semaphore (by writing a one), the left side will succeed in gaining control of the semaphore. If the left side no longer requires the semaphore, a one is written to cancel its request. Semaphores are accessed by asserting SEM LOW. The SEM pin functions as a chip enable for the semaphore latches. CE must remain HIGH during SEM LOW. A0-2 represents the semaphore address. OE and R/W are used in the same manner as a normal memory access. When writing or reading a semaphore, the other address pins have no effect. When writing to the semaphore, only I/O0 is used. If a 0 is written to the left port of an unused semaphore, a one will
H H X H L L L
X H X L H L X
X L H X L X X
H L X L H H L
I/O 0 - I/O7 High Z Data Out High Z Data In Data Out Data In
Operation Power-Down Read Semaphore I/O Lines Disabled Write to Semaphore Read Write Illegal Condition
Table 2. Semaphore Operation Example I/O 0-7 I/O0-7 Left Right Function Status No Action 1 1 Semaphore free Left port writes sema0 1 Left port obtains phore semaphore Right port writes 0 to 0 1 Right side is denied semaphore access Left port writes 1 to 1 0 Right port is granted semaphore access to Semaphore Left port writes 0 to 1 0 No change. Left port is semaphore denied access Right port writes 1 to 0 1 Left port obtains semaphore semaphore Left port writes 1 to 1 1 No port accessing semaphore semaphore address Right port writes 0 to 1 0 Right port obtains semaphore semaphore Right port writes 1 to 1 1 No port accessing semaphore semaphore Left port writes 0 to 0 1 Left port obtains semaphore semaphore Left port writes 1 to 1 1 No port accessing semaphore semaphore
9
CY7C135 CY7C1342
Typical DC and AC Characteristics
OUTPUT SOURCE CURRENT (mA) NORMALIZED SUPPLY CURRENT vs. SUPPLY VOLTAGE 1.4 NORMALIZED I CC , I SB 1.2 1.0 0.8 0.6 0.4 0.2 0.0 4.0 ICC 4.5 5.0 5.5 6.0 SUPPLY VOLTAGE (V) NORMALIZED I CC , I SB ISB 1.2 ICC 1.0 0.8 0.6 0.4 0.2 0.6 -55 25 125 AMBIENT TEMPERATURE (C) ISB3 V CC = 5.0V V IN = 5.0V NORMALIZED SUPPLY CURRENT vs. AMBIENT TEMPERATURE OUTPUT SOURCE CURRENT vs. OUTPUT VOLTAGE 140 120 100 80 60 40 20 0 0 1.0 2.0 3.0 4.0 5.0 OUTPUT VOLTAGE (V) VCC = 5.0V TA = 25C
1.10 NORMALIZED t AA NORMALIZED t AA TA = 25C
1.2 1.1
OUTPUT SINK CURRENT (mA)
NORMALIZED ACCESS TIME vs. SUPPLY VOLTAGE
NORMALIZED ACCESS TIME vs. AMBIENT TEMPERATURE 100 90 80 70 60
OUTPUT SINK CURRENT vs. OUTPUT VOLTAGE
1.05
1.0 VCC = 5.0V 0.9
1.00
V CC = 5.0V TA = 25C 1.0 2.0 3.0 4.0 5.0
0.95 4.0
4.5
5.0
5.5
6.0
0.8 -55
25
125
50 0.0
SUPPLY VOLTAGE (V)
AMBIENT TEMPERATURE (C)
OUTPUT VOLTAGE (V)
TYPICAL POWER-ON CURRENT vs. SUPPLY VOLTAGE 1.0 NORMALIZED t PC DELTA tAA (ns) 20.0
TYPICAL ACCESS TIME CHANGE vs. OUTPUT LOADING 1.25 NORMALIZED I CC
NORMALIZED I CC vs.CYCLE TIME VCC = 5.0V TA = 25C VIN = 0.5V 1.0
0.75
15.0
0.50
10.0
0.75
0.25 0.0 0 1.0 2.0 3.0 4.0 5.0 SUPPLY VOLTAGE (V)
5.0 0 0 200 400
V CC = 4.5V TA = 25C
600
800 1000
0.50 10
20
30
40
50
CAPACITANCE (pF)
CYCLE FREQUENCY (MHz)
10
CY7C135 CY7C1342
Ordering Information
4K x8 Dual-Port SRAM Speed (ns) 15 20 25 35 55 Ordering Code CY7C135-15JC CY7C135-20JC CY7C135-25JC CY7C135-25JI CY7C135-35JC CY7C135-35JI CY7C135-55JC CY7C135-55JI Package Name J69 J69 J69 J69 J69 J69 J69 J69 Package Type J69 J69 J69 J69 J69 J69 J69 J69 Package Type Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Operating Range Commercial Commercial Commercial Industrial Commercial Industrial Commercial Industrial Operating Range Commercial Commercial Commercial Industrial Commercial Industrial Commercial Industrial
52-Lead 52-Lead 52-Lead 52-Lead 52-Lead 52-Lead 52-Lead 52-Lead
4K x8 Dual-Port SRAM with Semaphores Speed (ns) 15 20 25 35 55 Ordering Code CY7C1342-15JC CY7C1342-20JC CY7C1342-25JC CY7C1342-25JI CY7C1342-35JC CY7C1342-35JI CY7C1342-55JC CY7C1342-55JI Package Type Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier Plastic Leaded Chip Carrier
52-Lead 52-Lead 52-Lead 52-Lead 52-Lead 52-Lead 52-Lead 52-Lead
Document #: 38-00541
(c) Cypress Semiconductor Corporation, 1996. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
CY7C135 CY7C1342
Package Diagrams
52-Lead Plastic Leaded Chip Carrier J69
12


▲Up To Search▲   

 
Price & Availability of CY7C1342

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X