![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CS5212 Low Voltage Synchronous Buck Controller The CS5212 is a low voltage synchronous buck controller. It contains all required circuitry for a synchronous buck converter using external N-Channel MOSFETs. High current internal gate drivers are capable of driving high gate capacitance of low RDS(on) NFETs for better efficiency. The V2TM control architecture is used to achieve unmatched transient response, the best overall regulation and the simplest loop compensation. Additionally, the CS5212 provides overcurrent protection, undervoltage lockout, soft start, built-in adaptive non-overlap, and an adjustable fixed frequency range of 150 kHz to 750 kHz, which gives the designer more flexibility to make efficiency and component size trade offs. The CS5212 will also operate over a 3.1 V to 7.0 V range using either single or dual input voltage. http://onsemi.com MARKING DIAGRAM 14 SOIC-14 D SUFFIX CASE 751A 1 x A WL, L YY, Y WW, W = E or G = Assembly Location = Wafer Lot = Year = Work Week CS5212x AWLYWW * Switching Regulator Controller - N-Channel Synchronous Buck Design - V2 Control Topology - 200 ns Transient Response - Programmable Fixed Frequency of 150 kHz-750 kHz - 1.0 V 1.5% Internal Reference - Lossless Inductor Sensing Overcurrent Protection - Hiccup Mode Short Circuit Protection - Programmable Soft Start - 40 ns GATE Rise and Fall Times (3.3 nF Load) - 70 ns Adaptive FET Nonoverlap Time - Differential Remote Sense Capability - Available in Industrial and Commerical Temperature Grades * System Power Management - 3.3 V Operation - Undervoltage Lockout - On/Off Control Through Use of the COMP Pin Features PIN CONNECTIONS 1 GATE(H) BST LGND VFFB VFB COMP SGND PGND GATE(L) VC IS+ IS- VCC ROSC ORDERING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 13 of this data sheet. (c) Semiconductor Components Industries, LLC, 2002 1 May, 2002 - Rev. 2 Publication Order Number: CS5212/D CS5212 VIN 3.3 V D5 BAT54S C4 0.1 F D6 BAT54S D2 BAT54S TP5 BST C22 0.1 F TP2 GATE(H) TP1 SWNODE C6 + C7 + C8 100 F/10 V x 3 + Q1 6.5 mR ETQP6F2R9LB L1 2.9 H C9 C15 470 pF VOUT C10 C20 C21 + + TP4 COMP TP3 GATE(L) C11 0.1 F PGND GATE(L) VC IS+ IS- VCC ROSC 14 13 12 11 10 9 8 R5 4.7 k + + 100 F/10 V x2 R7 TBD* R9 10 GND Q2 R13 10 C3 0.1 F C16 0.1 F C19 1.0 F R6 4.7 k C5 680 pF R2 10 TP6 SENSE+ U1 1 2 3 GATE(H) BST LGND VFFB VFB COMP SGND GN2 GND 4 C2 0.1 F 5 6 7 CS5212 R8 10 R1 51 k C1 0.47 F R4 1.0 k 1% *Refer to Rpullup Value Selection section for value needed. R3 1.5 k 1% TP7 SENSE- Figure 1. Application Diagram, 3.3 V to 1.5 V/8.0 A Converter with Differential Remote Sense MAXIMUM RATINGS* Rating Operating Junction Temperature, TJ Lead Temperature Soldering: Storage Temperature Range, TS Package Thermal Resistance: Junction-to-Case, RJC Junction-to-Ambient, RJA ESD Susceptibility: Human Body Model Machine Model JEDEC Moisture Sensitivity 1. 60 second maximum above 183C. *The maximum package power dissipation must be observed. Reflow: (SMD styles only) (Note 1) Value 150 230 peak -65 to +150 30 125 2.0 200 1 Unit C C C C/W C/W kV V - http://onsemi.com 2 CS5212 MAXIMUM RATINGS Pin Name IC Power Input Power input for the low side driver Power Supply input for the high side driver Compensation Capacitor Voltage Feedback Input Oscillator Resistor Fast Feedback Input High-Side FET Driver Low-Side FET Driver Positive Current Sense Negative Current Sense Power Ground Logic Ground Sense Ground Pin Symbol VCC VC BST COMP VFB ROSC VFFB GATE(H) GATE(L) IS+ IS- PGND LGND SGND VMAX 6.0 V 16 V 20 V 6.0 V 6.0 V 6.0 V 6.0 V 20 V 16 V 6.0 V 6.0 V 0.3 V 0V 0.3 V VMIN -0.3 V -0.3 V -0.3 V -0.3 V -0.3 V -0.3 V -0.3 V -0.3 V -2.0 V for 50 ns -0.3 V -2.0 V for 50 ns -0.3 V -0.3 V -0.3 V 0V -0.3 V ISOURCE N/A N/A N/A 1.0 mA 1.0 mA 1.0 mA 1.0 mA 1.5 A Peak 200 mA DC 1.5 A Peak 200 mA DC 1.0 mA 1.0 mA 1.5 A Peak, 200 mA DC 100 mA 1.0 mA ISINK 50 mA DC 1.5 A Peak, 200 mA DC 1.5 A Peak, 200 mA DC 1.0 mA 1.0 mA 1.0 mA 1.0 mA 1.5 A Peak 200 mA DC 1.5 A Peak 200 mA DC 1.0 mA 1.0 mA N/A N/A 1.0 mA ELECTRICAL CHARACTERISTICS (-40C < TA < 85C (CS5212E); 0C < TA < 70C (CS5212G); -40C < TJ < 125C; 3.1 V < VCC < 3.5 V; 3.1 V < VC < 7.0 V; 4.5 V < BST < 20 V; CGATE(H) = CGATE(L) = 3.3 nF; ROSC = 51 k; CCOMP = 0.1 F, unless otherwise specified.) Characteristic Error Amplifier VFB Bias Current COMP Source Current COMP SINK Current Open Loop Gain Unity Gain Bandwidth PSRR @ 1.0 kHz Output Transconductance Output Impedance Reference Voltage COMP Max Voltage COMP Min Voltage GATE(H) and GATE(L) High Voltage (AC) GATE(L) GATE(H) 0.5 nF < CGATE(H) = CGATE(L) < 10 nF. Note 2. GATE(L) or GATE(H) 0.5 nF < CGATE(H); CGATE(L) < 10 nF. Note 2. VC - 0.5 BST - 0.5 - - - - - - 0.5 V V V C = 0.1 F - - - -0.1 V < SGND < 0.1 V, COMP = VFB, Measure VFB to SGND VFB = 0.8 V VFB = 1.2 V VFB = 0 V VFB = 0.8 V VFB = 1.2 V - - 15 15 - - - - - 0.977 2.5 - 0.1 30 30 98 50 70 32 2.5 0.992 3.0 0.1 1.0 60 60 - - - - - 1.007 - 0.2 A A A dB kHz dB mmho M V V V Test Conditions Min Typ Max Unit Low Voltage (AC) 2. GBD. http://onsemi.com 3 CS5212 ELECTRICAL CHARACTERISTICS (continued) (-40C < TA < 85C (CS5212E); 0C < TA < 70C (CS5212G); -40C < TJ < 125C; 3.1 V < VCC < 3.5 V; 3.1 V < VC < 7.0 V; 4.5 V < BST < 20 V; CGATE(H) = CGATE(L) = 3.3 nF; ROSC = 51 k; CCOMP = 0.1 F, unless otherwise specified.) Characteristic GATE(H) and GATE(L) Rise Time VC = BST = 7.0 V, Measure: 0.7 V < GATE(L) < 6.3 V, 0.7 V < GATE(H) < 6.3 V VC = BST = 7.0 V, Measure: 0.7 V < GATE(L) < 6.3 V, 0.7 V < GATE(H) < 6.3 V GATE(H) < 2.0 V, GATE(L) > 2.0 V GATE(L) < 2.0 V, GATE(H) > 2.0 V Resistance to PGND - 40 80 ns Test Conditions Min Typ Max Unit Fall Time - 40 80 ns GATE(H) to GATE(L) Delay GATE(L) to GATE(H) Delay GATE(H)/(L) Pull-Down Overcurrent Protection OVC Comparator Offset Voltage IS+ Bias Current IS- Bias Current COMP Discharge Threshold COMP Discharge Current in OVC Fault Mode PWM Comparator Transient Response PWM Comparator Offset Artificial Ramp VFFB Bias Current VFFB Input Range Minimum Pulse Width Oscillator Switching Frequency Switching Frequency Switching Frequency ROSC Voltage General Electrical Specifications VCC Supply Current BST/VC Supply Current Start Threshold Stop Threshold Hysteresis Sense Ground Current 40 40 20 70 70 50 110 110 115 ns ns K 0 V < IS+ < VCC, 0 V < IS- < VCC 0 V < IS+ < VCC 0 V < IS- < VCC - COMP = 1.0 V 54 -1.0 -1.0 0.20 2.0 60 0.1 0.1 0.25 5.0 66 1.0 1.0 0.30 8.0 mV A A V A COMP = 0 - 1.5 V, VFFB, 20 mV overdrive VFB = VFFB = 0 V; Increase COMP until GATE(H) starts switching Duty Cycle = 90% VFFB = 0 V Note 3. - - 0.35 40 - - - 100 0.40 70 0.1 - - 200 0.45 100 1.0 1.1 200 ns V mV A V ns ROSC = 18 k ROSC = 51 k ROSC = 115 k - 600 240 120 1.21 750 300 150 1.25 900 360 180 1.29 kHz kHz kHz V COMP = 0 V (no switching) COMP = 0 V (no switching) GATE(H) Switching, COMP Charging GATE(H) Not Switching, COMP Not Charging Start-Stop Note 4. - - 2.7 2.6 75 - 5.0 2.0 2.8 2.7 100 0.15 8.0 3.0 2.9 2.8 125 1.00 mA mA V V mV mA 3. GBD. 4. Recommended maximum operating voltage between the three grounds is 200 mV. http://onsemi.com 4 CS5212 PACKAGE PIN DESCRIPTION PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 PIN SYMBOL GATE(H) BST LGND VFFB VFB COMP SGND ROSC VCC IS- IS+ VC GATE(L) PGND FUNCTION High Side Switch FET driver pin. Capable of delivering peak currents of 1.0 A. Power supply input for the high side driver. Reference ground. All control circuits are referenced to this pin. IC substrate connection. Input for the PWM comparator. Error amplifier input. Error Amp output. PWM Comparator reference input. A capacitor to LGND provides error amp compensation. Internal reference is connected to this ground. Connect directly at the load for ground remote sensing. A resistor from this pin to SGND sets switching frequency. Input Power Supply Pin. It supplies power to control circuitry. A 0.1 F Decoupling cap is recommended. Negative input for overcurrent comparator. Positive input for overcurrent comparator. Power supply input for the low side driver. Low Side Synchronous FET driver pin. Capable of delivering peak currents of 1.0 A. High Current ground for the GATE(H) and GATE(L) pins. 0.5 V + - VFFB + PWM Comparator Reset Dominant R Q BST GATE(H) COMP VFB - + - + ART Ramp Error Amp 1.0 V 100 % DC Comparator SGND - 0.8 V VSTART VCC IS+ 60 mV IS- LGND - + + UVLO Comparator UVLO OC Comparator 0.25 V 5.0 A - OSC ROSC S Q VC GATE(L) PWM FF Fault PGND ROSC Set Dominant S - + + - + - Q Fault R Q COMP Discharge COMP Figure 2. Block Diagram http://onsemi.com 5 CS5212 THEORY OF OPERATION The CS5212 is a synchronous, programmable fixed-frequency, low-voltage buck controller using the V2 control method. It also provides overcurrent protection, undervoltage lockout, soft start and built-in adaptive non-overlap. V2 Control Method The V2 method of control uses a ramp signal generated by the ESR of the output capacitors. This ramp is proportional to the AC current through the main inductor and is offset by the value of the DC output voltage. This control scheme inherently compensates for variations in either line or load conditions, since the ramp signal is generated from the output voltage itself. This control scheme differs from traditional techniques such as voltage mode, which generates an artificial ramp, and current mode, which generates a ramp from inductor current. PWM Comparator + The main purpose of this "slow" feedback loop is to provide DC accuracy. Noise immunity is significantly improved, because the error amplifier bandwidth can be rolled off at a low frequency. Enhanced noise immunity improves remote sensing of the output voltage, since the noise associated with long feedback traces can be effectively filtered. Line and load regulations are drastically improved because there are two independent voltage loops. A voltage mode controller relies on a change in the error signal to compensate for a deviation in either line or load voltage. This change in the error signal causes the output voltage to change corresponding to the gain of the error amplifier, which is normally specified as line and load regulation. A current mode controller maintains fixed error signal under deviation in the line voltage, since the slope of the ramp signal changes, but still relies on a change in the error signal for a deviation in load. The V2 method of control maintains a fixed error signal for both line and load variations, since both line and load affect the ramp signal. Constant Frequency Operation GATE(H) GATE(L) Ramp Signal Error Amplifier Error Signal COMP - Figure 3. V2 Control Block Diagram As illustrated in Figure 3, the output voltage is used to generate both the error signal and the ramp signal. Since the ramp signal is simply the output voltage, it is affected by any change in the output regardless of the origin of the change. The ramp signal also contains the DC portion of the output voltage, which allows the control circuit to drive the main switch to 0% or 100% duty cycle as required. A change in line voltage changes the current ramp in the inductor, affecting the ramp signal, which causes the V2 control scheme to compensate the duty cycle. Since the change in the inductor current modifies the ramp signal, as in current mode control, the V2 control scheme has the same advantages in line transient response. A change in load current will have an effect on the output voltage, altering the ramp signal. A load step immediately changes the state of the comparator output, which controls the main switch. Load transient response is determined only by the comparator response time and the transition speed of the main switch. The reaction time to an output load step has no relation to the crossover frequency of the error signal loop, compared to traditional control methods. The error signal loop can have a low crossover frequency, since transient response is handled by the ramp signal loop. + - Output Voltage Feedback Reference Voltage The CS5212 uses a constant frequency, trailing edge modulation architecture for generating PWM signal. During normal operation, the oscillator generates a narrow pulse at the beginning of each switching cycle to turn on the main switch. The main switch will be turned off when the ramp signal intersects with the output of the error amplifier (COMP pin voltage). Therefore, the switch duty cycle can be modified to regulate the output voltage to the desired value as line and load conditions change. The major advantage of constant frequency operation is that the component selections, especially the magnetic component design, become very easy. The oscillator frequency of CS5212 is programmable from 150 kHz to 750 kHz using an external resistor connected from the ROSC pin to ground. Startup If there are no fault conditions and the fault latch is reset, the error amplifier will start charging the COMP pin capacitor after the CS5212 is powered up. The output of the error amplifier (COMP voltage) will ramp up linearly. The COMP capacitance and the source current of the error amplifier determine the slew rate of COMP voltage. The output of the error amplifier is connected internally to the inverting input of the PWM comparator and it is compared with the VFFB pin voltage plus 0.5 V offset at the non-inverting input of the PWM comparator. Since VFFB voltage is zero before the startup, the PWM comparator output will stay high until the COMP pin voltage hits 0.5 V. There is no switching action while the PWM comparator output is high. After the COMP voltage exceeds the 0.5 V offset, the output of PWM comparator toggles and releases the PWM latch. The narrow pulse generated by the oscillator at the http://onsemi.com 6 CS5212 beginning of the next oscillator cycle will set the latch so that the main switch can be turned on and the regulator output voltage ramps up. When the output voltage achieves a level set by the COMP voltage, the main switch will be turned off. The V2 control loop will adjust the main switch duty cycle as required to ensure the regulator output voltage tracks the COMP voltage. Since the COMP voltage increases gradually, the soft start can be achieved. The start-up period ends when the output voltage reaches the level set by the external resistor divider. Output Enable If the values of R and C are chosen such that: L + RC RL Then the voltage across the capacitor C will be: VC + RLIL Since there can be no switching until the COMP pin exceeds the 0.5 V offset built into the PWM comparator, the COMP pin can also be used for an enable function. Hold the COMP pin below 0.4 V with an open collector circuit to disable the output. When the COMP pin is released to enable startup, the user must ensure there is no leakage current from the enable circuit into COMP. During normal operation the COMP output is driven with only 5.0 A to 30 A internally. Hiccup Mode Overcurrent Protection Under normal load conditions, the voltage across the IS+ and IS- pins is less than the 60 mV overcurrent threshold. If the threshold is exceeded, the overcurrent fault latch is set, the high side gate driver is forced low, and the COMP pin is discharged with 5.0 A. There is no switching until the COMP voltage drops below a 0.25 V threshold. Then, the fault latch is cleared and a soft start is initiated. The low effective duty cycle during hiccup overcurrent greatly reduces component stress for an extended fault. Inductor Current Sensing Therefore, if the time constant of the RC network is equal to that of the inductor, the voltage across the capacitor is proportional to the inductor current by a factor of the inductor ESR. In practice, the user should ensure that under all component tolerances, the RC time constant is larger than the L/R time constant. This will keep the high frequency gain for VC(s)/IL(s) less than the low frequency gain, and avoid unnecessary OCP tripping during short duration overcurrent situations. Compared with conventional resistor sensing, the inductor ESR current sensing technique is lossless, but is not as accurate due to variation in the ESR from inductor to inductor and over temperature. For typical inductor ESR, the 0.39%/C positive temperature coefficient will reduce the current limit at high temperature, and will help prevent thermal runaway, but will force an increased design target at room temperature. This technique can be more accurate than using a PCB trace, since PCB copper thickness can vary 10-20%, compared to 1% variation in wire diameter thickness typical of inductors. Remote Voltage Sensing Besides using a current sense resistor to sense inductor current, CS5212 provides the users with the possibility of using loss-less inductor sensing technique. This sensing technique utilizes the Equivalent Series Resistance (ESR) of the inductor to sense the current. The output current is sensed through an RC network in parallel with the inductor as shown in Figure 4. The voltage across the small capacitor is then fed to the OC comparator. IS+ VIN R C IS- The CS5212 has the capability to sense the voltage when the load is located far away from the regulator. The SGND pin is dedicated to the differential remote sensing. The negative remote sense line is connected to SGND pin directly, while the positive remote sense line is usually connected to the top of the feedback voltage divider. To prevent over-voltage condition caused by open remote sense lines, the divider should also be locally connected to the output of the regulator through a low value resistor. That resistor is used to compensate for the voltage drop across the output power cables. Q1 L RL Q2 CO Figure 4. Inductor Current Sensing http://onsemi.com 7 CS5212 APPLICATIONS INFORMATION APPLICATIONS AND COMPONENT SELECTION Inductor Component Selection P + IRMS2 RL Input Capacitor Selection and Considerations The output inductor may be the most critical component in the converter because it will directly effect the choice of other components and dictate both the steady-state and transient performance of the converter. When selecting an inductor the designer must consider factors such as DC current, peak current, output voltage ripple, core material, magnetic saturation, temperature, physical size, and cost (usually the primary concern). In general, the output inductance value should be as low and physically small as possible to provide the best transient response and minimum cost. If a large inductance value is used, the converter will not respond quickly to rapid changes in the load current. On the other hand, too low an inductance value will result in very large ripple currents in the power components (MOSFETs, capacitors, etc) resulting in increased dissipation and lower converter efficiency. Also, increased ripple currents will force the designer to use higher rated MOSFETs, oversize the thermal solution, and use more, higher rated input and output capacitors - the converter cost will be adversely effected. One method of calculating an output inductor value is to size the inductor to produce a specified maximum ripple current in the inductor. Lower ripple currents will result in less core and MOSFET losses and higher converter efficiency. The following equation may be used to calculate the minimum inductor value to produce a given maximum ripple current ( IO,MAX). The inductor value calculated by this equation is a minimum because values less than this will produce more ripple current than desired. Conversely, higher inductor values will result in less than the maximum ripple current. LoMIN + (Vin * Vout) @ Vout (a @ IO,MAX @ Vin @ fSW) The input capacitor is used to reduce the current surges caused by conduction of current of the top pass transistor charging the PWM inductor. The input current is pulsing at the switching frequency going from 0 to peak current in the inductor. The duty factor will be a function of the ratio of the input to output voltage and of the efficiency. V DF + O VI 1 Eff The RMS value of the ripple into the input capacitors can now be calculated: IIN(RMS) + IOUT DF * DF2 The input RMS is maximum at 50% DF, so selection of the possible duty factor closest to 50% will give the worst case dissipation in the capacitors. The power dissipation of the input capacitors can be calculated by multiplying the square of the RMS current by the ESR of the capacitor. Output Capacitor is the ripple current as a percentage of the maximum output current ( = 0.15 for 15%, = 0.25 for 25%, etc) and fsw is the switching frequency. If the minimum inductor value is used, the inductor current will swing /2% about Iout. Therefore, the inductor must be designed or selected such that it will not saturate with a peak current of (1 + /2) IO,MAX. Power dissipation in the inductor can now be calculated from the RMS current level. The RMS of the AC component of the inductor is given by the following relationship: I IAC + PP 12 The output capacitor filters output inductor ripple current and provides low impedance for load current changes. The effect of the capacitance for handling the power supply induced ripple will be discussed here. Effects of load transient behavior can be considered separately. The principle consideration for the output capacitor is the ripple current induced by the switches through the inductor. This ripple current was calculated as IAC in the above discussion of the inductor. This ripple component will induce heating in the capacitor by a factor of the RMS current squared multiplied by the ESR of the output capacitor section. It will also create output ripple voltage. The ripple voltage will be a vector summation of the ripple current times the ESR of the capacitor, plus the ripple current integrating in the capacitor, and the rate of change in current times the total series inductance of the capacitor and connections. The inductor ripple current acting against the ESR of the output capacitor is the major contributor to the output ripple voltage. This fact can be used as a criterion to select the output capacitor. VPP + IPP CESR The power dissipation in the output capacitor can be calculated from: P + IAC2 CESR where IPP = IO,MAX. The total IRMS of the current will be calculated from: IRMS + IOUT2 ) IAC2 The power dissipation for the inductor can be determined from: where: IAC = AC RMS of the inductor CESR = Effective series resistance of the output capacitor network. http://onsemi.com 8 CS5212 MOSFET & Heatsink Selection Power dissipation, package size, and thermal solution drive MOSFET selection. To adequately size the heat sink, the design must first predict the MOSFET power dissipation. Once the dissipation is known, the heat sink thermal impedance can be calculated to prevent the specified maximum case or junction temperatures from being exceeded at the highest ambient temperature. Power dissipation has two primary contributors: conduction losses and switching losses. The control or upper MOSFET will display both switching and conduction losses. The synchronous or lower MOSFET will exhibit only conduction losses because it switches into nearly zero voltage. However, the body diode in the synchronous MOSFET will suffer diode losses during the non-overlap time of the gate drivers. For the upper or control MOSFET, the power dissipation can be approximated from: PD,CONTROL + (IRMS,CNTL2 @ RDS(on)) ) (ILo,MAX @ Qswitch Ig @ VIN @ fSW) ) (Qoss 2 @ VIN @ fSW) ) (VIN @ QRR @ fSW) may be specified in the data sheet or approximated from the gate-charge curve as shown in the Figure 5. Qswitch + Qgs2 ) Qgd ID VGATE VGS_TH QGS1 QGS2 QGD VDRAIN Figure 5. MOSFET Switching Characteristics The first term represents the conduction or IR losses when the MOSFET is ON while the second term represents the switching losses. The third term is the losses associated with the control and synchronous MOSFET output charge when the control MOSFET turns ON. The output losses are caused by both the control and synchronous MOSFET but are dissipated only in the control FET. The fourth term is the loss due to the reverse recovery time of the body diode in the synchronous MOSFET. The first two terms are usually adequate to predict the majority of the losses. Where IRMS,CNTL is the RMS value of the trapezoidal current in the control MOSFET: IRMS,CNTL + D @ [(ILo,MAX2 ) ILo,MAX @ ILo,MIN ) ILo,MIN2) 3]1 2 Ig is the output current from the gate driver IC. VIN is the input voltage to the converter. fsw is the switching frequency of the converter. QG is the MOSFET total gate charge to obtain RDS(on). Commonly specified in the data sheet. Vg is the gate drive voltage. QRR is the reverse recovery charge of the lower MOSFET. Qoss is the MOSFET output charge specified in the data sheet. For the lower or synchronous MOSFET, the power dissipation can be approximated from: PD,SYNCH + (IRMS,SYNCH2 @ RDS(on)) ) (Vfdiode @ IO,MAX 2 @ t_nonoverlap @ fSW) ILo,MAX is the maximum output inductor current: ILo,MAX + IO,MAX 2 ) DILo 2 The first term represents the conduction or IR losses when the MOSFET is ON and the second term represents the diode losses that occur during the gate non-overlap time. All terms were defined in the previous discussion for the control MOSFET with the exception of: IRMS,SYNCH + 1 * D @ [(ILo,MAX2 ) ILo,MAX @ ILo,MIN ) ILo,MIN2) 3]1 2 ILo,MIN is the minimum output inductor current: ILo,MIN + IO,MAX 2 * DILo 2 IO,MAX is the maximum converter output current. D is the duty cycle of the converter: D + VOUT VIN ILo is the peak-to-peak ripple current in the output inductor of value Lo: DILo + (VIN * VOUT) @ D (Lo @ fSW) RDS(on) is the ON resistance of the MOSFET at the applied gate drive voltage. Qswitch is the post gate threshold portion of the gate-to-source charge plus the gate-to-drain charge. This where: Vfdiode is the forward voltage of the MOSFET's intrinsic diode at the converter output current. t_nonoverlap is the non-overlap time between the upper and lower gate drivers to prevent cross conduction. This time is usually specified in the data sheet for the control IC. When the MOSFET power dissipations are known, the designer can calculate the required thermal impedance to maintain a specified junction temperature at the worst case ambient operating temperature http://onsemi.com 9 CS5212 qT t (TJ * TA) PD where; T is the total thermal impedance (JC + SA). JC is the junction-to-case thermal impedance of the MOSFET. SA is the sink-to-ambient thermal impedance of the heatsink assuming direct mounting of the MOSFET (no thermal "pad" is used). TJ is the specified maximum allowed junction temperature. TA is the worst case ambient operating temperature. For TO-220 and TO-263 packages, standard FR-4 copper clad circuit boards will have approximate thermal resistances (SA) as shown below: Pad Size (in2/mm2) 0.5/323 0.75/484 1.0/645 1.5/968 2.0/1290 2.5/1612 Single-Sided 1 oz. Copper 60-65C/W 55-60C/W 50-55C/W 45-50C/W 38-42C/W 33-37C/W The COMP output current range is given in the data sheet and will affect the ramp-up time. The value of the capacitor on the COMP pin will have an effect on the loop response and the transient response of the converter. Transient response can be enhanced by the addition of a parallel combination of a resistor and capacitor between the COMP pin and the comp capacitor. ROSC Selection The switching frequency is programmed by selecting the resistor connected between the ROSC pin and SGND (pin 7). The grounded side of this resistor should be directly connected to the SGND pin, without any other currents flowing between the bottom of the resistor and the pin. Also, avoid running any noisy signals under the resistor, since injected noise could cause frequency jitter. The graph in Figure NO TAG shows the required resistance to program the frequency. Below 500 kHz, the following formula is accurate: R + 17544 fSW * 4 kW where fSW is the switching frequency in kHz. 140 120 Resistance (k) 100 80 60 40 20 0 0 100 200 300 400 500 600 Frequency (kHz) 700 800 As with any power design, proper laboratory testing should be performed to insure the design will dissipate the required power under worst case operating conditions. Variables considered during testing should include maximum ambient temperature, minimum airflow, maximum input voltage, maximum loading, and component variations (i.e. worst case MOSFET RDS(on)). Also, the inductors and capacitors share the MOSFET's heatsinks and will add heat and raise the temperature of the circuit board and MOSFET. For any new design, its advisable to have as much heatsink area as possible - all too often new designs are found to be too hot and require re-design to add heatsinking. Compensation Capacitor Selection Figure 6. Frequency vs. ROSC Differential Remote Sense Operation The nominal output current capability of the error amp is 30 A. This current charging the capacitor on the COMP pin is used as soft start for the converter. The COMP pin is going to ramp up to a voltage level that is within 70 mV of what VFFB is going to be when in regulation. This is the voltage that will determine the soft start. Therefore, the COMP capacitor can be established by the following relationship: C + 30 mA soft start VFFB(REG) where: soft start = output ramp-up time VFFB(REG) = VFFB voltage when in regulation 30 A = COMP output current, typ. The ability to implement fully differential remote sense is provided by the CS5212. The positive remote sense is implemented by bringing the output remote sense connection to the positive load connection. A low value resistor is connected from Vout to the feedback point at the regulator to provide feedback in the instance when the remote sense point is not connected. The negative remote sense connection is provided by connecting the SGND of the CS5212 to the negative of the load return. Again, a low value resistor should be connected between SGND and LGND at the regulator to provide feedback in the instance when the remote sense point is not connected. The maximum voltage differential between the three grounds for this part is 200 mV. http://onsemi.com 10 CS5212 Feedback Divider Selection Maximum Frequency Operation The feedback voltage measured at VFB during normal regulation will be 1.0 V. This voltage is compared to an internal 1.0 V reference and is used to regulate the output voltage. The bias current into the error amplifier is 1.0 A max, so select the resistor values so that this current does not add an excessive offset voltage. To take full advantage of the V2 control scheme, a small amount of output ripple must be fed back to the VFFB pin, typically 50 mV. For most application, this requirement is simple to achieve and the VFFB can be connected directly to the VFB pin. There are some application that have to meet stringent load transient requirements. One of the key factor in achieving tight dynamic voltage regulation is low ESR. Low ESR at the regulator output results in low output voltage ripple. This situation could result in increase noise sensitivity and a potential for loop instability. In applications where the output ripple is not sufficient, the performance of the CS5212 can be improved by adding a fixed amount external ramp compensation to the VFFB pin. Refer to Figure 7, the amount of ramp at the VFFB pin depends on the switch node Voltage, Feedback Voltage, R1 and C2. Vramp + (Vsw * VFB) ton (R1 C2) VFFB Feedback Selection The minimum pulse width may limit the maximum operating frequency. The duty factor, given by the output/input voltage ratio, multiplied by the period determines the pulse width during normal operation. This pulse width must be greater than 200 ns, or duty cycle jitter could become excessive. For low pulse widths below 300 ns, external slope compensation should be added to the VFFB pin to increase the PWM ramp signal and improve stability. 50 mV of added ramp at the VFFB pin is typically enough. Current Sense Component Selection where: Vramp = amount of ramp needed; Vsw = switch note voltage; VFB = voltage feedback, 1 V; ton = switch on-time. To minimize the lost in efficiency R1 resistance should be large, typically 100 k or larger. With R1 chosen, C2 can be determined by the following; C2 + (Vsw * VFB) ton (R1 Vramp) The current limit threshold is set by sensing a 60 mV voltage differential between the IS+ and IS- pins. Referring to Figure 8, the time constant of the R2,C1 filter should be set larger than the L/R1 time constant under worst case tolerances, to prevent overshoot in the sensed voltage and tripping the current limit too low. Resistor R3 of value equal to R2 is added for bias current cancellation. R2 and R3 should not be made too large, to reduce errors from bias current offsets. For typical L/R time constants, a 0.1 F capacitor for C1 will allow R2 to be between 1.0 k and 10 k. The current limit without R4 and R5, which are optional, is given by 60 mV/R1, where R1 is the internal resistance of the inductor, obtained from the manufacturer. The addition of R5 can be used to decrease the current limit to a value given by: ILIM + (60 mV * (VOUT R3 (R3 ) R5)) R1 where VOUT is the output voltage. Similiarly, omitting R5 and adding R4 will increase the current limit to a value given by: ILIM + 60 mV R1 (1 ) R2 R4) C1 is used as a bypass capacitor and its value should be equal to or greater than C2. Vsw Essentially, R4 or R5 are used to increase or decrease the inductor voltage drop which corresponds to 60 mV at the IS+ and IS- pins. IS- R3 R5 60 mV Trip R1 C1 VFFB C2 R2 1.0 k VFB IS+ R2 C1 R4 VOUT L1 R1 L Switching Node Figure 7. Small RC Filter Providing the Proper Voltage Ramp at the Beginning of Each On-Time Cycle Figure 8. Current Limit http://onsemi.com 11 CS5212 Boost Component Selection for Upper and Lower FET Gate Drive The boost (BST) pin provides for application of a higher voltage to drive the upper FET. This voltage may be provided by a fixed higher voltage or it may be generated with a boost capacitor and charging diodes, as shown in Figure 1. The voltage in the boost configuration would be the summation of the voltage from the charging diodes and the output voltage swing. Care must be taken to keep the peak voltage with respect to ground less than 20 V peak. The capacitor value should be ten times larger than the capacitance of the top FET. The boost circuit requires a modification to achieve startup. See Rpull-up Selection for boost circuit startup. Rpull-up Value Selection for Boost Circuit Startup output cannot provide sufficient Vgs to turn on the MOSFET. A resistor from GATE(H) to BST allows bypassing of the GATE(H) driver until the boost circuitry is charged. The time constant, set by the pull-up resistor and the Cin of the top MOSFET, must be fast enough to turn on the MOSFET during the switching period. The following equation is used to determine Rpull-up: Rpull-up t 1 (Cin fSW) The CS5212 application circuit incorporates a pull-up resistor, R7, into the boost circuitry. This resistor is essential to achieving startup of the boost circuit. At startup, the GATE(H) output may be limited to 0.8 V, due to internal Vbe drops. Until the boost circuitry charges up, the GATE(H) where fSW is the switching frequency. Choosing components according to this equation will insure that approximately 63% of the boost voltage will be applied to GATE(H) within one switching period. To start charge pumping, the control MOSFET must pull up the switching node above 0.6 V, two Schottky drops, which will allow VC voltage to increase. Therefore, the voltage applied by GATE(H) must be 0.6 V greater than Vth of the top FET. Both high- and low-side switches must be sublogic level MOSFETs with RDS(on) specified at 2.5 Vgs in order to ensure proper up. http://onsemi.com 12 CS5212 ORDERING INFORMATION Device CS5212ED14 CS5212EDR14 CS5212GD14 CS5212GDR14 0C < TA < 70C -40C < TA < 85C 40C Operating Temperature Range Package SO-14 SO-14 SO-14 SO-14 Shipping 55 Units/Rail 2500 Tape & Reel 55 Units/Rail 2500 Tape & Reel PACKAGE DIMENSIONS SO-14 D SUFFIX CASE 751A-03 ISSUE F NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. -A- 14 8 -B- 1 7 P 7 PL 0.25 (0.010) M B M G C R X 45 _ F -T- SEATING PLANE D 14 PL 0.25 (0.010) K M M S J TB A S DIM A B C D F G J K M P R MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019 http://onsemi.com 13 CS5212 Notes http://onsemi.com 14 CS5212 Notes http://onsemi.com 15 CS5212 V2 is a trademark of Switch Power, Inc. ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. PUBLICATION ORDERING INFORMATION Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative. http://onsemi.com 16 CS5212/D |
Price & Availability of CS5212
![]() |