Part Number Hot Search : 
BTA106 SDR522CT SCL4047B IR2E51Y 74LVT1 GS711 30410 AKA0600S
Product Description
Full Text Search
 

To Download CNY64 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CNY64/ CNY65/ CNY66
Vishay Telefunken
Optocoupler with Phototransistor Output
Description
The CNY64/ CNY65/ CNY66 consist of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in a 4-lead plastic package. The single components are mounted in opposite oneanother, providing a distance between input and output for highest safety requirements of > 3 mm.
Applications
Circuits for safe protective separation against electrical shock according to safety class II (reinforced isolation):
D For appl. class I - IV at mains voltage 300 V D For appl. class I - IV at mains voltage 600 V D For appl. class I - III at mains voltage 1000 V
according to VDE 0884, table 2, suitable for: Switch-mode power supplies, line receiver, computer peripheral interface, microprocessor system interface.
14832
A (+)
C
C (-)
E
VDE Standards
These couplers perform safety functions according to the following equipment standards:
D VDE 0884
Optocoupler for electrical safety requirements
D IEC 950/EN 60950
Office machines (applied for reinforced isolation for mains voltage 400 VRMS)
D VDE 0804
Telecommunication apparatus and data processing
D IEC 65
Safety for mains-operated electronic and related household apparatus
D VDE 0700/IEC 335
Household equipment
D VDE 0160
Electronic equipment for electrical power installation
D VDE 0750/IEC 601
Medical equipment
Rev. A4, 11-Jan-99
95 10850
117
CNY64/ CNY65/ CNY66
Vishay Telefunken Order Instruction
Ordering Code CNY64/ CNY65/ CNY66 CNY64A/ CNY65A CNY64B/ CNY65B CTR Ranking 50 to 300% 63 to 125% 100 to 200% Remarks
Features
Approvals:
D Rated insulation voltage (RMS includes DC)
VIOWM = 1000 VRMS (1450 V peak) D Rated recurring peak voltage (repetitive) VIORM = 1000 VRMS D Creepage current resistance according to VDE 0303/IEC 112 Comparative Tracking Index: CTI = 200 D Thickness through insulation > 3 mm D Coupling Systems: CNY64 Coupling System H, CNY65 Coupling System J, CNY66 Coupling System K,
D Underwriters Laboratory (UL) 1577 recognized,
file number E-76222
D VDE 0884, Certificate number 76814
VDE 0884 related features:
D Rated impulse voltage (transient overvoltage)
VIOTM = 8 kV peak D Isolation test voltage (partial discharge test voltage) Vpd = 2.8 kV peak
Absolute Maximum Ratings
Input (Emitter)
Parameter Reverse voltage Forward current Forward surge current Power dissipation Junction temperature Test Conditions Symbol VR IF IFSM PV Tj Symbol VCEO VECO IC ICM PV Tj Symbol VIO Ptot Tamb Tstg Tsd Value 5 75 1.5 120 100 Unit V mA A mW C
tp 10 ms Tamb 25C
Output (Detector)
Parameter Collector emitter voltage Emitter collector voltage Collector current Collector peak current Power dissipation Junction temperature Test Conditions Value 32 7 50 100 130 100 Unit V V mA mA mW C
tp/T = 0.5, tp 10 ms Tamb 25C
Coupler
Parameter AC isolation test voltage (RMS) Total power dissipation Ambient temperature range Storage temperature range Soldering temperature Test Conditions t = 1 min Tamb 25C Value 8.2 250 -55 to +85 -55 to +100 260 Unit kV mW C C C
2 mm from case, t 10 s
118
Rev. A4, 11-Jan-99
CNY64/ CNY65/ CNY66
Vishay Telefunken Electrical Characteristics (Tamb = 25C)
Input (Emitter)
Parameter Forward voltage Junction capacitance Test Conditions IF = 50 mA VR = 0, f = 1 MHz Symbol VF Cj Min. Typ. 1.25 50 Max. 1.6 Unit V pF
Output (Detector)
Parameter Collector emitter voltage Emitter collector voltage Collector emitter cut-off current Test Conditions IC = 1 mA IE = 100 mA VCE = 20 V, If = 0 Symbol VCEO VECO ICEO Min. 32 7 Typ. Max. Unit V V nA
200
Coupler
Parameter Collector emitter saturation voltage Cut-off frequency Coupling capacitance Test Conditions IF = 10 mA, IC = 1 mA VCE = 5 V, IF = 10 mA, RL = 100 W f = 1 MHz Symbol VCEsat fc Ck Min. Typ. Max. 0.3 Unit V kHz pF
110 0.3
Current Transfer Ratio (CTR)
Parameter IC/IF Test Conditions VCE = 5 V, IF = 10 mA Type CNY64, CNY65, CNY66 CNY64A, CNY65A CNY64B, CNY65B Symbol CTR Min. 0.5 Typ. 1 Max. 3 Unit
CTR CTR
0.63 1
1.25 2
Rev. A4, 11-Jan-99
119
CNY64/ CNY65/ CNY66
Vishay Telefunken Maximum Safety Ratings (according to VDE 0884) see figure 1
This device is used for protective separation against electrical shock only within the maximum safety ratings. This must be ensured by using protective circuits in the applications.
Input (Emitter)
Parameters Forward current Test Conditions Symbol Isi Value 120 Unit mA
Output (Detector)
Parameters Power dissipation Test Conditions Tamb 25C Symbol Psi Value 250 Unit mW
Coupler
Parameters Rated impulse voltage Safety temperature Test Conditions Symbol VIOTM Tsi Value 8 180 Unit kV C
Insulation Rated Parameters (according to VDE 0884)
Parameter Test Conditions Partial discharge test voltage - 100%, ttest = 1 s Routine test Partial discharge test voltage - tTr = 60 s, ttest = 10 s, g g Lot test (sample test) (see figure 2) Insulation resistance VIO = 500 V VIO = 500 V, Tamb = 100C VIO = 500 V, Tamb = 180C
(construction test only)
VIOTM
Symbol Vpd VIOTM Vpd RIO RIO RIO
Min. 2.8 8 2.2 1012 1011 109
Typ.
Max.
Unit kV kV kV
W W W
250 225 200 175 150 125 100 75 50 25 0 0
95 10922
V
Psi (mW)
VPd VIOWM VIORM
t1, t2 = 1 to 10 s t3, t4 = 1 s ttest = 10 s tstres = 12 s
Isi (mA)
0
t3 ttest t4 t1 tTr = 60 s t2 tstres t
25
50
75
100 125 150 175 200 Tamb ( C )
13930
Figure 1. Derating diagram
Figure 2. Test pulse diagram for sample test according to DIN VDE 0884
120
Rev. A4, 11-Jan-99
CNY64/ CNY65/ CNY66
Vishay Telefunken Switching Characteristics
Parameter Delay time Rise time Fall time Storage time Turn-on time Turn-off time Turn-on time Turn-off time Test Conditions VS = 5 V, IC = 5 mA, RL = 100 W ( (see figure 3) g ) Symbol td tr tf ts ton toff ton toff Typ. 2.6 2.4 2.7 0.3 5.0 3.0 25.0 42.5 Unit
VS = 5 V, IF = 10 mA, RL = 1 kW ( (see figure 4) g )
ms ms ms ms ms ms ms ms
0
IF RG = 50 W tp 0.01 T
IF
+5V IC = 5 mA; Adjusted trough input amplitude IF 0 tp IC Oscilloscope RL 1 MW CL 20 pF 100% 90%
96 11698
+
t
tp = 50 ms Channel I 50 W
95 10900
100 W
Channel II
Figure 3. Test circuit, non-saturated operation
10% 0 tr td ton tp tion td tr ton (= td + tr) pulse duradelay time rise time turn-on time ts toff ts tf toff (= ts + tf) tf
t
0
IF RG = 50 W tp 0.01 T tp = 50 ms
IF = 10 mA
+5V IC
storage time fall time turn-off time
+
Figure 5. Switching times
Channel I 50 W Channel II 1 kW Oscilloscope RL 1 MW CL 20 pF
95 10843
Figure 4. Test circuit, saturated operation
Rev. A4, 11-Jan-99
121
CNY64/ CNY65/ CNY66
Vishay Telefunken Typical Characteristics (Tamb = 25_C, unless otherwise specified)
200 P tot - Total Power Dissipation ( mW ) 160 1000 VCE=20V IF=0 100
120 Coupled Device 80 Phototransistor IR-Diode
ICEO- Collector Dark Current, with open Base ( nA ) 100
10
40 0 0
1 25 50 75 0
96 12000
10 20 30 40 50 60 70 80 90 100 Tamb - Ambient Temperature ( C )
95 11003
Tamb - Ambient Temperature ( C )
Figure 6. Total Power Dissipation vs. Ambient Temperature
1000.0 IC - Collector Current ( mA )
Figure 9. Collector Dark Current vs. Ambient Temperature
100 VCE=5V 10
I F - Forward Current ( mA )
100.0
10.0
1
1.0
0.1
0.1 0
96 11862
0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VF - Forward Voltage ( V )
95 11012
0.1
1
10
100
IF - Forward Current ( mA )
Figure 7. Forward Current vs. Forward Voltage
CTR rel - Relative Current Transfer Ratio 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 -30 -20 -10 0 10 20 30 40 50 60 70 80 Tamb - Ambient Temperature ( C ) VCE=5V IF=10mA
Figure 10. Collector Current vs. Forward Current
100 IF=50mA IC - Collector Current ( mA ) 10mA 10 5mA
2mA 1 1mA
0.1 0.1
95 11013
96 11911
1
10
100
Figure 8. Relative Current Transfer Ratio vs. Ambient Temperature
VCE - Collector Emitter Voltage ( V )
Figure 11. Collector Current vs. Collector Emitter Voltage
122
Rev. A4, 11-Jan-99
CNY64/ CNY65/ CNY66
Vishay Telefunken
V CEsat - Collector Emitter Saturation Voltage ( V ) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 1 10 IC - Collector Current ( mA ) 10% 100
95 11017
t on / t off - Turn on / Turn off Time ( m s )
50 toff 40
CTR=50 %
30 ton Saturated Operation VS=5V RL=1kW 20
20 10 0 0 5 10
20%
15
96 11912
IF - Forward Current ( mA )
Figure 12. Collector Emitter Saturation Voltage vs. Collector Current
1000 CTR - Current Transfer Ratio ( % ) VCE=5V 100
Figure 14. Turn on / off Time vs. Forward Current
t on / t off - Turn on / Turn off Time ( m s )
20 ton 15 Non Saturated Operation VS=5V RL=100W
10
toff
10
5
1 0.1
95 11015
0 1 10 100
95 11016
0
2
4
6
8
10
IF - Forward Current ( mA )
IC - Collector Current ( mA )
Figure 13. Current Transfer Ratio vs. Forward Current
Type
Figure 15. Turn on / off Time vs. Collector Current
CNY65
Date Code (YM)
918 J TK19 V 0884 DE
Coupling System Indicator Company Logo
15089
Production Location Safety Logo
Figure 16. Marking example
Rev. A4, 11-Jan-99
123
CNY64/ CNY65/ CNY66
Vishay Telefunken Dimensions of CNY64 in mm
weight: ca. 0.73 g creepage distance: air path:y 9.5 mm
y 9.5 mm
after mounting on PC board
14765
Dimensions of CNY65 in mm
weight: ca. 1.40 g creepage distance: air path:y 14 mm
y 14 mm
after mounting on PC board
14763
124
Rev. A4, 11-Jan-99
CNY64/ CNY65/ CNY66
Vishay Telefunken Dimensions of CNY66 in mm
weight: ca. 1.70 g creepage distance: air path:y 17 mm
y 17 mm
after mounting on PC board
14764
Rev. A4, 11-Jan-99
125


▲Up To Search▲   

 
Price & Availability of CNY64

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X