Part Number Hot Search : 
STK419 MA45445 N681K G1VB8C MP7747 2N7002 TXDIN70 UNR31
Product Description
Full Text Search
 

To Download BZT03C15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZT03C...
Vishay Telefunken
Silicon Z-Diodes and Transient Voltage Suppressors
Features
D Glass passivated junction D Hermetically sealed package D Clamping time in picoseconds
Applications
Medium power voltage regulators and medium power transient suppression circuits
94 9539
Absolute Maximum Ratings
Tj = 25_C Parameter Power dissipation Repetitive peak reverse power dissipation Non repetitive peak surge power dissipation Junction temperature Storage temperature range Test Conditions l=10mm, TL=25C Tamb=25C tp=100ms, Tj=25C Type Symbol PV PV PZRM PZSM Tj Tstg Value 3.25 1.3 10 600 175 -65...+175 Unit W W W W C C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions l=10mm, TL=constant on PC board with spacing 25mm Symbol RthJA RthJA Value 46 100 Unit K/W K/W
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Test Conditions IF=0.5A Type Symbol VF Min Typ Max 1.2 Unit V
Document Number 85599 Rev. 2, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
BZT03C...
Vishay Telefunken
Type BZT03C... 6V2 6V8 7V5 8V2 9V1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 VZ V Typ. 6.2 6.8 7.5 8.2 9.1 10 10 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 rzj and %/K Min. 0 0 0 0.03 0.03 0.05 0.05 0.05 0.05 0.05 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.07 0.07 0.07 0.07 0.08 0.08 0.08 0.08 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 TKVZ %/K Max. 0.07 0.07 0.07 0.08 0.08 0.09 0.10 0.10 0.10 0.10 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.12 0.12 0.12 0.12 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 at IZ mA 100 100 100 100 50 50 50 50 50 50 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 2 2 2 IR at VR
V Min. 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94 104 114 124 138 153 168 188 208 228 251
V Max. 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 87 96 106 116 127 141 156 171 191 212 233 256 289
W
Typ. 1 1 1 1 2 2 4 4 5 5 6 6 6 6 7 7 8 8 21 21 24 24 25 25 25 25 30 30 60 60 80 80 110 130 150 180 200 350 400 450
W
mA
Max. 2 2 2 2 4 4 7 7 10 10 15 15 15 15 15 15 15 15 40 40 45 45 60 60 80 80 100 100 200 200 250 250 300 300 350 400 500 750 850 1000
Max. 1500 1000 750 600 20 10 4 3 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 85599 Rev. 2, 01-Apr-99
BZT03C...
Vishay Telefunken
Type BZT03C... 6V2 6V8 7V5 8V2 9V1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270
1)
Clamping at V(CL)R 1) IRSM V A Max. 9.3 34.0 10.2 31.0 11.3 26.5 12.3 24.4 13.3 22.7 14.8 20.3 15.7 19.1 17.0 17.7 18.9 15.9 20.9 14.4 22.9 13.1 25.6 11.7 28.4 10.6 31.0 9.7 33.8 8.9 38.1 7.9 42.2 7.1 46.2 6.5 50.1 6.0 54.1 5.5 60.7 4.9 65.5 4.6 70.8 4.2 78.6 3.8 86.5 3.5 94.4 3.2 103.5 2.9 114 2.6 126 2.4 139 2.2 152 2.0 167 1.8 185 1.6 204 1.5 224 1.3 249 1.2 276 1.1 305 1.0 336 0.9 380 0.8
Stand-off at VR 2) mA V Max. 3000 5.1 2000 5.6 1500 6.2 1200 6.8 50 7.5 20 8.2 5 9.1 5 10 5 11 5 12 5 13 5 15 5 16 5 18 5 20 5 22 5 24 5 27 5 30 5 33 5 36 5 39 5 43 5 47 5 51 5 56 5 62 5 68 5 75 5 82 5 91 5 100 5 110 5 120 5 130 5 150 5 160 5 180 5 200 5 220 IR
10/1000 exp. falling pulse tp = 1000 ms down to 50%
Document Number 85599 Rev. 2, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
BZT03C...
Vishay Telefunken Characteristics (Tj = 25_C unless otherwise specified)
50 3 I F - Forward Current ( A ) 3.0 2.5 2.0 Tj = 25C 1.5 1.0 0.5 0 7 2
94 9086a 94 9585
25
50
0
0.5
1.0
1.5
2.0
VF - Forward Voltage ( V )
Figure 1. Epoxy glass hard tissue, board thickness 1.5 mm, RthJA K/W
x100
Figure 3. Forward Current vs. Forward Voltage
10000
4 Ptot - Total Power Dissipation ( W ) l=10mm 3 15mm 2 20mm 1 see Fig.1 0 0
94 9584
PZSM - Non-Repetitive Surge Power Dissipation ( W )
l
l
Tj = 25C 1000
TL=constant
100
40
80
120
160
200
94 9586
10 0.01
0.1
1
10
100
Tamb - Ambient Temperature ( C )
tp - Pulse Length ( ms )
Figure 2. Total Power Dissipation vs. Ambient Temperature
Figure 4. Non Repetitive Surge Power Dissipation vs. Pulse Length
Dimensions in mm
3.6 max. Sintered Glass Case SOD 57 Weight max. 0.5 g Cathode Identification
technical drawings according to DIN specifications 94 9538
0.82 max.
26 min.
4.2 max.
26 min.
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 85599 Rev. 2, 01-Apr-99
BZT03C...
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 85599 Rev. 2, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of BZT03C15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X