Part Number Hot Search : 
7175C 07400 RF1353D NTM2369 RT040 MAX189 TA8508 PA424
Product Description
Full Text Search
 

To Download BCM3118B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM3118B
PRODUCT
(R)
Brief
RECEIVER
BENEFITS OF
BCM3118B
BCM3118B applications
Q A M L I N K (R) D V B / D AV I C
FEATURES SUMMARY
* Downstream QAM receiver for international * Integrated QAMLink receiver with Forward Error
Correction (FEC) * 1-7 MBaud variable symbol rate receiver * Supports variable channelization * Supports 4, 16, 32, 64, 128 and 256-QAM * Digital demodulator, Nyquist filters, tracking loops, and 20-tap adaptive decision feedback equalizer * Digital derotator for wideband carrier phase tracking * Reed-Solomon (N,K) = 204,188: t=8 * Convolutional detinterleaver, I=1-12 with internal RAM, I=204 with external RAM
2
* Fully integrated solution enables less-complex, * Significantly increases channel capacity * Variable data rates enable systems to adapt to
channels encoded at different data rates manufacturing costs and complexity
low-cost cable modems and cable-TV set-top boxes
* Integrated A/D converter reduces system * A universal chip solution that supports DVB, DAVIC,
in the presence of multipath reflections ITU-T J.83/Annex A and Annex C, IEEE 802.14-based systems
* DVB/DAVIC-compliant FEC decoder
* Digital adaptive equalizers ensure robust performance
* I C or SPI-compatible microcontroller interface * Integrated 10-bit analog-to-digital converter * On-chip generation of all clock and control signals * JTAG test interface * 100-pin PQFP Package
Interactive Set-Top Box with DOCSIS and Watch and Record Dual Video Channels
Video 1 DOCSIS/EuroDOCSIS 1.1/1.0 Out-of-Band
BCM3250
Advanced Single-Chip Set-Top Box Front End
Video 1 Video Out BCM7030
High Definition Video/Graphics Subsystem
PCI
Video 2
BCM3118B
Audio Out Video 2 CPU
BCM3118B
OVERVIEW
4
Nyquist = .13-.15
10
A_IF+/-
I
ReedSolomon Decoder (204, 188) t=8
PS_DATA LPS_CLK LPS_SYNC LPS_DATA [7:0] PS_ERR
A/D
Variable Rate Demod
Phase Recovery and 8-Tap FFE Nyquist = .13-.15
12-Tap DFE
4
Q
RAM_CTRL
cos n
sin n
Deinterleaver RAM
AGC_CTRL BAUD_CTRL IF_OSC GEN_CTL
Acquisition/Tracking Loops and Clock Generation
Phase ROM
JTAG
Tuner Control
MBus/SPI Interface
MICRO [3:0]
JTAG [3:0]
RF [5:0]
The BCM3118B QAMLink DVB/DAVIC Receiver with FEC is an integrated digital transmission solution for cable modems, cable-TV set-top boxes and digital microwave radios. Its bandwidth-efficient feature set expands the existing potential bandwidth of a standard analog network and provides operators with reliable, error-free transmission. Optimized for highvolume manufacturing, the BCM3118B is a highly integrated solution that reduces the system-level chip count, the cost, and the complexity associated with manufacturing RF receivers. A single-chip solution, the BCM3118B has a 10-bit A/D converter, a 256-QAM demodulator with square-root raisedcosine receive filters, an adaptive equalizer with an embedded phase recovery derotator, acquisition and tracking loops, and a DVB/DAVIC-compliant Reed-Solomon FEC decoder with deinterleaver. The demodulator supports QPSK, 16, 32, 64, 128 and 256-QAM formats and adapts to channels encoded at different data rates up to 56 Mbps. The equalizer in the BCM3118B achieves transmission performance within 1 dB of theory over worse-case channels with multipath delays as long as 2.4 microseconds at 5 MBaud or 1.7 microseconds at 7 MBaud and amplitudes within .5 dB of the desired signals. With this level of performance, the BCM3118B combats the effects of channel distortions commonly found in cable-TV systems. The
Broadcom(R), the pulse logo, QAMLink(R) and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
BCM3118B has an integrated A/D converter, which eliminates the costs associated with fine tuning of external components during high-volume production. The BCM3118B samples the analog IF waveform being delivered to BCM3118B by the integrated A/D converter. The signal is then digitally mixed to baseband and filtered by dual square-root Nyquist filters. Inter-symbol interference is then removed by the adaptive decision feedback equalizer. A decision slicer, which supports constellations up to 256-QAM, formats the equalized data. The data is then fed into a DVB/DAVICcompliant synchronization block, deinterleaver, Reed-Solomon FEC, and derandomizer. The final error-corrected output is delivered in an MPEG-2 transport format. The BCM3118B can be used as a stand-alone chip or with Broadcom's BCM3250 for a complete watch and record solution with EuroDOCSIS. Compliant with the ITU-T J83/Annex A and Annex C, DVB/DAVIC and the IEEE802.14 cable transmission standards for QAM downstream, the BCM3118B is a universal downstream solution for worldwide coaxial cable applications.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 3118B-PB05-R-06.13.03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM3118B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X