Part Number Hot Search : 
MODEL152 30M25 FS00241 M4S6H BUL39 2931CF CLV1215E HIP1030
Product Description
Full Text Search
 

To Download BC858A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC857 BC858
SMALL SIGNAL PNP TRANSISTORS
Type BC857A BC857B BC858A BC858B
s
Marking 3E 3F 3J 3K
2 3 1
s
s s
SILICON EPITAXIAL PLANAR PNP TRANSISTORS MINIATURE PLASTIC PACKAGE FOR APPLICATION IN SURFACE MOUNTING CIRCUITS VERY LOW NOISE AF AMPLIFIER NPN COMPLEMENTS FOR BC857 IS BC847
SOT-23
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CES V CBO V CEO V EBO IC I CM I BM I EM P t ot T stg Tj Parameter BC857 Collector-Emitter Voltage (V BE = 0) Collector-Base Voltage (IE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Base Peak Current Emitter Peak Current Total Dissipation at T c = 25 oC Storage Temperature Max. O perating Junction Temperature -50 -50 -45 -5 -0.1 -0.2 -0.2 -0.2 300 -65 to 150 150 Value BC858 -30 -30 -30 V V V V A A A A mW
o o
Uni t
C C
October 1997
1/5
BC857/BC858
THERMAL DATA
R t hj-amb * R th j-SR * Thermal Resistance Junction-Ambient Thermal Resistance Junction-Substrate Max Max 420 330
o o
C/W C/W
* Mounted on a ceramic substrate area = 10 x 8 x 0.6 mm
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CBO Parameter Collector Cut-off Current (IE = 0) Test Cond ition s V CE = -30 V V CE = -30 V I C = -10 A for BC857 for BC858 I C = -10 A for BC857 for BC858 I C = -2 mA for BC857 for BC858 I C = -10 A for BC857 for BC858 I C = -10 mA I C = -100 mA I C = -10 mA I C = -100 mA I C = -2 mA I C = -10 mA I C = -10 A for g rou p A for g rou p B I C = -2 mA for g rou p A for g rou p B I B = -0.5 mA IB = -5 mA I B = -0.5 mA IB = -5 mA V CE = -5 V VCE = -5 V V CE = -5 V 90 150 VCE = -5 V 110 200 180 290 150 6 2 1.2 10 4 220 450 MHz pF dB dB -0.6 Ta mb = 150 o C -50 -30 -50 -30 -45 -30 -6 -5 -0.09 -0.25 -0.75 -0.9 -0.66 -0.72 -0.75 -0.82 -0.3 -0.65 Min. Typ . Max. -15 -5 Un it nA A V V V V V V V V V V V V V V
V (BR)CES Collector-Emitter Breakdown Voltage (V BE = 0) V ( BR)CBO Collector-Base Breakdown Voltage (I E = 0) V ( BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V (BR)EBO Emitter-Base Breakdown Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter O n Voltage DC Current G ain
V CE(sat ) V BE(s at) V BE(on) h FE
fT C CB NF
Transition F requency Collector Base Capacitance Noise Figure
I C = -10 mA V CE = -5 V f = 100MHz IE = 0 V CB = -10 V f = 1 MHz f = 1KHz
V CE = -5 V IC = -0.2 mA f = 200 Hz R G = 2 K
Pulsed: Pulse duration = 300 s, duty cycle 2 %
2/5
BC857/BC858
ELECTRICAL CHARACTERISTICS (Continued)
Symb ol hie Parameter Input Impedance Test Cond ition s V CE = -5 V IC = -2 mA for g rou p A for g rou p B V CE = -5 V IC = -2 mA for g rou p A for g rou p B V CE = -5 V IC = -2 mA for g rou p A for g rou p B V CE = -5 V IC = -2 mA for g rou p A for g rou p B f = 1KHz 1.6 3.2 f = 1KHz 1.5 2 f = 1KHz 220 330 f = 1KHz 18 30 30 60 s s 2.7 4.5 4.5 8.5 K K 10 10 -4
-4
Min.
Typ .
Max.
Un it
h re
Reverse Voltage Ratio
hf e
Small Signal Current Gain Output Admittance
hoe
Pulsed: Pulse duration = 300 s, duty cycle 2 %
3/5
BC857/BC858
SOT-23 MECHANICAL DATA
mm MIN. A B C D E F G H L M N O 0.85 0.65 1.20 2.80 0.95 1.9 2.1 0.38 0.3 0 0.3 0.09 TYP. MAX. 1.1 0.95 1.4 3 1.05 2.05 2.5 0.48 0.6 0.1 0.65 0.17 MIN. 33.4 25.6 47.2 110.2 37.4 74.8 82.6 14.9 11.8 0 11.8 3.5 mils TYP. MAX. 43.3 37.4 55.1 118 41.3 80.7 98.4 18.8 23.6 3.9 25.6 6.7
DIM.
0044616/B
4/5
BC857/BC858
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersede and replaces all information previously supplied. s SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A .
5/5


▲Up To Search▲   

 
Price & Availability of BC858A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X