Part Number Hot Search : 
DLS8110 050AE PDN001R LR024 A9341 C8051 UM304M TLRH157P
Product Description
Full Text Search
 

To Download 74LS154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74LS154 4-Line to 16-Line Decoder/Demultiplexer
August 1986 Revised March 2000
DM74LS154 4-Line to 16-Line Decoder/Demultiplexer
General Description
Each of these 4-line-to-16-line decoders utilizes TTL circuitry to decode four binary-coded inputs into one of sixteen mutually exclusive outputs when both the strobe inputs, G1 and G2, are LOW. The demultiplexing function is performed by using the 4 input lines to address the output line, passing data from one of the strobe inputs with the other strobe input LOW. When either strobe input is HIGH, all outputs are HIGH. These demultiplexers are ideally suited for implementing high-performance memory decoders. All inputs are buffered and input clamping diodes are provided to minimize transmission-line effects and thereby simplify system design.
Features
s Decodes 4 binary-coded inputs into one of 16 mutually exclusive outputs s Performs the demultiplexing function by distributing data from one input line to any one of 16 outputs s Input clamping diodes simplify system design s High fan-out, low-impedance, totem-pole outputs s Typical propagation delay 3 levels of logic Strobe 23 ns 19 ns
s Typical power dissipation 45 mW
Ordering Code:
Order Number DM74LS154WM DM74LS154N Package Number M24B N24A Package Description 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.600 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Logic Diagram
(c) 2000 Fairchild Semiconductor Corporation
DS006394
www.fairchildsemi.com
DM74LS154
Function Table
Inputs G1 L L L L L L L L L L L L L L L L L H H G2 L L L L L L L L L L L L L L L L H L H D L L L L L L L L H H H H H H H H X X X C L L L L H H H H L L L L H H H H X X X B L L H H L L H H L L H H L L H H X X X A L H L H L H L H L H L H L H L H X X X 0 L H H H H H H H H H H H H H H H H H H 1 H L H H H H H H H H H H H H H H H H H 2 H H L H H H H H H H H H H H H H H H H 3 H H H L H H H H H H H H H H H H H H H 4 H H H H L H H H H H H H H H H H H H H 5 H H H H H L H H H H H H H H H H H H H 6 H H H H H H L H H H H H H H H H H H H 7 H H H H H H H L H H H H H H H H H H H Outputs 8 H H H H H H H H L H H H H H H H H H H 9 H H H H H H H H H L H H H H H H H H H 10 H H H H H H H H H H L H H H H H H H H 11 H H H H H H H H H H H L H H H H H H H 12 H H H H H H H H H H H H L H H H H H H 13 H H H H H H H H H H H H H L H H H H H 14 H H H H H H H H H H H H H H L H H H H 15 H H H H H H H H H H H H H H H L H H H
H = HIGH Level L = Low Level X = Don't Care
www.fairchildsemi.com
2
DM74LS154
Absolute Maximum Ratings(Note 1)
Supply Voltage Input Voltage Operating Free Air Temperature Range Storage Temperature Range 7V 7V 0C to +70C -65C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL TA Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Free Air Operating Temperature 0 Parameter Min 4.75 2 0.8 -0.4 8 70 Nom 5 Max 5.25 Units V V V mA mA C
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted) Symbol VI VOH VOL Parameter Input Clamp Voltage HIGH Level Output Voltage LOW Level Output Voltage II IIH IIL IOS ICC Input Current @ Max Input Voltage HIGH Level Input Current LOW Level Input Current Short Circuit Output Current Supply Current Conditions VCC = Min, II = -18 mA VCC = Min, IOH = Max VIL = Max, VIH = Min VCC = Min, IOL = Max VIL = Max, VIH = Min IOL = 4 mA, VCC = Min VCC = Max, VI = 7V VCC = Max, VI = 2.7V VCC = Max, VI = 0.4V VCC = Max (Note 3) VCC = Max (Note 4) -20 9 2.7 3.4 0.25 0.35 0.25 0.4 0.5 0.4 0.1 20 -0.4 -100 14 mA A mA mA mA V Min Typ (Note 2) Max -1.5 Units V V
Note 2: All typicals are at VCC = 5V, TA = 25C. Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second. Note 4: ICC is measured with all outputs OPEN and all inputs GROUNDED.
Switching Characteristics
at VCC = 5V and TA = 25C From (Input) Symbol tPLH tPHL tPLH tPHL Parameter Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output To (Output) CL = 15 pF Min Data to Output Data to Output Strobe to Output Strobe to Output Max 30 30 20 25 RL = 2 k CL = 50 pF Min Max 35 35 25 35 ns ns ns ns Units
3
www.fairchildsemi.com
DM74LS154
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M24B
www.fairchildsemi.com
4
DM74LS154 4-Line to 16-Line Decoder/Demultiplexer
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.600 Wide Package Number N24A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 5 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LS154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X