Part Number Hot Search : 
SZN4958 4ALVT R65C02P4 1512D 339FV GD4029B 4066D KIA393
Product Description
Full Text Search
 

To Download 2SK2724 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT POWER TRANSISTORS
2SK2724
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
DESCRIPTION
This product is N-Channel MOS Field Effect Transistor designed for high current switching applications.
PACKAGE DIMENSIONS (in millimeter)
4.5 0.2 3.2 0.2 2.7 0.2
10.0 0.3
FEATURES
* Low On-Resistance
3 0.1 4 0.2 12.0 0.2 13.5 MIN.
RDS(on)1 = 27 m Max. (VGS = 10 V, ID = 18 A) RDS(on)2 = 40 m Max. (VGS = 4 V, ID = 18 A) * Low Ciss Ciss =1 200 pF Typ. * Built-in G-S Protection Diode * Isolated TO-220 package
15.0 0.3
0.7 0.1 2.54
1.3 0.2 1.5 0.2 2.54
2.5 0.1 0.65 0.1 1. Gate 2. Drain 3. Source
123
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Drain to Source Voltage Gate to Source Voltage Drain Current (DC) Drain Current (Pulse)* Total Power Dissipation (TA = 25 C) Total Power Dissipation (TC = 25 C) Channel Temperature Storage Temperature * PW 10 s, duty cycle 1 % VDSS VGSS ID(DC) ID(pulse) PT PT Tch Tstg 60 20 35 140 2.0 30 150 -55 to +150 V V A A W W C C
MP-45F (ISOLATED TO-220)
Drain
Body Diode Gate
Gate Protection Diode Source
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if voltage exceeding the rated voltage may be applied to this device.
The information in this document is subject to change without notice. Document No. D10515EJ1V0DS00 (1st edition) Date Published April 1996 P Printed in Japan
(c)
1996
2SK2724
ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTIC Drain to Source On-State Resistance SYMBOL RDS(on)1 RDS(on)2 Gate to Source Cutoff Voltage Forward Transfer Admittance Drain Leakage Current Gate to Source Leakage Current Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS(off) |yfs| IDSS IGSS Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr IF = 35 A, VGS = 0 IF = 35 A, VGS = 0, di/dt = 100 A/s ID = 35 A, VDD = 48 V, VGS = 10 V ID = 18 A, VGS(on) = 10 V, VDD = 30 V, RG = 10 TEST CONDITION VGS = 10 V, ID = 18 A VGS = 4 V, ID = 18 A VDS = 10 V, ID = 1 mA VDS = 10 V, ID = 18 A VDS = 60 V, VGS = 0 VGS = 20 V, VDS = 0 VDS = 10 V, VGS = 0, f = 1 MHz 1 200 570 270 35 280 160 170 50 5.0 22 1.0 70 130 1.0 10 MIN. TYP. 20 33 1.5 23 10 10 MAX. 27 40 2.0 UNIT m m V S
A A
pF pF pF ns ns ns ns nC nC nC V ns nC
Test Circuit 1 Switching Time
Test Circuit 2 Gate Charge
D.U.T. RL RG RG = 10 VDD
ID ID
Wave Form
VGS VGS
Wave Form
0
10 % 90 %
VGS(on)
90 %
PG.
90 % ID
D.U.T. IG = 2 mA PG. 50
RL VDD
VGS 0 t
0
10 % td(on) tr td(off)
10 % tf
ton
toff
t = 1 s Duty Cycle 1 %
2
2SK2724
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA 35 TOTAL POWER DISSIPATION vs. CASE TEMPERATURE
dT - Percentage of Rated Power - %
PT - Total Power Dissipation - W
100 80 60 40 20
30 25 20 15 10 5 0 20 40 60 80 100 120 140 160
0
20
40
60
80
100 120 140 160
TC - Case Temperature - C
TC - Case Temperature - C DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE Pulsed 200
FORWARD BIAS SAFE OPERATING AREA 1 000
ID - Drain Current - A
100
d ite (V
G S
=
10
V)
ID - Drain Current - A
ID(pulse) = 140 A PW = ID(DC) 10 = 35 A 0
PW =
VGS = 20 V 100 VGS = 10 V
10
RD
S
n (o
)L
im
s
Tc = 25 C 1 Single Pulse 0.1 1
PW P 1 m Li owe PW = s mr = 10 ite D d( iss 200 m s PT ip m s = atio 30 n W )
VGS = 4 V
10
100
0
1
2
3
4
VDS - Drain to Source Voltage - V
VDS - Drain to Source Voltage - V
FORWARD TRANSFER CHARACTERISTICS 1 000 Tch = -25 C 25 C 125 C Pulsed
ID - Drain Current - A
100
10
1 VDS = 10 V 0 5 10 15
VGS - Gate to Source Voltage - V
3
2SK2724
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 1 000
rth(t) - Transient Thermal Resistance - C/W
100
Rth(ch-a) = 62.5 C/W
10
1
Rth(ch-c) = 4.2 C/W
0.1
0.01 Single Pulse 0.001 10 100 1m 10 m 100 m 1 10 100 1 000
PW - Pulse Width - s
RDS(on) - Drain to Source On-State Resistance - m
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT 1 000
|yfs| - Forward Transfer Admittance - S
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE Pulsed 60
VDS = 10 V Pulsed Tch = -25 C 25 C 75 C 125 C
100
40
ID = 18 A
10
20
1 1
10
100
1 000
0
10
20
30
ID - Drain Current - A
RDS(on) - Drain to Source On-State Resistance - m
VGS - Gate to Source Voltage - V GATE TO SOURCE CUTOFF VOLTAGE vs. CHANNEL TEMPERATURE
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT
VGS(off) - Gate to Source Cutoff Voltage - V
80
Pulsed
2.0
VDS = 10 V ID = 1 mA
60
1.5
40 VGS = 4 V 20
1.0
VGS = 10 V
0.5
0
0 -50 0 50 100 150 Tch - Channel Temperature - C
1
10 ID - Drain Current - A
100
4
2SK2724
SOURCE TO DRAIN DIODE FORWARD VOLTAGE Pulsed
RDS(on) - Drain to Source On-State Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE
60 VGS = 4 V 40
ISD - Diode Forward Current - A
80
100
10
1
VGS = 0
20
VGS = 10 V ID = 18 A -50 0 50 100 150
0.1 0 0.5 1.0 1.5
0
Tch - Channel Temperature - C
VSD - Source to Drain Voltage - V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE 10 000
SWITCHING CHARACTERISTICS 1 000
td(on), tr, td(off), tf - Switching Time - ns
Ciss, Coss, Crss - Capacitance - pF
VGS = 0 f = 1 MHz
Ciss 1 000 Coss
td(off) 100 tf tr td(on) 10
100
Crss
10 0.1
1
10
100
1.0 0.1
1.0
VDD =30 V VGS(on) =10 V RG =10 10 100
VDS - Drain to Source Voltage - V
ID - Drain Current - A
REVERSE RECOVERY TIME vs. DRAIN CURRENT 1000 di/dt = 50 A/ s VGS = 0 80
DYNAMIC INPUT/OUTPUT CHARACTERISTICS 16 14 60 VGS 40 VDD = 12 V 30 V 48 V VDS 10 8 6 20 4 2 0 20 40 60 Qg - Gate Charge - nC 0 80 12
VDS - Drain to Source Voltage - V
100
10
1.0 0.1
1.0
10
100
IF - Diode Current - A
VGS - Gate to Source Voltage - V
trr - Reverse Recovery time - ns
ID = 35 A
5
2SK2724
REFERENCE
Document Name NEC semiconductor device reliability/quality control system. Quality grade on NEC semiconductor devices. Semiconductor device mounting technology manual. Semiconductor device package manual. Guide to quality assurance for semiconductor devices. Semiconductor selection guide. Power MOS FET features and application switching power supply. Application circuits using Power MOS FET. Safe operating area of Power MOS FET. Document No. TEI-1202 IEI-1209 C10535E C10943X MEI-1202 X10679E TEA-1034 TEA-1035 TEA-1037
6
2SK2724
[MEMO]
7
2SK2724
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customer must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices in "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact NEC Sales Representative in advance. Anti-radioactive design is not implemented in this product.
M4 94.11
2


▲Up To Search▲   

 
Price & Availability of 2SK2724

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X