Part Number Hot Search : 
PE7422 MUR160 DG300AAK ZMM5256B NTXV1 1N4743 SSM24LPT P6KE20
Product Description
Full Text Search
 

To Download 2SK2663 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
HVX-2 Series Power MOSFET
N-Channel Enhancement type
2SK2663
( F1E90HVX2 )
900V 1A
FEATURES *oe Input capacitance (Ciss) is small. Especially, input capacitance at 0 biass is small. *oe static Rds(on) is small. The *oe switching time is fast. The *oe Avalanche resistance guaranteed. APPLICATION
*oe Switching power supply of AC 240V input
OUTLINE DIMENSIONS
Case : E-pack (Unit : mm)
*oe High voltage power supply *oe Inverter
RATINGS
*oeAbsolute Maximum Ratings * = 25*Z*j Tc i Item Symbol Conditions Ratings Storage Temperature Tstg -55*150 Channel Temperature Tch 150 Drain-Source Voltage VDSS 900 Gate-Source Voltage VGSS *}30 Continuous Drain Current* DC*j i ID 1 Continuous Drain Current* Peak) i IDP Pulse width*...10Es, Duty cycle*...1/100 2 Continuous Source Current* DC*j i IS 1 PT 10 Total Power Dissipation Repetitive Avalanche Current IAR Tch= 150*Z 1 Single Avalanche Energy EAS Tch= 25*Z 10 Repetitive Avalanche Energy EAR Tch= 25*Z 1 Unit *Z V
A W A mJ
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
HVX-2 Series Power MOSFET
Electrical Characteristics Tc = 25 Item Symbol V(BR)DSS Drain-Source Breakdown Voltage IDSS Zero Gate Voltage Drain Current IGSS Gate-Source Leakage Current gfs Forward Tranconductance Static Drain-Source On-tate Resistance RDS(ON) VTH Gate Threshold Voltage VSD Source-Drain Diode Forward Voltage jc Thermal Resistance Total Gate Charge Qg Input Capacitance Ciss Reverse Transfer Capacitance Crss Output Capacitance Coss Turn-On Time ton Turn-Off Time toff Conditions
2SK2663 ( F1E90HVX2 )
Min. 900 Typ. Max. 250 0.1 0.6 2.5 1.0 10.5 3.0 Unit V A S V
ID = 1mA, VGS = 0V VDS = 900V, VGS = 0V VGS = 30V, VDS = 0V ID = 0.5A, VDS = 10V ID = 0.5A, VGS = 10V ID = 0.2mA, VDS = 10V IS = 0.5A, VGS = 0V junction to case VDD = 400V, VGS = 10V, ID = 1A VDS = 25V, VGS = 0V, f = 1MHZ ID = 0.5A, VDD = 150V, RL = 300
10.5 230 5 23 10 50
14 3.5 1.5 12.5 / nC pF 18 85 ns
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SK2663
2 Tc = -55C
Transfer Characteristics
25C 1.5
Drain Current ID [A]
100C 1 150C
0.5
VDS = 25V TYP 0 0 5 10 15 20
Gate-Source Voltage VGS [V]
2SK2663
100
Static Drain-Source On-state Resistance
Static Drain-Source On-state Resistance RDS(ON) []
ID = 0.5A
10
1
VGS = 10V pulse test TYP -50 0 50 100 150
Case Temperature Tc [C]
2SK2663
6
Gate Threshold Voltage
5
Gate Threshold Voltage VTH [V]
4
3
2
1 VDS = 10V ID = 1mA TYP -50 0 50 100 150
0
Case Temperature Tc [C]
2SK2663
10
Safe Operating Area
1
Drain Current ID [A]
100s 200s 0.1 R DS(ON) limit 1ms
10ms 0.01 DC
Tc = 25C Single Pulse 0.001 1 10 100 1000
Drain-Source Voltage VDS [V]
2SK2663
Transient Thermal Impedance
100
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-4 10-3
10-2
10-1
100
101
Time t [s]
2SK2663
100
Single Avalanche Energy Derating
Single Avalanche Energy Derating [%]
80
60
40
20
0
0
50
100
150
Starting Channel Temperature Tch [C]
2SK2663
1000
Capacitance
Ciss
Capacitance Ciss Coss Crss [pF]
100
Coss
10
Crss
f=1MHz Ta=25C TYP 1 0 20 40 60 80 100
Drain-Source Voltage VDS [V]
2SK2663
Single Avalanche Current - Inductive Load
VDD = 100V VGS = 15V 0V Rg = 100
10
IAS = 1A
1
Single Avalanche Current IAS [A]
EAR = 1mJ
EAS = 10mJ
0.1 0.1 1
10
100
Inductance L [mH]
2SK2663
100
Power Derating
80
Power Derating [%]
60
40
20
0
0
50
100
150
Case Temperature Tc [C]
2SK2663
500
Gate Charge Characteristics
20
VDS
Drain-Source Voltage VDS [V]
VGS VDD = 400V 300 200V 100V
15
10 200
5 100 ID = 1A TYP 0 0 5 10 15 0 20
Gate Charge Qg [nC]
Gate-Source Voltage VGS [V]
400


▲Up To Search▲   

 
Price & Availability of 2SK2663

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X